Part Number Hot Search : 
V2010 1AR15D1 EL2142CN CONDUCTO RMKQ48 1H823J P3914 16HAFA
Product Description
Full Text Search
 

To Download RL207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RL201 THRU RL207
SILICON RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Amperes
DO-204AC
FEATURES
* * * * Low cost Low reverse leakage Low forward voltage drop High current capability
0.140(3.6) 0.104(2.6) DIA.
0.300(7.6) 0.230(5.8)
1.0(25.4) MIN.
1.0(25.4) MIN.
MECHANICAL DATA
Case : JEDEC DO-204AC molded plastic Epoxy : UL 94V-O rate flame retardant Lead : MIL-STD-202F method 208C guaranteed Mounting Position : Any Weight : 0.38 gram
0.034(0.86) 0.028(0.71) DIA.
*Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TA=75 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 2.0 A Maximum full load reverse current, full cycle o average 0.375" (9.5mm) lead length at TL=75 C Maximum DC reverse current at rated DC blocking voltage Typical junction capacitance ( NOTE ) Typical thermal resistance Operating junction and storage temperature range TA=25 C TA=100 C CJ R
JA
o o o o
SYMBOLS VRRM VRMS VDC I(AV)
RL201
50 35 50
RL202
100 70 100
RL203
200 140 200
RL204
400 280 400
RL205
600 420 600
RL206
800 560 800
RL207
1000 700 1000
UNITS Volts Volts Volts Amps
2.0
IFSM VF IR(AV)
70 1.1 30 5.0 50 20 40 -65 to +175
Amps Volts uA
IR
uA pF
o
C/W
o
TJ,TSTG
C
NOTES : Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
REV. : 0
Zowie Technology Corporation
RATINGS AND CHARACTERISTIC CURVES RL201 THRU RL207
FIG.1 - FORWARD CURRENT DERATING CURVE 3.0 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES 2.5 2.0 1.5 1.0 0.5 0 0 25 50 75 100 125
o
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 100 PEAK FORWARD SURGE CURRENT, AMPERES
Single Phase Half Wave 60Hz Resistive or Inductive Load
80
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
60
40
20
0 150 175 1 10 NUMBER OF CYCLES AT 60Hz 100 AMBIENT TEMPERATURE, C
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20.00 IINSTANTANEOUS FORWARD CURRENT, AMPERES INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES 10.00 10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
1.00
PULSE WIDTH=300uS 1% DUTY CYCLE
1.0
0.1
0.10
TJ=25 C o TJ=100 C
o
0.01 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, VOLTS 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 - TYPICAL JUNCTION CAPACITANCE
200
JUNCTION CAPACITANCE, pF
TJ = 25 C
o
100 60 40
20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, VOLTS
REV. : 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of RL207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X