![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
WTE POWER SEMICONDUCTORS RL201 - RL207 2.0A SILICON RECTIFIER Features ! ! ! ! ! Diffused Junction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability A B A Mechanical Data ! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.40 grams (approx.) Mounting Position: Any Marking: Type Number D DO-15 Dim Min Max A 25.4 -- B 5.50 7.62 C 0.71 0.864 D 2.60 3.60 All Dimensions in mm C Maximum Ratings and Electrical Characteristics Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TA = 75C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage @IF = 2.0A @TA = 25C @TA = 100C Symbol VRRM VRWM VR VR(RMS) IO RL201 50 35 @TA=25C unless otherwise specified RL202 100 70 RL203 200 140 RL204 400 280 2.0 RL205 600 420 RL206 800 560 RL207 1000 700 Unit V V A IFSM VFM IRM Cj RJA Tj TSTG 70 1.0 5.0 50 20 40 -65 to +125 -65 to +150 A V A pF K/W C C Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient (Note 1) Operating Temperature Range Storage Temperature Range *Glass passivated forms are available upon request Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case 2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C. RL201 - RL207 1 of 3 (c) 2002 Won-Top Electronics IF, INSTANTANEOUS FORWARD CURRENT (A) 4.0 200 100 Tj = 25C I(AV), AVERAGE FORWARD CURRENT (A) 3.0 10 2.0 1.0 1.0 0 25 50 75 100 125 150 175 200 TA , AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve 0.2 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics 200 IFSM, PEAK FORWARD SURGE CURRENT (A) 100 100 Cj, CAPACITANCE (pF) Tj = 25C Pulse width = 300s 10 f = 1MHz Tj = 25C 10 1.0 10 100 1.0 1.0 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100 NUMBER OF CYCLES AT 60Hz Fig. 3 Maximum Non-Repetitive Surge Current RL201 - RL207 2 of 3 (c) 2002 Won-Top Electronics ORDERING INFORMATION Product No.! RL201-T3 RL201-TB RL201 RL202-T3 RL202-TB RL202 RL203-T3 RL203-TB RL203 RL204-T3 RL204-TB RL204 RL205-T3 RL205-TB RL205 RL206-T3 RL206-TB RL206 RL207-T3 RL207-TB RL207 Package Type DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 Shipping Quantity 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box Products listed in bold are WTE Preferred devices. ! T3 suffix refers to a 13" reel. TB suffix refers to Ammo Pack. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. (c) 2002 Won-Top Electronics RL201 - RL207 3 of 3 |
Price & Availability of RL207-T3
![]() |