Part Number Hot Search : 
0GK16 KBPC3510 3362ELT C4532 APED3528 DS2711ZT APM3055L BU8877
Product Description
Full Text Search
 

To Download RF6001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary 0
Typical Applications * GSM/DCS Handsets * GSM/DCS/PCS Handsets * Quad-Band GSM Handsets Product Description
-A7.00 TYP 6.75 TYP 3.50 TYP 3.37 TYP
0.10 C B
2 PLCS
RF6001
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
* Multi-Band EDGERX Handsets * Multi-Band GPRS Handsets
0.10 C A
2 PLCS
5
0.08 C
The RF6001 is a combination synthesizer and signal processing IC, which along with the RF2710/RF2716 VeryLow-IF Receive IC, constitutes RFMD's low-cost GSM transceiver solution. The high-performance fractional-N synthesizer offers numerous features including a fully digital GMSK modulator with provisions for an analog I/Q interface and extremely low current consumption. The signal processor section provides a digital receive filter path designed to complement the RF2710/RF2716. The IF inputs are digitized, filtered and downconverted to baseband I and Q signals. The flexible baseband interface can be configured for either analog or digital operation. Chip functionality is controlled through a three-wire serial data interface (SDI) bus.
0.90 0.85 0.05 0.00
0.70 0.65
2 PLCS
0.10 C B
2 PLCS
0.10 C A
-B0.30 0.18
3
-C- PLANE
0.10 M C A B
SEATING
0.60 TYP 0.24
0.60 TYP 0.24
NOTES: 1. Shaded lead is Pin 1. 2. Die thickness allowable is 0.305 mm max. (0.012 inches max.). 3 Dimension applies to plated terminal and is measured between 0.20 mm and 0.25 mm from terminal tip. 4. Package warpage maximum 0.08 mm. Applied for exposed pad and terminals. 5 Exlude embedding part of exposed pad from measuring.
0.50 0.30 TYP
0.50 5.25 SQ 4.95
Optimum Technology Matching(R) Applied
Si BJT Si Bi-CMOS InGaP/HBT
OSCO DCD VDD TXI
Package Style: QFN, 48-Pin, 7x7
GaAs HBT SiGe HBT GaN HEMT
MCKO/ TXQB MS/ TXIB MDI/ TXQ SSB
!Si CMOS
LDTO SCLK SDI 41 40 39 38
GaAs MESFET
Features * Fractional-N Synthesizer with Digital
RXEN
SiGe Bi-CMOS
48 IIN 1
47
46
45
44
43
42
37 36 ENR/ IOUT CLKR/ IBOUT FSR/ QOUT DRI/ QBOUT
GMSK Modulator * Signal Processing Circuitry for use with RF2710/RF2716 VLIF Receiver * Versatile Baseband Interface * Integrated RF Transmit VCO's
31 OSCM 35
Digital VREG
DAC
LPF
IBIN 2
Digital Processing ADC Decimation Downconversion Channel Filters ADC DAC LPF Output Mux Standard Serial Interface
QBIN 3
34
QIN 4
33
TXST 5
32 DRQ
10
GPO1 6
TX Interface GMSK Modulator
GPO2 7
30 OSCOM
DCAD 8
ADC VREG
Serial Programming Interface
29 DCV2
Fractional Divider 3
VDDRX 9
Control and Calibration PA Ramp Control VCO2 Loop Filters
28 GND
Ordering Information
RF6001 RF6001 PCBA Fractional-N RF Synthesizer with Modulator and Digital IF Filter Fully Assembled Evaluation Board Tel (336) 664 1233 Fax (336) 664 0454 http://www.rfmd.com
OSCB 10
Ref. Osc. Charge Pump Phase Detector
27 DCV1
OSCA 11
DAC 1 and DAC 2 Osc. VREG
VCO1
26 VCO1P
DCO 12
VCO VREG
25 VCO1N
13 BGDC
14 DAC1
15 DAC2
16 TXEN
17 VTC
18 VCC
19 VT
20 FIN
21 DCP
22 VCO2
23 VCO1
24
Functional Block Diagram
RF Micro Devices, Inc. 7628 Thorndike Road Greensboro, NC 27409, USA
Rev A6 030528
VCCV
12-19
RF6001
Preliminary
Please contact RF Micro Devices Applications Engineering at (336) 678-5570 for more information.
12-20
Rev A6 030528


▲Up To Search▲   

 
Price & Availability of RF6001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X