Part Number Hot Search : 
GBLC03C TLR314 MSKW2044 T4401 SG20JC6M TLR314 74LVC245 SG20JC6M
Product Description
Full Text Search
 

To Download R1212D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EUROLINE - DC/DC-Converter
RxxPxx Series, 1 Watt, SIP7, 5.2kVDC Isolation (Dual Output) Features
Wide Temperature Performance at full 1 Watt Load, -40C to +85C 5.2kVDC Isolation Efficiency at Full Load 65% min.

UL 94V-O Package Material Internal SMD Construction MTTF up to 1.6 Million Hours BS EN 60950 Certified
Selection Guide 5V, 9, 12, 15V and 24V input types
Part Number RxxP1.8D RxxP3.3D RxxP05D RxxP09D RxxP12D RxxP15D Nom. Input Voltage (VDC) 5, 9,12, 15, 24 5, 9,12, 15, 24 5, 9,12, 15, 24 5, 9,12, 15, 24 5, 9,12, 15, 24 5, 9,12, 15, 24 Rated Output Voltage (VDC) 1.8 3.3 5 9 12 15 Rated Output Current (mA) 278 151 100 55 41 33 SIP7 Package Style
Specifications (measured at TA = 25C, at nominal input voltage and rated output current unless otherwise specified)
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% load to rated load) Ripple and Noise (20MHz BW) Efficiency (at full load) Isolation Voltage (flash tested for 1 minute) Short Circuit Protection Operating Temperature Range (all output types) Storage Temperature Range
Please contact us, if you need exact parameters for the converter you have selected.
10% 5% 1.2% typ./1% of Vin 5V output types other output types 15% max. 10% max. 200mVp-p max. 65% min. 5.2kVDC min. 1s -40C to +85C (see graph) -55C to +130C
EU 22
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxPxx Series, 1 Watt, SIP7, 5.2kVDC Isolation (Dual Output) Typical Characteristics, Tolerance Envelope and Temperature Derating Graph
R05Pxx
100 0509, 0515 80 60 0505 0512 Deviation from Nominal (%) +5 0 -5 -10 0 20 40 60 80 100 Total Output Current (%) 0512 0515 +10 0505 0509
Tolerance Envelope
+10% +5% V Nom. Output Voltage
Typical Lo ad Line
+2,5% - 2,5% - 7,5%
Efficiency (%)
40 20 0 20 40
60
80
100
10%
50%
100%
Total Output Current (%)
Output Load Current (%)
R12Pxx
100 80 60 Deviation from Nominal (%) 1209, 1212, 1215 1205 +15 1209, 1212 +10 1205 0 1215 -5 -10 0 20 40 60 80 100 Total Output Current (%)
Temperature Derating Graph
2.0 Output Power (Watts) 1.5 1.0 0.5 0 -40
Safe Operating Area
Efficiency (%)
40 20 0 20 40 60 80 100
0
50
100 85
150
Total Output Current (%)
Ambient Temperature C
Package Style and Pinning (mm)
7 Pin SIP Package Style
19.50
Pin Connections Pin # 1 2 5 6 7
RxxPxx RECOM ****
9.80
Single +Vin GND -Vout 0V +Vout
12.50
0.510.05
Recommended Footprint Details
4.1 2.54 0.500.05 2.54 1.00o+0.15/-0
2.40 typ. 1 2
567
0.500.05
1.880.50
15.24
2.54
XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
EU 23


▲Up To Search▲   

 
Price & Availability of R1212D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X