Part Number Hot Search : 
10471 E005691 A5800414 TS8P05G PN83523 P33FB3 R5F1026A BA7078AF
Product Description
Full Text Search
 

To Download PCN11-010P-254BP-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
Backplane Connection
Plug-Right Angle [PCN12(A)-*P-2.54DS 2-row: 10, 16, 20, 32, 44, 50, 64, 90, 100(12A) 3-row: 96(12, 12A) 4-row: PCN 10(A)-128P-2.54DS]
Socket- Right Angle PCN10C-*S-2.54DS(double-sided 2-point contacts) PCN13-*S-2.54DS(single-sided 1-point contact) 2-row: 10, 16, 20, 32, 44, 50, 64, 90, 100 (16 core for PCN13 only) 3-row: PCN10A(B)-96S-2.54DS PCN13(B)-96S-2.54DS 4-row: PCN10B-128S-2.54DS Plug-Straight PCN10-*S-2.54DSA 2-row: 20, 32, 44, 50, 64, 90, 100 3-row: 96 4-row: 128
Socket-Straight PCN11-*S-2.54PFB(double-sided 2-point contacts) PCN12-*S-2.54DSA PCN13-*S-2.54DSA(single-sided 1-point contact) 2-row: 10, 16, 20, 32, 44, 50, 64, 90, 100 3-row: 96 4-row: 128 (PCN11, 13)
sFeatures
1. Compliant with the DIN standard
Comply with IEC603-2/DIN41612 standards.
Cable Type Crimping(AWG22~30) PCN10-*S-2.54DSA 2-row: 20, 50, 64 3-row: 96 Crimping(AWG28) PCN10-64S-2.54R 3-row 96 contact type without row b
For connector mating sizes, refer to the application pattern.
2. Variation in number of contacts
10, 16, 20, 32, 44, 50, 64, 90, 96, 100 and 128 contacts are available. Press fit Machine
Fig 1
3. Reliabillty contact construction
The socket contact is constructed with the high reliability double-sided 2-point contacts.
4. Applicable contact board thickness
The applicable contact board thickness is 2.54mm min.
5. Through-hole diameter variation
O0.8, O0.9 andO1.0 through holes are available.
6. Backplane connection
Connected to the Backplane. Refer to the fig 1
7. Compatibility with other series
Compatibility with PCN10, 12, and 13 series allows to utilize various application patterns.
8. Press fit machine
Press fit machine is available.
sApplication
PBX, control equipment and so on.
A86
sProduct Specifications
Rating Current rating: 2A Operating Temperature Range: -30 to +85c (Note 1) Storage Temperature Range: -10 to +60c (Note 2) Voltage rating: 300V AC Operating Humidity Range: 40 to 80% Operating Humidity Range: 40 to 70% (Note 2)
Item 1.Insulation Resistance 10 M ohms
6
Specification 100V DC 1000V AC/1 minute. 0.1A
Condition
2.Withstanding Voltage No flashover or insulation breakdown. 3.Contact Resistance 4.Vibration 20m ohms max. No electrical discontinuity of 10s or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 40c and humidity of 90% to 95% (-65c : 30 minutes15 to 35c: 5 minutes max. 125c : 30 minutes15 to 35c: 5 minutes max.) 5 cycles
5.Humidity (Steady state) Insulation resistance : 106M ohms min. 6.Temperature Cycle No damage, cracks, or parts looseness.
500 cycles 7.Durability (Mating/un-mating) Contact resistance : 20m ohms max. 8.Resistance to Solderingr heat No deformation of components affecting performance. Manual soldering: 300c for 3 seconds
Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
s Material
qHousing, Contact Board and Key Header
Parts Insulator Contact Material PBT Copper alloy Contact area: Gold plated --------------Finish Remarks
Remainder: Gold plated
qReceptacle, Backplane Housing
Parts Insulator Material PBT Finish Beige PFB Contact area: Gold plated Remainder: Tin-lead plated WB Contact area: Gold plated Remainder: Gold flash plated Post area: Gold plated Remarks UL94V-0
Contact
Copper alloy
---------------
sOrdering Information
qHousing
PCN11
q
A - * P - 2.54 H 2
w e r t y u
q Series name : PCN11 w Mounting hole type
Blank A
r Opening type
: With Mounting hole : Without mounting hole
e Number of contacts : 20, 32, 44, 50, 64, 90, 96, 100
P : Male connector
t Contact pitch : 2.54mm y H : Housing u Board thickness
2 : 2.4mm
A87
qContact Board
PCN11
q
- * P - 2.54 WA - 2
w e r t y
q Series name : PCN11 w Number of contacts e Opening type
: 20, 32, 44, 50, 64, 90, 96, 100
P : Male connector
r Contact pitch : 2.54mm t Contact type
WA : Wrapping Backplane (Dia.0.8) WB : Wrapping Backplane (Dia.0.9) WC : Wrapping Backplane (Dia.1.0)
y Board thickness
2 : 2.4mm
qKey Header (Correspond to Backplane system)
PCN11
q
- * P - 2.54 KH
w e r t
q Series name : PCN11 w Number of contacts : 10, 14, 16, 20, 26, 30, 34, 40, 50, 64, 96 e Opening type
P : Male connector
r Contact pitch : 2.54mm t KH : Key header
qReceptacle
PCN11
q
- * S - 2.54 PFB - 2
w e r t y
q Series name : PCN11 w Number of contacts : 10, 16, 20, 32, 44, 50, 64, 90, 96, 100, 128 e Opening type
S : Female connector
r Contact pitch : 2.54mm t Contact type
PFB : Short type (Dia.0.9) WB : Wrapping Backplane (Dia.0.9)
y Board thickness
2 : 2.4mm
qBackplane Housing
PCN11
q
A - * P - 2.54 BP - 2
w e r t y u
q Series name : PCN11 w Mounting hole type
Blank A
r Opening type
: With mounting hole : Without mounting hole
e Number of contacts : 10, 16, 20, 32, 44, 50, 64, 90, 96, 100, 128
P : Male connector
t Contact pitch : 2.54mm y BP : Backplane housing
(H : 128 contacts only)
u Board thickness
2 : 2.4mm
A88
s2 Row Backplane (Board thickness: 2.54mm)
qHousing With mounting hole
PCN11-*P-2.54H-2
Unit:mm Part Number PCN11-020P-2.54H-2 PCN11-032P-2.54H-2 PCN11-044P-2.54H-2 PCN11-050P-2.54H-2 PCN11-064P-2.54H-2 PCN11-090P-2.54H-2 PCN11-100P-2.54H-2 CL No. 583-1050-2 583-1051-5 583-1052-8 583-1053-0 583-1054-3 583-1055-6 583-1056-9 Number of Contacts 20 32 44 50 64 90 100 A 43.3 58.54 73.78 81.4 99.18 132.2 144.9 B 38.1 53.34 68.58 76.2 93.98 127 139.7 C 32.1 47.34 62.58 70.2 87.98 121 133.7 D 29.47 44.71 59.95 67.57 85.35 E 22.86 38.1 53.34 60.96 78.74
118.37 111.76 131.07 124.46
qHousing Without mounting hole
PCN11A-*P-2.54H-2
Unit:mm Part Number PCN11A-020P-2.54H-2 PCN11A-032P-2.54H-2 PCN11A-044P-2.54H-2 PCN11A-050P-2.54H-2 PCN11A-064P-2.54H-2 PCN11A-090P-2.54H-2 PCN11A-100P-2.54H-2 CL No. 583-1057-1 583-1058-4 583-1059-7 583-1060-6 583-1061-9 583-1062-1 583-1063-4 Number of Contacts 20 32 44 50 64 90 100 A 32.1 47.34 62.58 70.2 87.98 121 133.7 B 29.47 44.71 59.95 67.57 85.35 C 22.86 38.1 53.34 60.96 78.74
118.37 111.76 131.07 124.46
A89
qContact Board (Board thickness: 2.4.mm)
PCN11-*P-2.54WA, WB, WC-2
BPCB mounting pattern
WA(Dia.0.8 through-hole) Part Number PCN11-020P-2.54WA-2 PCN11-032P-2.54WA-2 PCN11-044P-2.54WA-2 PCN11-050P-2.54WA-2 PCN11-064P-2.54WA-2 PCN11-090P-2.54WA-2 PCN11-100P-2.54WA-2 CL No. 583-1011-0 583-1012-3 583-1013-6 583-1014-9 583-1015-1 583-1016-4 583-1017-7 Number of Contacts 20 32 44 50 64 90 100 A 32.06 47.3 62.54 70.16 87.94 B 22.86 38.1 53.34 60.96 78.74
Press fit direction WC(Dia.1.0 through-hole) Part Number PCN11-100P-2.54WC-2 CL No. 583-1180-8 Number of Contacts 100 A B
133.66 124.46
120.96 111.76 133.66 124.46
WB(Dia.0.9 through-hole) Part Number PCN11-020P-2.54WB-2 PCN11-032P-2.54WB-2 PCN11-044P-2.54WB-2 PCN11-050P-2.54WB-2 PCN11-064P-2.54WB-2 PCN11-090P-2.54WB-2 PCN11-100P-2.54WB-2 CL No. 583-1043-7 583-1044-0 583-1045-2 583-1046-5 583-1047-8 583-1048-0 583-1049-3 Number of Contacts 20 32 44 50 64 90 100 A 32.06 47.3 62.54 70.16 87.94 B 22.86 38.1 53.34 60.96 78.74
120.96 111.76 133.66 124.46
A90
qKey Header (Board thickness: 2.4mm)
PCN11(A)-*P-2.54KH
Unit:mm Part Number PCN11A-10P-2.54KH PCN11A-14P-2.54KH PCN11A-16P-2.54KH PCN11A-20P-2.54KH PCN11A-26P-2.54KH PCN11A-30P-2.54KH PCN11A-34P-2.54KH PCN11A-40P-2.54KH PCN11A-50P-2.54KH PCN11A-50P-2.54KH PCN11A-60P-2.54KH PCN11A-60P-2.54KH PCN11A-64P-2.54KH PCN11A-64P-2.54KH CL No. 583-1000-4 583-1001-7 583-1002-0 583-1003-2 583-1004-5 583-1005-8 583-1006-0 583-1007-3 583-1008-6 583-1034-6 583-1009-9 583-1035-9 583-1010-8 583-1036-1 Number of Contacts 10 14 16 20 26 30 34 40 50 50 60 60 64 64 A 19.36 24.44 26.98 32.06 39.66 44.76 49.86 57.46 70.16 70.16 82.86 82.86 87.96 87.96 B 17.5 22.58 25.12 30.2 37.8 42.9 48 55.6 68.3 68.3 81 81 86.1 86.1 C 10.16 15.24 17.78 22.86 30.48 35.56 40.64 48.26 60.96 60.96 73.66 73.66 78.74 78.74 D 4.1 4.1 4.1 4.1 4.1 4.1 4.1 4.1 26.96 4.1 26.96 4.1 26.96 4.1

A91
s3 Row Backplane (Board thickness: 2.54mm)
qHousing (With mounting hole)
PCN11-96P-2.54H-2 CL583-1032-0
qHousing (Without mounting hole)
PCN11A-96P-2.54H-2 CL583-1033-3
A92
qContact Board
PCN11-96P-2.54WA, WB, WC-2
BPCB mounting pattern
Press fit direction Part Number PCN11-96P-2.54WA-2 PCN11-96P-2.54WB-2 PCN11-96P-2.54WC-2
CL No. 583-1030-5 583-1064-7 583-1181-0 Dia.0.8 through-hole Dia.0.9 through-hole Dia.1.0 through-hole
qKey header
PCN11-96P-2.54KH CL583-1031-8

A93
sReceptacle: 2 Row Short Type
PCN11-*S-2.54PFB-2
Note
BPCB mounting pattern
Unit:mm Part Number PCN11-010S-2.54PFB-2 PCN11-016S-2.54PFB-2 PCN11-020S-2.54PFB-2 PCN11-032S-2.54PFB-2 PCN11-044S-2.54PFB-2 PCN11-050S-2.54PFB-2 PCN11-064S-2.54PFB-2 PCN11-090S-2.54PFB-2 PCN11-100S-2.54PFB-2 CL No. 583-1109-3 583-1110-2 583-1111-5 583-1112-8 583-1113-0 583-1114-3 583-1115-6 583-1116-9 583-1117-1 Number of Contacts 10 16 20 32 44 50 64 90 100 A 26.42 34.04 39.12 54.36 69.6 77.22 95 128.02 140.72 B 21.42 29.04 34.12 49.36 64.6 72.22 90 123.02 135.72 C 16.42 24.04 29.12 44.36 59.6 67.22 85 118.02 130.72 D 10.16 17.78 22.86 38.1 53.34 60.96 78.74 111.76 124.46
NOTE: With stand off for 64, 90, 100 contacts products
A94
sReceptacle: 2 Row Wrapping Backplane Type
PCN11-*S-2.54WB-2
Note
BPCB mounting pattern
Unit:mm Part Number PCN11-10S-2.54WB-2 PCN11-16S-2.54WB-2 PCN11-20S-2.54WB-2 PCN11-32S-2.54WB-2 PCN11-44S-2.54WB-2 PCN11-50S-2.54WB-2 PCN11-64S-2.54WB-2 PCN11-90S-2.54WB-2 PCN11-100S-2.54WB-2 CL No. 583-1076-6 583-1077-9 583-1078-1 583-1079-4 583-1080-3 583-1081-6 583-1082-9 583-1083-1 583-1084-4 Number of Contacts 10 16 20 32 44 50 64 90 100 A 26.42 34.04 39.12 54.36 69.6 77.22 95 128.02 140.72 B 21.42 29.04 34.12 49.36 64.6 72.22 90 123.02 135.72 C 16.42 24.04 29.12 44.36 59.6 67.22 85 118.02 130.72 D 10.16 17.78 22.86 38.1 53.34 60.96 78.74 111.76 124.46
NOTE: With stand off for 64, 90, 100 contacts
A95
sReceptacle : 2 Row Backplane Type (t=2.4mm board)
qHousing (With Mounting hole)
PCN11-*P-2.54BP-2
Unit:mm Part Number PCN11-010P-2.54BP-2 PCN11-016P-2.54BP-2 PCN11-020P-2.54BP-2 PCN11-032P-2.54BP-2 PCN11-044P-2.54BP-2 PCN11-050P-2.54BP-2 PCN11-064P-2.54BP-2 PCN11-090P-2.54BP-2 PCN11-100P-2.54BP-2 CL No. 583-1131-2 583-1132-5 583-1133-8 583-1134-0 583-1135-3 583-1136-6 583-1137-9 583-1138-1 583-1140-3 Number of Contacts 10 16 20 32 44 50 64 90 100 A 30.6 38.22 43.3 58.54 73.78 81.4 99.18 132.2 144.9 B 25.4 33.02 38.1 53.34 68.58 76.2 93.98 127 139.7 C 16.77 24.39 29.47 44.71 59.95 67.57 85.35 118.37 131.07 D 10.16 17.78 22.86 38.1 53.34 60.96 78.74 111.76 124.46
qHousing (Without mounting hole)
PCN11A-*P-2.54BP-2
Unit:mm Part Number PCN11A-10P-2.54BP-2 PCN11A-16P-2.54BP-2 PCN11A-20P-2.54BP-2 PCN11A-32P-2.54BP-2 PCN11A-44P-2.54BP-2 PCN11A-50P-2.54BP-2 PCN11A-64P-2.54BP-2 PCN11A-90P-2.54BP-2 PCN11A-100P-2.54BP-2 CL No. 583-1141-6 583-1142-9 583-1143-1 583-1144-4 583-1145-7 583-1146-0 583-1147-2 583-1148-5 583-1150-7 Number of Contacts 10 16 20 32 44 50 64 90 100 A 19.4 27.02 32.1 47.34 62.58 70.2 87.98 121 133.7 B 16.77 24.39 29.47 44.71 59.95 67.57 85.35 118.37 131.07 C 10.16 17.78 22.86 38.1 53.34 60.96 78.74 111.76 124.46
A96
sReceptacle: 3 Row Short Type
PCN11-96S-2.54PFB-2 CL583-1118-4
BPCB mounting pattern
sReceptacle: 3 Row Wrapping Backplane Type
PCN11-96S-2.54WB-2 CL583-1085-7
BPCB mounting pattern
A97
sReceptacle: 3 Row Backplane Type (t=2.45 board)
qHousing (With Mounting hole)
PCN11-96P-2.54BP-2 CL583-1139-4
qHousing (Without mounting hole)
PCN11A-96P-2.54BP-2 CL583-1149-8
A98
sReceptacle: 4 Row Short Type
PCN11-128S-2.54PFB-2 CL583-1119-7
BPCB mounting pattern
sReceptacle: 4 Row Wrapping Backplane Type
PCN11-128S-2.54WB-2 CL583-1086-0
BPCB mounting pattern
A99
s Receptacle: 3 Row Backplane Type (t=2.45 board)
qHousing Without mounting hole
PCN11A-128P-2.54H-2 CL583-1151-0
A100
BApplication
' Mounting hole center
q2-row type
C.L. Center line
q3 Row Type
q4-row type
For other combination application patterns, refer to the PCN10 Series catalog.
A101
BRecommendation for Press fit Board Assembly
If boards are furnished from the users, HIROSE will assemble the connectors. Please confirm following requirements. 1Board size: 600 x 600mm max. 2Board through-hole pitch The board punching bench is designed in the 2.54mm pitch grid. Set the through-hole pitch to pitch (connector side) size to 2.54 x n. 3Connector punching surface indication For indication on the connector punching surface, mark "FRONT" or "F", and "BACK" or "B" on the reverse side in order to clearly identify the front and rear sides. In addition, the punching direction should be clearly marked. 4Clearly indicate the board No. and marking position. 5Clearly indicate board mounting hole positions and hole diameters. In addition, we provide the press fit board assembly from the both sides, For further information, consult HRS company.
BAssembly Drawing
qPCN11
A102
BAssembly Drawing
qPCN11 Socket Type
* Combination with PCN10, 12 and 13 can be selected alternatively. * In connection with the backplane, various assemblies are available. (2.4mm thickness board)
Plug-Right Angle PCN12(A)-*P-2.54DS 2-row: 10, 16, 20, 32, 44, 50, 64, 90, 100(12A) 3-row: 96(12, 12A) 4-row: PCN 10(A)-128P-2.54DS
Socket- Right Angle PCN10C-*S-2.54DS (double-sided 2-points contacts) PCN13-*S-2.54DS (single-sided 2-point contact) 2-row: 10, 16, 20, 32, 44, 50, 64, 90, 100 (16 for PCN13 only) 3-row: PCN10A(B)-96S-2.54DS PCN13(B)-96S-2.54DS 4-row: PCN10B-128S-2.54DS Plug-Straight PCN10-*S-2.54DSA 2-row: 20, 32, 44, 50, 64, 90, 100 3-row: 96 4-row: 128
Socket-Straight Cable Type Crimp(AWG22 to 30) PCN10-*S-2.54DSA 2-row: 20, 50, 64 3-row: 96 IDC(AWG28) PCN10-64S-2.54R 3-row 96 contact type without row b PCN11-*S-2.54PFB-2 (double-sided 2-points contacts) PCN12-*S-2.54DSA PCN13-*S-2.54DSA (single-sided 2-point contact) 2-row: 10, 16, 20, 32, 44, 50, 64, 90, 100 3-row: 96 4-row: 128 (PCN11, 13)
]
For connector mating sizes, refer to the application pattern.
A103
sRecommended Press fit Through-hole
(1) O0.8 Drill dia. Finish dia. O0.90.025 O0.80.08 (2) O0.9 Drill dia. Finish dia. O1.00.025 O0.90.08 (3) O1.0 Drill dia. Finish dia. O1.10.025 O1.00.08
Copper plating 20m min. Solder plating 5 to 10m
Copper plating 20m min. Solder plating 5 to 10m
Copper plating 20m min. Solder plating 5 to 10m
sApplicable Board Material and Board Thickness
qt=2.4mm (Board thickness tolerance: 0.2mm) qMaterial: FR-4, G-10, polyamid
BPress fit machine
qFeatures
qBy changing the board bed and punch tooling, various connectors can be press fitted. qThe easy height adjustment mechanism allows to obtain a proper pressure height to the board thickness. qBy programming the pre-inserted connector, continuous press-insertion services can proceed.
Mechanical size Weight Drive source
(Width) 1330 x (depth) 1600 x (height) 2000mm 1000kg approx. 200V AC Air supply source: normally 5kg/cm2 Hydraulic output :5t max. 600 x 800 mm max.
Press pressure source Board size
A104
BPress fit Repair Tool
The following tools are used to repair the press fit connector housing and contact.
qTool to Remove Housing
This tool is used to remove the connector from the board.
Part Number PCN11-*S-HP
Applicable Product PCN11-*S-2.54PFB-2 PCN11-*S-2.54WB-2
*indicates the number of contacts.
qTool to Remove Contact
After the housing is removed from the board, this tool is used to remove every contact from the board.
Part Number PCN11S-PFB-2-CP PCN11S-WB-2-CP
Applicable Product PCN11-*S-2.54PFB-2 PCN11-*S-2.54WB-2
*indicates the number of contacts.
A105


▲Up To Search▲   

 
Price & Availability of PCN11-010P-254BP-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X