Part Number Hot Search : 
VC125A 103EDT SIHF9520 E002607 BZX84C10 L2012 14124 TC2263
Product Description
Full Text Search
 

To Download NTB75N03R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTB75N03R, NTP75N03R Power MOSFET 75 Amps, 25 Volts N-Channel D2PAK, TO-220
Features
* * * *
http://onsemi.com
Planar HD3e Process for Fast Switching Performance Low RDS(on) to Minimize Conduction Loss Low Ciss to Minimize Driver Loss Low Gate Charge
75 AMPERES 25 VOLTS RDS(on) = 5.6 m (Typ)
4 Unit Vdc Vdc C/W W A A C/W W A C/W W A C mJ 1 Gate 260 C 2 Drain 3 Source 75N03 Y WW 1 Gate P75N03R YWW 1 2 TO-220AB CASE 221A STYLE 5 3 1 2 3 D2PAK CASE 418AA STYLE 2 4 25 20 1.68 74.4 75 225 60 2.08 12.6 100 1.25 9.7
MAXIMUM RATINGS (TJ = 25C Unless otherwise specified)
Parameter Drain-to-Source Voltage Gate-to-Source Voltage - Continuous Thermal Resistance - Junction-to-Case Total Power Dissipation @ TC = 25C Drain Current - Continuous @ TC = 25C - Single Pulse (tp = 10 ms) Thermal Resistance - Junction-to-Ambient (Note 1) Total Power Dissipation @ TA = 25C Drain Current - Continuous @ TA = 25C Thermal Resistance - Junction-to-Ambient (Note 2) Total Power Dissipation @ TA = 25C Drain Current - Continuous @ TA = 25C Operating and Storage Temperature Range Single Pulse Drain-to-Source Avalanche Energy - Starting TJ = 25C (VDD = 30 Vdc, VGS = 10 Vdc, IL = 12 Apk, L = 1 mH, RG = 25 W) Maximum Lead Temperature for Soldering Purposes, 1/8 from Case for 10 Seconds Symbol VDSS VGS RqJC PD ID IDM RqJA PD ID RqJA PD ID TJ, Tstg EAS Value
MARKING DIAGRAMS & PIN ASSIGNMENTS
4 Drain 4 Drain
-55 to 150 71.7
75N03R YWW
2 Drain
3 Source
TL
1. When surface mounted to an FR4 board using 1 inch pad size, (Cu Area 1.127 in2). 2. When surface mounted to an FR4 board using minimum recommended pad size, (Cu Area 0.412 in2).
= Device Code = Year = Work Week
ORDERING INFORMATION
Device NTP75N03R NTB75N03R NTB75N03RT4 Package TO-220AB D2PAK D2PAK Shipping 50 Units/Rail 50 Units/Rail 800/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2003
1
October, 2003 - Rev. 2
Publication Order Number: NTB75N03R/D
NTB75N03R, NTP75N03R
ELECTRICAL CHARACTERISTICS (TJ = 25C Unless otherwise specified)
Characteristics OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (Note 3) (VGS = 0 Vdc, ID = 250 mAdc) Temperature Coefficient (Positive) Zero Gate Voltage Drain Current (VDS = 20 Vdc, VGS = 0 Vdc) (VDS = 20 Vdc, VGS = 0 Vdc, TJ = 150C) Gate-Body Leakage Current (VGS = 20 Vdc, VDS = 0 Vdc) ON CHARACTERISTICS (Note 3) Gate Threshold Voltage (Note 3) (VDS = VGS, ID = 250 mAdc) Threshold Temperature Coefficient (Negative) Static Drain-to-Source On-Resistance (Note 3) (VGS = 4.5 Vdc, ID = 20 Adc) (VGS = 10 Vdc, ID = 20 Adc) Forward Transconductance (Note 3) (VDS = 10 Vdc, ID = 15 Adc) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Transfer Capacitance SWITCHING CHARACTERISTICS (Note 4) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge (VGS = 5 Vdc, ID = 30 Adc, VDS = 10 Vdc) (Note 3) SOURCE-DRAIN DIODE CHARACTERISTICS Forward On-Voltage (IS = 20 Adc, VGS = 0 Vdc) ( (Note 3) ( ) (IS = 20 Adc, VGS = 0 Vdc, TJ = 125C) Reverse Recovery Time (IS = 35 Adc, VGS = 0 Vdc, dIS/dt = 100 A/ms) (Note 3) Reverse Recovery Stored Charge 3. Pulse Test: Pulse Width = 300 ms, Duty Cycle = 2%. 4. Switching characteristics are independent of operating junction temperatures. trr ta tb QRR VSD - - - - - - 0.86 0 73 0.73 15.6 13.8 1.78 0.004 1.2 - - - - - mC ns Vdc (VGS = 10 Vdc, VDD = 10 Vdc, ID = 30 Adc, RG = 3 W) td(on) tr td(off) tf QT Q1 Q2 - - - - - - - 6.9 1.3 18.4 5.5 13.2 3.3 6.2 - - - - - - - nC ns (VDS = 20 Vdc, VGS = 0 V, f = 1 MHz) Ciss Coss Crss - - - 1333 600 218 - - - pF VGS(th) 1.0 - RDS(on) - - gFS - 27 - 8.1 5.6 13 8.0 Mhos 1.5 4.0 2.0 - Vdc mV/C mW V(br)DSS 25 - IDSS - - IGSS - - - - 1.0 10 100 nAdc 28 20.5 - - Vdc mV/C mAdc Symbol Min Typ Max Unit
http://onsemi.com
2
NTB75N03R, NTP75N03R
140 ID, DRAIN CURRENT (AMPS) 120 100 80 60 40 20 0
10 V
5V 8V 6V
140 4.5 V 4V ID, DRAIN CURRENT (AMPS) 120 100 80 60 TJ = 25C 40 20 0 0 1 TJ = 125C 2 TJ = -55C 3 4 5 6 VDS 10 V
3.5 V
3V
VGS = 2.5 V 0 2 4 6 8 10
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
RDS(on), DRAIN-TO-SOURCE RESISTANCE () RDS(on), DRAIN-TO-SOURCE RESISTANCE ()
Figure 2. Transfer Characteristics
0.022 VGS = 10 V 0.018
0.022 VGS = 4.5 V TJ = 150C 0.018
0.014 TJ = 150C TJ = 125C 0.006 0.002 0 20 40 TJ = 25C TJ = -55C 60 80 100 120 140
0.014 TJ = 125C 0.010 TJ = 25C
0.010
0.006 TJ = -55C 0.002 0 20 40 60 80 100 120 140
ID, DRAIN CURRENT (AMPS)
ID, DRAIN CURRENT (AMPS)
Figure 3. On-Resistance versus Drain Current and Temperature
RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED) 1.8 1.6 1.4 1.2 1.0 0.8 0.6 -50 100 -25 0 25 50 75 100 125 150 0 ID = 30 A VGS = 10 V IDSS, LEAKAGE (nA) 10,000 100,000
Figure 4. On-Resistance versus Drain Current and Temperature
VGS = 0 V TJ = 150C TJ = 125C
1000
5
10
15
20
25
TJ, JUNCTION TEMPERATURE (C)
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 5. On-Resistance Variation with Temperature
Figure 6. Drain-to-Source Leakage Current versus Voltage
http://onsemi.com
3
NTB75N03R, NTP75N03R
POWER MOSFET SWITCHING Switching behavior is most easily modeled and predicted by recognizing that the power MOSFET is charge controlled. The lengths of various switching intervals (t) are determined by how fast the FET input capacitance can be charged by current from the generator. The published capacitance data is difficult to use for calculating rise and fall because drain-gate capacitance varies greatly with applied voltage. Accordingly, gate charge data is used. In most cases, a satisfactory estimate of average input current (IG(AV)) can be made from a rudimentary analysis of the drive circuit so that t = Q/IG(AV) During the rise and fall time interval when switching a resistive load, VGS remains virtually constant at a level known as the plateau voltage, VSGP. Therefore, rise and fall times may be approximated by the following: tr = Q2 x RG/(VGG - VGSP) tf = Q2 x RG/VGSP where VGG = the gate drive voltage, which varies from zero to VGG RG = the gate drive resistance and Q2 and VGSP are read from the gate charge curve. During the turn-on and turn-off delay times, gate current is not constant. The simplest calculation uses appropriate values from the capacitance curves in a standard equation for voltage change in an RC network. The equations are: td(on) = RG Ciss In [VGG/(VGG - VGSP)] td(off) = RG Ciss In (VGG/VGSP) The capacitance (Ciss) is read from the capacitance curve at a voltage corresponding to the off-state condition when calculating td(on) and is read at a voltage corresponding to the on-state when calculating td(off). At high switching speeds, parasitic circuit elements complicate the analysis. The inductance of the MOSFET source lead, inside the package and in the circuit wiring which is common to both the drain and gate current paths, produces a voltage at the source which reduces the gate drive current. The voltage is determined by Ldi/dt, but since di/dt is a function of drain current, the mathematical solution is complex. The MOSFET output capacitance also complicates the mathematics. And finally, MOSFETs have finite internal gate resistance which effectively adds to the resistance of the driving source, but the internal resistance is difficult to measure and, consequently, is not specified. The resistive switching time variation versus gate resistance (Figure 9) shows how typical switching performance is affected by the parasitic circuit elements. If the parasitics were not present, the slope of the curves would maintain a value of unity regardless of the switching speed. The circuit used to obtain the data is constructed to minimize common inductance in the drain and gate circuit loops and is believed readily achievable with board mounted components. Most power electronic loads are inductive; the data in the figure is taken with a resistive load, which approximates an optimally snubbed inductive load. Power MOSFETs may be safely operated into an inductive load; however, snubbing reduces switching losses.
2400 Ciss 2000 C, CAPACITANCE (pF) 1600 1200 800 400 0 10 VDS = 0 V VGS = 0 V 5 VGS 0 VDS 5 10 15 20 Coss Crss Crss TJ = 25C
Ciss
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
http://onsemi.com
4
NTB75N03R, NTP75N03R
VGS , GATE-TO-SOURCE VOLTAGE (VOLTS) 8 1000
6 QT 4 Q1 Q2 t, TIME (ns) VGS 100
td(off) 10 td(on) tf tr 1 VDS = 10 V ID = 35 A VGS = 10 V 100
2 ID = 35 A TJ = 25C 0 0 8 12 QG, TOTAL GATE CHARGE (nC) 4 16 1
10 RG, GATE RESISTANCE (OHMS)
Figure 8. Gate-To-Source and Drain-To-Source Voltage versus Total Charge
Figure 9. Resistive Switching Time Variation versus Gate Resistance
DRAIN-TO-SOURCE DIODE CHARACTERISTICS
70 IS, SOURCE CURRENT (AMPS) VGS = 0 V 60 50 40 30 TJ = 150C 20 10 0 0 TJ = 25C 0.6 0.8 0.2 0.4 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) 1.0
Figure 10. Diode Forward Voltage versus Current
SAFE OPERATING AREA The Forward Biased Safe Operating Area curves define the maximum simultaneous drain-to-source voltage and drain current that a transistor can handle safely when it is forward biased. Curves are based upon maximum peak junction temperature and a case temperature (TC) of 25C. Peak repetitive pulsed power limits are determined by using the thermal response data in conjunction with the procedures discussed in AN569, "Transient Thermal Resistance - General Data and Its Use." Switching between the off-state and the on-state may traverse any load line provided neither rated peak current (IDM) nor rated voltage (VDSS) is exceeded and the transition time (tr,tf) do not exceed 10 s. In addition the total power averaged over a complete switching cycle must not exceed (TJ(MAX) - TC)/(RJC). A Power MOSFET designated E-FET can be safely used in switching circuits with unclamped inductive loads. For reliable operation, the stored energy from circuit inductance dissipated in the transistor while in avalanche must be less than the rated limit and adjusted for operating conditions differing from those specified. Although industry practice is to rate in terms of energy, avalanche energy capability is not a constant. The energy rating decreases non-linearly with an increase of peak current in avalanche and peak junction temperature. Although many E-FETs can withstand the stress of drain-to-source avalanche at currents up to rated pulsed current (IDM), the energy rating is specified at rated continuous current (ID), in accordance with industry custom. The energy rating must be derated for temperature as shown in the accompanying graph (Figure 12). Maximum energy at currents below rated continuous ID can safely be assumed to equal the values indicated.
http://onsemi.com
5
NTB75N03R, NTP75N03R
SAFE OPERATING AREA
1000 I D, DRAIN CURRENT (AMPS) VGS = 20 V SINGLE PULSE TC = 25C 10 s 100 s 10 RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 0.1 1 ms 10 ms dc
100
1
10 1 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
100
Figure 11. Maximum Rated Forward Biased Safe Operating Area
r(t), EFFECTIVE TRANSIENT THERMAL RESISTANCE (NORMALIZED)
1 D = 0.5
0.2 P(pk) 0.1 0.05 t1 0.01 SINGLE PULSE 0.001 0.01 t, TIME (s) t2 DUTY CYCLE, D = t1/t2 0.1 RJC(t) = r(t) RJC D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) RJC(t)
0.1 0.0001
1
10
Figure 12. Thermal Response
http://onsemi.com
6
NTB75N03R, NTP75N03R
PACKAGE DIMENSIONS
D2PAK CASE 418AA-01 ISSUE O
C E -B-
4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.340 0.380 0.380 0.405 0.160 0.190 0.020 0.036 0.045 0.055 0.310 --- 0.100 BSC 0.018 0.025 0.090 0.110 0.280 --- 0.575 0.625 0.045 0.055 GATE DRAIN SOURCE DRAIN MILLIMETERS MIN MAX 8.64 9.65 9.65 10.29 4.06 4.83 0.51 0.92 1.14 1.40 7.87 --- 2.54 BSC 0.46 0.64 2.29 2.79 7.11 --- 14.60 15.88 1.14 1.40
V W
A
1 2 3
S
-T-
SEATING PLANE
K G D
3 PL M
W J
DIM A B C D E F G J K M S V
0.13 (0.005) VARIABLE CONFIGURATION ZONE
TB
M
STYLE 2: PIN 1. 2. 3. 4.
U
M
M
M
F VIEW W-W 1
F VIEW W-W 2
F VIEW W-W 3
http://onsemi.com
7
NTB75N03R, NTP75N03R
PACKAGE DIMENSIONS
TO-220 CASE 221A-09 ISSUE AA
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 GATE DRAIN SOURCE DRAIN MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
-T- B
4
SEATING PLANE
F T S
C
Q
123
A U K
H Z L V G D N R J
STYLE 5: PIN 1. 2. 3. 4.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
NTB75N03R/D


▲Up To Search▲   

 
Price & Availability of NTB75N03R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X