Part Number Hot Search : 
EDZ10B 10140 SF1640 BC807 ST25VF CP2016A 1SS226 VSC835
Product Description
Full Text Search
 

To Download NT7502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NT7502
65 X 132 RAM-Map LCD Controller / Driver
Features
! Direct RAM data display using the display RAM. When RAM data bit is 0, it is not displayed. When RAM data bit is 1, it is displayed. (At normal display) ! RAM capacity: 65 X 132 = 8580 bits ! Many command functions: Read/Write Display Data. Display ON/OFF. Normal/Reverse Display. Page Address Set. Set Display Start Line. Set LCD Bias, Electronic contrast Controls, V0 voltage regulation internal resistor ratio set, Read Modify Write, Select Segment Driver Direction, Power Save ! High-speed 8-bit microprocessor interface allowing direct connection to both the 8080 and 6800 ! Serial interface ! Power supply voltage: 2.4 - 3.5V ! Maximum 12V LCD driving output voltage ! 2X / 3X / 4X on chip DC-DC converter ! Voltage regulator ! Voltage follower ! On-chip oscillator
General Description
The NT7502 is a single-chip LCD driver for dot-matrix liquid crystal displays which is directly connectable to a microcomputer bus. It accepts 8-bit serial or parallel display data directly sent from a microcomputer and stores it in an on-chip display RAM. It generates a LCD drive signal independent of the microprocessor clock. The set of the on-chip display RAM of 65 X 132 bits and a one-to-one correspondence between LCD panel pixel dots and on-chip RAM bits permit implementation of displays with a high degree of freedom. The NT7502 contains 65 common output circuits and 132 segment output circuits, so that a single chip of NT7502 can make 65 X 132, 55 X 132, 49 X 132 and 33 X 132 dot displays with pad option (DUTY1, DUTY0). No external operation clock is required for RAM read/write operations. Accordingly, this driver can be operated with a minimum current consumption and its onboard low-current-consumption liquid crystal power supply can implement a high-performance handy display system with minimum current consumption and the smallest LSI configuration.
Pin Configuration
COM34 COM33 COM32 SEG131 SEG130 COM28 COM29 COM30 COM31 51 50 49 48 FR FRS COMS COM63 COM62 SEG2 SEG1 SEG0 COMS COM0 COM1 83 82 81 80 79 78
215 214 213 212 211
247 246 245 244 243
NT7502H-TABF1
(Copper Side View)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47
NC NC NC NC FR CL DOF NC CS1 CS2 RES A0 WR RD D0 D1 D2 D3 D4 D5 D6 D7 DUTY 0 UTY D 1 VDD VDD2 VSS VOUT NC CAP3 + AP1 C CAP1 CAP2 + C + AP2 VEXT VRS V1 V2 V3 V4 V0 VR M/S CLS C86 P/S HPM IRS NC
1
V1.0
NT7502
Pad Configuration
281 282 118 117
ALK_L
ALK_R
NT7502
DUMMY
DUMMY0 DUMMY4 DUMMY5
DUMMY
DUMMY11
298 1 100
101
2
NT7502
Block Diagram
VDD
SEG0
SEG131 COM0 COM63 COMS
V0 V2 V3 V4 Vss TMPS CAP1+ CAP1CAP2+ CAP2CAP3+ VEXT VOUT VDD2 VR VRS
Segment driver
Common driver Shift register
Power Supply Circuit
Display data latch Initial display line register
line address decoder
I/O buffer circuit
IRS
HPM
Output status selector circuit
132*65-dot display data RAM
Column address decoder Page address register 8-bit column address counter Display timing generator circuit
DUTY0 DUTY1 FRS FR CL
DOF
8-bit column address counter
Line counter
COM S
V1
M/S
Bus holder
Command decoder
Bus holder
Oscillator
CLS
Microprocessor interface
I/O buffer
CS1 CS2
A0
RD WR C86 (E) (R / W )
P/S RES
D7 D6 D5 (SI) (SCL)
D4
D3
D2
D1
D0
3
NT7502
Pad Description
Power Supply Pad No. 30 - 33 10, 16, 26, 53, 71, 77, 81, 91 34 - 36 37 - 40 7, 13, 25, 29 , 56, 69 - 70, 74, 79, 83 Symbol VDD VDD VDD2 VSS VSS I/O Supply Supply Supply Supply Supply Descriptions 2.4 - 3.5V power supply input. These pads must be connected each other 2.4 - 3.5V power supply output for pad option This is the reference power supply for the step-up voltage circuit for the LCD. These pads must be connected each other Ground. These pads must be connected each other Ground output for pad option LCD driver supply voltages. The voltage determined by LCD cell is impedance-converted by a resistive driver or an operation amplifier for application. Voltages should be according to the following relationship: V0 V1 V2 V3 V4 VSS 65 - 66 57 - 58 59 - 60 61 - 62 63 - 64 V0 V1 V2 V3 V4 Supply When the on-chip operating power circuit is on, the following voltages are supplied to V1 to V4 by the on-chip power circuit. Voltage selection is performed by the Set LCD Bias command. LCD bias 1/5 bias 1/6 bias 1/7 bias 1/8 bias 1/9 bias V1 4/5V0 5/6V0 6/7V0 7/8V0 8/9V0 V2 3/5V0 4/6V0 5/7V0 6/8V0 7/9V0 V3 2/5V0 2/6V0 2/7V0 2/8V0 2/9V0 V4 1/5V0 1/6V0 1/7V0 1/8V0 1/9V0
4
NT7502
LCD Driver Supplies Pad No. 45 - 46 47 - 48 51 - 52 49 - 50 43 - 44 41 - 42 67 - 68 Symbol CAP1CAP1+ CAP2CAP2+ CAP3+ VOUT VR I/O O O O O O O I Descriptions Capacitor 1- pad for internal DC/DC voltage converter Capacitor 1+ pad for internal DC/DC voltage converter Capacitor 2- pad for internal DC/DC voltage converter Capacitor 2+ pad for internal DC/DC voltage converter Capacitor 3+ pad for internal DC/DC voltage converter DC/DC voltage converter output Voltage adjustment pad. Applies voltage between V0 and VSS using a resistive divider This is the external input reference voltage (VREF) for the internal voltage regulator. It is valid only when external VREF is used. VEXT must be 2.4V and VDD2 When using internal VREF, this pad must be NC Selects temperature coefficient of the reference voltage TMPS = 0: -0.05% / C TMPS = 1: -0.2 % / C Select the internal voltage regulator or external voltage regulator, VRS = 0: using the external VREF VRS = 1: using the internal VREF
54
VEXT
I
82
TMPS
I
55
VRS
I
5
NT7502
System Bus Connection Pads Pad No. Symbol I/O Descriptions This is an 8-bit bi-directional data bus that connects to an 8-bit or 16-bit standard MPU data bus. When the serial interface is selected (P/S = "L"), then D7 serves as the serial data input terminal (SI) and D6 serves as the serial clock input terminal (SCL) At this time, D0 to D5 are set to high impedance. When the chip select is inactive, D0 to D7 are set to high impedance. This is connected to the least significant bit of the normal MPU address bus, and it determines whether the data bits are data or a command A0 = "H" indicating that D0 to D7 are display data, and A0 = "L" indicating that D0 to D7 are control data. When RES is set to "L", the settings are initialized. The reset operation is performed by the RES signal level. I This is the chip select signal. When CS1 = "L" and CS2 = "H", then the chip select becomes active, and data/command I/O is enabled. When connected to an 8080 MPU, it is active LOW. 15
RD (E)
17 - 24
D0 - D7 (SI) (SCL)
I/O
12
A0
I
11
RES
I
8, 9
CS1 CS2
I
This pad is connected to the RD signal of the 8080MPU, and the NT7502 data bus is in an output status when this signal is "L". When connected to a 6800 Series MPU, this is active HIGH. This is used as an enable clock input of the 6800 series MPU. When connected to an 8080 MPU, this is active LOW. This terminal connects to the 8080 MPU WR signal. The signals on the data bus are latched at the rising edge of the WR signal. When connected to a 6800 Series MPU, this is the read/write control signal input terminal. When R / W = "H": Read When R / W = "L": Write This is the MPU interface switch terminal C86 = "H": 6800 Series MPU interface C86 = "L": 8080 MPU interface This is the parallel data input/serial data input switch terminal P/S = "H": Parallel data input P/S = "L": Serial data input The following applies depending on the P/S status:
P/S Data/Command A0 A0 Data D0 to D7 SI (D7) Read/Write
RDWR
14
WR
(R/W )
I
75
C86
I
Serial Clock SCL (D6)
76
P/S
I
"H" "L"
Write only
When P/S = "L", D0 to D5 are HZ. D0 to D5 may be "H", "L" or Open.
RD (E) and WR ( R / W ) are fixed to either "H" or "L". With serial data input, RAM display data reading is not supported.
73
CLS
I
Terminal is used to select whether enable or disable the display clock internal oscillator circuit. CLS = "H": Internal oscillator circuit is enabled CLS = "L": Internal oscillator circuit is disabled (requires external input). When CLS = "L", input the display clock through the CL pad.
6
NT7502
System Bus Connection Pads (continue) Pad No. Symbol I/O Description This terminal selects the master/slave operation for the NT7502 chips. Master operation outputs the timing signals that are required for the LCD display, while slave operation inputs the timing signals required for the liquid crystal display, synchronizing the liquid crystal display system. This is the display clock input terminal. When the NT7502 chips are used in master/slave mode, the various CL terminals must be connected. This is the liquid crystal alternating current signal I/O terminal M/S = "H": Output. M/S = "L": Input. When the NT7502 chip is used in master/slave mode, the various FR terminals must be connected. This is the liquid crystal display blanking control terminal. M/S = "H": Output. M/S = "L": Input. When the NT7502 chip is used in master/slave mode, the various DOF terminals must be connected. 2 FRS O This is the output terminal for the static drive. This terminal is only enabled when the static indicator display is ON in master operation mode, and is used in conjunction with the FR terminal. This terminal selects the resistors for the V0 voltage level adjustment IRS = "H", Use the internal resistors. IRS = "L", Do not use the internal resistors. The V0 voltage level is regulated by an external resistive voltage divider attached to the VR terminal. This pad is enabled only when the master operation mode is selected. It is fixed to either "H" or "L" when the slave operation mode is selected. This is the power control terminal for the power supply circuit for liquid crystal drive. 78
HPM
72
M/S
I
4
CL
I/O
3
FR
I/O
5
DOF
I/O
80
IRS
I
I
HPM = "H", Normal mode HPM = "L", High power mode This pad is enabled only when the master operation mode is selected. It is fixed to either "H" or "L" when the slave operation mode is selected.
7
NT7502
Liquid Crystal Drive Pads Pad No. 134 - 265 101 - 132 266 - 297 Symbol SEG0 - 131 COM31 - 0 COM32 - 63 I/O O O Description Segment signal output for LCD display Common signal output for LCD display When in master/slave mode, the same signal is output by both master and slave These are the COM output terminals for the indicator. Both terminals output the same signal No connect these terminals if they are not used When in master/slave mode, the same signal is output by both master and slave
133, 298
COMS
O
Configuration Pads Pad No. Symbol I/O Select the LCD driver duty DUTY1 DUTY0 0 0 0 1 1 0 1 1 Description LCD driver duty 1/33 1/49 1/55 1/65
27, 28
DUTY0, DUTY1
I
Test Pads Pad No. 90 1, 6, 84 - 89 92 - 100 Symbol TEST3 NC I/O I Description Test pads, and must be connected to VDD NC pads, no connection for user
8
NT7502
Functional Description
Microprocessor Interface Interface type selection The NT7502 can transfer data via 8-bit bi-directional data bus (D7 to D0) or via serial data input (SI). When high or low is selected for the parity of P/S pad, either 8-bit parallel data input or serial data input can be selected as shown in Table 1. When serial data input is selected, the RAM data cannot be read out. Table. 1 P/S H L Type Parallel Input Serial Input CS1 CS1 CS1 CS2 CS2 CS2 A0 A0 A0
RD RD WR WR
C86 C86 -
D7 D7 SI
D6 D6 SCL
D0 to D5 D0 to D5 (HZ)
-
-
"-" Must always be high or low Parallel Input When the NT7502 selects parallel input (P/S = high), the 8080 series microprocessor or 6800 series microprocessor can be selected by causing the c86 pad to go high or low as shown in Table 2. Table. 2 C86 H L Type 6800 microprocessor bus 8080 microprocessor bus CS1 CS1 CS1 CS2 CS2 CS2 A0 A0 A0
RD
WR R/W
WR
D0 to D7 D0 to D7 D0 to D7
E
RD
Data Bus Signals The NT7502 identifies the data bus signal according to A0, E, R / W ( RD , WR ) signals. Table. 3 Common A0 1 1 0 0 6800 processor (R/ W ) 1 0 1 0 8080 processor Function
RD WR
0 1 0 1
1 0 1 0
Reads display data Writes display data Reads status Writes control data in internal register. (Command)
Serial Interface (P/S is low) When the serial interface has been selected (P/S = "L"), then when the chip is in active state ( CS1 = "L" and CS2 = "H"), the serial data input (SI) and the serial clock input (SCL) can be received. The serial data is read from the serial data input pin in the rising edge of the serial clocks D7, D6 through D0, in this order. This data is converted to 8 bits of parallel data in the rising edge of eighth serial clock for processing. The A0 input is used to determine whether or the serial data input is display data, and when A0 = "L" then the data is command data. The A0 input is read and used for detection every 8th rising edge of the serial clock after the chip becomes active. Figure 1 is the serial interface signal chart.
9
NT7502
CS1
CS2 SI SCL
1 2 3 4 5 6 7 8 9 10 11 12 13 14 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2
A0
Figure. 1 # When the chip is not active, the shift registers and the counter are reset to their initial states. # Reading is not possible while in serial interface mode. # Caution is required on the SCL signal when it comes to line-end reflections and external noise. We recommend the operation be rechecked on the actual equipment. Chip Select Inputs The NT7502 has two chip select pads. CS1 and CS2 can interface to a microprocessor when CS1 is low and CS2 is high. When these pads are set to any other combination, D0 to D7 are high impedance and A0, E and R / W inputs are disabled. When serial input interface is selected. the shift register and counter are reset. Access to Display Data RAM and Internal Registers The NT7502 can perform a series of pipeline processing between LSI's using the bus holder of the internal data bus in order to match the operating frequency of display RAM and internal registers with the microprocessor. For example, the microprocessor reads data from display RAM in the first read (dummy) cycle, stores it in the bus holder, and outputs it onto system bus in the next data read cycle. Also, the microprocessor temporarily stores display data in the bus holder, and stores it in display RAM until the next data write cycle starts. When viewed from the microprocessor, the NT7502 access speed greatly depends on the cycle time rather than access time to the display RAM (tACC). This view shows the data transfer speed to / from the microprocessor can increase. If the cycle time is inappropriate, the microprocessor can insert the NOP instruction that is equivalent to the wait cycle setup. However, there is a restriction in the display RAM read sequence. When an address is set, the specified address data is NOT output at the immediately following read instruction. The address data is output during the second data read. A single dummy read must be inserted after address setup and after the write cycle (refer to Figure2).
10
NT7502
A0 MPU E R/W
DATA Address preset Read signal Internal timing Column address
N
N
n
n+1
Preset N
Incremented N+1 N+2
BUS holder
Set address n
N
Dummy read
n
n+1
n+2
Data Read address n+1
Data Read address n
Figure. 2 Busy Flag When the busy flag is "1", it indicates that the NT7502 chip is running internal processes, and at this time no command aside from a status read will be received. The busy flag is outputted to D7 pad with the read instruction. If the cycle time (tCYC) is maintained, it is not necessary to check for this flag before each command. This makes vast improvements in MPU processing capabilities possible. Display Data RAM Display Data RAM The display data RAM is RAM that stores the dot data for the display. It has a 65 (8 page * 8 bit+1)*132 bit structure. It is possible to access the desired bit by specifying the page address and the column address. Because, as is shown in Figure3, the D7 to D0 display data from the MPU corresponds to the liquid crystal display common direction, there are few constraints at the time of display common direction, and there are few constraints at the time of display data transfer when multiple NT7502 chips are used, thus display structures with a high degree of freedom can be created easily . Moreover, reading from and writing to the display RAM from the MPU side is performed through the I/O buffer, which is an independent operation from signal reading for the liquid crystal driver. Consequently, even if the display data RAM is accessed asynchronously during liquid crystal display, it will not cause adverse effects on the display (such as flickering).
D0 D1 D2 D3 D4
0 1 0 0 1
1 0 0 1 0
1 0 0 1 0
1 0 0 1 0
0 0 0 0 0
COM0 COM1 COM2 COM3 COM4
Display data RAM
Figure. 3
Display on LCD
11
NT7502
The Page Address Circuit As shown in Figure 4, page address of the display data RAM is specified through the Page Address Set Command. The page address must be specified again when changing pages to perform access. Page address8 (D3, D2, D1, D0 = 1, 0, 0, 0,) is the page for the RAM region used; only display data D0 is used. The Column Address As shown in Figure 4, the display data RAM column address is specified by the Column Address Set command. The specified column address is incremented (+1) with each display data read / write command. This allows the MPU display data to be accessed continuously. Moreover, the incrimination of column addresses stops with 83H, because the column address is independent of the page address. Thus, when moving, for example, from page0 column 83H to page 1 column 00H, it is necessary to respecify both the page address and the column address. Furthermore, as is shown in Table 4, the ADC command (segment driver direction select command) can be used to reverse the relationship between the display data RAM column address and the segment output. Because of this, the constraints on the IC layout can be minimized when the LCD module is assembled. Table. 4 SEG Output ADC "0" (ADC) "1" The Line Address Circuit The line address circuit, as shown in Table 4, specifies the line address relating to the COM output when the contents of the display data RAM are displayed. Using the display start line address set command, what is normally the top line of the display can be specified. This is the COM0 output when the common output mode is normal, and the COM63 output for NT7502, when the common output mode is reversed. The display area is a 65-line area for the NT7502 from the display start line address. If the line addresses are changed dynamically using the display start line address set command, screen scrolling, page swapping, etc. can be performed. SEG0 0 (H)$ 83 (H)% Column Address Column Address SEG131 $83 (H) %0 (H)
12
NT7502
Relationship between display data RAM and address. (if initial display line is 1DH)
Page Address Data
D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 D0 ADC D0= D0= "0" "1" 00 01 02
Line Address
00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10 11 12 13 14 15 16 17 18 19 1A 1B 1C 1D 1E 1F 20 21 22 23 24 25 26 27 28 29 2A 2B 2C 2D 2E 2F 30 31 32 33 34 35 36 37 38 39 3A 3B 3C 3D 3E 3F
COM output
COM0 COM1 COM2 COM3 COM4 COM5 COM6 COM7 COM8 COM9 COM10 COM11 COM12 COM13 COM14 COM15 COM16 COM17 COM18 COM19 COM20 COM21 COM22 COM23 COM24 COM25 COM26 COM27 COM28 COM29 COM30 COM31 COM32 COM33 COM34 COM35 COM36 COM37 COM38 COM39 COM40 COM41 COM42 COM43 COM44 COM45 COM46 COM47 COM48 COM49 COM50 COM51 COM52 COM53 COM54 COM55 COM56 COM57 COM58 COM59 COM60 COM61 COM62 COM63 COMS
D3, D2, D1, D0 0, 0, 0, 0
Page0
0, 0, 0, 1
Page1
0, 0, 1, 0
Page2
0, 0, 1, 1
Page3
Start
0, 1, 0, 0
Page4
0, 1, 0, 1
Page5
0, 1, 1, 0
Page6
0, 1, 1, 1
Page7
1, 0, 0, 0 Column address
Page8 81 02 SEG129 82 01 SEG130 83 SEG131 00
83 SEG0
82 SEG1
SEG2
LCD OUT
81
Figure. 4
13
NT7502
The Display Data Latch Circuit The display data latch circuit is a latch that temporarily stores the display data output to the liquid crystal driver circuit from the display data RAM. Because the display normal/reverse status, display ON/OFF status, and display all points ON/OFF commands control only the data within the latch, they do not change the data within the display data RAM itself. The Oscillator Circuit This is a CR-type oscillator that produces the display clock. The oscillator circuit is only enabled when M/S = "H" and CLS = "H". When CLS = "L" the oscillation stops, and the display clock is input through the CL terminal. Display Timing Generator Circuit The display timing generator circuit generates the timing signal to the line address circuit and the display data latch circuit using the display clock. The display data is latched into the display data latch circuit synchronized with the display clock, and is output to the data driver output terminal. Reading to the display data liquid crystal driver circuits is completely independent of access to the display data RAM by the MPU. Consequently, even if the display data RAM is accessed asynchronously during liquid crystal display, there is absolutely no adverse effect (such as flickering) on the display. Moreover, the display timing generator circuit generates the common timing and the liquid crystal alternating current signal (FR) from the display clock. It generates a drive waveform using a 2 frame alternating current drive method, as is shown in Figure 5, for the liquid crystal drive circuit.
64 65 1 2 3 4 5 6 60 61 62 63 64 65 1 2 3 4 5 6
CL FR
COM0
V0 V1 V4 VSS V0 V1
COM1
V4 VSS
RAM data V0 SEGn V2 V3 VSS
Figure. 5 When multiple NT7502 chips are used, the slave chips must be supplied with the display timing signals (FR, CL, DOF ) from the master chip[s]. Table 5 shows the status of the FR, CL, and DOF signals. Table. 5 Operating Mode Master (M/S = "H") Slave (M/S = "L") The internal oscillator circuit is enabled (CLS = "H") The internal oscillator circuit is disabled (CLS = "L") The internal oscillator circuit is disabled (CLS = "H") The internal oscillator circuit is disabled (CLS = "L") FR Output Output Input Input CL Output Input Input Input DOF Output Output Input Input
14
NT7502
Table 6 shows the relationship between oscillation frequency and frame frequency Table. 6 Duty 1/65 1/55 1/49 1/33 Item On-chip oscillator is used On-chip oscillator is not used On-chip oscillator is used On-chip oscillator is not used On-chip oscillator is used On-chip oscillator is not used On-chip oscillator is used On-chip oscillator is not used fCL fOSC/6 External input fCL fOSC/8 External input fCL fOSC/8 External input fCL fOSC/12 External input fCL fFR fCL/(2 X 65) fCL/(2 X 65) fCL/(2 X 55) fCL/(2 X 55) fCL/(2 X 49) fCL/(2 X 49) fCL/(2 X 33) fCL/(2 X 33)
Common Output Control Circuit This circuit controls the relationship between the number of common output and specified duty ratio. Common output mode select instruction specifies the scanning direction of the common output pads. Table. 7 Common output pads Duty Status Normal Normal Reverse Normal Reverse Normal Reverse COM [0-15] COM[0-15] COM[0-23] COM[47-24] COM[0-26] COM[53-27] COM [16-23] COM [24-26] COM [27-36] NC NC NC NC NC NC COM[0-63] COM[63-0] COM [37-39] COM [40-47] COM [48-63] COM[16-31] COM[15-0] COM[24-47] COM[23-0] COM[27-53] COM[26-0] COMS COMS COMS COMS COMS
1/33 1/49 1/55 1/65
Reverse COM[31-16]
This is a 197-channel multiplexes that generate voltage levels for driving the liquid crystal. The combination of the display data, the COM scan signal, and the FR signal produces the liquid crystal drive voltage output. Figure 6 shows example of the SEG and COM output wave form. Configuration Setting The NT7502 has two optional configurations, configured by DUTY0, DUTY1 DUTY1, DUTY0 1, 1 1, 0 0, 1 0, 0 Common 65 55 49 33 Segment 132 132 132 132 V1 8/9V0, 6/7V0 7/8V0, 5/6V0 7/8V0, 5/6V0 5/6V0, 4/5V0 V2 7/9V0, 5/7V0 6/8V0, 4/6V0 6/8V0, 4/6V0 4/6V0, 3/5V0 V3 2/9V0, 2/7 V0 2/8V0, 2/6 V0 2/8V0, 2/6 V0 2/6 V0, 2/5V0 V4 1/9V0, 1/7V0 1/8V0, 1/6V0 1/8V0, 1/6V0 1/6V0, 1/5V0
15
NT7502
FR
VDD VSS V0 V1 V2 V3 V4 VSS V0 V1 V2 V3 V4 VSS V0 V1 V2 V3 V4 VSS
COM0 COM1 COM2 COM3 COM4 COM5 COM6 COM7 COM2 COM8 COM9 COM10 COM11 COM12 COM13 COM14 COM15 SEG1 SEG0 COM1 COM0
V0 V1 V2 V3 V4 VSS V0 V1 V2 V3 V4 VSS V0 V1 V2 V3 V4 VSS V0 V1 V2 V3 V4 VSS -V4 -V3 -V2 -V1 -V0 V0 V1 V2 V3 V4 VSS -V4 -V3 -V2 -V1 -V0
SEG2
COM0 - SEG0
COM0 - SEG1
Figure. 6
16
NT7502
The Power Supply Circuit The power supply circuits are low-power consumption power supply circuits that generate the voltage levels required for the liquid crystal drivers. They comprise Booster circuits, voltage regulator circuits, and voltage follower circuits. They are only enabled in master operation. The power supply circuits can turn the Booster circuits, the voltage regulator circuits, and the voltage follower circuits ON or OFF independently through the use of the Power Control Set command. Consequently, it is possible to make an external power supply and the internal power supply function somewhat in parallel. Table 7 shows the Power Control Set Command 3-bit data control function, and Table 8 shows reference combinations. Table. 8 The Control Details of Each Bit of the Power Control Set Command Item D2 Booster circuit control bit D1 Voltage regulator circuit (V regulator circuit) control bit D0 Voltage follower circuit (V/F circuit) control bit Table. 9 Step-up circuit O X X X Voltage regulator circuit O O X X External V/F circuit voltage input O O O X VDD2 VOUT, VDD2 V0, VDD2 V0 to V4 Step-up voltage system terminal Used Open Open Open Status "1" "0" ON OFF ON ON OFF OFF
Use Settings 1.Only the internal power supply is used 2.Only the V regulator circuit and the V/F circuit are used 3.Only the V/F circuit is used 4.Only the external power supply is used
D2 D1 D0
1 0 0 0
1 1 0 0
1 1 1 0
*The "step-up system terminals" refer CAP1+, CAP1-, CAP2+, CAP2-and CAP3+. *While other combinations, not shown above, are also possible, these combinations are not recommended because they have no practical use. The Step-up Voltage Circuits Using the step-up voltage circuits within the NT7502 chips it is possible to product 4X, 3X, 2X step-ups of the VDD2-VSS voltage levels
17
NT7502
VSS
C1
VSS
C1 NT7502
VSS
C1 NT7502
VOUT
CAP3+
VOUT
CAP3+ CAP1-
VOUT
CAP3+ CAP1NT7502
C1 C1
CAP1CAP1+ CAP2+
C1 CAP1+ CAP2+ C1 CAP2-
C1 CAP1+ CAP2+ CAP2-
C1
CAP2-
4x step-up voltage circuit
3x step-up voltage circuit
2x step-up voltage circuit
VOUT = 4 X VDD2 = 12V VDD2 = 3V VSS = 0V 4x step-up voltage relationships
VOUT = 3 X VDD2 = 9V VDD2 = 3V VSS = 0V
VOUT = 2 X VDD2 = 6V VDD2 = 3V VSS = 0V 2x step-up voltage relationships
3x step-up voltage relationships
Figure. 7 The Voltage Regulator Circuit The step-up voltage generated at VOUT outputs the liquid crystal driver voltage V0 through the voltage regulator circuit Because the NT7502 chips have an internal high-accuracy fixed voltage power supply with a 64-level electronic volume function and internal resistors for the V0 voltage regulator, systems can be constructed without having to include high-accuracy voltage regulator circuit components. Moreover, in the NT7502, three types of thermal gradients have been prepared as VREG options: (1) approximately -0.05%/ (2) approximately -0.2%/, and (3) external input (supplied to the VEXT terminal). When the V0 Voltage Regulator Internal Resistors Are Used Through the use of the V0 voltage regulator internal resistors and the electronic volume function the liquid crystal power supply voltage V0 can be controlled by commands alone (without adding any external resistors), making it possible to adjust the liquid crystal display brightness. The V0 voltage can be calculated using equation A-1 over the range where
V 0 < VOUT .
V0 = ( 1+Rb/Ra)*VEV = ( 1+Rb/Ra)* (1-(63-)/162)*VREG
(Equation A-1)
Rb
Vout
+
Ra
Vo
VEV
VEV (constant voltage supply + electronic volume) Vss
18
NT7502
VREG is the IC internal fixed voltage supply, and its voltage at Ta = 25 is as shown in Table 10.
Table. 10
Equipment Type Internal power Supply Internal power Supply External input
TMPS 0 1 *
VRS 1 1 0
Thermal Gradient -0.05 -0.2 -
Units %/ %/ -
VREG 2.1 2.1 VEXT
is set to 1 level of 64 possible levels by the electronic volume function depending on the data set in the 6-bit electronic volume register. Table 10 shows the value for depending on the electronic volume register settings. Ra/Rb is the V0 voltage regulator internal resistor ratio, and can be set to 8 different levels through the V0 voltage regulator internal resistor ratio set command. The (1+Rb/Ra) ratio assumes the values shown in Table11 depending on the 3-bit data settings in the V0 voltage regulator internal resistor ratio register.
Table. 11
D5 0 0 0 1 1 1
D4 0 0 0 0 1 1
D3 0 0 0 : 0 : 1 1
D2 0 0 0 0 1 1
D1 0 0 1 0 1 1
D0 0 1 0 : 0 : 0 1
0 1 2 : 32 (default) : 62 63
V0 Minimum : : : : : : Maximum
V0 voltage regulator internal resistance ratio register value and (1+ Rb/Ra) ratio (Reference value)
Table. 12
Register D2 0 0 0 0 1 1 1 1 D1 0 0 1 1 0 0 1 1 D0 0 1 0 1 0 1 0 1
Equipment Type by Thermal Gradient [Units:%/ ] 1. -0.05 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.4 2. -0.2 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.4 3. VREG External Input 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
19
NT7502
The V0 voltage is a function of the V0 voltage regulator internal resistor ratio register and the electronic volumn register. Setup example: When selecting Ta = 25 and V0 = 7V for an NT7502 model on which the temperature gradient = -0.05%, using the equation A-1, the following setup is enabled.
Table. 13
Contents For V0 voltage regulator Electronic Volume
Register D5 D4 D3 D2 D1 D0 -010 100101
# When the V0 voltage regulator internal resistors or the electronic volume function is used, it is necessary to at least set the voltage regulator circuit and the voltage follower circuit to an operating mode using the power control set commands. Moreover, it is necessary to provide a voltage from VOUT when the Booster circuit is OFF. # The VR terminal is enabled only when the V0 voltage regulator internal resistors are not used (i.e. the IRS terminal = "L"). When the V0 voltage regulator internal resistors are used (i.e. when the IRS ternimal = "H"), then the VR terminal is left open. # Because the input impedance of the VR terminal is high, it is necessary to take into consideration short leads, shield cables, etc. to handle noise. The Liquid Crystal Voltage Generator Circuit
The V0 voltage is produced by a resistive voltage divider within the IC, and can be produced at the V1, V2, V3, and V4 voltage levels required for liquid crystal driving. Moreover, when the voltage follower changes the impedance, it provides V1, V2,V3, and V4 to the liquid crystal drive circuit. 1/9 bias or 1/7 bias for NT7502 can be selected.
High Power Mode
The power supply circuit equipped in the NT7502 chips has very low power consumption (normal mode: HPM = "H"). However for LCDs or panels with large loads, this low-power power supply may cause display quality to degrade. When this occurs, setting the HPM terminal to "L" (high power mode) can improve the quality of the display. We recommend that the display be checked on actual equipment to determine whether or not to use this mode. Moreover, if the improvement to the display is inadequate even after high power mode has been set, then it is necessary to add a Command Sequence when Built-in Power Supply is turned OFF. Follow the command sequence as shown below to turn off the built-in power supply after the system enters standby mode.
20
NT7502
Reference Power Supply Circuit for Driving LCD Panel
-When using all LCD power circuits (Voltage converter regulator and follower) (In case of 3X boosting circuit)
VDD
-When not using voltage booster circuits
VDD
C1 VOUT C3+ C1 C1 Ra VR C2 C2 C2 C2 C2 Rb V0 V1 V2 V3 V4 C2+ C2C1+ C1-
M/S
External Power Supply
M/S VOUT C3+ C2+ C2C1+ C1-
Ra VR C2 C2 C2 C2 C2 Rb V0 V1 V2 V3 V4
VSS
VSS
When only using voltage follower
VDD
When not using internal LCD power supply circuits
VDD
M/S
*Value of External Capacitance
VOUT C3+
M/S Item C1 C2 Value 1.0 - 4.7 0.47 - 2.2 F VOUT C3+ C2+ C2C1+ C1VR V0
External Power Supply
C2+ C2C1+ C1VR
C2 C2 C2 C2 C2
V0 V1 V2 V3 V4
External Power Supply
V1 V2 V3 V4
VSS
VSS
21
NT7502
Reset Circuit
When the RES input falls to "L", these LSI reenter their default state. The default settings are shown below: 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12. 13. 14. 15. 16. 17. Display OFF Normal display ADC select: Normal display (ADC command D0 = "L") Power control register (D2, D1, D0) = (0, 0, 0,) Register data clear in serial interface LCD power supply bias ratio 1/9 (1/65 duty), 1/8 (1/55, 1/49 duty), 1/6 (1/33 duty) Read modify write OFF Static indicator: OFF Static indicator register: (D1, D2) = (0, 0) Display start line register set at first line Column address counter set at address0 Page address register set at page 0 Common output status normal V0 voltage regulator internal power supply ratio set mode clear: V0 voltage regulator internal resistor ratio register: (D2, D1, D0) = (1, 0, 0) Electronic volume register set mode clear Electronic volume register: (D5, D4, D3, D2, D1, D0) = (1, 0, 0, 0, 0, 0,) Test mode clear All-indicator-lamps-on OFF (All-indicator-lamps ON/OFF command D0 = "L") Output condition of COM, SEG COM: V1 SEG: V2
On the other hand, when the reset command is used, only default settings 7 to 15 above are put into effect. The MPU interface (Reference Example)", the RES terminal is connected to the MPU reset terminal, making the chip reinitialize simultaneously with the MPU. At the time of power up, it is necessary to reinitialize using the RES terminal. Moreover, when the control signal from the MPU is in a high impedance state, there may be an overcurrent condition; therefore, take measures to prevent the input terminal from entering a high impedance state. In the NT7502, if the internal liquid crystal power supply circuit is not used, then it is necessary to apply a "L" signal to the RES terminal when the external liquid crystal power supply is applied. Even though the oscillator circuit operates while the RES terminal is "L," the display timing generator circuit is stopped, and the FR, FRS, and DOF terminals are fixed to "H," and the CL pin is fixed to "H" only when the intermal oscillator circuit is used. There is no influence on the D0 to D7 terminals.
22
NT7502
Commands
The NT7502 uses a combination of A0, RD (E) and WR ( R / W ) signals to identify data bus signals. As the chip analyzes and executes each command using internal timing clock only regardless of external clock, its processing speed is very high and its busy check is usually not required. The 8080 series microprocessor interface enters a read status when a low pulse is input to the RD pad and a write status when a low pulse is input to the WR pad. The 6800 series microprocessor interface enters a read status when a high pulse is input to the R / W pad and a write status when a low pulse is input to this pad. When a high pulse is input to the E pad, the command is activated. (For timing, see AC Characteristics.). Accordingly, in the command explanation and command table, RD (E) becomes 1(high) when the 6800 series microprocessor interface reads status of display data. This is the only different point from the 8080 series microprocessor interface. Taking the 8080 series microprocessor interface as an example, commands are explained below. When the serial interface is selected, input data starting from D7 in sequence.
Command Set
1. Display ON/OFF Alternatively turns the display on and off. A0 0 E
RD
R/W
WR
D7 1
D6 0
D5 1
D4 0
D3 1
D2 1
D1 1
D0 1 0
Setting Display ON Display OFF
1
0
When the display OFF command is executed when in the display all points ON mode, power save mode is entered. See the section on the power saver for details. 2. Set Display Start Line Specifies line address (refer to Figure 4) to determine the initial display line, or COM0. The RAM display data becomes the top line of LCD screen. It is followed by the higher number of lines in ascending order, corresponding to the duty cycle. When this command changes the line address, smooth scrolling or a page change takes place. A0 0 E
RD
R/W
WR
D7 0
D6 1
D5 A5
D4 A4
D3 A3
D2 A2
D1 A1
D0 A0
% High-order bit
1
0
A5 0 0 0
A4 0 0 0
A3 0 0 0 :
A2 0 0 0
A1 0 0 1
A0 0 1 0
Line address 0 1 2 :
1 1
1 1
1 1
1 1
1 1
0 1
62 63
23
NT7502
3. Set Page Address Specifies page address to load display RAM data to page address register. Any RAM data bit can be accessed when its page address and column address are specified. The display remains unchanged even when the page address is changed. Page address 8 is the display RAM area dedicated to the indicator, and only D0 is valid for data change. A0 0 A3 0 0 0 0 0 0 0 0 1 E
RD
R/W
WR
D7 1 A1 0 0 1 1 0 0 1 1 0
D6 0 A0 0 1 0 1 0 1 0 1 0
D5 1
D4 1
D3 A3
D2 A2
D1 A1
D0 A0
1 A2 0 0 0 0 1 1 1 1 0
0
Page address 0 1 2 3 4 5 6 7 8
4. Set Column Address Specifies column address of display RAM. Divide the column address into 4 higher bits and 4 lower bits. Set each of them succession. When the microprocessor repeats to access the display RAM, the column address counter is incremental by during each access until address 132 is accessed. The page address is not changed during this time. A0 Higher bits Lower bits A7 0 0 A6 0 0 0 0 A5 0 0 E
RD
R/W
WR
D7 0 0 A3 0 0 :
D6 0 0
D5 0 0 A2 0 0
D4 1 0 A1 0 0
D3 A7 A3
D2 A6 A2 A0 0 1
D1 A5 A1
D0 A4 A0
1 1
0 0 A4 0 0
Line address 0 1 :
1
0
0
0
0
0
1
1
131
24
NT7502
5. Read Status A0 0 Busy: E
RD
R/W
WR
D7 BUSY
D6 ADC
D5
D4
D3 0
D2 0
D1 0
D0 0
0
1
ON/OFF RESET
When high, the NT7502 is busy due to internal operation or reset. Any command is rejected until BUSY goes low. The busy check is not required if enough time is provided for each cycle. ADC: Indicates the relationship between RAM column address and segment drivers. When low, the display is reversed and column address "131-n" corresponds to segment driver n. When high, the display is normal and column address corresponds to segment driver n. ON/OFF: Indicates whether the display is on or off. When low, the display turns on. When high, the display turns off. This is the opposite of Display ON/OFF command RESET: Indicates the initialization is in progress by RES signal or by reset command. When low, the display is on. When high, the chip is being reset. 6. Write Display Data Write 8-bit data in display RAM. As the column address automatically increments by 1 after each write, the microprocessor can continue to write data of multiple words. A0 1 E
RD
R/W
WR
D7
D6
D5
D4
D3
D2
D1
D0
1
0
Write data
7. Read Display Data Reads 8-bit data from display RAM area specified by column address and page address. As the column address automatically increments by 1 after each write, the microprocessor can continue to read data of multiple words. A single dummy read is required immediately after column address setup. Refer to the display RAM section of FUNCTIONAL DESCRIPTION for details. Note that no display data can be read via the serial interface. A0 1
RD WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Read data
8. ADC Select Changes the relationship between RAM column address and segment driver. The order of segment driver output pads can be reversed by software. This allows flexible IC layout during LCD module assembly. For details, refer to the column address section of Figure 4. When display data is written or read, the column address is incremented by 1 as shown in Figure 4. A0 0 E
RD
R/W
WR
D7 1
D6 0
D5 1
D4 0
D3 0
D2 0
D1 0
D0 D
1
0
When D is low, rotation is to the right (normal direction) When D is high, rotation is to the left (reverse direction) 9. Normal/ Reverse Display Reverses the Display ON/OFF status without rewriting the contents of the display data RAM. A0 0 E
RD
R/W
WR
D7 1
D6 0
D5 1
D4 0
D3 0
D2 1
D1 1
D0 D
1
0
When D is low, the RAM data is high, with LCD ON potential (normal display) When D is high, the RAM data is low, with LCD ON potential (reverse display)
25
NT7502
10. Entire Display ON Forcibly turns the entire display on regardless of the contents of the display data RAM. At this time, the contents of the display data RAM are held. This command has priority over the Normal/Reverse Display command. When D is low, the normal display status is provided. A0 0 E
RD
R/W
WR
D7 1
D6 0
D5 1
D4 0
D3 0
D2 1
D1 0
D0 D
1
0
When D is high, the entire display ON status is provided. If the Entire Display ON command is executed in the display OFF status, the LCD panel enters Power Save mode. Refer to the Power Save section for details. 11. Set LCD Bias This command selects the voltage bias ratio required for the liquid crystal display. A0 0 E
RD
R/W
WR
D7 1
D6 0
D5 1
D4 0
D3 0
D2 0
D1 1
D0 1/33 0 1 1/6 bias 1/5 bias 1/49 1/8 bias 1/6 bias
Duty 1/55 1/8 bias 1/6 bias 1/65 1/9 bias 1/7 bias
1
0
12. Read-Modify-Write A pair of Read-Modify-Write and End commands must always be used. Once Read-Modify-Write is issued, column address is not incremental by Read Display Data command but incremental by Write Display Data command only. It continues until End command is issued. When the End is issued, column address returns to the address when Read-Modify-Write is issued. This can reduce the microprocessor load when data of a specific display area is repeatedly changed during cursor blinking or other events. A0 0 E
RD
R/W
WR
D7 1
D6 1
D5 1
D4 0
D3 0
D2 0
D1 0
D0 0
1
0
Note: Any command except Read/Write Display Data and Set Column Address can be issued during Read-Modify-Write mode. Cursor display sequence
Set Page Address Set Column Address Read-Modify-Write Dummy Read Read Data
No Data process
Write Data
Completed?
Yes
End
26
NT7502
13. End Cancels Read-Modify-Write mode and returns column address to the original address (when Read-Modify-Write is issued) A0 0 E
RD
R/W
WR
D7 1
D6 1
D5 1
D4 0
D3 1
D2 1
D1 1
D0 0
1
0
Return
Column address
N
N+1 N+2 N+3
N+m
N
End
Read-Modify-Write mode is selected
14. Reset This command resets the Display Start Line register, Column Address counter, Page Address register, and Common output mode register, the V0 voltage regulator internal resistor ratio register, the Electronic Volume register, the static indicator mode register, the read-modify-write mode register, and the test mode. The Reset command does not affect on the contents of display RAM. Refer to the Reset circuit section of Function Description. A0 0 E
RD
R/W
WR
D7 1
D6 1
D5 1
D4 0
D3 0
D2 0
D1 1
D0 0
1
0
The Reset command cannot initialize LCD power supply. Only the Reset signal to the RES pad can initialize the supplies. 15. Output Status Select Register Applicable to the NT7502. When D is high or low, the scan direction of the COM output pad is selectable. Refer to Output Status Selector Circuit in Function Description for details. A0 0 E
RD
R/W
WR
D7 1
D6 1
D5 0
D4 0
D3 D
D2 *
D1 *
D0 *
1
0
D: Selects the scan direction of COM output pad D = 0: Normal (COM0 COM63/53/47/31) D = 1: Reverse (COM63/53/47/31 COM0) *: Invalid bit 16. Set Power Control Selects one of eight power circuit functions using 3-bit register. An external power supply and part of on-chip power circuit can be used simultaneously. Refer to Power Supply Circuit section of FUNCTIONAL DESCRIPTION for details. A0 0 E
RD
R/W
WR
D7 0
D6 0
D5 1
D4 0
D3 1
D2 A2
D1 A1
D0 A0
1
0
When A0 goes low, voltage follower turns off. When A0 goes high, it turns on. When A1 goes low, voltage regulator turns off. When A1 goes high, it turns on. When A2 goes low, voltage booster turns off. When A2 goes high, it turns on.
27
NT7502
17. V0 Voltage Regulator Internal Resistor Ratio Set This command sets the V0 voltage regulator internal resistor ratio. For details, see explanation under "The Power Supply Circuits". A0 0 E
RD
R/W
WR 0
D7 0
D6 0
D5 1
D4 0
D3 0
D2 0 0 0 1 1
D1 0 0 1 : 1 1
D0 0 1 0 0 1
Rb / Ra Ratio Small
1
: Large
18. The Electronic Volume (Double Byte Command) This command makes it possible to adjust the brightness of the liquid crystal display by controlling the liquid crystal drive voltage V0 through the output from the voltage regulator circuits of the internal liquid crystal power supply. This command is a two-byte command used as a pair with the electronic volume mode set command and the electronic volume register set command, and both commands must be issued one after the other.
! The Electronic Volume Mode Set When this command is input, the electronic volume register set command is enabled. Once the electronic volume mode has been set, no other command except the electronic volume register command can be used. Once the electronic volume register set command has been used to set data into the register, then the electronic volume mode is released. A0 E
RD
R/W
WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
1
0
0
0
0
0
0
1
! Electronic Volume Register Set By using this command to set six bits of data to the electronic volume register, the liquid crystal voltage V0 assumes one of the 64 voltage levels. When this command is input, the electronic volume mode is released after the electronic volume register has been set.
A0 0 0 0 0 0 0
E
RD
R/W
WR 0 0 0 0 0 0
D7 * * * * * *
D6 * * * * * *
D5 0 0 0 1 1
D4 0 0 0 1 1
D3 0 0 0 : 1 1
D2 0 0 0 1 1
D1 0 1 1 1 1
D0 0 0 1 0 1
V0 Small
1 1 1 1 1 1
: Large
When the electronic volume function is not used, set D5 - D0 to 100000.
28
NT7502
19. Static Indicator (Double Byte Command) This command controls the static drive system indicator display. The static indicator display is controlled by this command only, and is independent of other display control commands. This is used when one of the static indicator liquid crystal drive electrodes is connected to the FR terminal, and the other is connected to the FRS terminal. A different pattern is recommended for the static indicator electrodes rather than for the dynamic drive electrodes. If the pattern is too close, it can result in deterioration of the liquid crystal and of the electrodes. The static indicator ON command is a double-byte command paired with the static indicator register set command, and thus command must be executed one after the other. (The static indicator OFF command is a single byte command.) ! Static Indicator ON/OFF When the static indicator ON command is entered, the static indicator register set command is enabled. Once the static indicator ON command has been entered, no other command aside from the static indicator register set command can be used. This mode is cleared when data is set in the register by the static indicator register set command.
A0 E
RD
R/W
WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
1
0
1
0
1
1
0
D
D = 0: Static Indicator OFF D = 1: Static Indicator ON ! Static Indicator Register Set This command sets two bits of data into the static indicator register and is used to set the static indicator into a blinking mode.
A0 E
RD
R/W
WR 0
D7
D6
D5
D4
D3
D2
D1
D0
Indicator Display State
0
1
*
*
*
*
*
*
0 0 1 1
0 1 0 1
OFF ON (blinking at approximately 0.5 second intervals ON (blinking at approximately 1 second intervals ON (constantly on) * Disabled bit
20. Power Save (Compound Command) When all displays are turned on during display off, the Power Save command is issued to greatly reduce current consumption. If the static indicators are off, the Power Save command drives the system into sleep mode. If on, this command drives the system into standby mode. Release the Sleep mode using both the Power Save OFF command (Display ON command or Entire Display OFF command) and Set Indicator On command.
Static Indicator OFF
Static Indicator ON
Power Save (Display OFF and Entire Display ON)
(Sleep mode)
(Standby mode)
Power Save OFF (Display ON or Entire Displays OFF )
Static Indicator ON
(Sleep mode released)
(Standby mode released)
29
NT7502
Sleep Mode This mode stops every operation of the LCD display system, and can reduce current consumption nearly to a static current value if no access is made from the microprocessor. The internal status in the sleep mode is as follows: (1) Stops the oscillator circuit and LCD power supply circuit. (2) Stops the LCD drive, and outputs the VSS level as the segment/common driver output. (3) Holds the display data and operation mode provided before the start of the sleep mode. (4) The MPU can access the built-in display RAM. Standby Mode Stops the operation of the duty LCD display system and only turns on the static drive system to reduce current consumption to the minimum level required for static drive. The ON operation of the static drive system indicates that the NT7502 is in standby mode. The internal status in the standby mode is as follows: (1) Stops the LCD power supply circuit. (2) Stops the LCD drive and outputs the VSS level as the segment / common driver output. However, the static drive system still operates. (3) Holds the display data and operation mode provided before the start of the standby mode. (4) The MPU can access the built-in display RAM. When the RESET command is issued in the standby mode, the sleep mode is set. # When the LCD drive voltage level is given by an external resistive driver, the current of this resistor must be cut so that it may be fixed to floating or VSS level, prior to or concurrently with the situation of causing the NT7502 to enter sleep mode or standby mode. # When an external power supply is used, likewise, the function of this external power supply must be stopped so that it may be fixed to floating or VSS level, prior to or concurrently with the situation of causing the NT7502 to enter sleep mode or standby mode. 21. NOP Non-Operation Command A0 0 E
RD
R/W
WR
D7 1
D6 1
D5 1
D4 0
D3 0
D2 0
D1 1
D0 1
1
0
22. Test Command This is the dedicated IC chip test command. It must not be used for normal operation. If the Test command is issued inadvertently, set the RES input to low or issue the Reset command to release the test mode. A0 0 E
RD
R/W
WR
D7 1
D6 1
D5 1
D4 1
D3 *
D2 *
D1 *
D0 *
1
0
*: Invalid bit Cautions: The NT7502 maintains an operation status specified by each command. However, the internal operation status may be changed by a high level of ambient noise. Users must consider how to suppress noise on the package and system or to prevent ambient noise insertion. To prevent a spike in noise, built-in software for periodical status refreshment is recommended. The test command can be inserted in an unexpected place. Therefore it is recommended to enter the test mode reset command F0h during the refresh sequence.
30
NT7502
Code A0
RD
WR
Command
Function D4 D3 D2 D1 D0
D7
D6
D5
(1) Display ON/OFF (2) Set Display Start Line (3) Set Page Address (4-1) Set Column Address 4 higher bits (4-2) Set column Address 4 lower bits (5) Read Status (6) Write Display Data (7) Read Display Data (8) ADC select (9) Normal/Reverse Display (10) Entire Display ON/OFF (11) Set LCD Bias (12) Read-Modify-Write (13) End (14) Reset (15) Common output mode select (16) Set Power Control (17) V0 voltage regulator internal resistor ratio set (18) Electronic volume mode set Electronic Volume Register set (19) Set static indicator On/Off Set Static indicator register (20) Power Save (21) NOP (22) Test Command (23) Test Mode Reset
0 0 0 0 0 0 1 1 0 0 0 0 0 0 0 0 0 0
1 1 1 1 1 0 1 0 1 1 1 1 1 1 1 1 1 1
0 0 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0
1 0 1 0 0
0 1 0 0 0
1
0
1
1
1
D
Display start address 1 0 0 1 1 0 0 Page address Higher column address Lower column address 0 0 0
Turns on LCD panel when goes high, and turns off when goes low Specifies RAM display line for COM0 Sets the display RAM page in Page Address register Sets 4 higher bits of column address of display RAM in register Sets 4 lower bits of column address of display RAM in register Reads the status information Writes data in display RAM Reads data from display RAM Sets the display RAM address SEG output correspondence Normal indication when low, but full indication when high Selects normal display (0) or Entire Display ON (1)
Status Write data Read data 1 1 1 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 0 0 1 1 1 1 1 1 1 0 1 1 0 0 0 0 0 0 0 0 0 0
0 0 0 0 0 1 0 D 1 0
0 1 1 0
0 1 0 1
D D 0 1 D
Sets LCD drive voltage bias ratio Increments Column Address 0 0 0 counter during each write 1 1 0 Releases the Read-Modify-Write 0 1 0 Resets internal functions Selects COM output scan direction. * * * * Invalid data Operation Selects the power circuit operation status mode Select internal resistor ratio Resistor ratio (Rb / Ra) mode 0 0 1
0
1
0
1
0
0
0
0
Sets the V0 output voltage electronic volume register
0 0 0 0 0 0
1 1 1 1 1 1
0 0 0 0 0 0
* 1 * 1 1 1
* 0 * 1 1 1 1 * 1 1 1
Electronic control value 0 * 0 1 1 1 * 0 * 0 1 * 0 * 0 0 D Sets static indicator On/Off 0: OFF 1: ON Sets the flashing mode Compound command of display OFF and entire display ON Command for non-operation IC Test command. Do not use! Command of test mode reset
Mode 1 * 0 1 * 0
Note: Do not use any other command, or system malfunction may result.
31
NT7502
Command Description
Instruction Setup: Reference 1. Initialization Note: With this IC, when the power is applied, LCD driving non-selective potentials V2 and V3 (SEG pin) and V1 and V4 (COM pin) are output through the LCD driving output pins SEG and COM. When electric charge ermines in the smoothing capacitor connecting between the LCD driving voltage output pins (V0 - V4) and the VDD pin, the picture on the display may instantaneously become totally dark when the power is turned on. To avoid such failure, we recommend the following flow sequence when turning on the power. 1.1. When the built-in power is being used immediately after turning on the power:
Turn ON the VDD-VSS power keeping the RES pin = "L"
When the power is stabilized
Release the reset state. (RES pin = "H")
Initialized state (Default)
Function setup by command input (User setup) (11) LCD bias setting (8) ADC selection (15) Common output state selection
Arrange to execute all the procedures from releasing the reset state through setting the power control within 5ms
Function setup by command input (User setup) (17) Setting the built-in resistance radio for regulation of the V0 voltage (18) Electronic volume control
Function setup by command input (User setup) (16) Power control setting
This concludes the initialization
The target time of 5ms will vary depending on the panel characteristics and capacitance of the smoothing capacitor. Therefore, we suggest you to conduct an operation check using the actual equipment.
32
NT7502
1.2. When the built-in power is not being used immediately after turning on the power
Turn ON the VDD - VSS power keeping the RES pin = "L"
When the power is stabilized
Release the reset state. (RES pin = "H")
Initialized state (Default)
Arrange to start the power saver within 5ms after releasing the reset statue.
Power saver START (multiple commands)
Function setup by command input (User setup) (11) LCD bias setting (8) ADC selection (15) Common output state selection
Function setup by command input (User setup) (17) Setting the built-in resistance radio for regulation of the V0 voltage (18) Electronic volume control
Power saver OFF Arrange to start power control setting within 5ms after turning OFF the power saver Function setup by command input (User setup) (16) Power control setting
This concludes the initialization
The target time of 5ms will vary depending on the panel characteristics and the capacitance of the smoothing capacitor. Therefore, we suggest you to conduct an operation check using the actual equipment.
33
NT7502
1. Data Display
End of initialization
Function setup by command input (User setup) (2) Display start line set (3) Page address set (4) column address set
Function setup by command input (user setup) (6) Display data write
Function setup by command input (User setup) (1) Display ON/OFF
End of data display
2. Power OFF
Optional status
Function setup by command input (User setup) (20) Power save
VDD-VSS power OFF
The target time of 5ms will vary depending on the panel characteristics and capacitance of the smoothing capacitor. Therefore, we suggest you to conduct an operation check using the actual equipment.
34
NT7502
Absolute Maximum Rating*
DC Supply Voltage (VDD, VDD2) .................... .-0.3V to +3.6V DC Supply Voltage (VOUT) .............................. -0.3V to +12V DC Supply Voltage (V0)................................ -0.3V to +11.5V Input Voltage .......................................... -0.3V to VDD + 0.3V Operating Ambient Temperature...................-40C to +85C Storage Temperature ..................................-55C to +125C
*Comments
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this device. These are stress ratings only. Functional operation of this device under these or any other conditions above those indicated in the operational sections of this specification is not implied or intended. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
DC Characteristics (VSS = 0V, VDD = 2.7 - 3.3V TA = -40 to 85C unless otherwise specified) Symbol Parameter Min. Typ. Max. Unit Condition
VDD VDD2 VOUT V0
Operating Voltage Operating Voltage Booster output voltage Voltage regulator operation voltage
2.4 2.4 2.4 6.0 4.5 2.04 2.00 2.10 2.10 21
3.5 3.5 3.0 12.0 11.5 2.16 2.20 35
V V V V V V V TA = 25C, -0.05%/ C TA = 25C, -0.2%/ C Quadruple boosting
VREG1 Reference voltage VREG2 Reference voltage IDD1 Dynamic current consumption 1
IDD2
Dynamic current consumption 2
-
96
160
IDD3
Dynamic current consumption 3 Sleep mode current consumption Standby mode current consumption High-level input voltage Low-level input voltage
-
153
255
VDD = 3V, V0 = 11V, built-in power supply off, A display on, display data = checker and no access, TA = 25C 4X boosting, VDD, VDD2 = 3V, V0 = 11V, built-in power supply on, display on, display data = checker A and no access, TA = 25C, temperature gradient is -0.05%/ C, when V0 voltage internal resistor is used. Normal mode 4X boosting, VDD, VDD2 = 3V, V0 = 11V, built-in power supply on, display on, display data = checker A and no access, TA = 25C, temperature gradient is -0.05%/ C, when V0 voltage internal resistor is used. High power mode A During sleep, TA = 25C A During standby, TA = 25C V V A0, D0 - D7, RD (E), WR ( R / W ), CS1 , CS2,
ISP ISB VIHC VILC
0.01 4 0.8 X VDD VSS
5 8 VDD 0.2 X VDD
CLS, CL, FR, M/S, C86, P/S, DOF , RES , TMPS, VRS, IRS, and HPM IOH = -0.5mA (D0 - D7, FR, FRS, DOF , and CL) IOL = 0.5mA (D0 - D7, FR, FRS, DOF , and CL) VIN = VDD or VSS (A0, RD (E), WR ( R / W ), CS1 , A CS2, CLS, M/S, C86, P/S, IRS, TMPS, VRS and RES )
A
VOHC VOLC ILI
High-level output voltage Low -level output voltage Input leakage current
0.8 X VDD VSS -1.0
VDD 0.2 X VDD 1.0
V
IHZ
HZ leakage current
-3.0
3.0
When the D0 - D7, FR, CL, and DOF are in high impedance
35
NT7502
DC Characteristics (Continued) Symbol Parameter Min. Typ. Max. Unit Condition
RON1 RON2 CIN fOSC
LCD driver ON resistance LCD driver ON resistance Input pad capacity Oscillation frequency 27
2.0 3.2 5.0 33
3.5 5.4 8.0 39
k k pF kHZ
V0 = 11.0V V0 = 8.0V
TA = 25C, These are the resistance values for when a 0.1V voltage is applied between the output terminal SEGn or COMn and the various power supply terminals (V1, V2, V3, V4).
TA = 25C, f = 1MHz TA = 25C
Notes: 1. Voltages V0 V1 V2 V3 V4 Vss must always be satisfied.
36
NT7502
AC Characteristics
(1) System buses Read / Write characteristics 1 (For the 8080 Series MPU)
A0
tAS8 tAH8
CS1
(CS2 = "1")
tCYC8
WR,RD
tCCLW tCCLR tCCHW tCCHR
tDS8
tDH8
D0 - D7 (WRITE)
tACC8 tCH8
D0 - D7 (READ)
(VDD = 2.7 - 3.3V, TA = -40 - 85C)
Symbol Parameter Min. Typ. Max. Unit Condition
TAH8 TAS8 TCYC8 TCCLW TCCLR TCCHW TCCHR TDS8 TDH8 TACC8 TCH8
Address hold time Address setup time System cycle time Control L pulse width (WR) Control L pulse width (RD) Control H pulse width (WR) Control H pulse width (RD) Data setup time Data hold time
RD access time
0 0 300 90 120 120 60 40 15 140 10 100
ns ns ns ns ns ns ns ns ns ns ns CL = 100pF CL = 100pF
Output disable time
*1. The input signal rise time and fall time (tr, tf) is specified at 15ns or less. When the system cycle time is extremely fast, (tr+tf) (tCYC8-tCCLW-tCCHW) for (tr+tf) (tCYC8-tCCLR-tCCHR) are specified. *2. All timing is specified using 20% and 80% of VDD as the reference. *3. tCCLW and tCCLR are specified as the overlap between CS1 being "L" (CS2 = "H") and WR and RD being at the "L" level.
37
NT7502
System buses Read/Write Characteristics 2 (6800 Series MPU)
A0
R/ W
tAS6 tAH6
CS1
(CS2 = "1")
tCYC6
E
tEWHW tEWHR
tEWLW tEWLR tDS6 tDH6
D0 - D7 (WRITE)
tACC6 tOH6
D0 - D7 (READ)
(VDD = 2.7 - 3.3V, TA = -40 - 85C)
Symbol Parameter Min. Typ. Max. Unit Condition
TCYC6 TAS6 TAH6 TDS6 TDH6 TOH6 TACC6 TEWHR TEWHW TEWLR TEWLW
System cycle time Address setup time Address hold time Data setup time Data hold time Output disable time Access time Enable H pulse width (Read) Enable H pulse width (Write) Enable L pulse width (Read) Enable L pulse width (Write)
300 0 0 40 15 10 100 140 120 90 60 120
nS nS nS nS nS nS nS nS nS nS nS CL = 100pF CL = 100pF
*1. The input signal rise time and fall time (tr, tf) is specified at 15ns or less. When the system cycle time is extremely fast, (tr+tf) (tCYC6-tEWLW-tEWHW) for (tr+tf) (tCYC6-tEWLR-tEWHR) are specified. *2. All timings are specified using 20% and 80% of VDD as the reference. *3. tEWLW and tEWLR are specified as the overlap between CS1 being "L" (CS2 = "H") and E.
38
NT7502
(2) Serial Interface
CS1 (CS2 = "1")
tCSS
tCSH
tSAS
tSAH
A0
tSCYC
SCL
tSLW
tSHW
tf tSDS
tr tSDH
SI
(VDD = 2.7 - 3.3V, TA = -40 - 85C)
Symbol Parameter Min. Typ. Max. Unit Condition
TSCYC TSHW TSLW TSAS TSAH TSDS TSDH TCSS TCSH
Serial clock cycle Serial clock H pulse width Serial clock L pulse width Address setup time Address hold time Data setup time Data hold time cs serial clock time cs serial clock time
250 100 100 150 150 100 100 150 150
nS nS nS nS nS nS nS nS nS
*1. The input signal rise time and fall time (tr, tf) are specified at 15ns or less *2. All timings are specified using 20% and 80% of VDD as the standard.
39
NT7502
(3) Display Control Timing
CL (OUT)
tDFR
FR
(VDD = 2.7 - 3.3V, TA = -40 - 85C)
Symbol Parameter Min. Typ. Max. Unit Condition
TDFR
(4) Reset Timing
FR delay time
20
80
nS
CL = 50pF
RES
tRW
tR
Internal circuit status
During reset
End of reset
(VDD = 2.7 - 3.3V, TA = -40 - 85C)
Symbol Parameter Min. Typ. Max. Unit Condition
TR TRW
Reset time Reset low pulse width 1.0
1.0
S S
40
NT7502
Microprocessor Interface (for reference only)
8080-series microprocessors
VDD
Vcc
A0 A1 to A7 IORQ
A0
VDD
Decoder
CS1 CS2
C86 NT7502
MPU D0 to D7 D0 to D7
VSS VDD
RD WR
RES
GND
RD WR RES
VSS P/S
RESET
VSS
Figure. 8 6800-series microprocessors
VDD
VCC
A0 A1 to A15 VMA
A0
VDD VDD
Decoder
CS1 CS2
C86 NT7502
MPU D0 to D7 D0 to D7
E R/W
E R/W RES
VSS P/S
VDD
RES
GND
RESET
VSS
Figure. 9
41
NT7502
Connections between LCD Drivers (for reference only)
The liquid crystal display area can be enlarged with ease through the use of multiple NT7502 chips. Use same equipment type.
NT7502 (master) ! NT7502 (slave)
VDD VDD
R
R
RES
M/S FR
RES
FR
M/S
NT7502 Master CL CL
NT7502 Slave
DOF
DOF
Output
Input VSS
42
NT7502
Bonding Diagram
11032um
281 282 118 117
ALK_L
NT7502
DUMMY
DUMMY4
Y
ALK_R
(0,0)
X DUMMY
DUMMY5 DUMMY11
1150um
DUMMY0
298 1 100
101
Pad No.
Designation
X
Y
Pad No.
Designation
X
Y
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
NC FRS FR CL DOF NC VSS CS1 CS2 VDD RES A0 VSS
WR RD VDD
-4548.65 -4458.65 -4368.65 -4278.65 -4188.65 -4098.65 -4008.65 -3918.65 -3828.65 -3738.65 -3648.65 -3558.65 -3468.65 -3378.65 -3288.65 -3198.65 -3108.65 -3018.65 -2928.65 -2838.65 -2748.65 -2658.65 -2568.65 -2478.65 -2388.65 -2298.65 -2208.65 -2118.65 -2028.65 -1938.65
-497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60
VDD VDD VDD VDD2 VDD2 VDD2 VSS VSS VSS VSS VOUT VOUT CAP3+ CAP3+ CAP1CAP1CAP1+ CAP1+ CAP2+ CAP2+ CAP2CAP2VDD VEXT VRS VSS V1 V1 V2 V2
-1848.65 -1758.65 -1668.65 -1578.65 -1488.65 -1398.65 -1308.65 -1218.65 -1128.65 -1038.65 -948.65 -858.65 -768.65 -678.65 -588.65 -498.65 -408.65 -318.65 -228.65 -138.65 -48.65 41.35 131.35 221.35 311.35 401.35 491.35 581.35 671.35 761.35
-497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5
D0 D1 D2 D3 D4 D5 D6 D7 VSS VDD DUTY0 DUTY1 VSS VDD
43
NT7502
Bonding Diagram (continued)
Pad No. Designation X Y Pad No. Designation X Y
61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
V3 V3 V4 V4 V0 V0 VR VR VSS VSS VDD M/S CLS VSS C86 P/S VDD
HPM VSS
851.35 941.35 1031.35 1121.35 1211.35 1301.35 1391.35 1481.35 1571.35 1661.35 1751.35 1841.35 1931.35 2021.35 2111.35 2201.35 2291.35 2381.35 2471.35 2561.35 2651.35 2741.35 2831.35 2921.35 3011.35 3101.35 3191.35 3281.35 3371.35 3461.35 3551.35 3641.35 3731.35 3821.35 3911.35 4001.35 4091.35 4181.35 4271.35 4361.35
-497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5 -497.5
101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 139 139 140
COM31 COM30 COM29 COM28 COM27 COM26 COM25 COM24 COM23 COM22 COM21 COM20 COM19 COM18 COM17 COM16 COM15 COM14 COM13 COM12 COM11 COM10 COM9 COM8 COM7 COM6 COM5 COM4 COM3 COM2 COM1 COM0 COMS SEG0 SEG1 SEG2 SEG3 SEG4 SEG5 SEG6
5453 5453 5453 5453 5453 5453 5453 5453 5453 5453 5453 5453 5453 5453 5453 5453 5453 5303.5 5232.5 5167.5 5102.5 5037.5 4972.5 4907.5 4842.5 4777.5 4712.5 4647.5 4582.5 4517.5 4452.5 4387.5 4322.5 4257.5 4192.5 4127.5 4062.5 3997.5 3932.5 3867.5
-525.6 -454.6 -389.6 -324.6 -259.6 -194.6 -129.6 -64.6 0.4 65.4 130.4 195.4 260.4 325.4 390.4 455.4 526.4 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45
IRS VDD TMPS VSS NC NC NC NC NC NC TEST3 VDD NC NC NC NC NC NC NC NC NC
44
NT7502
Bonding Diagram (continued)
Pad No. Designation X Y Pad No. Designation X Y
141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180
SEG7 SEG8 SEG9 SEG10 SEG11 SEG12 SEG13 SEG14 SEG15 SEG16 SEG17 SEG18 SEG19 SEG20 SEG21 SEG22 SEG23 SEG24 SEG25 SEG26 SEG27 SEG28 SEG29 SEG30 SEG31 SEG32 SEG33 SEG34 SEG35 SEG36 SEG37 SEG38 SEG39 SEG40 SEG41 SEG42 SEG43 SEG44 SEG45 SEG46
3802.5 3737.5 3672.5 3607.5 3542.5 3477.5 3412.5 3347.5 3282.5 3217.5 3152.5 3087.5 3022.5 2957.5 2892.5 2827.5 2762.5 2697.5 2632.5 2567.5 2502.5 2437.5 2372.5 2307.5 2242.5 2177.5 2112.5 2047.5 1982.5 1917.5 1852.5 1787.5 1722.5 1657.5 1592.5 1527.5 1462.5 1397.5 1332.5 1267.5
504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45
181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 209 210 211 212 213 214 215 216 217 218 219 220
SEG47 SEG48 SEG49 SEG50 SEG51 SEG52 SEG53 SEG54 SEG55 SEG56 SEG57 SEG58 SEG59 SEG60 SEG61 SEG62 SEG63 SEG64 SEG65 SEG66 SEG67 SEG68 SEG69 SEG70 SEG71 SEG72 SEG73 SEG74 SEG75 SEG76 SEG77 SEG78 SEG79 SEG80 SEG81 SEG82 SEG83 SEG84 SEG85 SEG86
1202.5 1137.5 1072.5 1007.5 942.5 877.5 812.5 747.5 682.5 617.5 552.5 487.5 422.5 357.5 292.5 227.5 162.5 97.5 32.5 -32.5 -97.5 -162.5 -227.5 -292.5 -357.5 -422.5 -487.5 -552.5 -617.5 -682.5 -747.5 -812.5 -877.5 -942.5 -1007.5 -1072.5 -1137.5 -1202.5 -1267.5 -1332.5
504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45
45
NT7502
Bonding Diagram (continued)
Pad No. Designation X Y Pad No. Designation X Y
221 222 223 224 225 226 227 228 229 230 231 232 233 234 235 236 237 238 239 240 241 242 243 244 245 246 247 248 249 250 251 252 253 254 255 256 257 258 259 260
SEG87 SEG88 SEG89 SEG90 SEG91 SEG92 SEG93 SEG94 SEG95 SEG96 SEG97 SEG98 SEG99 SEG100 SEG101 SEG102 SEG103 SEG104 SEG105 SEG106 SEG107 SEG108 SEG109 SEG110 SEG111 SEG112 SEG113 SEG114 SEG115 SEG116 SEG117 SEG118 SEG119 SEG120 SEG121 SEG122 SEG123 SEG124 SEG125 SEG126
-1397.5 -1462.5 -1527.5 -1592.5 -1657.5 -1722.5 -1787.5 -1852.5 -1917.5 -1982.5 -2047.5 -2112.5 -2177.5 -2242.5 -2307.5 -2372.5 -2437.5 -2502.5 -2567.5 -2632.5 -2697.5 -2762.5 -2827.5 -2892.5 -2957.5 -3022.5 -3087.5 -3152.5 -3217.5 -3282.5 -3347.5 -3412.5 -3477.5 -3542.5 -3607.5 -3672.5 -3737.5 -3802.5 -3867.5 -3932.5
504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45
261 262 263 264 265 266 267 268 269 270 271 272 273 274 275 276 277 278 279 280 281 282 283 284 285 286 287 288 289 290 291 292 293 294 295 296 297 298
SEG127 SEG128 SEG129 SEG130 SEG131 COM32 COM33 COM34 COM35 COM36 COM37 COM38 COM39 COM40 COM41 COM42 COM43 COM44 COM45 COM46 COM47 COM48 COM49 COM50 COM51 COM52 COM53 COM54 COM55 COM56 COM57 COM58 COM59 COM60 COM61 COM62 COM63 COMS ALK_L ALK_R
-3997.5 -4062.5 -4127.5 -4192.5 -4257.5 -4322.5 -4387.5 -4452.5 -4517.5 -4582.5 -4647.5 -4712.5 -4777.5 -4842.5 -4907.5 -4972.5 -5037.5 -5102.5 -5167.5 -5232.5 -5303.5 -5453 -5453 -5453 -5453 -5453 -5453 -5453 -5453 -5453 -5453 -5453 -5453 -5453 -5453 -5453 -5453 -5453 5140 -5140
504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 504.45 526.4 455.4 390.4 325.4 260.4 195.4 130.4 65.4 0.4 -64.6 -129.6 -194.6 -259.6 -324.6 -389.6 -454.6 -525.6 200 200
46
NT7502
Dummy Pad Location (Total: 12 pin)
NO X Y NO X Y NO X Y NO X Y
0 1 2
-5060 -4970 -4880
-497.50 -497.50 -497.50
3 4 5
-4790 -4700 4460
-497.50 -497.50 -497.50
6 7 8
4550 4640 4730
-497.50 -497.50 -497.50
9 10 11
4820 4910 5000
-497.50 -497.50 -497.50
47
NT7502
Package Information
A1 A2 D3 162xm1xn D1 D3 A1 A2
C1 m3 D3 m3 H D1 J m1 n
C2
C1 m3 D3 m3 H J D1
15xnxm1 n m1 r
NT7502
4xm2xn 6xm2xn m1 n C3 n n m2 m2
r m1
15xnxm1 n
m4 D3 m3 C4
m4 D3 m3 C4
n
n
B1
D2
B2
D2
101xm1xn
D2
B3
D2
B4
Chip Outline Dimensions
Symbol Dimensions in m Symbol Dimensions in m
unit: m
A1 A2 B1 B2 B3 B4 C1 C2 C3 C4 D1
212.5 63 456 151.35 98.65 516 48.6 70.55 77.5 49.4 65
D2 D3 r H J m1 m2 m3 m4 n
90 71 35 304.45 313 42 46 56 58 90
48
NT7502
TAB Pin Layout
FR FRS COMS COM63 COM62 247 246 245 244 243
COM34 COM33 COM32 SEG131 SEG130
215 214 213 212 211 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 NC NC NC NC FR CL DOF NC CS1 CS2 RES A0 WR RD D0 D1 D2 D3 D4 D5 D6 D7 DUTY0 DUTY1 VDD VDD2 VSS VOUT NC CAP3+ CAP1CAP1+ CAP2+ CAP2VEXT VRS V1 V2 V3 V4 V0 VR M/S CLS C86 P/S HPM IRS NC
NT7502H-TABF1
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45
SEG2 SEG1 SEG0 COMS COM0 COM1
83 82 81 80 79 78
46 47
COM28 COM29 COM30 COM31
51 50 49 48
(Copper Side View)
49
NT7502
External View of TAB Pins
50
NT7502
Cautions Concerning Storage: 1. When storing the product, it is recommended to leave it in its shipping package. After the seal of the packing bag is removed , store the products in a nitrogen atmosphere. 2. Storage conditions are given below: Storage state Storage conditions Temperature: 5 to 30; humidity: 80%RH or less. Not opened (less than 90 days) After seal is torn (less than 30 days) Room temperature, dry nitrogen atmosphere 3. Don't store the product in a location exposed to corrosive gas or excessive dust. 4. Don't store the product in a location exposed to direct sunlight of subject to sharp changes in temperature. 5. Don't store the product such that it is subjected to an excessive load weight, such as stacking. 6. Deterioration of the plating may occur after long-term storage, so special care is required. It is recommended to inspect the products before use.
51
NT7502
Tray Information
f
Y
e
W1
W2
T2
T1
X
X
d
Y
g h
W1 W2 a g h T2 T1 b e
f
SECTION X-X
Tray Outline Dimensions
Symbol Dimensions in mm Symbol Dimensions in mm
SECTION Y-Y
c
5*33
unit: mm
a b c d e f
1.40 2.00 11.28 11.88 1.60 1.40
g h W1 W2 T1 T2
0.84 4.20 76.0 68.0 71.0 68.3
52
NT7502
Ordering Information
Part No. Package
NT7502H-BDT NT7502H-TABF1
Gold bump on chip tray TAB Form
53
NT7502
Data Sheet Version History Version
1.0
Content
Cu foil changed from 1/2OZ to 25m.(page50 & page51) Formal version released. TAB Pin arrangement direction changed from Polymide side to Copper side. (page1 & page 49) The Absolute Maximum Rating of V0 changed from 12V to 11.5V.(page35) AC Timing of TCCLW, TCCHW, TEWHW & TEWLW changed from 60ns, 60ns, 60ns, 60ns to 90ns, 120ns, 90ns, 120ns (page37 & page 38) Adding a pull-up resistor for the /Reset pin.(page 42) VDD2 Operating Voltage changed (page 36) Value of external capacitor changed (page 21) Figure 5 changed (page 14) Command description addition (page 33 - 35) Absolute maximum rating changed (page 36) Chip outline dimensions changed (page 46) Pad description changed (page 4, page 8) TAB information addition (page 1, page47 - 50) Ordering Information addition (page 51) Divided the power input pad and power output pad (page 4) Pad description changed (page 8) Table 10 changed (page 18) Pad description changed (page 4) Pad location addition Original
Date
May 2002
0.98
Apr. 2002
0.97 0.96 0.95 0.94 0.92 0.91 0.9 0.8 0.0
Oct. 2001 Sep. 2001 Aug. 2001 Jul. 2001 Apr. 2001 Jan. 2001 Oct. 2000 Mar. 2000 Sep. 1999
54


▲Up To Search▲   

 
Price & Availability of NT7502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X