Part Number Hot Search : 
7C135 PTM10 ZTACVMX 5KP140CA SBC81207 2SC544 PTM10 SU802833
Product Description
Full Text Search
 

To Download NFV10D330K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATIONS
PRODUCT TYPE MODEL CITATION REVISION TOTAL PAGES RELEASED DATE
VARISTOR NFV10D K
B01 5 Oct. 15, 2001
PAGE1/5
REVISION HISTORY
NO 1 2 3 4 5 6 7 8 9 10 11 12 REV. DATE Oct. 15, 20015 DCR NO. DESCRIPTION OF CHANGE NEW RELEASE REV. B01
Approved by
Checked by
Edited by
Yu-Chang Huang
Cloud Chen
Andy Chiang
TYPE CITATION SUBJECT
NFV10D K
MODEL DATE
PAGE
2/5
QUALITY APPROVAL and STRUCTURE
REV.
Oct. 15, 2001 B01
1. QUALITY SYSTEM APPROVAL
ISO9001 Certificate of approval No.97-HOU-AQ-1382
2. SAFETY STANDARDS APPROVAL
Standard No. File No. 180K680K 820K181K 201K471K 511K 561K821K 911K182K Approved Approved Approved Approved Approved Approved UL 1414 E181368 UL 1449 E166389 UL 497B E187844 Approved Approved Approved Approved Approved Approved Approved Approved Approved Approved CUL E166389
CSA C22.2 No.1
VDE 42000 5938 Approved Approved Approved Approved Approved Approved
LR105317
3. STRUCTURE
NO. 3.1 3.2 3.3 3.4 ITEM Main Material Coating Material Marking Appearance Zinc Oxide Silicone or Phenolic resin NFV, Part number, UL, CSA(or CUL) and VDE recognized component mark, Date code Without dirt and crack, marking should be clear
D(max.) k(max.) T(max.) F 12.5 5.0
DESCRIPTION
(1)
7.5 1.0 0.8 0.1 75 25.0
3.5
Dimensions
d (max.) L(min.)
Unit: mm
(1) See Page 3, Dimensions Table
TYPE CITATION SUBJECT
NFV10D K DIMENSIONS
Part No. 10D180K 10D220K 10D270K 10D330K 10D390K 10D470K 10D560K 10D680K 10D820K 10D101K 10D121K 10D151K 10D181K 10D201K 10D221K 10D241K 10D271K 10D301K 10D331K 10D361K 10D391K 10D431K 10D471K 10D511K 10D561K 10D621K 10D681K 10D751K 10D781K 10D821K 10D911K 10D102K 10D112K 10D182K
MODEL DATE
PAGE
3/5
TABLE
Tmax. 3.8 4.0 4.3 3.6 3.8 4.0 4.2 4.0 3.6 3.8 4.0 4.3 3.7 3.8 3.9 4.0 4.1 4.3 4.4 4.6 4.7 4.9 5.1 5.2 5.3 5.6 5.9 6.2 6.3 6.5 6.6 6.8 7.2 11.2 Unit:mm
REV.
Oct. 15, 2001 B01
TYPE CITATION SUBJECT
NFV10D K
MODEL DATE
PAGE
4/5
ELECTRICAL CHARACTERISTICS
REV.
Oct. 15, 2001 B01
4. ELECTRICAL CHARACTERISTICS
N0. ITEM PERFORMANCE TEST METHODS Unless otherwise specified, all tests are made under environmental conditions as given below: Temperature: 535 Relative humidity: 4585 % RH Maximum continuous sine wave(RMS) or DC voltage which may be applied. Voltage across the varistor measured at CmA DC.
VCmA at 85 VCmA at 25 VCmA at 25 x 1 60 x 100
4.0
Standard Conditions
4.1 4.2 4.3 4.4
Maximum Allowable Voltage Varistor Voltage Varistor Voltage Temperature Coefficient Max. Clamping Voltage Rated Power
AC : (2) Vrms DC : (2) V V1mA : (2) V 0 -0.05 %/ (2) V at (2) A
4.5
(2) W
4.6
Withstanding Surge Current
(2) A
4.7
Energy
(2) Joule
4.8
Surge Life
(2) A
Peak voltage across the varistor with a specified peak impulse current of 8x 20s waveform. Maximum 5060Hz power which may be loaded for 1,000 hrs at 85 2 with VCmA/ VCmA 10%. The max. current within the varistor voltage change of less than 10% when one impulse current (8x 20s) applied. The max. current with a varistor voltage change of less than 10% when two times impulse current (8x 20s) are applied at intervals of 5 minutes. The max. energy absorbed with a varistor voltage change of less than 10% when one impulse(10 x 1000s) is applied. The max. current with a varistor voltage change of less than 10% when 10,000 times impulse current (8x 20s) are applied at intervals of 20 seconds at room temperature.
(2) See Page 5
TYPE CITATION SUBJECT
MAXIMUM PART NUMBER ACrms(V) DC(V) 10D180K 10D220K 10D270K 10D330K 10D390K 10D470K 10D560K 10D680K 10D820K 10D101K 10D121K 10D151K 10D181K 10D201K 10D221K 10D241K 10D271K 10D301K 10D331K 10D361K 10D391K 10D431K 10D471K 10D511K 10D561K 10D621K 10D681K 10D751K 10D781K 10D821K 10D911K 10D102K 10D112K 10D182K 11 14 17 20 25 30 35 40 50 60 75 95 115 130 140 150 175 190 210 230 250 275 300 320 350 385 420 460 485 510 550 625 680 1000 14 18 22 26 31 38 45 56 65 85 100 125 150 170 180 200 225 250 275 300 320 350 385 410 460 505 560 615 640 670 745 825 895 1465 (V) ALLOWABLE VOLTAGE
NFV10D K
MODEL DATE
PAGE
5/5
ELECTRICAL CHARACTERISTICS
CLAMPING VOLTAGE (MAX.) (V) 36 43 53 65 77 93 110 135 135 165 200 250 300 340 360 395 455 505 545 595 650 710 775 845 920 1025 1120 1240 1290 1355 1500 1650 1815 2970 Ip(A) RATED SURGE
REV.
Oct. 15, 2001 B01
VARISTOR VOLTAGE
MAXIMUM
WATTAGE CURRENT ENERGY (8/20s) (10/1000s) (MAX.) (W) Itm(A)
1 TIME 2 TIMES
SURGE LIFE (A)
Wtm(joule) 2.6 3.2 3.9 4.8 5.6 6.8 8.1 9.8 14 17 20 25 32 35 39 42 49 54 58 65 70 80 85 92 92 92 92 100 105 110 130 140 155 247
1620 2024 2430 3036 3543 4252 5062 6175 7490 90110 108132 135165 162198 185225 198242 216264 247303 270330 297363 324396 351429 387473 423517 459561 504616 558682 612748 675825 702858 738902 8191001 9001100 9901210 17001980
5
0.05
1000
500
50
25
0.4
3500 2500
150
120


▲Up To Search▲   

 
Price & Availability of NFV10D330K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X