Part Number Hot Search : 
D452A 9010D AD8039 RN1414 1616A BRF1060 M38256 12N23
Product Description
Full Text Search
 

To Download NCP1653 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCP1653 Compact Fixed-Frequency Current-Mode Power Factor Correction Controller
The NCP1653 is a controller designed for Continuous Conduction Mode (CCM) Power Factor Correction boost circuits. It operates in the follower boost or constant output voltage in 100 kHz fixed switching frequency. Follower boost offers the benefits of reduction of output voltage and hence reduction in the size and cost of the inductor and power switch. Housed in a DIP-8 or SO-8 package, the circuit minimizes the number of external components and drastically simplifies the CCM PFC implementation. It also integrates high safety protection features. The NCP1653 is a driver for robust and compact PFC stages.
Features http://onsemi.com MARKING DIAGRAMS
8 8 1 PDIP-8 P SUFFIX CASE 626 1 NCP1653 AWL YYWW
* * * * * * * * * * * * * * * * *
IEC1000-3-2 Compliant Continuous Conduction Mode Average Current-Mode or Peak Current-Mode Operation Constant Output Voltage or Follower Boost Operation Very Few External Components 100 kHz Fixed Switching Frequency Soft-Start Capability VCC Undervoltage Lockout with Hysteresis (8.7 / 13.25 V) Overvoltage Protection (107% of Nominal Output Level) Undervoltage Protection or Shutdown (8% of Nominal Output Level) Programmable Overcurrent Protection Programmable Overpower Limitation Thermal Shutdown with Hysteresis (120 / 150_C) TV & Monitors PC Desktop SMPS AC Adapters SMPS White Goods
EMI Filter
8 1 SO-8 D SUFFIX CASE 751 A WL, L YY, Y WW, W
8 1653 ALYW 1
= Assembly Location = Wafer Lot = Year = Work Week
PIN CONNECTIONS
FB 1 Vcontrol 2 In 3 CS 4 (Top View) 8 VCC 7 Drv 6 Gnd 5 VM
Typical Applications
AC Input
Output
ORDERING INFORMATION
Device 15 V FB VCC Vcontrol Drv In Gnd CS VM NCP1653 NCP1653P NCP1653DR2 Package PDIP-8 SO-8 Shipping 50 Units/Tube 2500 Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
Figure 1. Typical Application Circuit
(c) Semiconductor Components Industries, LLC, 2004
1
December, 2004 - Rev. 1
Publication Order Number: NCP1653/D
NCP1653
Iin Vin L IL Output Voltage (Vout)
AC Input
EMI Filter
Cfilter RCS IL
Cbulk on off
RFB
IFB Vcontrol
1
FB / SD 9V
Current Mirror
Vreg
2
300 k 9V Ccontrol
96% I ref
I ref I FB
0
1
1
0
VCC
13.25 V / 8.7 V
Regulation Block UVLO
- +
VCC
8
18 V
Overvoltage Protection (IFB > 107% Iref) Shutdown / UVP (IFB < 8% Iref) 4% Iref Hysteresis VCC Reference Block
Icontrol =
Vcontrol R1
&
Current Mirror Overpower Limitation (IS Ivac > 3 nA2) RMISIvac 2 Icontrol
Rvac
12 k
In
3
9V
Ivac Cvac
Turn on VM Internal Bias
5
IM 9V RM Vref Ich
-
VM = Thermal Shutdown (120 / 150 C) PFC Modulation
x
CM
Overcurrent Protection (IS > 200 mA)
CS Current Mirror VCC 9V Drv
4
IS RS
+ Cramp Gnd 0 1
+
Vramp 100 kHz clock with 250 ns pulse
OR
R S
Q Output Driver
7
6
Figure 2. Functional Block Diagram
http://onsemi.com
2
NCP1653
PIN FUNCTION DESCRIPTION
Pin 1 Symbol FB / SD Name Feedback / Shutdown Function This pin receives a feedback current IFB which is proportional to the PFC circuit output voltage. The current is for output regulation, output overvoltage protection (OVP), and output undervoltage protection (UVP). When IFB goes above 107% Iref, OVP is activated and the Drive Output is disabled. When IFB goes below 8% Iref, the device enters a low-consumption shutdown mode. The voltage of this pin Vcontrol directly controls the input impedance and hence the power factor of the circuit. This pin is connected to an external capacitor Ccontrol to limit the Vcontrol bandwidth typically below 20 Hz to achieve near unity power factor. The device provides no output when Vcontrol = 0 V. Hence, Ccontrol also works as a soft-start capacitor. This pin sinks an input-voltage current Ivac which is proportional to the RMS input voltage Vac. The current Ivac is for overpower limitation (OPL) and PFC duty cycle modulation. When the product (ISIvac) goes above 3 nA2, OPL is activated and the Drive Output duty ratio is reduced by pulling down Vcontrol indirectly to reduce the input power. This pin sources a current IS which is proportional to the inductor current IL. The sense current IS is for overcurrent protection (OCP), overpower limitation (OPL) and PFC duty cycle modulation. When IS goes above 200 mA, OCP is activated and the Drive Output is disabled. This pin provides a voltage VM for the PFC duty cycle modulation. The input impedance of the PFC circuit is proportional to the resistor RM externally connected to this pin. The device operates in average current-mode if an external capacitor CM is connected to the pin. Otherwise, it operates in peak current-mode. - This pin provides an output to an external MOSFET. This pin is the positive supply of the device. The operating range is between 8.75 V and 18 V with UVLO start threshold 13.25 V.
2
Vcontrol
Control Voltage / Soft-Start
3
In
Input Voltage Sense
4
CS
Input Current Sense Multiplier Voltage
5
VM
6 7 8
Gnd Drv VCC
The IC Ground Drive Output Supply Voltage
MAXIMUM RATINGS
Rating FB, Vcontrol, In, CS, VM Pins (Pins 1-5) Maximum Voltage Range Maximum Current Drive Output (Pin 7) Maximum Voltage Range Maximum Current Range (Note 2) Power Supply Voltage (Pin 8) Maximum Voltage Range Maximum Current Power Dissipation and Thermal Characteristics P suffix, Plastic Package, Case 626 Maximum Power Dissipation @ TA = 70C Thermal Resistance Junction-to-Air D suffix, Plastic Package, Case 751 Maximum Power Dissipation @ TA = 70C Thermal Resistance Junction-to-Air Operating Junction Temperature Range Storage Temperature Range Symbol Vmax Imax Vmax Imax Vmax Imax Value -0.3 to +9 100 -0.3 to +18 1.5 -0.3 to +18 100 Unit V mA V A V mA
PD RqJA PD RqJA TJ Tstg
800 100 450 178 -40 to +125 -65 to +150
mW C/W mW C/W C C
1. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum-rated is not implied. Functional operation should be restricted to the Recommended Operating Conditions. A. This device series contains ESD protection and exceeds the following tests: Pins 1-8: Human Body Model 2000 V per MIL-STD-883, Method 3015. Machine Model Method 190 V. B. This device contains Latchup protection and exceeds 100 mA per JEDEC Standard JESD78. 2. Guaranteed by design.
http://onsemi.com
3
NCP1653
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25C. For min/max values, TJ = -40C to +125C, VCC = 15 V,
IFB = 100 mA, Ivac = 30 mA, IS = 0 mA, unless otherwise specified) Characteristics OSCILLATOR Switching Frequency Maximum Duty Cycle (VM = 0 V) (Note 3) GATE DRIVE Gate Drive Resistor Output High and Draw 100 mA out of Drv pin (Isource = 100 mA) Output Low and Insert 100 mA into Drv pin (Isink = 100 mA) Gate Drive Rise Time from 1.5 V to 13.5 V (Drv = 2.2 nF to Gnd) Gate Drive Fall Time from 13.5 V to 1.5 V (Drv = 2.2 nF to Gnd) 7 ROH ROL 7 7 tr tf Iref IregL/Iref Rcontrol Vcontrol(max) VFB1 5.0 2.0 - - 9.0 6.6 88 61.5 20 18 - - W W ns ns mA % kW V V V % mA ns % % mA ns 7 7 fSW Dmax 90 94 102 - 110 - kHz % Pin Symbol Min Typ Max Unit
FEEDBACK / OVERVOLTAGE PROTECTION / UNDERVOLTAGE PROTECTION Reference Current (VM = 3 V, TJ = 0C to + 105C) Regulation Block Ratio Vcontrol Pin Internal Resistor Maximum Control Voltage (IFB = 100 mA) Feedback Pin Voltage (IFB = 100 mA) Feedback Pin Voltage (IFB = 200 mA) Overvoltage Protection OVP Ratio (TJ = 0C to + 105C) Current Threshold Propagation Delay Undervoltage Protection (VM = 3 V) UVP Activate Threshold Ratio (TJ = 0C to + 105C) UVP Deactivate Threshold Ratio (TJ = 0C to + 105C) UVP Lockout Hysteresis Propagation Delay CURRENT SENSE Current Sense Pin Offset Voltage (IS = 100 mA) Overcurrent Protection Threshold (VM = 1 V) OVERPOWER LIMITATION Input Voltage Sense Pin Internal Resistor Over Power Limitation Threshold Sense Current Threshold (Ivac = 30 mA, VM = 3 V) Sense Current Threshold (Ivac = 100 mA, VM = 3 V) CURRENT MODULATION PWM Comparator Reference Voltage Multiplier Current (Vcontrol = Vcontrol(max), Ivac = 30 mA, IS = 25 mA) Multiplier Current (Vcontrol = Vcontrol(max), Ivac = 30 mA, IS = 75 mA) Multiplier Current (Vcontrol = Vcontrol(max) / 10, Ivac = 30 mA, IS = 25 mA) Multiplier Current (Vcontrol = Vcontrol(max) / 10, Ivac = 30 mA, IS = 75 mA) THERMAL SHUTDOWN Thermal Shutdown Threshold (Note 3) Thermal Shutdown Hysteresis 3. Guaranteed by design. - - TSD - 150 - - 30 - - C C 5 5 Vref IM1 IM2 IM3 IM4 2.25 1.0 3.2 10 30 2.62 2.85 9.5 35 103.5 2.75 5.8 18 58 180 V mA mA mA mA 4 3-4 4 Rvac(int) IS x Ivac IS(OPL1) IS(OPL2) - - 80 24 12 3.0 100 32 - - 140 48 kW nA2 mA mA 4 4 VS IS(OCP) 0 185 10 200 30 215 mV mA 1 1 2 2 1 1 IOVP/Iref IOVP tOVP 1 IUVP(on)/Iref IUVP(off)/Iref IUVP(H) tUVP 4.0 7.0 4.0 - 8.0 12 8.0 500 15 23 - - 104 - - 107 214 500 - 230 - 194 95 - - 1.0 1.3 200 96 300 2.4 1.5 1.8 206 98 - - 1.9 2.2
http://onsemi.com
4
NCP1653
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25C. For min/max values, TJ = -40C to +125C, VCC = 15 V,
IFB = 100 mA, Ivac = 30 mA, IS = 0 mA, unless otherwise specified) Characteristics SUPPLY SECTION Supply Voltage UVLO Startup Threshold Minimum Operating Voltage after Startup UVLO Hysteresis Supply Current: Startup (VCC = VCC(on) - 0.2 V, TJ = -40C to +125C) Startup (VCC = VCC(on) - 0.2 V, TJ = 0C to +105C) Operating (VCC = 15 V, Drv = open, VM = 3 V) Operating (VCC = 15 V, Drv = 1 nF to Gnd, VM = 1 V) Shutdown (VCC = 15 V and IFB = 0 A) 8 VCC(on) VCC(off) VCC(H) 8 Istup Istup ICC1 ICC2 Istdn - - - - - 18 18 3.7 4.7 33 180 88 5.0 6.0 50 mA mA mA mA mA 12.25 8.0 4.0 13.25 8.7 4.55 14.5 9.5 - V V V Pin Symbol Min Typ Max Unit
TYPICAL CHARACTERISTICS
108 fSW, SWITCHING FREQUENCY (kHz) 107 106 105 104 103 102 101 100 99 98 -50 -25 0 25 50 75 100 125 Dmax, MAXIMUM DUTY CYCLE (%) 100 99 98 97 96 95 94 93 92 91 90 -50 -25 0 25 50 75 100 125 VM = 0 V
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 3. Switching Frequency vs. Temperature
Figure 4. Maximum Duty Cycle vs. Temperature
ROH & ROL, GATE DRIVE RESISTANCE (W)
14 Iref, REFERENCE CURRENT (mA) 125 12 10 8 6 4 2 0 -50 ROL ROH
205 204 203 202 201 200 199 198 197 196 195 -50 -25 0 25 50 75 100 125
-25
0
25
50
75
100
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 5. Gate Drive Resistance vs. Temperature
Figure 6. Reference Current vs. Temperature
http://onsemi.com
5
NCP1653
TYPICAL CHARACTERISTICS
3 TJ = 125C Vcontrol, CONTROL VOLTAGE (V) 2.5 TJ = -40C 2 1.5 1 0.5 0 100 TJ = 25C REGULATION BLOCK RATIO (%) 100 99 98 97 96 95 94 93 92 91 90 -50 -25 0 25 50 75 100 125
120
140
160
180
200
220
IFB, FEEDBACK CURRENT (mA)
TJ, JUNCTION TEMPERATURE (C)
Figure 7. Regulation Block
Figure 8. Regulation Block Ratio vs. Temperature
2.5 FEEDBACK PIN VOLTAGE (V)
3.0 MAXIMUM CONTROL VOLTAGE (V) 2.9 2.8 2.7 2.6 2.5 2.4 2.3 2.2 2.1 2.0 -50 -25 0 25 50 75 100 125
2 IFB = 200 mA 1.5 IFB = 100 mA 1
0.5
0 -50
-25
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 9. Maximum Control Voltage vs. Temperature
OVERVOLTAGE PROTECTION RATIO (%) 2.5 FEEDBACK PIN VOLTAGE (V) TJ = -40C 120 118 116 114 112 110 108 106 104 102 100 -50
Figure 10. Feedback Pin Voltage vs. Temperature
2
1.5 TJ = 25C 1 TJ = 125C
0.5
0 0 50 100 150 200 250 IFB, FEEDBACK PIN CURRENT (mA)
-25
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (C)
Figure 11. Feedback Pin Voltage vs. Feedback Current
Figure 12. Overvoltage Protection Ratio vs. Temperature
http://onsemi.com
6
NCP1653
TYPICAL CHARACTERISTICS
OVERVOLTAGE PROTECTION THRESHOLD (mA) 220 UNDERVOLTAGE PROTECTION THRESHOLD RATIO (%) 218 216 214 212 210 208 206 204 202 200 -50 -25 0 25 50 75 100 125 16 14 12 10 8 6 4 2 0 -50 -25 0 25 50 75 100 125 IUVP(on)/Iref IUVP(off)/Iref
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 13. Overvoltage Protection Threshold vs. Temperature
250 205 OVERCURRENT PROTECTION THRESHOLD (mA) 204 203 202 201 200 199 198 197 196 195 -50
Figure 14. Undervoltage Protection Thresholds vs. Temperature
CURRENT SENSE PIN VOLTAGE (V)
200
150
100
TJ = -40 C TJ = 125 C TJ = 25 C
50
0 0 50 100 150 200 250 IS, SENSE CURRENT (mA)
-25
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (C)
Figure 15. Current Sense Pin Voltage vs. Sense Current
OVERPOWER LIMITATION THRESHOLD (nA2) 4 3.5 3 2.5 2 1.5 1 0.5 0 -50 0 25 50 75 100 125 Ivac = 30 mA Ivac = 100 mA 7 6 Vvac, IN PIN VOLTAGE (V) 5 4 3 2 1 0 -25
Figure 16. Overcurrent Protection Threshold vs. Temperature
TJ = -40 C TJ = 25 C TJ = 125 C
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (C)
Ivac, INPUT-VOLTAGE CURRENT (mA)
Figure 17. Overpower Limitation Threshold vs. Temperature
Figure 18. In Pin Voltage vs. Input-Voltage Current
http://onsemi.com
7
NCP1653
TYPICAL CHARACTERISTICS
PWM COMPARATOR REF. VOLTAGE (V) 3 MAXIMUM CONTROL CURRENT (mA) 2.9 2.8 2.7 2.6 2.5 2.4 2.3 2.2 2.1 2 -50 -25 0 25 50 75 100 125 180 160 140 120 100 80 60 40 Ivac = 30 mA Vcontrol = Vcontrol(max) IS Ivac 2IM 0 25 50 75 100 125 derived from the (eq.8) IS = 75 mA IS = 25 mA
20 Icontrol = 0 -50 -25
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 19. PWM Comparator Reference Voltage vs. Temperature
10% OF MAXIMUM CONTROL CURRENT (mA) 12 10 8 6 4 2 Icontrol = 0 -50 -25 Ivac = 30 mA Vcontrol = 10 % Vcontrol(max) IS Ivac 2IM 0 25 50 75 100 125 derived from the (eq.8) SUPPLY VOLTAGE UNDERVOLTAGE LOCKOUT THRESHOLDS (V) IS = 75 mA IS = 25 mA 14 13 12 11 10 9 8 7 6 -50
Figure 20. Maximum Control Current vs. Temperature
VCC(on)
VCC(off)
-25
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 21. 10% of Maximum Control Current vs. Temperature
100 90 80 70 60 50 40 30 20 10 0 -50 -25 0 25 50 75 100 125 Istdn Istup 6 5 4 3 2 1
Figure 22. Supply Voltage Undervoltage Lockout Thresholds vs. Temperature
SUPPLY CURRENT IN STARTUP AND SHUTDOWN MODE (mA)
OPERATING SUPPLY CURRENT (mA)
ICC2, 1 nF Load
ICC1, No Load
VCC = 15 V 0 -50 -25 0 25 50 75 100 125
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 23. Supply Current in Startup and Shutdown Mode vs. Temperature
Figure 24. Operating Supply Current vs. Temperature
http://onsemi.com
8
NCP1653
FUNCTIONAL DESCRIPTION
Introduction
The NCP1653 is a Power Factor Correction (PFC) boost controller designed to operate in fixed-frequency Continuous Conduction Mode (CCM). It can operate in either peak current-mode or average current-mode. Fixed-frequency operation eases the compliance with EMI standards and the limitation of the possible radiated noise that may pollute surrounding systems. The CCM operation reduces the application di/dt and the resulting interference. The NCP1653 is designed in a compact 8-pin package which offers the minimum number of external components. It simplifies the design and reduces the cost. The output stage of the NCP1653 incorporates 1.5 A current capability for direct driving of the MOSFET in high-power applications. The NCP1653 is implemented in constant output voltage or follower boost modes. The follower boost mode permits one to significantly reduce the size of the PFC circuit inductor and power MOSFET. With this technique, the output voltage is not set at a constant level but depends on the RMS input voltage or load demand. It allows lower output voltage and hence the inductor and power MOSFET size or cost are reduced. Hence, NCP1653 is an ideal candidate in high-power applications where cost-effectiveness, reliability and high power factor are the key parameters. The NCP1653 incorporates all the necessary features to build a compact and rugged PFC stage. The NCP1653 provides the following protection features: 1. Overvoltage Protection (OVP) is activated and the Drive Output (Pin 7) goes low when the output voltage exceeds 107% of the nominal regulation level which is a user-defined value. The circuit automatically resumes operation when the output voltage becomes lower than the 107%. 2. Undervoltage Protection (UVP) is activated and the device is shut down when the output voltage goes below 8% of the nominal regulation level. The circuit automatically starts operation when the output voltage goes above 12% of the nominal regulation level. This feature also provides output open-loop protection, and an external shutdown feature. 3. Overpower Limitation (OPL) is activated and the Drive Output (Pin 7) duty ratio is reduced by pulling down an internal signal when a computed input power exceeds a permissible level. OPL is automatically deactivated when this computed input power becomes lower than the permissible level. 4. Overcurrent Protection (OCP) is activated and the Drive Output (Pin 7) goes low when the inductor current exceeds a user-defined value. The operation resumes when the inductor current becomes lower than this value.
5. Thermal Shutdown (TSD) is activated and the Drive Output (Pin 7) is disabled when the junction temperature exceeds 150_C. The operation resumes when the junction temperature falls down by typical 30_C.
CCM PFC Boost
A CCM PFC boost converter is shown in Figure 25. The input voltage is a rectified 50 or 60 Hz sinusoidal signal. The MOSFET is switching at a high frequency (typically 102 kHz in the NCP1653) so that the inductor current IL basically consists of high and low-frequency components. Filter capacitor Cfilter is an essential and very small value capacitor in order to eliminate the high-frequency component of the inductor current IL. This filter capacitor cannot be too bulky because it can pollute the power factor by distorting the rectified sinusoidal input voltage.
Iin Vin Cfilter IL L Vout Cbulk
Figure 25. CCM PFC Boost Converter PFC Methodology
The NCP1653 uses a proprietary PFC methodology particularly designed for CCM operation. The PFC methodology is described in this section.
IL Iin
t1 T
t2
time
Figure 26. Inductor Current in CCM
As shown in Figure 26, the inductor current IL in a switching period T includes a charging phase for duration t1 and a discharging phase for duration t2. The voltage conversion ratio is obtained in (eq.1).
t ) t2 Vout T +1 + t2 T * t1 Vin Vin + T * t1 Vout T
(eq.1)
http://onsemi.com
9
NCP1653
The input filter capacitor Cfilter and the front-ended EMI filter absorbs the high-frequency component of inductor current IL. It makes the input current Iin a low-frequency signal only of the inductor current.
Iin + IL-50
(eq.2)
t1 CrampVref T * t1 VM + Vref * + Vref Cramp T T
(eq.6)
From (eq.3) and (eq.6), the input impedance Zin is re-formulated in (eq.7).
Zin + VM Vout Vref IL-50
(eq.7)
The suffix 50 means it is with a 50 or 60 Hz bandwidth of the original IL. From (eq.1) and (eq.2), the input impedance Zin is formulated.
T * t1 Vout V Zin + in + Iin T IL-50
(eq.3)
Because Vref and Vout are roughly constant versus time, the multiplier voltage VM is designed to be proportional to the IL-50 in order to have a constant Zin for PFC purpose. It is illustrated in Figure 28.
Power factor is corrected when the input impedance Zin in (eq.3) is constant or slowly varying in the 50 or 60 Hz bandwidth.
VM Ich + Cramp 0 1 Vref PFC Modulation - R + Vramp S Q
V in
I in IL
time
time VM time
clock Vref
Figure 28. Multiplier Voltage Timing Diagram
Vramp VM VM without filtering Clock Latch Set Latch Reset Output IM Inductor Current VM RM Ivac IS 2Icontrol
It can be seen in the timing diagram in Figure 27 that VM originally consists of a switching frequency ripple coming from the inductor current IL. The duty ratio can be inaccurately generated due to this ripple. This modulation is the so-called "peak current-mode". Hence, an external capacitor CM connected to the multiplier voltage VM pin (Pin 5) is essential to bypass the high-frequency component of VM. The modulation becomes the so-called "average current-mode" with a better accuracy.
5
VM =
Figure 27. PFC Duty Modulation and Timing Diagram
CM
RM
PFC Duty Modulation
The PFC duty modulation and timing diagram is shown in Figure 27. The MOSFET on time t1 is generated by the intersection of reference voltage Vref and ramp voltage Vramp. A relationship in (eq.4) is obtained.
It Vramp + VM ) ch 1 + Vref Cramp
(eq.4)
Figure 29. External Connection on the Multiplier Voltage Pin
The charging current Ich is specially designed as in (eq.5). The multiplier voltage VM is therefore expressed in terms of t1 in (eq.6).
Ich + Cramp Vref T
(eq.5)
The multiplier voltage VM is generated according to (eq.8).
RI I VM + M vac S 2 Icontrol
(eq.8)
Input-voltage current Ivac is proportional to the RMS input voltage Vac as described in (eq.9). The suffix ac
http://onsemi.com
10
NCP1653
stands for the RMS. It is a constant in the 50 or 60 Hz bandwidth. Multiplier resistor RM is the external resistor connected to the multiplier voltage VM pin (Pin 5). It is also constant.
2 Vac * 4 V V Ivac + [ ac (Rvac ) 12 kW) R vac
(eq.9)
Sense current IS is proportional to the inductor current IL as described in (eq.10). IL consists of the high-frequency component (which depends on di/dt or inductor L) and low-frequency component (which is IL-50).
R IS + CS IL RS
(eq.10)
Practically, the differential-mode inductance in the front-ended EMI filter improves the filtering performance of capacitor Cfilter. Therefore, the multiplier capacitor CM is generally with a larger value comparing to the filter capacitor Cfilter. Input and output power (Pin and Pout) are derived in (eq.13) when the circuit efficiency is obtained or assumed. The variable Vac stands for the RMS input voltage.
V2 2 RS R vac Icontrol Vref Vac Pin + ac + Zin RM RCS Vout
(eq.13a)
Control current Icontrol is a roughly constant current which comes from the PFC output voltage Vout which is a slowly varying signal. The bandwidth of Icontrol can be additionally limited by inserting an external capacitor Ccontrol to the control voltage Vcontrol pin (Pin 2) in Figure 30. It is recommended to limit fcontrol, which is the bandwidth of Vcontrol, below 20 Hz typically to achieve power factor correction purpose. Typical value of Ccontrol is between 0.1 mF and 0.33 mF.
Vreg 300 k I control = 96% I ref I ref IFB Regulation Block 2 Vcontrol Ccontrol Vcontrol R1
T
Vcontrol Vac Vout 2 RS R vac Icontrol Vref Vac RM RCS Vout
(eq.13b)
Pout + hPin + h
V V T control ac Vout
where Vcontrol T Icontrol.
Follower Boost
The NCP1653 operates in follower boost mode when Vcontrol is constant. If Vcontrol is a constant based on (eq.13), for a constant load or power demand the output voltage Vout of the converter is proportional to the RMS input voltage Vac. It means the output voltage Vout becomes lower when the RMS input voltage Vac becomes lower. On the other hand, the output voltage Vout becomes lower when the load or power demand becomes higher. It is illustrated in Figure 31.
V out (Traditional boost)
Figure 30. Vcontrol Low-Pass Filtering 1 Ccontrol u 2 p 300 kW fcontrol
V out (Follower boost) (eq.11) V in
From (eq.7)-(eq.10), the input impedance Zin is re-formulated in (eq.12).
Zin + Zin + RM RCS Vac Vout IL 2 RS R vac Icontrol Vref IL-50
(eq.12)
time
RM RCS Vac Vout whenIL + IL-50 2 RS R vac Icontrol Vref
P out time
The multiplier capacitor CM is the one to filter the high-frequency component of the multiplier voltage VM. The high-frequency component is basically coming from the inductor current IL. On the other hand, the filter capacitor Cfilter similarly removes the high-frequency component of inductor current IL. If the capacitors CM and Cfilter match with each other in terms of filtering capability, IL becomes IL-50. Input impedance Zin is roughly constant over the bandwidth of 50 or 60 Hz and power factor is corrected.
Figure 31. Follower Boost Characteristics Follower Boost Benefits
The follower boost circuit offers an opportunity to reduce the output voltage Vout whenever the RMS input voltage Vac is lower or the power demand Pout is higher. Because of the step-up characteristics of boost converter, the output voltage Vout will always be higher than the input voltage
http://onsemi.com
11
NCP1653
Vin even though Vout is reduced in follower boost operation. As a result, the on time t1 is reduced. Reduction of on time makes the loss of the inductor and power MOSFET smaller. Hence, it allows cheaper cost in the inductor and power MOSFET.
Output Feedback
Vout 96% Iref RFB Pout(min) 1 2 Pout(max)
1. Pout increases, Vout decreases 2. Vac decreases, Vout decreases
V in
The output voltage Vout of the PFC circuit is sensed as a feedback current IFB flowing into the FB pin (Pin 1) of the device. Since the FB pin voltage VFB1 is much smaller than Vout, it is usually neglected.
V * VFB1 V IFB + out [ out RFB RFB
(eq.14)
Vac(min)
Vac(max)
Vac
Figure 33. Follower Boost Region Region (2): 96% x Iref < IFB < Iref
where RFB is the feedback resistor across the FB pin (Pin 1) and the output voltage referring to Figure 2. Then, the feedback current IFB represents the output voltage Vout and will be used in the output voltage regulation, undervoltage protection (UVP), and overvoltage protection (OVP).
Output Voltage Regulation
When IFB is between 96% and 100% of Iref (i.e., 96% RFB x Iref < Vout < RFB x Iref), the NCP1653 operates in constant output voltage mode which is similar to the follower boost mode characteristic but with narrow output voltage range. The regulation block output Vreg decreases linearly with IFB in the range from 96% of Iref to Iref. It gives a linear function of Vcontrol in (eq.16).
Vcontrol + Vcontrol(max) Vout 1* 0.04 RFB Iref Vac
Pout RM RCS R1 0.04 2 RS R vac Vref Vcontrol(max) h ac ) RFB Iref V
(eq.16)
Feedback current IFB which represents the output voltage Vout is processed in a function with a reference current (Iref = 200 mA typical) as shown in regulation block function in Figure 32. The output of the regulation block is Vreg which is considered to be the signal Vcontrol after the low-pass filter in Figure 30. There are three linear regions including: (1) IFB < 96% x Iref, (2) 96% x Iref Iref. They are discussed separately as follows:
Vreg
Resolving (eq.16) and (eq.13),
Vout +
(eq.17)
96% Iref
Iref
IFB
Figure 32. Regulation Block Region (1): IFB < 96% x Iref
According to (eq.17), output voltage Vout becomes RFB x Iref when power is low (Pout 0). It is the maximum value of Vout in this operating region. Hence, it can be concluded that output voltage increases when power decreases. It is similar to the follower boost characteristic in (eq.15). On the other hand in (eq.17), output voltage Vout becomes RFB x Iref when RMS input voltage Vac is very high. It is the maximum value of Vout in this operating region. Hence, it can also be concluded that output voltage increases when RMS input voltage increases. It is similar to another follower boost characteristic in (eq.15). This characteristic is illustrated in Figure 34.
Vout Iref RFB 96% Iref RFB 1. Pout increases, Vout decreases 2. Vac decreases, Vout decreases V ac(min) Vac(max) Vac Pout(min) 1 2 Pout(max)
When IFB is less than 96% of Iref (i.e., Vout < 96% RFB x Iref), the NCP1653 operates in follower boost mode. The regulation block output Vreg is at its maximum value. Vcontrol becomes its maximum value (i.e., Vcontrol = Vcontrol(max)) which is a constant. (eq.13) becomes (eq.15).
Vout + h 2 RS R vac Vcontrol(max) Vref Vac RM RCS R1 Pout
(eq.15)
Figure 34. Constant Output Voltage Region Region (3): IFB > Iref
V T ac Pout
The output voltage Vout is regulated at a particular level with a particular value of RMS input voltage Vac and output power Pout. However, this output level is not constant and depending on different values of Vac and Pout. The follower boost operating area is illustrated in Figure 33.
When IFB is greater than Iref (i.e., Vout > RFB x Iref), the NCP1653 provides no output or zero duty ratio. The regulation block output Vreg becomes 0 V. Vcontrol also becomes 0 V. The multiplier voltage VM in (eq.8) becomes its maximum value and generates zero on time t1. Then,
http://onsemi.com
12
NCP1653
Vout decreases to its minimum which is Vout = Vin in a boost converter. Going down to Vin, Vout automatically enters the previous two regions (i.e., follower boost region or constant output voltage region) and hence output voltage Vout does not reach input voltage Vin as long as the NCP1603 provides a duty for the operation of the boost converter. In conclusion, the NCP1653 circuit operates in one of the following conditions: Constant output voltage mode: The output voltage is regulated around the range between 96% and 100% of RFB x Iref. The output voltage is described in (eq.16). Its behavior is similar to a follower boost. Follower boost mode: The output voltage is regulated under 96% of RFB x Iref and Vcontrol = Vcontrol(max). The output voltage is described in (eq.15).
Overvoltage Protection (OVP)
when the output voltage is abnormally undervoltage, the FB pin (Pin 1) is opened, or the FB pin (Pin 1) is manually pulled low.
Soft-Start
The device provides no output (or no duty ratio) when the Vcontrol (Pin 2) voltage is zero (i.e., Vcontrol = 0 V). An external capacitor Ccontrol connected to the Vcontrol pin provides a gradually increment of the Vcontrol voltage (or the duty ratio) in the startup and hence provides a soft-start feature.
Current Sense
The device senses the inductor current IL by the current sense scheme in Figure 36. The device maintains the voltage at the CS pin (Pin 4) to be zero voltage (i.e., VS 0 V) so that (eq.10) can be formulated.
IL
When the feedback current IFB is higher than 107% of the reference current Iref (i.e., Vout > 107% RFB x Iref ), the Drive Output (Pin 7) of the device goes low for protection. The circuit automatically resumes operation when the feedback current becomes lower than 107% of the reference current Iref. The maximum OVP threshold is limited to 230 mA which corresponds to 230 mA x 1.92 MW + 2.5 V = 444.1 V when RFB = 1.92 MW (680 kW + 680 kW + 560 kW) and VFB1 = 2.5 V (for the worst case referring to Figure 11). Hence, it is generally recommended to use 450 V rating output capacitor to allow some design margin.
Undervoltage Protection (UVP)
ICC
RS
IS
CS + VS -
NCP1653 Gnd
RCS
IL
Figure 36. Current Sensing
This scheme has the advantage of the minimum number of components for current sensing and the inrush current limitation by the resistor RCS. Hence, the sense current IS represents the inductor current IL and will be used in the PFC duty modulation to generate the multiplier voltage VM, Overpower Limitation (OPL), and overcurrent protection.
Overcurrent Protection (OCP)
ICC2
Shutdown Istdn
Operating
Overcurrent protection is reached when IS is larger than IS(OCP) (200 mA typical). The offset voltage of the CS pin is typical 10 mV and it is neglected in the calculation. Hence, the maximum OCP inductor current threshold IL(OCP) is obtained in (eq.15).
I FB
8% I
ref
12% I ref
IL(OCP) +
RSIS(OCP) R +S RCS RCS
200 mA
(eq.18)
Figure 35. Undervoltage Protection
When the feedback current IFB is less than 8% of the reference current Iref (i.e., the output voltage Vout is less than 8% of its nominal value), the device is shut down and consumes less than 50 mA. The device automatically starts operation when the output voltage goes above 12% of the nominal regulation level. In normal situation of boost converter configuration, the output voltage Vout is always greater than the input voltage Vin and the feedback current IFB is always greater than 8% and 12% of the nominal level to enable the NCP1653 to operate. Hence, UVP happens
When overcurrent protection threshold is reached, the Drive Output (Pin 7) of the device goes low. The device automatically resumes operation when the inductor current goes below the threshold.
Input Voltage Sense
The device senses the RMS input voltage Vac by the sensing scheme in Figure 37. The internal current mirror is with a typical 4 V offset voltage at its input so that the current Ivac can be derived in (eq.9). An external capacitor Cvac is to maintain the In pin (Pin 3) voltage in the calculation to always be the peak of the sinusoidal voltage
http://onsemi.com
13
NCP1653
due to very little current consumption (i.e., Vin = 2 Vac and Ivac 0). This Ivac current represents the RMS input voltage Vac and will be used in overpower limitation (OPL) and the PFC duty modulation.
V in Current Mirror
R IL @ CS RS
2 Vac @ t 3 nA2 Rvac ) 12 kW
(eq.20)
RR ) 12 kW IL @ Vac t S vac 3 nA2 RCS 2 Biasing the Controller
Rvac Ivac In 3 Cvac
12 k 4V
9V
Figure 37. Input Voltage Sensing
It is recommended to add a typical 1 nF to 100 nF decoupling capacitor next to the VCC pin for proper operation. When the NCP1653 operates in follower boost mode, the PFC output voltage is not always regulated at a particular level under all application range of input voltage and load power. It is not recommended to make a low-voltage bias supply voltage the by adding an auxiliary winding on the PFC boost inductor. Alternatively, it is recommended to get the VCC biasing supply from the second-stage power conversion stage as shown in Figure 39.
Vbulk AC EMI Input Filter
There is an internal 9 V ESD Zener Diode on the pin. Hence, the value of Rvac is recommended to be at least 938 k for possibly up to 400 V instantaneous input voltage.
Rvac 12 kW u 9 V*4 V 400 V * 9 V Rvac u 938 kW Overpower Limitation (OPL)
(eq.19) Vcc
Sense current IS represents the inductor current IL and hence represents the input current approximately. Input-voltage current Ivac represents the RMS input voltage Vac and hence represents the input voltage. Their product (IS x Ivac) represents an approximated input power (IL x Vac).
V reg 300 k 2 96% I ref I ref I FB 0 1 Vcontrol
Output Voltage
Second-stage Power Converter NCP1653
Figure 39. Recommended Biasing Scheme in Follower Boost Mode VCC Undervoltage Lockout (UVLO)
Regulation Block Overpower Limitation
The device typically starts to operate when the supply voltage VCC exceeds 13.25 V. It turns off when the supply voltage VCC goes below 8.7 V. An 18 V internal ESD Zener Diode is connected to the VCC pin (Pin 8) to prevent excessive supply voltage. After startup, the operating range is between 8.7 V and 18 V.
Thermal Shutdown
Figure 38. Overpower Limitation Reduces Vcontrol
When the product (IS x Ivac) is greater than a permissible level 3 nA2, the output Vreg of the regulation block is pulled to 0 V. It makes Vcontrol to be 0 V indirectly and VM is pulled to be its maximum. It generates the minimum duty ratio or no duty ratio eventually so that the input power is limited. The OPL is automatically deactivated when the product (IS x Ivac) becomes lower than the 3 nA2 level. This 3 nA2 level corresponds to the approximated input power (IL x Vac) to be smaller than the particular expression in (eq.20).
IS Ivac t 3 nA2
An internal thermal circuitry disables the circuit gate drive and then keeps the power switch off when the junction temperature exceeds 150_C. The output stage is then enabled once the temperature drops below typically 120_C (i.e., 30_C hysteresis). The thermal shutdown is provided to prevent possible device failures that could result from an accidental overheating.
Output Drive
The output stage of the device is designed for direct drive of power MOSFET. It is capable of up to 1.5 A peak drive current and has a typical rise and fall time of 88 and 61.5 ns with a 2.2 nF load.
http://onsemi.com
14
NCP1653
Application Schematic
680 k 680 k 560 k
Fuse
150 mH
KBU6K
600 mH
CSD04060
Input 90 Vac to 265 Vac
1 mF
100 nF 680 nF 4.7 M SPP20N60S
100 mF 450 V
Output 390 V
2 x 3.9 mH
33 nF
0.1
470 k 15 V NCP1653
2.85 k 4.5
330 nF
1 nF
1 nF
330 pF
56 k
10 k
Figure 40. 300 W 100 kHz Power Factor Correction Circuit
Table 1. Total Harmonic Distortion and Efficiency
Input Voltage (V) 110 110 110 110 110 110 220 220 220 220 220 220 Input Power (W) 331.3 296.7 157.3 109.8 80.7 67.4 311.4 215.7 157.3 110.0 80.2 66.9 Output Voltage (V) 370.0 373.4 381.8 383.5 384.4 385.0 385.4 386.2 386.4 386.7 386.5 386.6 Output Current (A) 0.83 0.74 0.38 0.26 0.19 0.16 0.77 0.53 0.38 0.27 0.19 0.16 Power Factor 0.998 0.998 0.995 0.993 0.990 0.988 0.989 0.985 0.978 0.960 0.933 0.920 Total Harmonic Distortion (%) 4 4 7 9 10 10 9 8 9 11 14 15 Efficiency (%) 93 93 92 91 91 91 95 95 93 95 92 92
http://onsemi.com
15
NCP1653
PACKAGE DIMENSIONS
PDIP-8 P SUFFIX CASE 626-05 ISSUE L
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
8
5
-B-
1 4
F
NOTE 2
-A- L
C -T-
SEATING PLANE
J N D K
M
M TA
M
H
G 0.13 (0.005) B
M
http://onsemi.com
16
NCP1653
PACKAGE DIMENSIONS
SO-8 D SUFFIX CASE 751-07 ISSUE AC
-X- A
8 5 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
B
1 4
S
0.25 (0.010)
M
Y
M
-Y- G C -Z- H D 0.25 (0.010)
M SEATING PLANE
K
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
DIM A B C D G H J K M N S
RECOMMENDED FOOTPRINT
1.52 0.060 7.0 0.275 4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
http://onsemi.com
17
NCP1653
The product described herein (NCP1653) may be covered by one or more of the following U.S. patents: 6,362,067. There may be other patents pending.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
18
NCP1653/D


▲Up To Search▲   

 
Price & Availability of NCP1653

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X