Part Number Hot Search : 
RGP10 SM6T24A MPS6531 00R12K Y7C680 HS01G MPC5553 MJH10012
Product Description
Full Text Search
 

To Download MURHB860CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MURHB805CT THRU MURHB860CT
8 Amp
Super Fast
High Current Capability Low Reverse Leakage Low Forward Voltage Drop High Current Capability Super Fast Switching Speed For High Efficiency
Recovery Rectifier 50 to 600 Volts
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Catalog Number MURHB805CT MURHB810CT MURHB820CT MURHB840CT MURHB860CT Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V Maximum RMS Voltage 35V 70V 140V 280V 420V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V
D PAK
K A
K
2
I D B F C
1
K
2
G E J H
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 8A TC = 125C Current Peak Forward Surge IFSM 55A 8.3ms, half sine Current Maximum Instantaneous Forward Voltage 1.25 V IFM = 10A; 805CT- 820CT VF 1.5 V TA = 25C 840CT 1.75 V 860CT Maximum DC Reverse Current At IR 50A TA = 25C Rated DC Blocking 500A T A = 100C Voltage Maximum Reverse Recovery Time 35ns Trr IF=0.5A, IR=1.0A, 805CT- 820CT 50ns 840CT Irr=0.25A 860CT 75ns *Pulse Test: Pulse Width 300sec, Duty Cycle 2%
PIN 1 PIN 2
K HEATSINK
A B C D E F G H I J K
MM 9.65 14.60 8.25 1.14 0.51 2.29 2.29 2.03 1.14 0.30 4.37 10.69 15.88 9.25 1.40 1.14 2.79 2.79 2.92 1.40 0.64 4.83
INCHES .380 .421 .575 .625 .325 .364 .045 .055 .020 .045 .090 .110 .090 .110 .080 .115 .045 .055 .012 .025 .172 .190
www.mccsemi.com
MURHB805CT thru MURHB860CT
Figure 1 Typical Forward Characteristics 20 840CT 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 2 Amps 4 860CT 8 805CT - 820CT 12
MCC
Figure 2 Forward Derating Curve 10
6
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 30 60 90 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 120 150 175
Figure 3 Junction Capacitance
100 60 40 20 pF 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
MURHB805CT thru MURHB860CT
Figure 4 Typical Reverse Characteristics 100 60 40 20 TA=100C 10 6 4 2 TA=75C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Figure 6 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 trr +0.5A 100 120 140 TA=25C Amps 60 40 20 0 1 4 6
MCC
Figure 5 Peak Forward Surge Current 120 100 80
2
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
0 25Vdc Pulse Generator Note 2 1 Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MURHB860CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X