Part Number Hot Search : 
MAX326 AMS402T A1185EUA 2SB1216 6256A W1T1G 2SCR346P A1000
Product Description
Full Text Search
 

To Download MA3450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Power Switching Regulators
MA3000 Series
MA3450
OUTLINE DIMENSIONS
Case : MA7 Unit : mm
RATINGS
Absolute Maximum Ratings Item
Storage Temperature Operating Temperature Junction Temperature Peak Input Voltage Input Current Maximum Power Dissipation Dielectric Strength Insulation Resistance Max Voltage to Max Current to Max Current to
Symbol Tstg Top Tj Vin Iin PD PD Vdis V I I Symbol ICEX hFE
Conditions
Ratings -30125 -20125 150 500 10 20 3 20 2 100 6 100 500 Ratings MAX 100 1530 MAX 1.7 MAX 2.3 MAX 2.5
Unit V A A W W kV M V mA mA Unit A V V /W
+,-,Fig.1 is Measurement Circuit of Peak Input Voltage Vin and Collector Cutoff Current ICEX. DC +,Pulse +,- Pulse Width 150s MAX, Duty1/2, Sawtooth Wave, Peak Value. Ta=25 Heatsink Tc=100 Terminals To Case AC 1 min Terminals To Case 500VDC +,+,-PeakDuty Max 3/5 +,-Q2 Collector Current
Electrical Characteristics (Tc=25) Item
Collector Cutoff Current
Conditions
VCE=500V,Fig.1 is Measurement Circuit of Peak Input Voltage Vin and Collector Cutoff Current ICEX. , ,
Q1 DC Current Gain
Collector to Emitter Saturation Voltage Driving Saturation Voltage Thermal Resistance
VCE = 5V, IC = 5A, ,,IB
VCE(sat) IC=5A, IB=1.0A, ,,IB VD(sat) IC=1.5A, IB=0.3A, ,,IB jc Junction to Case
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA3450
Standard Operating ConditionDesign Standard For Application Circuit Item
Input Rated Voltage Output Nominal Wattage Output Nominal Voltage Output Nominal Current
Conditions
Ratings AC85132 100 24 4.2 Ratings
MAX 85
Unit V W V A
Standard Operating ConditionStandard Operating Characteristics Ta=25 Item Conditions IO=4.2A, 20.5VVO24.6V AC Input Voltage Vin=90V, IO=4.2A Minimum Input Full Load Output Voltage Vin=132V, IO=0.0A Maximum Input Light Load Output Voltage Vin=132V, VO=20V Over Current Protection Foldback Current
Short Circuit
24.00.6 24.00.6
MAX 6.0
Nodamage To Any Device, Automatic Recovery.
Unit V V V A -
Fig 2, Refer Fig 2, Refer Fig 2, Refer Fig 2, Refer
Vin=132V, RO=0.5
Figure in =Terminal Sign
Fig1. Measurement Circuit
Fig2. Output Voltage/Current
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA3450
Transient Thermal Impedance
10
1
Transient Thermal Impedance jc(t) [C/W]
0.1
0.01 10-3 10-2
10-4
10-1
100
101
102
Time t [s]
MA3450
100
Forward Bias SOA
PT limit 10
150s
50s
Collector Current IC [A]
IS/B limit
1
0.1
Tc = 25C Single Pulse 0.01 1 10 100 1000
Collector-Emitter Voltage VCE [V]
MA3450
100
Collector Current Derating
Collector Current Rating [%]
80
IS/B limit
60
40 PT limit 20
VCE = fixed 0 0 50 100 150
Junction Temperature Tj [C]
MA3450
12
Reverse Bias SOA
10
8
Collector Current IC [A]
6
4
2 IB1 = 0.3IC IB2 = 3.0A VBB2 = 5V Tc < 125C 0 0 100 200 300 400 500 600 700
Collector-Emitter Voltage VCE [V]
MA3450
hFE - I C
VCE = 5V
100
Tj = 150C
100C
50C 25C
10
0C
DC Current Gain hFE
-20C
1 0.001 0.01
0.1
1
10
Collector Current IC [A]


▲Up To Search▲   

 
Price & Availability of MA3450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X