Part Number Hot Search : 
199LC TS39151 11080 EPSA1 0805H SN74HC04 CONTROLS 28F256
Product Description
Full Text Search
 

To Download LNM333KA01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Numeric Display
3 Digit 7.6mm (.3") Series
Conventional Part No. Global Part No. Lighting Color
Unit: mm
Assignment Anode g1 Anode e1 Anode d1 Anode dp1 Cathode c1 Anode e2 Anode d2 Anode c2 Anode e3 Anode d3 Anode dp3 Anode c3 Anode g3 Anode b3 Common Cathode D3 Anode a3 Anode f3 Anode b2 Common Cathode D2 Anode a2 Anode f2 Cathode b1 Anode b1 Anode a1 Common Cathode D1 Anode f1 Anode c1
6 7
Anode c1 Cathode e2 Cathode d2 Cathode c2 Cathode g2 Cathode e3 Cathode d3 Cathode dp3 Cathode c3 Cathode g3 Cathode b3 Common Anode D3 Cathode a3 Cathode f3 Cathode b2 Common Anode D2 Cathode a2 Cathode f2 Anode b1 Cathode b1 Cathode a1 Common Anode D1 Cathode f1
7.6
5
Cathode c1
Terminal Connection
3.5
4.4
3 - 1.2
8 9 10 11
2827262524232221201918171615
ab g e D1 c dp d f
13 14
D2
D3
2.54 x 13.0 = 33.02
15 16 17 18 19 20 21 22 23 24 25 26 27 28
1 2 3 4 5 6 7 8 9 1011121314
5.0 0.5
12
0.5 *2.54
6.5
Anode g2
Lead wire dimension
s Absolute Maximum Ratings (Ta = 25C) Lighting Color Red Green PD(mW) 60 60 IF(mA) 20 20 IFP(mA) 100 100 VR(V) 5 5 Topr(C) -25 +80 -25 +80 Tstg(C) -30 +85 -30 +85
Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
s Electro-Optical Characteristics (Ta = 25C) Conventional Lighting Part No. Color LN533RAMR Red LN533RKMR Red LN533GAMG Green LN533GKMG Green Unit - Common Anode Cathode Anode Cathode - IO IO /d.p IF Typ Min Typ 5 400 150 150 5 400 150 150 10 1200 400 400 10 1200 400 400 cd cd cd mA Typ 2.2 2.2 2.2 2.2 V VF Max 2.8 2.8 2.8 2.8 V P Typ 700 700 565 565 nm Typ 100 100 30 30 nm IF 20 20 20 20 mA IR Max 10 10 10 10 A VR 5 5 5 5 V
IO IF
10000 5000
L LNN53 53 3GA 3G M KM G G
IF VF
100 25 50
IF T a
20
Luminous Intensity
Forward Current
3000
30
Forward Current
15
1000 500 300
AMR R 33R LN5 33RKM 5 LN
10 5 3
10
5
100 1
3
5
10
30
50
100
1
0 1.6 1.8 2.0 2.2 2.4
0
20
40
60
0.3
80
*10.16
LN533RAMR ***** LNM233AA01 ***** Red LN533RKMR ***** LNM233KA01 ***** Red LN533GAMG **** LNM333AA01 ***** Green LN533GKMG **** LNM333KA01 ***** Green
Pin Assignment No. 1 Cathode g1 2 3 4 Cathode e1 Cathode d1 Cathode dp1
36.0 10.0 10.0 10
3.6 14.0
100
Forward Current
Forward Voltage
Ambient Temperature
311
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of LNM333KA01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X