Part Number Hot Search : 
F1003 CTQ080 IM6402 AD7819YN MC1437L 74AUP NTE6241 MC1437L
Product Description
Full Text Search
 

To Download K511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LOW LEVEL ZENER DIODES SHARP KNEE, LOW IMPEDANCE K511 - K681
* Unique manufacturing process * Remarkably sharp breaking diodes * Very low impedances at low current levels * Lowest values of impedance ever achieved at the 250uA level
NOMINAL ZENER VOLTAGE @ Iz = 250A (Vdc) 5.1 5.6 6.2 6.8 DYNAMIC IMPEDANCE MAX Zz MAX Zzk @ Iz = 250 A @ Iz = 1 mA (OHMS) (OHMS) 50 15 45 15 35 18 25 18 REVERSE CURRENT @ 25 C MAX Ir Vr (A) (Vdc) .05 2.5 .05 3.5 .05 5.6 .05 6.4
PART NUMBER K511 K561 K621 K681
Package Style DC Power Dissipation Derate above 50 C Forward Voltage Drop Operating Temperature (Topr) Storage Temperature (Tstg) Voltage Tolerance:
@ Ta = 50 C @ If = 100 mA
Standard Device
DO-7 250 mW 2 mW / C 1.3 Vdc -65 to + 175 C -65 to + 200 C 10%
P.O. BOX 609 * ROCKPORT, MAINE 04856 * 207-236-6076 * FAX 207-236-9558


▲Up To Search▲   

 
Price & Availability of K511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X