|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ICX207AKB Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras Description The ICX207AKB is an interline CCD solid-state image sensor suitable for PAL color video cameras. Compared with the current product ICX087AKB, sensitivity and saturation signal are improved drastically through the adoption of Super HAD CCD technology. Ye, Cy, Mg, and G complementary color mosaic filters are used. This chip features a field period readout system and an electronic shutter with variable charge-storage time. Also, this outline is miniaturized by using original package. Features * Maximum package dimensions: 8mm * High sensitivity (+6dB compared with ICX087AKB) * High saturation signal (+2.2dB compared with ICX087AKB) * Horizontal register: 3.3 to 5.0V drive * Reset gate: 3.3 to 5.0V drive * No voltage adjustment (Reset gate and substrate bias are not adjusted.) * Low smear and low dark current * Excellent antiblooming characteristics * Continuous variable-speed shutter * Recommended range of exit pupil distance: -20 to -100mm * Ye, Cy, Mg, and G complementary color mosaic filters on chip Device Structure * Interline CCD image sensor * Image size: * Number of effective pixels: * Total number of pixels: * Chip size: * Unit cell size: * Optical black: * Number of dummy bits: * Substrate material: 13 pin PCA (Ceramic) Pin 1 1 V 14 7 Pin 8 H 30 Optical black position (Top View) Diagonal 4.5mm (Type 1/4) 500 (H) x 582 (V) approx. 290K pixels 537 (H) x 597 (V) approx. 320K pixels 4.47mm (H) x 3.80mm (V) 7.3m (H) x 4.7m (V) Horizontal (H) direction: Front 7 pixels, rear 30 pixels Vertical (V) direction: Front 14 pixels, rear 1 pixel Horizontal 16 Vertical 1 (even fields only) Silicon Super HAD CCD is a registered trademark of Sony Corporation. Super HAD CCD is a CCD that drastically improves sensitivity by introducing newly developed semiconductor technology by Sony Corporation into Sony's high-performance HAD (Hole-Accumulation Diode) sensor. Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits. -1- E97Z31B99 ICX207AKB Block Diagram and Pin Configuration (Top View) VOUT GND V1 V2 V3 V4 NC V4 V3 1 V2 3 V1 4 5 6 7 8 VDD GND VOUT 9 SUB 2 13 12 11 10 VL RG H2 H1 7 6 5 4 3 2 1 Cy Ye G Ye Mg Ye G Cy Mg Cy G Cy Mg Ye G Ye Mg Ye G Vertical Register Mg Cy G Cy Mg Note) Horizontal Register Note) : Photo sensor NC 8 9 10 11 12 13 VDD Pin Description Pin No. Symbol 1 2 3 4 5 6 7 V4 V3 V2 V1 NC GND VOUT GND Signal output Description Vertical register transfer clock Vertical register transfer clock Vertical register transfer clock Vertical register transfer clock Pin No. 8 9 10 11 12 13 Symbol VDD SUB VL RG H1 H2 Description Supply voltage Substrate clock Protective transistor bias Reset gate clock Horizontal register transfer clock Horizontal register transfer clock Absolute Maximum Ratings Item VDD, VOUT, RG - SUB Against SUB V1, V3 - SUB V2, V4, VL - SUB H1, H2, GND - SUB VDD, VOUT, RG - GND Against GND V1, V2, V3, V4 - GND H1, H2 - GND Against VL V1, V3 - VL V2, V4, H1, H2, GND - VL Voltage difference between vertical clock input pins Between input clock pins Storage temperature Operating temperature 1 +24V (Max.) when clock width < 10s, clock duty factor < 0.1%. -2- H1 - H2 H1, H2 - V4 Ratings -40 to +8 -50 to +15 -50 to +0.3 -40 to +0.3 -0.3 to +18 -10 to +18 -10 to +6 -0.3 to +28 -0.3 to +15 to +15 -5 to +5 -13 to +13 -30 to +80 -10 to +60 Unit V V V V V V V V V V V V C C 1 Remarks SUB H1 H2 RG VL ICX207AKB Bias Conditions Item Supply voltage Protective transistor bias Substrate clock Reset gate clock Symbol VDD VL SUB RG Min. 14.55 Typ. 15.0 1 2 2 Max. 15.45 Unit V Remarks 1 VL setting is the VVL voltage of the vertical transfer clock waveform, or the same power supply as the VL power supply for the V driver should be used. 2 Do not apply a DC bias to the substrate clock and reset gate clock pins, because a DC bias is generated within the CCD. DC Characteristics Item Supply current Symbol IDD Min. Typ. 3 Max. 5 Unit mA Remarks Clock Voltage Conditions Item Readout clock voltage Symbol VVT VVH1, VVH2 VVH3, VVH4 VVL1, VVL2, VVL3, VVL4 VV Vertical transfer clock voltage VVH3 - VVH VVH4 - VVH VVHH VVHL VVLH VVLL Horizontal transfer clock voltage VH VHL VRG Reset gate clock voltage VRGLH - VRGLL VRGL - VRGLm Substrate clock voltage VSUB 21.0 22.0 3.0 -0.05 3.0 3.3 0 3.3 Min. 14.55 -0.05 -0.2 -8.0 6.3 -0.25 -0.25 Typ. 15.0 0 0 -7.0 7.0 Max. 15.45 0.05 0.05 -6.5 8.05 0.1 0.1 0.3 0.3 0.3 0.3 5.25 0.05 5.5 0.4 0.5 23.5 Unit V V V V V V V V V V V V V V V V V Waveform diagram 1 2 2 2 2 2 2 2 2 2 2 3 3 4 4 4 5 Input through 0.1F capacitance Low-level coupling Low-level coupling High-level coupling High-level coupling Low-level coupling Low-level coupling VVL = (VVL3 + VVL4)/2 VV = VVHn - VVLn (n = 1 to 4) VVH = (VVH1 + VVH2)/2 Remarks -3- ICX207AKB Clock Equivalent Circuit Constant Item Capacitance between vertical transfer clock and GND Symbol CV1, CV3 CV2, CV4 CV12, CV34 Capacitance between vertical transfer clocks CV23, CV41 CV13 CV24 Capacitance between horizontal transfer clock and GND Capacitance between horizontal transfer clocks Capacitance between reset gate clock and GND Capacitance between substrate clock and GND Vertical transfer clock series resistor Vertical transfer clock ground resistor Horizontal transfer clock series resistor Reset gate clock series resistor V1 CV12 Min. Typ. 390 220 330 270 82 75 33 33 5 100 100 15 15 39 Max. Unit pF pF pF pF pF pF pF pF pF pF Remarks CH1, CH2 CHH CRG CSUB R1, R2, R3, R4 RGND RH RRG V2 R1 R2 RH H1 RH H2 CHH CV23 CV13 CH1 CH2 CV1 CV41 CV24 CV2 CV4 RGND CV3 R4 CV34 R3 V4 V3 Vertical transfer clock equivalent circuit Horizontal transfer clock equivalent circuit RRG RG CRG Reset gate clock equivalent circuit -4- ICX207AKB Drive Clock Waveform Conditions (1) Readout clock waveform 100% 90% II II M VVT 10% 0% tr twh tf 0V M 2 (2) Vertical transfer clock waveform V1 V3 VVH1 VVHH VVH VVHL VVHH VVHH VVHL VVHL VVH3 VVHH VVH VVHL VVL1 VVLH VVL3 VVLH VVLL VVL VVL VVLL V2 VVHH VVHH V4 VVHH VVHH VVH VVHL VVH VVH2 VVHL VVHL VVH4 VVHL VVL2 VVLH VVLH VVLL VVL VVL4 VVLL VVL VVH = (VVH1 + VVH2)/2 VVL = (VVL3 + VVL4)/2 VV = VVHn - VVLn (n = 1 to 4) -5- ICX207AKB (3) Horizontal transfer clock waveform tr twh tf 90% VH 10% VHL twl (4) Reset gate clock waveform tr twh tf VRGH twl Point A RG waveform VRGLH VRGL VRGLL VRGLm H1 waveform VRG 10% VRGLH is the maximum value and VRGLL is the minimum value of the coupling waveform during the period from Point A in the above diagram until the rising edge of RG. In addition, VRGL is the average value of VRGLH and VRGLL. VRGL = (VRGLH + VRGLL)/2 Assuming VRGH is the minimum value during the interval twh, then: VRG = VRGH - VRGL Negative overshoot level during the falling edge of RG is VRGLm. (5) Substrate clock waveform 100% 90% M VSUB 10% VSUB 0% (A bias generated within the CCD) M 2 tf tr twh -6- ICX207AKB Clock Switching Characteristics Item Readout clock Vertical transfer clock Horizontal transfer clock During imaging Symbol VT V1, V2, V3, V4 H 41 46 5.6 5.6 11 14 76 80 41 46 6.5 9.5 0.007 0.007 6.0 0.5 twh twl tr tf Unit Remarks s During readout Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. 2.3 2.5 0.1 5 0.1 250 ns 1 6.5 9.5 0.007 0.007 5.0 0.5 ns 2 During H1 parallel-serial H2 conversion RG SUB s ns s During drain charge Reset gate clock Substrate clock 1.5 1.65 1 When vertical transfer clock driver CXD1267AN is used. 2 When VH = 3.0V. tf tr - 2ns, and the cross-point voltage (VCR) for the H1 rising side of the H1 and H2 waveforms must be at least VH/2 [V]. -7- ICX207AKB Image Sensor Characteristics Item Sensitivity Sensitivity ratio Saturation signal Smear Video signal shading Uniformity between video signal channels Dark signal Dark signal shading Flicker Y Flicker R-Y Flicker B-Y Line crawl R Line crawl G Line crawl B Line crawl W Lag Symbol S RMgG RYeCy Ysat Sm SHy Sr Sb Ydt Ydt Fy Fcr Fcb Lcr Lcg Lcb Lcw Lag Min. 660 0.93 1.15 810 0.007 0.01 20 25 10 10 2 1 2 5 5 3 3 3 3 0.5 Typ. 880 1.35 1.48 mV % % % % % mV mV % % % % % % % % Max. Unit mV Measurement method 1 2 2 3 4 5 5 6 6 7 8 9 9 9 10 10 10 10 11 (Ta = 25C) Remarks Ta = 60C Zone 0 and I Zone 0 to II' Ta = 60C Ta = 60C Zone Definition of Video Signal Shading 500 (H) 9 6 9 H 8 V 10 H 8 582 (V) Zone 0, I Zone II, II' V 10 8 Ignored region Effective pixel region [Y] LPF1 (3dB down 4MHz) Y signal output Measurement System [A] CCD signal output CCD C.D.S AMP S S [C] LPF2 H (3dB down 1MHz) Chroma signal output H Note) Adjust the amplifier gain so that the gain between [A] and [Y], and between [A] and [C] equals 1. -8- ICX207AKB Image Sensor Characteristics Measurement Method Measurement conditions 1) In the following measurements, the device drive conditions are at the typical values of the bias and clock voltage conditions. 2) In the following measurements, spot blemishes are excluded and, unless otherwise specified, the optical black level (OB) is used as the reference for the signal output, which is taken as the value of Y signal output or chroma signal output of the measurement system. Color coding of this image sensor & Composition of luminance (Y) and chroma (color difference) signals As shown in the left figure, fields are read out. The charge is mixed by pairs such as A1 and A2 in the A field. (pairs such as B in the B field) As a result, the sequence of charges output as signals from the horizontal shift register (Hreg) is, for line A1, (G + Cy), (Mg + Ye), (G + Cy), and (Mg + Ye). Cy G B Cy Mg Ye Mg Ye G Cy G Cy Mg Ye A1 Mg Ye A2 G Hreg Color Coding Diagram These signals are processed to form the Y signal and chroma (color difference) signal. The Y signal is formed by adding adjacent signals, and the chroma signal is formed by subtracting adjacent signals. In other words, the approximation: Y = {(G + Cy) + (Mg + Ye)} x 1/2 = 1/2 {2B + 3G + 2R} is used for the Y signal, and the approximation: R - Y = {(Mg + Ye) - (G + Cy)} = {2R - G} is used for the chroma (color difference) signal. For line A2, the signals output from Hreg in sequence are (Mg + Cy), (G + Ye), (Mg + Cy), (G + Ye). The Y signal is formed from these signals as follows: Y = {(G + Ye) + (Mg + Cy)} x 1/2 = 1/2 {2B + 3G + 2R} This is balanced since it is formed in the same way as for line A1. In a like manner, the chroma (color difference) signal is approximated as follows: - (B - Y) = {(G + Ye) - (Mg + Cy)} = - {2B - G} In other words, the chroma signal can be retrieved according to the sequence of lines from R - Y and - (B - Y) in alternation. This is also true for the B field. -9- ICX207AKB Definition of standard imaging conditions 1) Standard imaging condition I: Use a pattern box (luminance 706cd/m2, color temperature of 3200K halogen source) as a subject. (Pattern for evaluation is not applicable.) Use a testing standard lens with CM500S (t = 1.0mm) as an IR cut filter and image at F5.6. The luminous intensity to the sensor receiving surface at this point is defined as the standard sensitivity testing luminous intensity. 2) Standard imaging condition II: Image a light source (color temperature of 3200K) with a uniformity of brightness within 2% at all angles. Use a testing standard lens with CM500S (t = 1.0mm) as an IR cut filter. The luminous intensity is adjusted to the value indicated in each testing item by the lens diaphragm. 3) Standard imaging condition III: Image a light source (color temperature of 3200K) with a uniformity of brightness within 2% at all angles. Use a testing standard lens (exit pupil distance -33mm) with CM500S (t = 1.0mm) as an IR cut filter. The luminous intensity is adjusted to the value indicated in each testing item by the lens diaphragm. 1. Sensitivity Set to standard imaging condition I. After selecting the electronic shutter mode with a shutter speed of 1/250s, measure the Y signal (Ys) at the center of the screen and substitute the value into the following formula. S = Ys x 250 [mV] 50 2. Sensitivity ratio Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal output is 200mV, and then measure the Mg signal output (SMg [mV]) and G signal output (SG [mV]), and Ye signal output (SYe [mV]) and Cy signal output (SCy [mV]) at the center of the screen with frame readout method. Substitute the values into the following formula. RMgG = SMg/SG RYeCy = SYe/SCy 3. Saturation signal Set to standard imaging condition II. After adjusting the luminous intensity to 10 times the intensity with average value of the Y signal output, 200mV, measure the minimum value of the Y signal. 4. Smear Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity to 500 times the intensity with average value of the Y signal output, 200mV. When the readout clock is stopped and the charge drain is executed by the electronic shutter at the respective H blankings, measure the maximum value YSm [mV] of the Y signal output and substitute the value into the following formula. Sm = 1 YSm 1 x x x 100 [%] (1/10V method conversion value) 10 200 500 5. Video signal shading Set to standard imaging condition III. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity so that the average value of the Y signal output is 200mV. Then measure the maximum (Ymax [mV]) and minimum (Ymin [mV]) values of the Y signal and substitute the values into the following formula. SHy = (Ymax - Ymin)/200 x 100 [%] 6. Uniformity between video signal channels Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal output is 200mV, and then measure the maximum (Crmax, Cbmax [mV]) and minimum (Crmin, Cbmin [mV]) values of the R - Y and B - Y channels of the chroma signal and substitute the values into the following formula. Sr = | (Crmax - Crmin)/200 | x 100 [%] Sb = | (Cbmax - Cbmin)/200 | x 100 [%] - 10 - ICX207AKB 7. Dark signal Measure the average value of the Y signal output (Ydt [mV]) with the device ambient temperature 60C and the device in the light-obstructed state, using the horizontal idle transfer level as a reference. 8. Dark signal shading After measuring 7, measure the maximum (Ydmax [mV]) and minimum (Ydmin [mV]) values of the Y signal output and substitute the values into the following formula. Ydt = Ydmax - Ydmin [mV] 9. Flicker 1) Fy Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal output is 200mV, and then measure the difference in the signal level between fields (Yf [mV]). Then substitute the value into the following formula. Fy = (Yf/200) x 100 [%] 2) Fcr, Fcb Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal output is 200mV, insert an R or B filter, and then measure both the difference in the signal level between fields of the chroma signal (Cr, Cb) as well as the average value of the chroma signal output (CAr, CAb). Substitute the values into the following formula. Fci = (Ci/CAi) x 100 [%] (i = r, b) 10. Line crawls Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal output is 200mV, and then insert a white subject and R, G, and B filters and measure the difference between Y signal lines for the same field (Ylw, Ylr, Ylg, Ylb [mV]). Substitute the values into the following formula. Lci = (Yli/200) x 100 [%] (i = w, r, g, b) 11. Lag Adjust the Y signal output value generated by strobe light to 200mV. After setting the strobe light so that it strobes with the following timing, measure the residual signal (Ylag). Substitute the value into the following formula. Lag = (Ylag/200) x 100 [%] FLD V1 Light Strobe light timing Y signal output 200mV Output Ylag (lag) - 11 - Drive Circuit 15V 20 100k 19 18 17 16 1/35V 3.3/16V CXD1267AN 15 14 13 12 11 22/16V 0.1 -7.0V 1 2 3 XSUB 4 XV2 5 XV1 6 XSG1 7 XV3 8 XSG2 9 10 XV4 V3 V2 V4 V1 NC GND VOUT RG VL H2 H1 13 12 11 10 9 SUB 8 1500p 0.01 3.3/20V 1M H2 H1 0.1 RG VDD - 12 - 1 2 3 4 5 6 7 ICX207AKB (BOTTOM VIEW) 22/20V 100 2SK523 CCD OUT 3.9k ICX207AKB ICX207AKB Spectral Sensitivity Characteristics (excludes both lens characteristics and light source characteristics) 1.0 Ye 0.8 Cy Relative Response G 0.6 0.4 0.2 Mg 0.0 400 450 500 550 Wave Length [nm] 600 650 700 Sensor Readout Clock Timing Chart V1 V2 Odd Field V3 V4 31.1 0.3 2.5 1.2 1.5 2.5 2.0 V1 V2 Even Field V3 V4 Unit: s - 13 - Drive Timing Chart (Vertical Sync) FLD VD BLK HD 10 15 20 25 310 325 335 625 1 2 3 4 5 V1 V2 V3 V4 246 13 5 246 135 620 315 320 CCD OUT 582 581 582 581 246 135 330 246 135 340 - 14 - ICX207AKB Drive Timing Chart (Horizontal Sync) HD BLK H1 20 25 30 1 2 3 5 10 15 16 1 2 3 5 7 1 2 3 5 H2 10 490 495 - 15 - RG V1 V2 V3 V4 SUB 500 1 2 3 5 15 ICX207AKB ICX207AKB Notes on Handling 1) Static charge prevention CCD image sensors are easily damaged by static discharge. Before handling be sure to take the following protective measures. a) Either handle bare handed or use non-chargeable gloves, clothes or material. Also use conductive shoes. b) When handling directly use an earth band. c) Install a conductive mat on the floor or working table to prevent the generation of static electricity. d) Ionized air is recommended for discharge when handling CCD image sensor. e) For the shipment of mounted substrates, use boxes treated for the prevention of static charges. 2) Soldering a) Make sure the package temperature does not exceed 80C. b) Solder dipping in a mounting furnace causes damage to the glass and other defects. Use a ground 30W soldering iron and solder each pin in less than 2 seconds. For repairs and remount, cool sufficiently. c) To dismount an image sensor, do not use a solder suction equipment. When using an electric desoldering tool, use a thermal controller of the zero cross On/Off type and connect it to ground. 3) Dust and dirt protection Image sensors are packed and delivered by taking care of protecting its glass plates from harmful dust and dirt. Clean glass plates with the following operation as required, and use them. a) Operate in clean environments (around class 1000 is appropriate). b) Do not either touch glass plates by hand or have any object come in contact with glass surfaces. Should dirt stick to a glass surface, blow it off with an air blower. (For dirt stuck through static electricity ionized air is recommended.) c) Clean with a cotton bud and ethyl alcohol if the grease stained. Be careful not to scratch the glass. d) Keep in a case to protect from dust and dirt. To prevent dew condensation, preheat or precool when moving to a room with great temperature differences. e) When a protective tape is applied before shipping, just before use remove the tape applied for electrostatic protection. Do not reuse the tape. 4) Do not expose to strong light (sun rays) for long periods, color filters will be discolored. When high luminance objects are imaged with the exposure level control by electronic-iris, the luminance of the imageplane may become excessive and discolor of the color filter will possibly be accelerated. In such a case, it is advisable that taking-lens with the automatic-iris and closing of the shutter during the power-off mode should be properly arranged. For continuous using under cruel condition exceeding the normal using condition, consult our company. 5) Exposure to high temperature or humidity will affect the characteristics. Accordingly avoid storage or usage in such conditions. 6) CCD image sensors are precise optical equipment that should not be subject to too much mechanical shocks. 7) Eclipse (to get dark around the four corners of the picture) may occur when some object lenses are in the open iris state. Top view Sealed resin exuded area 5 .1 2 Effective image sensor area - 16 - 4.14 Package Outline Unit: mm 13pin PCA 12- .71 25 0.3 M . 8 B 00 0. 10 9 13 8 12 11 A 5. 71 25 2.0 ~ 12 5 4 3 7.60 0.25 7.25 0.1 3.80 4 1.4 3.80 7.25 0.1 7.60 0.25 C 1. "A" is the center of the effective image area. B' 1.5 3.15 ~ 1.4 2.50 0.3 + 0.1 0.25 - 0.05 PACKAGE STRUCTURE PACKAGE MATERIAL Ceramic LEAD TREATMENT GOLD PLATING LEAD MATERIAL Fe-Ni-Co Alloy ICX207AKB PACKAGE WEIGHT 0.4g .4 0 2. The point "B" of the package is the horizontal reference. The point "B'" of the package is the vertical reference. 3. The bottom "C" of the package is the height reference. 4. The center of the effective image area relative to the center of the package () is (H, V) = (0, 0) 0.15mm. 5. The rotation angle of the effective image area relative to H and V is 1. 6. The height from the bottom "C" to the effective image area is 1.44 0.15mm. 7. The tilt of the effective image area relative to the bottom "C" is less than 60m. 8. The thickness of the cover glass is 0.75mm, and the refractive index is 1.5. Center of the package: The center is halfway between two pairs of opposite sides, as measured from "B", "B'". .86 H 6 2 V 7 ~ 1 - 17 - |
Price & Availability of ICX207AKB |