|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HUF75344G3, HUF75344P3, HUF75344S3S Data Sheet December 2001 75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs These N-Channel power MOSFETs are manufactured using the innovative UltraFET(R) process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, lowvoltage bus switches, and power management in portable and battery-operated products. Formerly developmental type TA75344. Features * 75A, 55V * Simulation Models - Temperature Compensated PSPICE(R) and SABERTM Models - Thermal Impedance PSPICE and SABER Models Available on the web at: www.fairchildsemi.com * Peak Current vs Pulse Width Curve * UIS Rating Curve * Related Literature - TB334, "Guidelines for Soldering Surface Mount Components to PC Boards" Symbol D Ordering Information PART NUMBER HUF75344G3 HUF75344P3 HUF75344S3S PACKAGE TO-247 TO-220AB TO-263AB BRAND 75344G 75344P 75344S S G NOTE: When ordering, use the entire part number. Add the suffix T to obtain the TO-263AB variant in tape and reel, e.g., HUF75344S3ST. Packaging JEDEC STYLE TO-247 SOURCE DRAIN GATE DRAIN (FLANGE) JEDEC TO-220AB SOURCE DRAIN GATE DRAIN (TAB) JEDEC TO-263AB GATE SOURCE DRAIN (FLANGE) Product reliability information can be found at http://www.fairchildsemi.com/products/discrete/reliability/index.html For severe environments, see our Automotive HUFA series. All Fairchild semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems certification. (c)2001 Fairchild Semiconductor Corporation HUF75344G3, HUF75344P3, HUF75344S3S Rev. B1 HUF75344G3, HUF75344P3, HUF75344S3S Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified 55 55 20 75 Figure 4 Figure 6 285 1.90 -55 to 175 300 260 UNITS V V V A Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . VDSS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . VDGR Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Drain Current Continuous (Figure 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating and Storage Temperature . . . . . . . . . . . . . . . . . .TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . Tpkg W W/oC oC oC oC CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. TJ = 25oC to 150oC. Electrical Specifications PARAMETER OFF STATE SPECIFICATIONS TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS IDSS IGSS VGS(TH) rDS(ON) RJC RJA TEST CONDITIONS ID = 250A, VGS = 0V (Figure 11) VDS = 50V, VGS = 0V VDS = 45V, VGS = 0V, TC = 150oC VGS = 20V VGS = VDS, ID = 250A (Figure 10) ID = 75A, VGS = 10V (Figure 9) (Figure 3) TO-247 TO-220, TO-263 MIN 55 2 VGS = 0V to 20V VGS = 0V to 10V VGS = 0V to 2V VDD = 30V, ID 75A, RL = 0.4 Ig(REF) = 1.0mA (Figure 13) VDS = 25V, VGS = 0V, f = 1MHz (Figure 12) TYP 0.0065 16 112 37 28 175 90 5.9 14 39 3200 1170 310 MAX 1 250 100 4 0.008 0.52 30 62 195 100 210 108 7.0 UNITS V A A nA V oC/W oC/W oC/W Drain to Source Breakdown Voltage Zero Gate Voltage Drain Current Gate to Source Leakage Current ON STATE SPECIFICATIONS Gate to Source Threshold Voltage Drain to Source On Resistance THERMAL SPECIFICATIONS Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient SWITCHING SPECIFICATIONS (VGS = 10V) Turn-On Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Time GATE CHARGE SPECIFICATIONS Total Gate Charge Gate Charge at 10V Threshold Gate Charge Gate to Source Gate Charge Reverse Transfer Capacitance CAPACITANCE SPECIFICATIONS Input Capacitance Output Capacitance Reverse Transfer Capacitance tON td(ON) tr td(OFF) tf tOFF Qg(TOT) Qg(10) Qg(TH) Qgs Qgd CISS COSS CRSS VDD = 30V, ID 75A, RL = 0.4, VGS = 10V, RGS = 3.0 ns ns ns ns ns ns nC nC nC nC nC pF pF pF (c)2001 Fairchild Semiconductor Corporation HUF75344G3, HUF75344P3, HUF75344S3S Rev. B1 HUF75344G3, HUF75344P3, HUF75344S3S Source to Drain Diode Specifications PARAMETER Source to Drain Diode Voltage Reverse Recovery Time Reverse Recovered Charge SYMBOL VSD trr QRR ISD = 75A ISD = 75A, dISD/dt = 100A/s ISD = 75A, dISD/dt = 100A/s TEST CONDITIONS MIN TYP MAX 1.25 105 210 UNITS V ns nC Typical Performance Curves 1.2 POWER DISSIPATION MULTIPLIER 1.0 ID, DRAIN CURRENT (A) 60 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 TC , CASE TEMPERATURE (oC) 0 25 50 75 100 125 150 175 TC, CASE TEMPERATURE (oC) 80 40 20 FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE 2 1 THERMAL IMPEDANCE ZJC, NORMALIZED DUTY CYCLE - DESCENDING ORDER 0.5 0.2 0.1 0.05 0.02 0.01 PDM 0.1 t1 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC x RJC + TC 10-3 10-2 10-1 100 101 0.01 10-5 SINGLE PULSE 10-4 t, RECTANGULAR PULSE DURATION (s) FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE (c)2001 Fairchild Semiconductor Corporation HUF75344G3, HUF75344P3, HUF75344S3S Rev. B1 HUF75344G3, HUF75344P3, HUF75344S3S Typical Performance Curves 2000 (Continued) TC = 25oC IDM, PEAK CURRENT (A) 1000 FOR TEMPERATURES ABOVE 25oC DERATE PEAK CURRENT AS FOLLOWS: I = I25 175 - TC 150 VGS = 20V VGS = 10V TRANSCONDUCTANCE MAY LIMIT CURRENT IN THIS REGION 10-4 10-3 10-2 t, PULSE WIDTH (s) 10-1 100 101 100 50 10-5 FIGURE 4. PEAK CURRENT CAPABILITY 1000 1000 IAS, AVALANCHE CURRENT (A) TJ = MAX RATED TC = 25oC If R = 0 tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD) If R 0 tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1] ID, DRAIN CURRENT (A) 100 100s 100 STARTING TJ = 25oC STARTING TJ = 150oC 1ms 10 OPERATION IN THIS AREA MAY BE LIMITED BY rDS(ON) VDSS(MAX) = 55V 1 1 10 100 200 VDS, DRAIN TO SOURCE VOLTAGE (V) 10ms 10 0.01 1 0.1 tAV, TIME IN AVALANCHE (ms) 10 NOTE: Refer to Fairchild Application Notes AN9321 and AN9322. FIGURE 5. FORWARD BIAS SAFE OPERATING AREA FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY 150 VGS = 20V VGS = 10V ID, DRAIN CURRENT (A) VGS = 7V VGS = 6V 90 ID, DRAIN CURRENT (A) 120 150 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VDD = 15V 120 90 60 VGS = 5V 30 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX TC = 25oC 0 1 2 3 VDS, DRAIN TO SOURCE VOLTAGE (V) 4 60 25oC 30 175oC -55oC 7.5 0 0 0 1.5 3 4.5 6 VGS, GATE TO SOURCE VOLTAGE (V) FIGURE 7. SATURATION CHARACTERISTICS FIGURE 8. TRANSFER CHARACTERISTICS (c)2001 Fairchild Semiconductor Corporation HUF75344G3, HUF75344P3, HUF75344S3S Rev. B1 HUF75344G3, HUF75344P3, HUF75344S3S Typical Performance Curves 2.5 NORMALIZED DRAIN TO SOURCE ON RESISTANCE PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VGS = 10V, ID = 75A 2.0 NORMALIZED GATE THRESHOLD VOLTAGE 1.0 (Continued) 1.2 VGS = VDS, ID = 250A 1.5 0.8 1.0 0.6 0.5 -80 -40 0 40 80 120 160 200 0.4 -80 -40 TJ, JUNCTION TEMPERATURE (oC) 0 40 80 120 160 TJ, JUNCTION TEMPERATURE (oC) 200 FIGURE 9. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs JUNCTION TEMPERATURE 1.2 NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE ID = 250A C, CAPACITANCE (pF) 4500 VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGD CISS 3000 1.1 COSS 1500 CRSS 1.0 0.9 -80 -40 0 40 80 120 160 200 0 0 20 30 40 50 10 VDS , DRAIN TO SOURCE VOLTAGE (V) 60 TJ , JUNCTION TEMPERATURE (oC) FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE 10 VGS , GATE TO SOURCE VOLTAGE (V) VDD = 30V 8 FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE 6 4 WAVEFORMS IN DESCENDING ORDER: ID = 75A ID = 55A ID = 35A ID = 20A 0 25 50 75 Qg, GATE CHARGE (nC) 100 2 0 NOTE: Refer to Fairchild Application Notes AN7254 and AN7260. FIGURE 13. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT (c)2001 Fairchild Semiconductor Corporation HUF75344G3, HUF75344P3, HUF75344S3S Rev. B1 HUF75344G3, HUF75344P3, HUF75344S3S Test Circuits and Waveforms VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD + 0V IAS 0.01 0 tAV FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT FIGURE 15. UNCLAMPED ENERGY WAVEFORMS VDS RL VDD VDS VGS = 20V VGS + Qg(TOT) Qg(10) VDD VGS VGS = 2V 0 Qg(TH) Qgs Ig(REF) 0 Qgd VGS = 10V DUT IG(REF) FIGURE 16. GATE CHARGE TEST CIRCUIT FIGURE 17. GATE CHARGE WAVEFORM VDS tON td(ON) RL VDS + tOFF td(OFF) tr tf 90% 90% VGS DUT RGS VDD 0 10% 90% 10% VGS VGS 0 10% 50% PULSE WIDTH 50% FIGURE 18. SWITCHING TIME TEST CIRCUIT FIGURE 19. RESISTIVE SWITCHING WAVEFORMS (c)2001 Fairchild Semiconductor Corporation HUF75344G3, HUF75344P3, HUF75344S3S Rev. B1 HUF75344G3, HUF75344P3, HUF75344S3S PSPICE Electrical Model .SUBCKT HUF75344P3 2 1 3 ; CA 12 8 4.9e-9 CB 15 14 4.75e-9 CIN 6 8 2.85e-9 10 rev 3 Feb 1999 LDRAIN DPLCAP 5 RLDRAIN DBREAK 11 + EBREAK MWEAK MMED MSTRO CIN LSOURCE 8 RSOURCE RLSOURCE S1A 12 S1B CA 13 + EGS 6 8 EDS 13 8 S2A 14 13 S2B CB + 5 8 14 IT 15 17 RBREAK 18 RVTEMP 19 7 SOURCE 3 17 18 DBODY DRAIN 2 RSLC1 51 ESLC 50 RSLC2 5 51 EBREAK 11 7 17 18 59.7 EDS 14 8 5 8 1 EGS 13 8 6 8 1 ESG 6 10 6 8 1 EVTHRES 6 21 19 8 1 EVTEMP 20 6 18 22 1 IT 8 17 1 LDRAIN 2 5 1e-9 LGATE 1 9 2.6e-9 LSOURCE 3 7 1.1e-9 KGATE LSOURCE LGATE 0.0085 MMED 16 6 8 8 MMEDMOD MSTRO 16 6 8 8 MSTROMOD MWEAK 16 21 8 8 MWEAKMOD RBREAK 17 18 RBREAKMOD 1 RDRAIN 50 16 RDRAINMOD 1.94e-3 RGATE 9 20 0.36 RLDRAIN 2 5 10 RLGATE 1 9 26 RLSOURCE 3 7 11 RSLC1 5 51 RSLCMOD 1e-6 RSLC2 5 50 1e3 RSOURCE 8 7 RSOURCEMOD 3.5e-3 RVTHRES 22 8 RVTHRESMOD 1 RVTEMP 18 19 RVTEMPMOD 1 S1A S1B S2A S2B 6 12 13 8 S1AMOD 13 12 13 8 S1BMOD 6 15 14 13 S2AMOD 13 15 14 13 S2BMOD GATE 1 ESG + LGATE EVTEMP RGATE + 18 22 9 20 6 8 EVTHRES + 19 8 6 RLGATE - - VBAT 22 19 DC 1 ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*400),3))} .MODEL DBODYMOD D (IS = 2.95e-12 RS = 2.6e-3 TRS1 = 1.05e-3 TRS2 = 5.0e-7 CJO = 5.19e-9 TT = 5.9e-8 M = 0.55) .MODEL DBREAKMOD D (RS = 1.65e-1 IKF = 30 TRS1 = 1.15e-4 TRS2 = 2.27e-6) .MODEL DPLCAPMOD D (CJO = 5.40e-9 IS = 1e-30 N=1 M = 0.88 ) .MODEL MMEDMOD NMOS (VTO = 3.29 KP = 5.5 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 0.36) .MODEL MSTROMOD NMOS (VTO = 3.83 KP = 123 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u) .MODEL MWEAKMOD NMOS (VTO = 2.90 KP =0.04 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 3.6) .MODEL RBREAKMOD RES (TC1 = 1.15e-3 TC2 = 2.0e-7) .MODEL RDRAINMOD RES (TC1 = 1.37e-2 TC2 = 3.85e-5) .MODEL RSLCMOD RES (TC1 = 1.45e-4 TC2 = 2.11e-6) .MODEL RSOURCEMOD RES (TC1 = 0 TC2 = 0) .MODEL RVTHRESMOD RES (TC1 = -3.7e-3 TC2 = -1.6e-5) .MODEL RVTEMPMOD RES (TC1 = -2.4e-3 TC2 = 7e-7) .MODEL S1AMOD VSWITCH (RON = 1e-5 .MODEL S1BMOD VSWITCH (RON = 1e-5 .MODEL S2AMOD VSWITCH (RON = 1e-5 .MODEL S2BMOD VSWITCH (RON = 1e-5 .ENDS ROFF = 0.1 ROFF = 0.1 ROFF = 0.1 ROFF = 0.1 VON = -6.9 VOFF= -3.9) VON = -3.9 VOFF= -6.9) VON = -2.99 VOFF= 2.39) VON = 2.39 VOFF= -2.99) NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank Wheatley. (c)2001 Fairchild Semiconductor Corporation + DBODY 7 5 DBODYMOD DBREAK 5 11 DBREAKMOD DPLCAP 10 5 DPLCAPMOD - RDRAIN 21 16 - VBAT + 8 22 RVTHRES HUF75344G3, HUF75344P3, HUF75344S3S Rev. B1 HUF75344G3, HUF75344P3, HUF75344S3S SABER Electrical Model REV 3 February 1999 template huf75344p3 n2, n1, n3 electrical n2, n1, n3 { var i iscl d..model dbodymod = (is = 2.95e-12, cjo = 5.19e-9, tt = 5.90e-8, m = 0.55) d..model dbreakmod = () d..model dplcapmod = (cjo = 5.40e-9, is = 1e-30, n = 1, m = 0.88) m..model mmedmod = (type=_n, vto = 3.29, kp = 5.5, is = 1e-30, tox = 1) m..model mstrongmod = (type=_n, vto = 3.83, kp = 123, is = 1e-30, tox = 1) m..model mweakmod = (type=_n, vto = 2.90, kp = 0.04, is = 1e-30, tox = 1) sw_vcsp..model s1amod = (ron = 1e-5, roff = 0.1, von = -6.9, voff = -3.9) sw_vcsp..model s1bmod = (ron = 1e-5, roff = 0.1, von = -3.9, voff = -6.9) sw_vcsp..model s2amod = (ron = 1e-5, roff = 0.1, von = -2.99, voff = 2.39) sw_vcsp..model s2bmod = (ron = 1e-5, roff = 0.1, von = 2.39, voff = -2.99) c.ca n12 n8 = 4.9e-9 c.cb n15 n14 = 4.75e-9 c.cin n6 n8 = 2.85e-9 d.dbody n7 n71 = model=dbodymod d.dbreak n72 n11 = model=dbreakmod d.dplcap n10 n5 = model=dplcapmod i.it n8 n17 = 1 LGATE GATE 1 RLGATE CIN LDRAIN DPLCAP 10 RSLC1 51 RSLC2 ISCL RLDRAIN RDBREAK 72 DBREAK 11 MWEAK MMED MSTRO 8 EBREAK + 17 18 71 RDBODY 5 DRAIN 2 ESG + EVTEMP RGATE + 18 22 9 20 6 6 8 EVTHRES + 19 8 50 RDRAIN 21 16 DBODY - LSOURCE 7 RLSOURCE l.ldrain n2 n5 = 1e-9 l.lgate n1 n9 = 2.6e-9 l.lsource n3 n7 = 1.1e-9 k.kl i(l.lgate) i(l.lsource) = l(l.lgate), l(l.lsource), 0.0085 12 SOURCE 3 RSOURCE S1A 13 8 S1B CA 13 + EGS 6 8 EDS S2A 14 13 S2B CB + 5 8 14 IT 15 17 RBREAK 18 RVTEMP 19 m.mmed n16 n6 n8 n8 = model=mmedmod, l = 1u, w = 1u m.mstrong n16 n6 n8 n8 = model=mstrongmod, l = 1u, w = 1u m.mweak n16 n21 n8 n8 = model=mweakmod, l = 1u, w = 1u res.rbreak n17 n18 = 1, tc1 = 1.15e-3, tc2 = 2e-7 res.rdbody n71 n5 = 2.6e-3, tc1 = 1.05e-3, tc2 = 5e-7 res.rdbreak n72 n5 = 1.65e-1, tc1 = 1.15e-4, tc2 = 2.27e-6 res.rdrain n50 n16 = 1.94e-3, tc1 = 1.37e-2, tc2 = 3.85e-5 res.rgate n9 n20 = 0.36 res.rldrain n2 n5 = 10 res.rlgate n1 n9 = 26 res.rlsource n3 n7 = 11 res.rslc1 n5 n51 = 1e-6, tc1 = 1.45e-4, tc2 = 2.11e-6 res.rslc2 n5 n50 = 1e3 res.rsource n8 n7 = 3.5e-3, tc1 = 0, tc2 = 0 res.rvtemp n18 n19 = 1, tc1 = -2.4e-3, tc2 = 7e-7 res.rvthres n22 n8 = 1, tc1 = -3.7e-3, tc2 = -1.6e-5 spe.ebreak n11 n7 n17 n18 = 59.7 spe.eds n14 n8 n5 n8 = 1 spe.egs n13 n8 n6 n8 = 1 spe.esg n6 n10 n6 n8 = 1 spe.evtemp n20 n6 n18 n22 = 1 spe.evthres n6 n21 n19 n8 = 1 sw_vcsp.s1a n6 n12 n13 n8 = model=s1amod sw_vcsp.s1b n13 n12 n13 n8 = model=s1bmod sw_vcsp.s2a n6 n15 n14 n13 = model=s2amod sw_vcsp.s2b n13 n15 n14 n13 = model=s2bmod v.vbat n22 n19 = dc = 1 VBAT + - - 8 RVTHRES 22 equations { i (n51->n50) + = iscl iscl: v(n51,n50) = ((v(n5,n51)/(1e-9+abs(v(n5,n51))))*((abs(v(n5,n51)*1e6/400))** 3)) } } (c)2001 Fairchild Semiconductor Corporation HUF75344G3, HUF75344P3, HUF75344S3S Rev. B1 HUF75344G3, HUF75344P3, HUF75344S3S SPICE Thermal Model REV 5 February 1999 HUF75344 CTHERM1 th 6 5.0e-3 CTHERM2 6 5 1.0e-2 CTHERM3 5 4 1.3e-2 CTHERM4 4 3 1.5e-2 CTHERM5 3 2 2.2e-2 CTHERM6 2 tl 8.5e-2 RTHERM1 th 6 6.0e-4 RTHERM2 6 5 3.5e-3 RTHERM3 5 4 2.5e-2 RTHERM4 4 3 4.8e-2 RTHERM5 3 2 1.6e-1 RTHERM6 2 tl 1.8e-1 RTHERM1 CTHERM1 th JUNCTION 6 RTHERM2 CTHERM2 5 RTHERM3 CTHERM3 SABER Thermal Model SABER thermal model HUF75344 template thermal_model th tl thermal_c th, tl { ctherm.ctherm1 th 6 = 5.0e-3 ctherm.ctherm2 6 5 = 1.0e-2 ctherm.ctherm3 5 4 = 1.3e-2 ctherm.ctherm4 4 3 = 1.5e-2 ctherm.ctherm5 3 2 = 2.2e-2 ctherm.ctherm6 2 tl = 8.5e-2 rtherm.rtherm1 th 6 = 6.0e-4 rtherm.rtherm2 6 5 = 3.5e-3 rtherm.rtherm3 5 4 = 2.5e-2 rtherm.rtherm4 4 3 = 4.8e-2 rtherm.rtherm5 3 2 = 1.6e-1 rtherm.rtherm6 2 tl = 1.8e-1 } 4 RTHERM4 CTHERM4 3 RTHERM5 CTHERM5 2 RTHERM6 CTHERM6 tl CASE (c)2001 Fairchild Semiconductor Corporation HUF75344G3, HUF75344P3, HUF75344S3S Rev. B1 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST (R) DISCLAIMER FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM OPTOLOGIC (R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R) SMART STARTTM SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R) VCXTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. Preliminary First Production No Identification Needed Full Production Obsolete Not In Production This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Rev. H7 |
Price & Availability of HUF75344S3S |