Part Number Hot Search : 
ATA6285 SMAJ26A E226M NV23K C4020 5MF500 SMC100 SMAJ26A
Product Description
Full Text Search
 

To Download HEF4071 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC * The IC04 LOCMOS HE4000B Logic Package Outlines/Information HEF, HEC
HEF4071B gates Quadruple 2-input OR gate
Product specification File under Integrated Circuits, IC04 January 1995
Philips Semiconductors
Product specification
Quadruple 2-input OR gate
DESCRIPTION The HEF4071B is a positive logic quadruple 2-input OR gate. The outputs are fully buffered for highest noise immunity and pattern insensitivity of output impedance.
HEF4071B gates
Fig.2 Pinning diagram.
HEF4071BP(N): 14-lead DIL; plastic (SOT27-1) HEF4071BD(F): 14-lead DIL; ceramic (cerdip) (SOT73) HEF4071BT(D): 14-lead SO; plastic Fig.1 Functional diagram. (SOT108-1) ( ): Package Designator North America
FAMILY DATA, IDD LIMITS category GATES See Family Specifications
Fig.3 Logic diagram (one gfate).
January 1995
2
Philips Semiconductors
Product specification
Quadruple 2-input OR gate
AC CHARACTERISTICS VSS = 0 V; Tamb = 25 C; CL = 50 pF; input transition times 20 ns VDD V Propagation delays In On HIGH to LOW 5 10 15 5 LOW to HIGH Output transition times HIGH to LOW 10 15 5 10 15 5 LOW to HIGH 10 15 tTLH tTHL tPLH tPHL 55 25 20 45 20 15 60 30 20 60 30 20 115 50 35 90 45 30 120 60 40 120 60 40 ns ns ns ns ns ns ns ns ns ns ns ns 28 ns 15 ns 12 ns 18 ns 9 ns 7 ns 10 ns 9 ns 6 ns 10 ns 9 ns 6 ns + + + + + + + + + + + + SYMBOL TYP. MAX.
HEF4071B gates
TYPICAL EXTRAPOLATION FORMULA (0,55 ns/pF) CL (0,23 ns/pF) CL (0,16 ns/pF) CL (0,55 ns/pF) CL (0,23 ns/pF) CL (0,16 ns/pF) CL (1,0 ns/pF) CL (0,42 ns/pF) CL (0,28 ns/pF) CL (1,0 ns/pF) CL (0,42 ns/pF) CL (0,28 ns/pF) CL
VDD V Dynamic power dissipation per package (P) 5 10 15
TYPICAL FORMULA FOR P (W) 1150 fi + (foCL) x VDD2 4800 fi + (foCL) x VDD 19 700 fi + (foCL) x VDD
2 2
where fi = input freq. (MHz) fo = output freq. (MHz) CL = load capacitance (pF) (foCL) = sum of outputs VDD = supply voltage (V)
January 1995
3


▲Up To Search▲   

 
Price & Availability of HEF4071

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X