Part Number Hot Search : 
T6250430 74HC541 45A10501 PE175BF AT25C32 RA877 CAT5114 T6816
Product Description
Full Text Search
 

To Download HD74LV06A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LV06A
Hex Inverter Buffers / Drivers with Open Drain Outputs
ADE-205-296A (Z) 2nd Edition February 2000 Description
The HD74LV06A has six inverter buffers / drivers with open drain outputs in a 14-pin package. Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life.
Features
* * * * * * VCC = 2.0 V to 5.5 V operation All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) All outputs VO (Max.) = 5.5 V (@VCC = 0 V) Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25C) Typical VOH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25C) Output current 8 mA (@VCC = 3.0 V to 3.6 V), 16 mA (@VCC = 4.5 V to 5.5 V)
Function Table
Input A L H Note: H: High level L: Low level Output Y H L
HD74LV06A
Pin Arrangement
1A 1Y 2A
1 2 3
14 VCC 13 6A 12 6Y 11 5A 10 5Y 9 4A 8 4Y
2Y 4 3A 3Y 5 6
GND 7
(Top view)
2
HD74LV06A
Absolute Maximum Ratings
Item Supply voltage range Input voltage range*
1 1, 2
Symbol VCC VI VO
Ratings -0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -0.5 to 7.0
Unit V V V
Conditions
Output voltage range*
Output: H or L VCC: OFF
Input clamp current Output clamp current Continuous output current Continuous current through VCC or GND Maximum power dissipation at Ta = 25C (in still air)*3
I IK I OK IO I CC or IGND PT
-20 -50 35 50 785 500
mA mA mA mA mW
VI < 0 VO < 0 VO = 0 to VCC
SOP TSSOP
Storage temperature
Tstg
-65 to 150
C
Notes: The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150C.
3
HD74LV06A
Recommended Operating Conditions
Item Supply voltage range Input voltage range Output voltage range Output current Symbol VCC VI VO I OL Min 2.0 0 0 -- -- -- -- Input transition rise or fall rate t/v 0 0 0 Operating free-air temperature Ta -40 Max 5.5 5.5 5.5 50 2 8 16 200 100 20 85 C ns/V Unit V V V A mA VCC = 2.0 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V Conditions
Note: Unused or floating inputs must be held high or low.
Logic Diagram
A
Y
4
HD74LV06A
DC Electrical Characteristics
* Ta = -40 to 85C
Item Input voltage Symbol VIH VCC (V)* 2.0 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 VIL 2.0 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 Output voltage VOL Min to Max 2.3 3.0 4.5 Input current Quiescent supply current Output leakage current Input capacitance I IN I CC 0 to 5.5 5.5 Min 1.5 VCC x 0.7 VCC x 0.7 VCC x 0.7 -- -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- Max -- -- -- -- 0.5 VCC x 0.3 VCC x 0.3 VCC x 0.3 0.1 0.4 0.44 0.55 1 20 A A V I OL = 50 A I OL = 2 mA I OL = 8 mA I OL = 16 mA VIN = 5.5 V or GND VIN = VCC or GND, IO = 0 Unit V Test Conditions
I OFF
0
--
--
5
A
VO = 5.5 V
CIN
3.3
--
2.3
--
pF
VI = VCC or GND
Note: For conditions shown as Min or Max use the appropriate values under recommended operating conditions.
5
HD74LV06A
Switching Characteristics
* VCC = 2.5 0.2 V
Ta = 25C Item Propagation delay time t PHL Symbol t PLH Min -- -- -- -- Typ 4.7 9.5 5.4 7.9 Max 10.4 15.2 10.4 15.2
Ta = -40 to 85C
Min 1.0 1.0 1.0 1.0
Max 13.0 18.0 13.0 18.0
Unit ns
Test Conditions
FROM (Input)
TO (Output)
CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF
A
Y
* VCC = 3.3 0.3 V
Ta = 25C Item Propagation delay time t PHL Symbol t PLH Min -- -- -- -- Typ 4.0 7.3 4.3 5.8 Max 7.1 10.6 7.1 10.6
Ta = -40 to 85C
Min 1.0 1.0 1.0 1.0
Max 8.5 12.0 8.5 12.0
Unit ns
Test Conditions
FROM (Input)
TO (Output)
CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF
A
Y
* VCC = 5.0 0.5 V
Ta = 25C Item Propagation delay time t PHL Symbol t PLH Min -- -- -- -- Typ 3.3 5.6 3.4 4.1 Max 5.5 7.5 5.5 7.5
Ta = -40 to 85C
Min 1.0 1.0 1.0 1.0
Max 6.5 8.5 6.5 8.5
Unit ns
Test Conditions
FROM (Input)
TO (Output)
CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF
A
Y
6
HD74LV06A
Operating Characteristics
* CL = 50 pF
Ta = 25C Item Power dissipation capacitance Symbol CPD VCC (V) 3.3 Min -- Typ 9.6 Max -- Unit pF Test Conditions f = 10 MHz
5.0
--
11.4
--
Noise Characteristics
* CL = 50 pF
Ta = 25C Item Quiet output, maximum dynamic VOL Quiet output, minimum dynamic VOL High-level dynamic input voltage Low-level dynamic input voltage Symbol VOL (P) VCC (V) 3.3 Min -- Typ 0.3 Max 0.8 Unit V Test Conditions
VOL (V)
3.3
--
-0.1
-0.8
VIH (D)
3.3
2.31
--
--
V
VIL (D)
3.3
--
--
0.99
7
HD74LV06A
Test Circuit
VCC
RL = 1 k
CL*
Note: C L includes the probe and jig capacitance.
* Waveform - 1
tr 90% 50% VCC 10% 90% 50% VCC
tf VCC 10% 0V t PLH VOH
Input
t PHL
Output
50% VCC
VOL + 0.3 V VOL
Notes: 1. Input waveform: PRR 1 MHz, Zo = 50 , t r 3 ns, t f 3 ns 2. The output are measured one at a time with one transition per measurement.
8
HD74LV06A
Package Dimensions
Unit: mm
10.06 10.5 Max 14 8 5.5 1 7 0.22 0.05 0.20 0.04 2.20 Max 7.80 - 0.30 1.15 0 - 8 0.70 0.20
+ 0.20
1.42 Max
1.27 0.42 0.08 0.40 0.06
0.12 M
Hitachi Code JEDEC EIAJ Weight (reference value) FP-14DA -- Conforms 0.23 g
Dimension including the plating thickness Base material dimension
0.10 0.10 0.15
9
HD74LV06A
Unit: mm
8.65 9.05 Max 14 8 3.95 1 1.75 Max 7
*0.22 0.03 0.20 0.03
0.10 6.10 + 0.30 -
0.635 Max
1.08 0 - 8
0.11 0.14 + 0.04 -
1.27 *0.42 0.08 0.40 0.06
0.67 0.60 + 0.20 -
0.15 0.25 M
Hitachi Code JEDEC EIAJ Weight (reference value) FP-14DN Conforms Conforms 0.13 g
*Dimension including the plating thickness Base material dimension
Unit: mm
5.00 5.30 Max 14 8 4.40 1
+0.08 -0.07
7 0.65 1.0 0.13 M 0.83 Max 0.17 0.05 0.15 0.04 6.40 0.20 0 - 8 0.50 0.10
0.22 0.20 0.06
1.10 Max
0.10
0.07 +0.03 -0.04
Dimension including the plating thickness Base material dimension
Hitachi Code JEDEC EIAJ Weight (reference value)
TTP-14D -- -- 0.05 g
10
HD74LV06A
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as in aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail-safe devices, so that the equipment incorporating the Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/index.htm For further information write to:
Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223
Copyright ' Hitachi, Ltd., 2000. All rights reserved. Printed in Japan.
11


▲Up To Search▲   

 
Price & Availability of HD74LV06A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X