Part Number Hot Search : 
USDP75 LB1823M MIMH3 REF19 CTQ08 AC100 RMH1W 154CSW
Product Description
Full Text Search
 

To Download HCF4015B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF4015B
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT
.MEDI .FULLYSTATI .8 .HI .QUI .I .100%TESTEDFORQUI .5V,10V,AND15VPARAMETRI .MEETSALLREQUI
UM SPEED OPERATION : 12MHz (typ.) CLOCK RATE AT VDD - VSS = 10V C OPERATION MASTER-SLAVE FLIP-FLOPS PLUS INPUT AND OUTPUT BUFFERING GH NOISE IMMUNITY ESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE NPUT CURRENT OF 100nA AT 18V AND 25C FOR HCC DEVICE ESCENT CURRENT C RATINGS REMENTS OF JEDEC TENO TATIVE STANDARD N . 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Frit Seal Package)
M1 (Micro Package)
C1 (Plastic Chip Carrier)
ORDER CODES : HCC4015BF HCF4015BM1 HCF4015BEY HCF4015BC1
PIN CONNECTIONS
DESCRIPTION The HCC4015B (extended temperature range) and HCF4015B (intermediate temperature range) are monolithic integrated circuits, available in 16-lead dual in-line plastic or ceramic package and plastic micropackage. The HCC/HCF4015B consists of two identical, independent, 4-stage serial-input/parallel-output registers. Each register has independent CLOCK and RESET inputs as well as a single serial DATA input. "Q" outputs are available from each of the four stages on both registers. All register stages are D-type, master-slave flip-flops. The logic level present at the DATA input is transferred into the first register stage and shifted over one stage at each positive-going clock transition. Resetting of all stages is accomplished by a high level on the reset line. Register expansion to 8 stages using one HCC/HCF4015B package, or to more than 8 stages using additional HCC/HCF4015B's is possible.
June 1989 1/12
HCC/HCF4015B
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DD * Vi II Pto t Parameter Supply Voltage : HC C Types H CF Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for T o p = Full Package-temperature Range Operating Temperature : HCC Types H CF Types Storasge Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to V DD + 0.5 10 200 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 Unit V V V mA mW mW C C C
T op T stg
Stresses above those listed under "Absolute Maximum Ratings "may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI Top Parameter Supply Voltage : HCC Types HC F Types Input Voltage Operating Temperature : HCC Types H CF Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C
2/12
HCC/HCF4015B
LOGIC DIAGRAMS AND TRUTH TABLE
CL - -/ - -/ -\ - X
D 0 1 X X
R 0 0 0 1
Q1 0 1 Q1 0
Qn Qn Qn
-1 -1
Qn - (no. change) 0
3/12
HCC/HCF4015B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions Symbol Parameter VI (V) 0/ 5 HCC 0/10 Types 0/15 0/20 0/ 5 HCF 0/10 Types 0/15 VOH Output High Voltage 0/ 5 0/10 0/15 VOL Output Low Voltage 5/0 10/0 15/0 VIH Input High Voltage 0.5/4.5 1/9 4.5/0.5 9/1 0/ 5 0/ 5 HCC Types 0/10 0/15 0/ 5 0/ 5 HCF Types 0/10 0/15 IOL Output Sink Current 0/ 5 HCC 0/10 Types 0/15 0/ 5 HCF 0/10 Types 0/15 IIH, IIL Input Leakage Current HCC 0/18 Types HCF 0/15 Types Any Input 2.5 4.6 9.5 13.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 0.4 0.5 1.5 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 VO (V) | IO | (A) V DD (V) 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 5 10 15 5 10 15 5 10 15 18 Any Input 15 -2 - 0.64 - 1.6 - 4.2 - 1.53 - 0.52 - 1.3 - 3.6 0.64 1.6 4.2 0.52 1.3 3.6 0.1 0.3 3.5 7 11 1.5 3 4 - 1.6 - 3.2 - 0. 51 - 1 - 1.3 - 2.6 - 3.4 - 6.8 - 1. 36 - 3.2 - 0.44 - 1 - 1.1 - 2.6 - 3.0 - 6.8 0.51 1.3 3.4 0.44 1.1 3.0 1 2.6 6.8 1 2.6 6.8 10-5 0.1 10-5 0.3 5 7.5 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 - 1.15 - 0.36 - 0.9 - 2.4 - 1.1 - 0.36 - 0.9 - 2.4 0.36 0.9 2.4 0.36 0.9 2.4 1 1 A mA mA T Lo w* Min. Max. Min. 5 10 20 100 20 40 80 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 V V Value 25 C 0.04 0.04 0.04 0.08 0.04 0.04 0.04 5 10 20 100 20 40 80 4.95 9.95 14.95 0.05 0.05 0.05 V V T High* Max. 150 300 600 3000 150 300 600 A Unit Typ. Max. Min.
IL
Quiescent Current
1.5/13.5 < 1 VIL Input Low Voltage
13.5/1.5 < 1 IOH Output Drive Current
CI
Input Capacitance
pF
* TLow= - 55C for HCC device : - 40C for HCF device. * THigh= + 125C for HCC device : + 85C for HCF device. The Noise Margin for both "1" and "0" level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5 V min. with V DD = 15V.
4/12
HCC/HCF4015B
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb = 25 C, C L = 50 pF, R L = 200 k, typical temperature coefficient for all V DD values is 0.3 %/C, all input rise and fall times = 20 ns)
Symbol Parameter Test Conditions V D D (V) Min. 5 10 15 t THL , t T L H Transition Time (carry out or decoded out lines) 5 10 15 f CL Maximum Clock Input Frequency 5 10 15 tW Clock Pulse Width 5 10 15 t r, t f * Clock Input Rise or Fall Time 5 10 15 t se t u p Data Setup Time 5 10 15 RESET OPERATION t P L H , t P HL Propagation Delay Time 5 10 15 tW Reset Pulse Width 5 10 15 200 80 60 200 100 80 100 40 30 ns 400 200 160 ns 70 40 30 35 20 15 ns 3 6 8.5 180 80 50 Value Typ. 160 80 60 100 50 40 6 12 17 90 40 25 15 15 15 s ns MHz Max. 320 160 120 200 100 80 ns ns Unit
CLOCKED OPERATION t P L H , t P HL Propagation Delay Time (carry out or decoded out lines)
* If more than unit is cascaded in the parallel clocked application, trCL should be made less than or equal to the sum of the fixed propagation delay at 15pF and the transition time of the carry output driving stage for the estimated capacitive load.
5/12
HCC/HCF4015B
Typical Output Low (sink) Current Characteristics. Minimum Output Low (sink) Current Characteristics.
Typical Output High (source) Current Characteristics.
Minimum Output High (source) Current Characteristics.
Typical transition Time vs. Load Capacitance.
Typical propagation Delay Time vs. Load Capacitance..
6/12
HCC/HCF4015B
Typical Dynamic Power Dissipation vs. Frequency.
TEST CIRCUITS Quiescent Device Current. Input current.
Input Voltage.
Power Dissipation.
7/12
HCC/HCF4015B
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
8/12
HCC/HCF4015B
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
9/12
HCC/HCF4015B
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
10/12
HCC/HCF4015B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
11/12
HCC/HCF4015B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
12/12


▲Up To Search▲   

 
Price & Availability of HCF4015B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X