Part Number Hot Search : 
D74LS04P DY20F DA101MF8 USD4540C 50120 ES1946 CHT05PT SRL5017R
Product Description
Full Text Search
 

To Download H2N5088 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6227-B Issued Date : 1993.04.12 Revised Date : 2000.09.15 Page No. : 1/3
H2N5088
NPN EPITAXIAL PLANAR TRANSISTOR
Description
This device was designed for low noise, high gain , general purpose amplifier applications for 1uA to 25mA collector current.
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature ................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ............................................................................... 350 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ........................................................................................ 35 V VCEO Collector to Emitter Voltage ..................................................................................... 30 V VEBO Emitter to Base Voltage .......................................................................................... 4.5 V IC Collector Current ......................................................................................................... 50 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) VBE(on) *hFE1 *hFE2 *hFE3 fT Cob Min. 35 30 4.5 300 350 300 50 Typ. Max. 50 50 0.5 0.8 900 4.0 Unit V V V nA nA V V Test Conditions IC=100uA, IE=0 IC=1mA, IB=0 IE=10uA, IC=0 VCB=20V, IE=0 VEB=3V, IC=0 IC=10mA, IB=1mA IC=10mA, IB=5V VCE=5V, IC=0.1mA VCE=5V, IC=1mA VCE=5V, IC=10mA VCE=5V, IC=0.5mA, f=100MHz VCB=5V, f=1MHz, IE=0
*Pulse Test : Pulse Width 380us, Duty Cycle2%
MHz pF
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000
Spec. No. : HE6227-B Issued Date : 1993.04.12 Revised Date : 2000.09.15 Page No. : 2/3
Sturation Voltage & Collector Current
1.00
VBE(sat) @ IC=10IB
hFE
hFE @ VCE=5V
Saturation Voltage (V)
0.10
VCE(sat) @ IC=10IB
100 0.1 1 10 100
0.01 0.1 1 10 100
Collector Current (mA)
Collector Current (mA)
On Voltage & Collector Current
1.0 10
Capacitance & Reverse-Biased Voltage
On Voltage (V)
VBE(on) @ VCE=5V
Capacitance (pF)
1 Cob
0.1 0.01 0.1 1 10 100
0.1 0.1
1
10
100
Collector Current (mA)
Reverse-Biased Voltage (V)
Cutoff Frequency & Collector Current
1000 10000
Safe Operating Area
PT=1ms
VCE=5V
100
Collector Current-IC (mA)
Cutoff Frequency (MHz)
1000
PT=100ms
100 PT=1s 10
10 1 10 100 1000
1 1 10 100
Collector Current (mA)
Forward Voltage-VCE (V)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
12 3
Spec. No. : HE6227-B Issued Date : 1993.04.12 Revised Date : 2000.09.15 Page No. : 3/3
2
Marking :
HSMC Logo Part Number Date Code Rank Product Series
3
Laser Mark
HSMC Logo Product Series
C
D
Part Number
H I E F
G
Ink Mark Style : Pin 1.Emitter 2.Base 3.Collector
1
3-Lead TO-92 Plastic Package HSMC Package Code : A
*:Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes : 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H2N5088

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X