Part Number Hot Search : 
R635005 1106A CXB157 P6KE43C 307C1403 472ML BZX84C36 W183M50V
Product Description
Full Text Search
 

To Download GALI-19 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount
Monolithic Amplifiers
50, Broadband,
DC to 7 GHz
* * * *
! NEW Gali
19 * Gali 29 * Gali 39 Gali 49 * Gali 59
Features
miniature SOT-89 package frequency range, DC to 7 GHz up to 17.6 dBm typ. output power excellent package for heat dissipation, exposed metal bottom
Applications
CASE STYLE : DF782
* cellular * PCS * communication receivers & transmitters
Electrical Specifications @ 25C
MODEL NO. FREQ. (GHz)
s
GAIN, dB Typical
MAXIMUM DYNAMIC POWER, dBm RANGE at 7 GHz* at 2 GHz*
Min. @ 2 GHz 9.6 12.7 17.7 11.5 16.3
VSWR (:1) Typ.
Out DC-3 3-fU GHz GHz 1.5 1.5 1.5 1.5 1.5 2.3 2.3 2.3 1.4 1.7
MAXIMUM CURRENT RATING**
I mA 55 55 55 85 85
fL - fU
Gali Gali Gali Gali Gali
v
0.1 12.1 15.4 20.8 14.0 20.6
1 11.7 15.1 21.1 13.7 19.7
over frequency, GHz 3 2 4 5 11.6 14.7 19.7 13.6 18.3 10.7 13.7 17.7 13.7 16.7 10.8 13.6 17.0 13.3 15.4 10.1 12.9 16.1 13.1 14.0
7 11.0 14.2 17.6 10.7 10.2
10 14.5 12.5 9.8 -- --
Output Input NF IP3 (1 dB In (no dB dBm DC-3 3-fU Comp.) Typ. Min. dmg.) Typ. Typ. GHz GHz 10.6 9.0 11.2 10.0 10.5 9.0 16.4 15.0 17.6 16.5 15 15 13 20 13.0 6.5 6.0 4.9 5.5 4.3 23.7 24.7 22.9 33.3 33.3 1.6 1.7 1.5 1.6 1.6 1.8 1.7 1.2 1.6 1.5
DC OPERATING POWER @ Pin 3***
CurDevice rent Volt (mA) Typ Min Max 40 40 35 65 65 3.6 3.2 4.0 3.6 3.2 4.0 3.5 3.1 3.9 5.0 4.5 5.4 4.8 4.3 5.2
THERMAL PRICE RESIS$ TANCE
jc, typ. C/W 311 340 350 171 209 Qty. (25) 1.19 1.19 1.19 1.79 1.79
19 29 39 49 59
DC-7 DC-7 DC-7 DC-5 DC-5
MEDIUM POWER
LOW POWER
Low frequency cutoff determined by external coupling capacitors. * For Pout @ 1dB compression, Gali-49,-59 at 2 GHz. For IP3, Gali-49,-59 at 1 GHz. ** Permanent damage may occur if any of these limits are exceeded. These ratings are not intended for continuous normal operation. ***Reliability predictions and normal operating conditions are applicable at current specified.
fU is the upper frequency limit for each model as shown in the table.
Maximum Ratings
Operating Temperature Storage Temperature -45C to 85C -65C to 150C
MTTF vs. Junction Temp.
1,000
MTTF (Years)
Pin Configuration
RF IN RF OUT DC GND EXT. 1 3 3 2
100
10
Model Identification
Model GALI-19 Gali-29 Gali-39 Gali-49 Gali-59
1 140
Marking 19 29 39 49 59
160 180 Junction Temp (C) ( C)
200
220
Prefix letter (optional) designates assembly location. Suffix letters (optional) are for wafer identification.
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
REV. B M89969 D60-1117.DOC GALI-19 Q0201030 Gali-29 Q0201031 Gali-39 Q0201032 Gali-49 EC-9381/10 Gali-59 EC-9381/11 RS/TD/CP 031202
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED
Page 1 of 2
Gali 19 * Gali 29 * Gali 39 Gali 49 * Gali 59
Suggested Layout for PCB Pattern
Outline Drawing
Outline Dimensions ( inch ) mm
A .102 2.59 J .118 3.00 B .090 2.29 K .015 0.38 C .181 4.60 L .041 1.04 D .173 4.39 M .016 0.41 E .063 1.60 N .019 0.48 F .167 4.24 P .065 1.65 G .155 3.94 H .059 1.50 wt. grams
.2
Typical Biasing Configuration
Rbias (Required) Vcc Cbypass Cblock IN 1 2 4 Ibias 3 Vd Cblock RFC (Optional) OUT
R BIAS "1%" Resistor Values (ohms) for Optimum Biasing of Gali Models
Vcc 7 8 9 10 11 12 13 14 15 16 17 18 19 20 GALI-19 88.7 113 137 162 187 215 237 261 287 309 332 357 383 412 Gali-29 88.7 113 137 162 187 215 237 261 287 316 340 365 392 412 Gali-39 107 133 162 191 221 249 280 309 340 365 392 422 453 475 Gali-49 34.0 48.7 64.9 80.6 95.3 110 127 143 158 174 187 205 221 237 Gali-59 36.5 51.1 64.9 80.6 97.6 113 127 143 158 174 191 205 221 237
Test Board includes case, connectors, and components (in bold) soldered to PCB
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of GALI-19

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X