Part Number Hot Search : 
TXC101 5MTCX NJM2146 PSMR12 SDZ5V1Q 150B6TR BR404 30SC4MT
Product Description
Full Text Search
 

To Download FR1012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
FR1012GP THRU FR1020GP
1 Amp Glass Passivated Rectifier 1200 to 2000 Volts
DO-41
Low Cost Low Leakage Low Forward Voltage Drop High Current Capability Fast Switching Speed For High Efficiency Glass Passivated Junction
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Catalog Number FR1012GP FR1014GP FR1016GP FR1018GP FR1020GP Device Marking Maximum Recurrent Peak Reverse Voltage 1200V 1400V 1600 V 1800V 2000V Maximum RMS Voltage 840V 980V 1120 V 1260V 1400V Maximum DC Blocking Voltage 1200V 1400V 1600V 1800V 2000V
D
------------
A Cathode Mark B
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 18-20 Maximum DC Reverse Current At Rated DC Blocking Voltage IF(AV) IFSM 1A 30A TA = 55C 8.3ms, half sine IFM = 1.0A; TA = 25C
D
C
VF
1.35V 1.50V 5.0A 100A
DIMENSIONS INCHES MIN .166 .080 .028 1.000 MM MIN 4.10 2.00 .70 25.40
IR
TA = 25C TA = 100C
DIM A B C D
MAX .205 .107 .034 ---
MAX 5.20 2.70 .90 ---
NOTE
Maximum Reverse Recovery Time 300ns IF=0.5A, IR=1.0A, FR1012-1016 Trr 500ns Irr=0.25A FR1018-1020 Typical Junction CJ 15pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
www.mccsemi.com
FR1012GP thru FR1020GP
Figure 1 Typical Forward Characteristics 20 10 6 4 1.0 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 12 1.4 0 .2 Amps .4 .8 1.2 Figure 2 Forward Derating Curve
MCC
.6
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Figure 3 Junction Capacitance
100 60 40 20 pF TJ=25C 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
FR1012GP thru FR1020GP
Figure 4 Peak Forward Surge Current 60 50 40 30 Amps 20 10 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100
MCC
2
Figure 5 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 trr +0.5A
0 25Vdc Pulse Generator Note 2 1 Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of FR1012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X