Part Number Hot Search : 
1N5258 SL1710 120CRP EA40QC10 68HC908A WM8944B STN4346 5KP24A
Product Description
Full Text Search
 

To Download FDC6331L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDC6331L
August 2001
FDC6331L
Integrated Load Switch
General Description This device is particularly suited for compact power management in portable electronic equipment where 2.5V to 8V input and 2.8A output current capability are needed. This load switch integrates a small N-Channel power MOSFET (Q1) that drives a large P -Channel power MOSFET (Q2) in one tiny SuperSOTT M-6 package. Applications * Load switch * Power management
Features
* -2.8 A, -8 V. RDS(ON) = 55 m @ V GS = -4.5 V RDS(ON) = 70 m @ V GS = -2.5 V RDS(ON) = 100 m @ V GS = -1.8 V * Control MOSFET (Q1) includes Zener protection for ESD ruggedness (>6KV Human body model) * High performance trench technology for extremely low RDS(ON)
D2 S1 D1
Vin,R1 ON/OFF
Q2
Equivalent Circuit
3 2
Q1
4 5 6
Vout,C1 IN Vout,C1 R2
+V - DROP
OUT
G2
SuperSOT Pin 1
TM
-6
S2 G1
R1,C1
1
See Application Circuit
ON/OFF
SuperSOTTM-6
Absolute Maximum Ratings
Symbol V IN V ON/OFF ILoad PD TJ , TSTG
TA=25oC unless otherwise noted
Parameter Maximum Input Voltage High level ON/OFF voltage range Load Current - Continuous - Pulsed Maximum Power Dissipation
(Note 1) (Note 1)
Ratings 8 -0.5 to 8 -2.8 -9 0.7 -55 to +150
Units V V A W C
Operating and Storage Junction Temperature Range
Thermal Characteristics
RJA RJ C Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case
(Note 1) (Note 1)
180 60
C/W C/W
Package Marking and Ordering Information
Device Marking .331 Device FDC6331L Reel Size 7'' Tape width 8mm Quantity 3000 units
(c)2001 Fairchild Semiconductor Corporation
FDC6331L Rev C(W)
FDC6331L
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BV IN ILoad IFL IRL Vin Breakdown Voltage Zero Gate Voltage Drain Current Leakage Current, Forward Leakage Current, Reverse
(Note 2)
V ON/OFF = 0 V, ID = -250 A V IN = 6.4 V, V ON/OFF = 0 V V ON/OFF = 0 V, V IN = 8 V V ON/OFF = 0 V, V IN = -8 V V IN = V ON/OFF, ID = -250 A V IN = 4.5 V, ID = -2.8A V IN = 2.5 V, ID = -2.5 A V IN = 1.8 V, ID = -2.0 A V IN = 4.5 V, ID = 0.4A V IN = 2.7 V, ID = 0.2 A
8 -1 -100 100
V A nA nA
On Characteristics
V ON/OFF (th) RDS(on)
Gate Threshold Voltage Static Drain-Source On-Resistance (Q2) Static Drain-Source On-Resistance (Q1)
0.4
RDS(on)
0.9 34 45 64 3.1 3.8
1.5 55 70 100 4 5
V m
Drain-Source Diode Characteristics and Maximum Ratings
IS V SD Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage V ON/OFF = 0 V, IS = -0.6 A
(Note 2)
-0.6 -1.2
A V
Notes: 1. R J A is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. R JC is guar anteed by design while R J A is determined by the user's board design. 2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%.
FDC6331L Load Switch Application Circuit IN
R1 Q2 C1
OUT
Q1
LOAD
ON/OFF
R2
External Component Recommendation: For additional in-rush current control, R2 and C1 can be added. For more information, see application note AN1030.
FDC6331L Rev C(W)
FDC6331L
0.4 0.35 0.3 -V DROP, (V) 0.25 0.2 0.15 0.1 0.05 0 0 1 2 3 -I L, (A) 4 5 6 TJ = 25 OC V IN = -1.8V V ON/OFF = -1.5V -8V PW = 300us, D < 2%
0.4 0.35 T J = 125OC -V DROP, (V) 0.3 0.25 0.2 0.15 0.1 0.05 0 0 1 2 3 -I L, (A) 4 5 6 T J = 25OC TJ = 125 OC V IN = -2.5V V ON/OFF = -1.5V -8V PW = 300us, D < 2%
Figure 1. Conduction Voltage Drop Variation with Load Current.
0.4 0.35 0.3 -V DROP, (V) 0.25 0.2 0.15 0.1 0.05 0 0 1 2 3 -I L, (A) 4 5 6 0 1 TJ = 125 OC V IN = -4.5V V ON/OFF = -1.5V -8V PW = 300us, D < 2% RDS(ON) , ON-RESISTANCE ( ) 0.15
Figure 2. Conduction Voltage Drop Variation with Load Current.
IL = -1A V O N / O F F = -1.5V -8V PW = 300us, D < 2%
0.125
0.1
0.075 T J = 125OC 0.05 TJ = 25OC 0.025
TJ = 25OC
2
3 4 -VIN , INPUT VOLTAGE (V)
5
Figure 3. Conduction Voltage Drop Variation with Load Current.
1 r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
D = 0.5
Figure 4. On-Resistance Variation With Input Voltage
R JA(t) = r(t) + RJA R JA = 156 C/W P(pk)
0.2 0.1
0.1
t1
0.05 0.02 0.01 SINGLE PULSE
t2 T J - TA = P * R (t) JA Duty Cycle, D = t1 / t2
0.01 0.0001
0.001
0.01
0.1
1
10
100
1000
FDC6331L Rev C(W)
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of FDC6331L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X