Part Number Hot Search : 
CM3121 T90SC T3906 A3106 82N31 BU450 TCMZ36V C2518
Product Description
Full Text Search
 

To Download DSEP8-12A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSEP 8-12A
HiPerFREDTM Epitaxial Diode
with soft recovery
IFAV = 10 A VRRM = 1200 V trr = 40 ns
A C
VRSM V 1200
VRRM V
Type
TO-220 AC
C
1200
DSEP 8-12A
A
C (TAB)
A = Anode, C = Cathode, TAB = Cathode
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Md Weight
Conditions TC = 115C; rectangular, d = 0.5 TVJ = 45C; tp = 10 ms (50 Hz), sine TVJ = 25C; non-repetitive IAS = 8 A; L = 180 H VA = 1.25*VR typ.; f = 10 kHz; repetitive
Maximum Ratings 35 10 40 6.9 0.8 -55...+175 175 -55...+150 A A Features A
q
mJ A C C C W Nm g
q q q q q q
International standard package Planar passivated chips Very short recovery time Extremely low switching losses Low IRM-values Soft recovery behaviour Epoxy meets UL 94V-0
TC = 25C mounting torque typical
60 0.4...0.6 2
Applications
q
q q
Symbol IR x
Conditions TVJ = 25C VR = VRRM TVJ = 150C VR = VRRM IF = 10 A; TVJ = 150C TVJ = 25C
Characteristic Values typ. max. 60 0.25 1.96 2.94 2.5 0.5 mA mA V V K/W K/W ns
q
q
q q q
VF y RthJC RthCH trr IRM
Antiparallel diode for high frequency switching devices Antisaturation diode Snubber diode Free wheeling diode in converters and motor control circuits Rectifiers in switch mode power supplies (SMPS) Inductive heating Uninterruptible power supplies (UPS) Ultrasonic cleaners and welders
Advantages
q
IF = 1 A; -di/dt = 50 A/ms; VR = 30 V; TVJ = 25C VR = 100 V; IF = 12 A; -diF/dt = 100 A/ms TVJ = 100C
40 4
A
q
q
Avalanche voltage rated for reliable operation Soft reverse recovery for low EMI/RFI Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
Pulse test: x Pulse Width = 5 ms, Duty Cycle < 2.0 % y Pulse Width = 300 ms, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified
Dimensions see outlines.pdf
(c) 2000 IXYS All rights reserved
1-2
008
IXYS reserves the right to change limits, test conditions and dimensions.
DSEP 8-12A
30 A 25 IF 20
TVJ=150C
2000 nC 1500 Qr
TVJ= 100C VR = 600V
40
TVJ= 100C A VR = 600V
IF= 20A IF= 10A IF= 5A
IRM
30
15
TVJ=100C
1000
20
IF= 20A IF= 10A IF= 5A
10
TVJ= 25C
500
10
5 0 0 1 2 3 VF 4V 0 100 0 A/ms 1000 -diF/dt 0 200 400 600 A/ms 1000 800 -diF/dt
Fig. 1 Forward current IF versus VF
Fig. 2 Reverse recovery charge Qr versus -diF/dt
150 ns 140
TVJ= 100C VR = 600V
Fig. 3 Peak reverse current IRM versus -diF/dt
120 V VFR
tfr TVJ= 100C IF = 10A VFR
2.0
1.2 s tfr 0.8
1.5 Kf 1.0
trr 130 120 110
IF= 20A IF= 10A IF= 5A
80
I RM
40
0.4
0.5
Qr
100 90 0 0 200 400 600 -diF/dt 800 A/ms 1000 0 200 400 0.0 600 A/ms 1000 800 diF/dt
0.0 0 40 80 120 C 160 TVJ
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
10 K/W 1 ZthJC 0.1
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 1.449 0.558 0.493 ti (s) 0.0052 0.0003 0.017
0.01
0.001 0.00001
DSEP 8-12A
0.0001
0.001
0.01
0.1 t
s
1
Fig. 7 Transient thermal resistance junction to case
008
NOTE: Fig. 2 to Fig. 6 shows typical values
(c) 2000 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of DSEP8-12A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X