Part Number Hot Search : 
SIHLD110 SE555N STUB013 MAX8744E BU806FI CX24130 WNM4006 ED302T
Product Description
Full Text Search
 

To Download D4SB60L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
General Purpose Rectifiers
SIL Bridges
D4SB60L
600V 4A
OUTLINE DIMENSIONS
Case : 3S
(Unit : mm)
RATINGS
*oeAbsolute Maximum Ratings *f not specified Tl=25*Z) I i Item Symbol Conditions Ratings Unit Storage Temperature Tstg -40*150 *Z Operating Junction TemperatureTj 150 *Z Maximum Reverse Voltage VRM 600 V Average Rectified Forward Current 50Hz sine wave, R-load With heatsink Tc=111*Z A IO 4 50Hz sine wave, R-load Without heatsink Ta=25*Z 2.5 Peak Surge Forward Current IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25 *Z 150 A 2 Current Squared Time I t 2ms*...t*10ms*@sj = 25*Z 80 A2s Dielectric Strength Vdis Terminals to case, AC 1 minute 2 kV Mounting Torque R i TOR * ecommended torque : 0.5Nm*j 0.8 Nm *oeElectrical Characteristics *f not specified Tl=25*Z) I i Item Symbol Conditions Ratings Unit Forward Voltage VF I =2A, Pulse measurement, Rating of per diode F Max.0.95 V Reverse Current IR V=V , Pulse measurement, Rating of per diode Max.10 EA R RM Reverse Recovery Time trr I =0.1A,R I =0.1A, Rating of per diode Max.10 Es F AEjc junction to case *@ *@With heatsink Max.5.5 Thermal Resistance AEjl junction to lead *@ *@ Without heatsink Max.6 *Z/W AEja junction to ambient Without heatsink Max.30
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D4SB60L
Forward Voltage
10
Forward Current IF [A]
Tc=150C [TYP]
Tc=25C [TYP] 1
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
D4SB60L
10
Forward Power Dissipation
Forward Power Dissipation PF [W]
8 SIN
6
4
2
0
0
1
2
3
4
5
6
Average Rectified Forward Current IO [A]
Tj = 150C Sine wave
D4SB60L
6
Derating Curve
Average Rectified Forward Current IO [A]
5 SIN 4
3
2
Heatsink
Tc
Tc
1
0
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
Sine wave R-load with heatsink
D4SB60L
4
Derating Curve
Average Rectified Forward Current IO [A]
3.5 PCB 3 SIN 2.5 2 1.5 1 0.5 0 Soldering land 5mm
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
VR = 600V 0 0
IO
VR tp D=tp /T T
D4SB60L
200
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
Peak Surge Forward Current IFSM [A]
150
non-repetitive, sine wave, Tj=25C before surge current is applied
100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of D4SB60L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X