Part Number Hot Search : 
C103M KTD1028 EDZ11 MBRF3010 MBRF3010 TDA7241B IPB80N06 0F3TR
Product Description
Full Text Search
 

To Download BYW95 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
handbook, 2 columns
M3D118
BYW95 series Fast soft-recovery controlled avalanche rectifiers
Product specification Supersedes data of December 1979 1996 Jun 07
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
FEATURES * Glass passivated * High maximum operating temperature * Low leakage current * Excellent stability * Guaranteed avalanche energy absorption capability * Available in ammo-pack * Also available with preformed leads for easy insertion.
2/3 page k (Datasheet)
a
BYW95 series
construction. This package is hermetically sealed and fatigue free as coefficients of expansion of all used parts are matched.
DESCRIPTION Rugged glass SOD64 package, using a high temperature alloyed
MAM104
Fig.1 Simplified outline (SOD64) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VRRM BYW95A BYW95B BYW95C VR continuous reverse voltage BYW95A BYW95B BYW95C IF(AV) average forward current Ttp = 60 C; lead length = 10 mm see Fig.2; averaged over any 20 ms period; see also Fig.6 Tamb = 65 C; PCB mounting (see Fig.11); see Fig.3; averaged over any 20 ms period; see also Fig.6 IFRM IFSM repetitive peak forward current non-repetitive peak forward current Ttp = 60 C; see Fig.4 Tamb = 65 C; see Fig.5 t = 10 ms half sine wave; Tj = Tj max prior to surge; VR = VRRMmax L = 120 mH; Tj = Tj max prior to surge; inductive load switched off see Fig.7 - - - - 200 400 600 3.00 V V V A PARAMETER repetitive peak reverse voltage - - - 200 400 600 V V V CONDITIONS MIN. MAX. UNIT
-
1.25
A
- - -
30 13 70
A A A
ERSM Tstg Tj
non-repetitive peak reverse avalanche energy storage temperature junction temperature
- -65 -65
10 +175 +175
mJ C C
1996 Jun 07
2
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL VF V(BR)R PARAMETER forward voltage reverse avalanche breakdown voltage BYW95A BYW95B BYW95C IR reverse current VR = VRRMmax; see Fig.9 VR = VRRMmax; Tj = 165 C; see Fig.9 trr reverse recovery time when switched from IF = 0.5 A to IR = 1 A; measured at IR = 0.25 A; see Fig.12 f = 1 MHz; VR = 0 V; see Fig.10 when switched from IF = 1 A to VR 30 V and dIF/dt = -1 A/s; see Fig.13 CONDITIONS IF = 5 A; Tj = Tj max; see Fig.8 IF = 5 A; see Fig.8 IR = 0.1 mA 300 500 700 - - - - - - - - - MIN. - - TYP. - -
BYW95 series
MAX. 1.25 1.50 V V
UNIT
- - - 1 150 250
V V V A A ns
Cd dI R -------dt
diode capacitance maximum slope of reverse recovery current
- -
85 -
- 7
pF A/s
THERMAL CHARACTERISTICS SYMBOL Rth j-tp Rth j-a Note 1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer 40 m, see Fig.11. For more information please refer to the "General Part of associated Handbook". PARAMETER thermal resistance from junction to tie-point thermal resistance from junction to ambient CONDITIONS lead length = 10 mm note 1 VALUE 25 75 UNIT K/W K/W
1996 Jun 07
3
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
GRAPHICAL DATA
MGC609
BYW95 series
MGC608
handbook, halfpage
4
handbook, halfpage
2.0
IF(AV) (A) 3
IF(AV) (A)
1.6
1.2 2 0.8 1 0.4
0 0 100 Ttp ( C)
o
0 200 0 100 Tamb ( C)
o
200
a = 1.42; VR = VRRMmax; = 0.5. Switched mode application.
a = 1.42; VR = VRRMmax; = 0.5. Device mounted as shown in Fig.11. Switched mode application.
Fig.2
Maximum permissible average forward current as a function of tie-point temperature (including losses due to reverse leakage).
Fig.3
Maximum permissible average forward current as a function of ambient temperature (including losses due to reverse leakage).
MGC606
handbook, full pagewidth
40
I FRM (A) = 0.05
30
20
0.1
0.2 10 0.5 1.0
0 10 -2
10 -1
1
10
10 2
10 3
tp (ms)
10 4
Ttp = 60 C; Rth j-tp = 25 K/W. VRRMmax during 1 - ; curves include derating for Tj max at VRRM = 600 V.
Fig.4 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
1996 Jun 07
4
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYW95 series
MGC607
handbook, full pagewidth
16
I FRM (A) = 0.05
12
0.1 8
0.2 4 0.5 1.0
0 10 -2
10 -1
1
10
10 2
10 3
tp (ms)
10 4
Tamb = 65 C; Rth j-a = 75 K/W. VRRMmax during 1 - ; curves include derating for Tj max at VRRM = 600 V.
Fig.5 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
MGC611
MGC575
handbook, halfpage
5
P (W)
a=3 2.5
2
1.57 1.42
handbook, halfpage
200
4
Tj ( C)
o
3 100 2
A 1
B
C
0 0 2 IF(AV) (A) 4
0 0 200 400 600 VR (V) 800
a = IF(RMS)/IF(AV); VR = VRRMmax; = 0.5. Solid line = VR.
Fig.6
Maximum steady state power dissipation (forward plus leakage current losses, excluding switching losses) as a function of average forward current.
Dotted line = VRRM; = 0.5.
Fig.7
Maximum permissible junction temperature as a function of reverse voltage.
1996 Jun 07
5
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYW95 series
MGC610
MGC574
handbook, halfpage
10
IF (A)
10 3 handbook, halfpage IR (A) 10
2
8
6 10 4
1 2
0 0 1 VF (V) 2
10 1 0 100 Tj ( C)
o
200
Dotted line: Tj = 175 C. Solid line: Tj = 25 C.
VR = VRRMmax.
Fig.8
Forward current as a function of forward voltage; maximum values.
Fig.9
Reverse current as a function of junction temperature; maximum values.
10 2 handbook, halfpage Cd (pF)
MGC605
handbook, halfpage
50 25
7 50 10
2 3 1 1 10 102 103
MGA200
VR (V)
f = 1 MHz; Tj = 25 C. Dimensions in mm.
Fig.10 Diode capacitance as a function of reverse voltage; typical values.
Fig.11 Device mounted on a printed-circuit board.
1996 Jun 07
6
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
BYW95 series
handbook, full pagewidth
DUT +
IF (A) 0.5 1 t rr
10
25 V 50 0 0.25 0.5 IR (A) 1
t
MAM057
Input impedance oscilloscope: 1 M, 22 pF; tr 7 ns. Source impedance: 50 ; tr 15 ns.
Fig.12 Test circuit and reverse recovery time waveform and definition.
IF andbook, halfpage dI F dt t rr 10% t dI R dt 100% IR
MGC499
Fig.13 Reverse recovery definitions.
1996 Jun 07
7
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifiers
PACKAGE OUTLINE
BYW95 series
handbook, full pagewidth
k
a 1.35 max
4.5 max
28 min
5.0 max
28 min
MBC049
Dimensions in mm. The marking band indicates the cathode.
Fig.14 SOD64.
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1996 Jun 07
8


▲Up To Search▲   

 
Price & Availability of BYW95

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X