Part Number Hot Search : 
SBLF1050 BSP20 04008 SA10ARL 020D2 HPR120W ZVN0545A ON1311
Product Description
Full Text Search
 

To Download BUZ50A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 50 A
SIPMOS (R) Power Transistor
* N channel * Enhancement mode
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 50 A
VDS
1000 V
ID
2.5 A
RDS(on)
5
Package TO-220 AB
Ordering Code C67078-A1307-A3
Maximum Ratings Parameter Drain source voltage Drain-gate voltage Symbol Values 1000 1000 Unit V
VDS VDGR ID
RGS = 20 k
Continuous drain current
A 2.5
TC = 25 C
Pulsed drain current
IDpuls
10
TC = 25 C
Gate source voltage Power dissipation
VGS Ptot
20 75
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJA
-55 ... ...+ 150 C -55 ... ...+ 150 1.6 75 E 55 / 150 / 56 K/W
Semiconductor Group
1
07/96
BUZ 50 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
1000 3 20 100 10 4.5 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
250 1000
A
VDS = 1000 V, VGS = 0 V, Tj = 25 C VDS = 1000 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 5
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 1.5 A
Semiconductor Group
2
07/96
BUZ 50 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
0.7 1.5 1600 70 30 -
S pF 2100 120 55 ns 30 45
VDS 2 * ID * RDS(on)max, ID = 1.5 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 2 A RGS = 50
Rise time
tr
40 60
VDD = 30 V, VGS = 10 V, ID = 2 A RGS = 50
Turn-off delay time
td(off)
110 140
VDD = 30 V, VGS = 10 V, ID = 2 A RGS = 50
Fall time
tf
60 80
VDD = 30 V, VGS = 10 V, ID = 2 A RGS = 50
Semiconductor Group
3
07/96
BUZ 50 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1.05 2 15 2.5 10 V 1.3 s C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 6 A
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 50 A
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
2.6 A
80
W
2.2
Ptot
ID
60
2.0 1.8
50
1.6 1.4
40
1.2 1.0 0.8
30
20
0.6 0.4
10 0.2 0 0 0.0 20 40 60 80 100 120 C 160 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
A
K/W
t = 630.0ns p
1 s 10 s
ID
10 1
ZthJC
10 0
DS
/
I
D
10
0
=
V
100 s
10 -1 D = 0.50 0.20 0.10
DS (o n)
R
1 ms
10 ms
10 -1 DC
10 -2 single pulse
0.05 0.02 0.01
10 -2 0 10
10
1
10
2
V 10
3
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 50 A
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
6.0 A
l kj i h g
VGS [V] a 4.0
b 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
16
a b c d e f
Ptot = 75W
RDS (on)
12
5.0
ID
4.5 4.0 3.5
e f
c d e f g h
10
3.0 2.5 2.0 1.5
c d
8
g h i k j
i j k l
6
4 2 VGS [V] =
a 4.0 4.5 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5
1.0
b
0.5 0.0 0 10 20 30 40
a
h i j k 8.0 9.0 10.0 20.0
50
V
65
0 0.0
1.0
2.0
3.0
4.0
A
5.5
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
3.0
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
2.0
A
ID
2.0
gfs
S
1.5
1.0
1.0 0.5 0.5
0.0 0 1 2 3 4 5 6 7 8 V 10
0.0 0.0
0.5
1.0
1.5
2.0
VGS
A ID
3.0
Semiconductor Group
6
07/96
BUZ 50 A
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 1.5 A, VGS = 10 V
24
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
20
98%
RDS (on)
VGS(th)
3.6 3.2
18
typ
16 14 12 10 8 6 4 2 0 -60 -20 20 60 100 C 160 2.8 2.4 2.0
2%
98% typ
1.6 1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 1
nF C 10 0
A
Ciss
IF
10 0
10 -1
10 -1
Coss Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0
5
10
15
20
25
30
V VDS
40
10 -2 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 50 A
Drain-source breakdown voltage V(BR)DSS = (Tj )
Typ. gate charge VGS = (QGate) parameter: ID puls = 4 A
16
1200 V 1160
V
V(BR)DSS 1140
1120 1100 1080 1060 1040 1020 1000 980 960 940 920 900 -60
VGS
12
10 0,2 VDS max 0,8 VDS max
8
6
4
2 0 -20 20 60 100 C 160 0 10 20 30 40 50 nC 65
Tj
Q Gate
Semiconductor Group
8
07/96
BUZ 50 A
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ50A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X