Part Number Hot Search : 
SC1EXXX 1N4728 ON1269 TBWB2A0O 8671A LT4363 UF1JF AN731
Product Description
Full Text Search
 

To Download BUZ31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 31
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 31
VDS
200 V
ID
14.5 A
RDS(on)
0.2
Package TO-220 AB
Ordering Code C67078-S.1304-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 14.5 Unit A
ID IDpuls
58
TC = 30 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
14.5 9 mJ
ID = 14.5 A, VDD = 50 V, RGS = 25 L = 1.42 mH, Tj = 25 C
Gate source voltage Power dissipation 200
VGS Ptot
20 95
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Semiconductor Group
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 1.32 75 E 55 / 150 / 56
C K/W
1
07/96
BUZ 31
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
200 3 0.1 10 10 0.16 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 200 V, VGS = 0 V, Tj = 25 C VDS = 200 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 0.2
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 9 A
Semiconductor Group
2
07/96
BUZ 31
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
5 10 840 180 95 -
S pF 1120 270 150 ns 12 20
VDS 2 * ID * RDS(on)max, ID = 9 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Rise time
tr
50 75
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
150 200
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Fall time
tf
60 80
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 31
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1.1 170 1.1 14.5 58 V 1.6 ns C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 29 A
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 31
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
15 A
100 W
13
Ptot
80 70 60 50 40 30 20 10 0 0
ID
12 11 10 9 8 7 6 5 4 3 2 1 0
20
40
60
80
100
120
C
160
0
20
40
60
80
100
120
C
160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
t = 13.0s p
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
K/W
=V
ID
10 1
DS
/I
A
D
100 s
ZthJC
10 0
R
DS (o n)
1 ms
10 -1 D = 0.50
10 ms
0.20 0.10 10 -2 0.05 0.02 0.01 single pulse
10
0
DC
10
-1
10
0
10
1
10
2
10 V
-3
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 31
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
32
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.65
Ptot = 95W
l
kj
i
h
g
VGS [V]
a
b
c
d
e
A
0.55
ID
fa
4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
24
b c
RDS (on) 0.50
0.45 0.40 0.35 0.30 0.25 0.20
j f g h i k
20
e
d e f
16
g
d
h i
12
c
j k l
8
b a
0.15 0.10 0.05
VGS [V] =
a 4.0 4.5 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5
4 0 0
h i j k 8.0 9.0 10.0 20.0
2
4
6
8
10
V
13
0.00 0
4
8
12
16
20
A
28
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
16
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
13 S
A
11
ID
12
gfs
10 9
10
8 7
8 6 6 5 4 4 3 2 1 0 0 0 1 2 3 4 5 6 7 8 V 10 0 2 4 6 8 10 12 A ID 16
2
VGS
Semiconductor Group
6
07/96
BUZ 31
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 9 A, VGS = 10 V
0.75
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
0.65
98%
RDS (on)0.60
0.55 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 -60
VGS(th)
3.6 3.2 2.8 2.4 2.0
typ
2%
98%
1.6
typ
1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 160
-20
20
60
100
C
160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 4
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
pF C 10 3
A
IF
10 1
Ciss
Coss
10 2 10 0
Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 1 0
5
10
15
20
25
30
V VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 31
Avalanche energy EAS = (Tj ) parameter: ID = 14.5 A, VDD = 50 V RGS = 25 , L = 1.42 mH
220 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 20 A
16
V
EAS
180 160 140 120
VGS
12
10 0,2 VDS max 8 0,8 VDS max
100 80 60 40 2 20 0 20 0 40 60 80 100 120 C 160 0 10 20 30 40 50 60 70 90 6
4
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
240 V 230 V(BR)DSS 225 220 215 210 205 200 195 190 185 180 -60 -20 20 60 100 C 160
Tj
Semiconductor Group
8
07/96
BUZ 31
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X