|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Audio ICs PLL frequency synthesizer for tuners BU2614 / BU2614FS The BU2614 PLL frequency synthesizers work up through the FM band. Featuring low radiation noise, low power dissipation, and highly sensitive built-in RF amps, they support an IF count function. FApplications Tuners (Mini components, radio cassette players, radio equipment, etc.) FFeatures 1) Built-in high-speed prescaler can divide 130MHzVCO. 2) Reference oscillation of 75kHz keeps unnecessary radiation noise to a low level. 3) Low current dissipation (during operation: 4mA, PLL OFF 100A). 4) In addition to the standard FM and AM, also offers the following 7 frequencies: 25kHz, 12.5kHz, 6.25kHz, 3.125kHz, 5kHz, 3kHz, and 1kHz. 5) Counter for measurement of intermediate frequencies. 6) Unlock detection. 7) Three output ports (open drain). The BU2615, with seven output ports, is also available. 8) Serial data input (CE, CK, DA). FAbsolute maximum ratings (Ta = 25_C) FRecommended operating conditions (Ta = 25_C) 116 Audio ICs FBlock diagram BU2614 / BU2614FS FPin assignments 117 Audio ICs FPin descriptions BU2614 / BU2614FS 118 Audio ICs FElectrical characteristics (unless otherwise noted, Ta = 25_C, VDD1 = VDD2 = 5.0V) BU2614 / BU2614FS 119 Audio ICs FInput data format BU2614 / BU2614FS 120 Audio ICs FExplanation of the data (1) Division data: For D0 through D15 (When S = 1, use D4 through D15.) BU2614 / BU2614FS (2) (3) (4) CT: Frequency measurement beginning data 1: Beginning of measurement 0: Internal counter is reset, IFIN is pulldown. Output port control data: P0, P1, P2 1: Open drain output ON 2: Open drain output OFF R0, R1, R2, standard frequency data (5) (6) (7) S: switch between FMIN and AMIN 0: FMIN 1: AMIN PS: If this bit is set to ON while AMIN is selected, swallow counter division is possible. GT: Frequency measurement time and unlock detection ON / OFF (8) TS: Test data (0) is input. 121 Audio ICs FFrequency counter (1) Structure BU2614 / BU2614FS (2) How the frequency counter operates When control data CT equals 1, the 20-bit counter and the amp go into operation. When CT equals 0, input pulldown and the counter are reset. Measuring time (gate pulse) is selected (16ms / 32ms) on the basis of control data GT. When control data CT equals 0, the counter is reset. (3) Explanation of output data D0: LSB D19: MSB How the unlock detection circuit operates When control data GT equals 1, or CT equals 1, the unlock detection circuit goes into operation for 8ms. When CT equals 1, the unlock detection circuits stops operating before the frequency counter gate pulse is emitted. When CT equals 0, or GT equals 0, the unlock detection circuit is reset. 122 Audio ICs FHow the frequency counter and unlock detection circuit operate (1) When CT = 1: Frequency count and unlock detection are carried out. BU2614 / BU2614FS (2) When CT = 0 and GT = 1: Only unlock detection is carried out. Explanation of CD terminal When frequency measurement or unlock detection is finished, the CD terminal goes to LO to indicate that the count and unlock detection have finished. It also synchronizes with CK to output counter data. When the next data is input, it goes to HI. 123 Audio ICs FExternal dimensions (Units: mm) BU2614 / BU2614FS 124 |
Price & Availability of BU2614 |