Part Number Hot Search : 
LM5171 ZL301 LT18121 2N60F 30M25 CPDF24V LL4934G DM0365RN
Product Description
Full Text Search
 

To Download BTS7710GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TrilithIC Data Sheet
1 1.1 * * * * * * * * * * * * * * * Overview Features
BTS 7710 GP
Quad D-MOS switch driver Free configurable as bridge or quad-switch Optimized for DC motor management applications Low RDS ON: 70 m high-side switch, 40 m low-side switch (typical values @ 25 C) Maximum peak current: typ. 15 A @ 25 C= Very low quiescent current: typ. 5 A @ 25 C= Small outline, thermal optimized PowerPak Load and GND-short-circuit-protection Operates up to 40 V Status flag diagnosis Overtemperature shut down with hysteresis Internal clamp diodes Isolated sources for external current sensing Under-voltage detection with hysteresis PWM frequencies up to 50 kHz Ordering Code Q67006-A9400
P-TO263-15-1
Type BTS 7710 GP 1.2 Description
Package P-TO263-15-1
The BTS 7710 GP is part of the TrilithIC family containing three dies in one package: One double high-side switch and two low-side switches. The drains of these three vertical DMOS chips are mounted on separated leadframes. The sources are connected to individual pins, so the BTS 7710 GP can be used in H-bridge- as well as in any other configuration. The double high-side is manufactured in SMART SIPMOS(R) technology which combines low RDS ON vertical DMOS power stages with CMOS control circuitry. The high-side switch is fully protected and contains the control and diagnosis circuitry. To achieve low RDS ON and fast switching performance, the low-side switches are manufactured in S-FET logic level technology. The equivalent standard product is the BUZ 103 SL. In contrast to the BTS 7710 G, which consists of the same chips in an P-DSO-28 package, the P-TO263-15-1 PowerPack offers a much lower thermal resistance, which opens up applications with even higher currents in the automotive and industrial area.
Data Sheet 1 2001-02-01
BTS 7710 GP
1.3
Pin Configuration (top view)
Molding Compound IL1 NC SL1 NC SH1 GND IH1 DHVS ST IH2 SH2 NC IL2 NC SL2
Figure 1
1 Heat-Slug 1 2 18 3 4 5 Heat-Slug 2 6 7 8 9 10 11 12 Heat-Slug 3 13 16 14 15 DL2 17 DHVS DL1
Data Sheet
2
2001-02-01
BTS 7710 GP
1.4 Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
Pin Definitions and Functions Symbol IL1 NC SL1 NC SH1 GND IH1 DHVS ST IH2 SH2 NC IL2 NC SL2 DL2 DHVS DL1 Function Analog input of low-side switch 1 Not connected Source of low-side switch 1 Not connected Source of high-side switch 1 Ground of high-side switches Digital input of high-side switch 1 Drain of high-side switches and power supply voltage Status; open Drain output Digital input of high-side switch 2 Source of high-side switch 2 Not connected Analog input of low-side switch 2 Not connected Source of low-side switch 2 Drain of low-side switch 2 Heat-Slug 3 or Heat-Dissipator Drain of high-side switches and power supply voltage Heat-Slug 2 or Heat-Dissipator Drain of low-side switch 1 Heat-Slug 1 or Heat-Dissipator
Pins written in bold type need power wiring.
Data Sheet
3
2001-02-01
BTS 7710 GP
1.5
Functional Block Diagram
DHVS
8, 17 9
ST Diagnosis Biasing and Protection
IH1
7
IH2 GND
10
Driver IN OUT 00LL 01LH 10HL 11HH
RO1
RO2
16
11
SH2 DL2
6
5 18
SH1 DL1
1
IL1
13
IL2
3
15
SL1
SL2
Figure 2 Block Diagram
Data Sheet
4
2001-02-01
BTS 7710 GP
1.6
Circuit Description
Input Circuit The control inputs IH1,2 consist of TTL/CMOS compatible Schmitt-Triggers with hysteresis. Buffer amplifiers are driven by these stages and convert the logic signal into the necessary form for driving the power output stages. The inputs are protected by ESD clamp-diodes. The inputs IL1 and IL2 are connected to the gates of the standard N-channel vertical power-MOS-FETs. Output Stages The output stages consist of an low RDS ON Power-MOS H-bridge. In H-bridge configuration, the D-MOS body diodes can be used for freewheeling when commutating inductive loads. If the high-side switches are used as single switches, positive and negative voltage spikes which occur when driving inductive loads are limited by integrated power clamp diodes. Short Circuit Protection The outputs are protected against - output short circuit to ground - overload (load short circuit). An internal OP-Amp controls the Drain-Source-Voltage by comparing the DS-VoltageDrop with an internal reference voltage. Above this trippoint the OP-Amp reduces the output current depending on the junction temperature and the drop voltage. In the case of overloaded high-side switches the status output is set to low. Overtemperature Protection The high-side switches incorporate an overtemperature protection circuit with hysteresis which switches off the output transistors and sets the status output to low. Undervoltage-Lockout (UVLO) When VS reaches the switch-on voltage VUVON the IC becomes active with a hysteresis. The High-Side output transistors are switched off if the supply voltage VS drops below the switch off value VUVOFF.
Data Sheet
5
2001-02-01
BTS 7710 GP
Status Flag The status flag output is an open drain output with Zener-diode which requires a pull-up resistor, c.f. the application circuit on page 14. Various errors as listed in the table "Diagnosis" are detected by switching the open drain output ST to low. A open load detection is not available. Freewheeling condition does not cause an error. 2 Flag Truthtable and Diagnosis (valid only for the High-Side-Switches) IH1
0 0 1 1 0 1 X X 0 X 1 X
IH2
0 1 0 1 X X 0 1 0 1 X X
SH1
L L H H L L X X L L L L
SH2
L H L H X X L L L L L L
ST Remarks
1 1 1 1 1 0 1 0 1 0 0 1 stand-by mode switch2 active switch1 active both switches active detected detected detected detected not detected
Inputs
Normal operation; identical with functional truth table
Outputs
Overtemperature high-side switch1 Overtemperature high-side switch2 Overtemperature both high-side switches
Undervoltage
Inputs: 0 = Logic LOW 1 = Logic HIGH X = don't care
Outputs: Z = Output in tristate condition L = Output in sink condition H = Output in source condition X = Voltage level undefined
Status: 1 = No error 0 = Error
Data Sheet
6
2001-02-01
BTS 7710 GP
3 3.1
Electrical Characteristics Absolute Maximum Ratings - 40 C < Tj < 150 C Symbol Limit Values min. max. Unit Remarks
Parameter
High-Side-Switches (Pins DHVS, IH1,2 and SH1,2) Supply voltage Supply voltage for full short circuit protection HS-drain current HS-input current HS-input voltage Note: * internally limited Status Output ST Status pull up voltage Status Output current
VS VS(SCP) IS IIH VIH
- 0.3
42 28
V V A mA V
- -
- 10 -5 - 10
* 5 16
TC = 125C; DC
Pin IH1 and IH2 Pin IH1 and IH2
VST IST
- 0.3 -5
5.4 5
V mA
- Pin ST
Low-Side-Switches (Pins DL1,2, IL1,2 and SL1,2) Drain- source break down voltage LS-drain current LS-drain current TC = 85C LS-input voltage Temperatures Junction temperature Storage temperature
VDSL IDL IDL VIL
55 -12 - - - 20
- 12 20 30 20
V A A A V
VIL = 0 V; ID 1 mA TC = 125C; DC t < 100 ms; 0.1 t < 1 ms; 0.1
Pin IL1 and IL2
Tj Tstg
- 40 - 55
150 150
C C
- -
Data Sheet
7
2001-02-01
BTS 7710 GP
3.1
Absolute Maximum Ratings (cont'd) - 40 C < Tj < 150 C Symbol Limit Values min. max. Unit Remarks
Parameter
Thermal Resistances (one HS-LS-Path active) LS-junction case HS-junction case Junction ambient Rthja = Tj(HS)/(P(HS)+P(LS))
RthjC L RthjC H Rthja
- - -
1.7 1.7 26
K/W K/W K/W device soldered to reference PCB with 6 cm2 cooling area
ESD Protection (Human Body Model acc. MIL STD 883D, method 3015.7 and EOS/ ESD assn. standard S5.1 - 1993) Input LS-Switch Input HS-Switch Status HS-Switch Output LS and HS-Switch
VESD VESD VESD VESD
- - - -
0.5 1 2 8
kV kV kV kV all other pins connected to Ground
Note: Maximum ratings are absolute ratings; exceeding any one of these values may cause irreversible damage to the integrated circuit. 3.2 Operating Range - 40 C < Tj < 150 C Symbol Limit Values min. Supply voltage Input voltages Input voltages Output current Junction temperature max. V V V mA C After VS rising above VUVON - - - - Unit Remarks
Parameter
VS VIH VIL IST TjHS
VUVOFF 42
- 0.3 - 0.3 0 - 40 15 20 2 150
Note: In the operating range the functions given in the circuit description are fulfilled.
Data Sheet
8
2001-02-01
BTS 7710 GP
3.3
Electrical Characteristics
ISH1 = ISH2 = ISL1 = ISL2 = 0 A; - 40 C < Tj < 150 C; 8 V < VS < 18 V unless otherwise specified
Parameter Symbol Limit Values min. Current Consumption HS-switch Quiescent current typ. max. Unit Test Condition
IS
- -
5 - 1.5 3 - -
8 12 2.6 5.2 6 10
A A mA mA A mA
IH1 = IH2 = 0 V Tj = 25 C IH1 = IH2 = 0 V IH1 or IH2 = 5 V
Supply current
IS
- -
VS = 12 V
IH1 and IH2 = 5 V VS = 12 V
Leakage current of highside switch Leakage current through logic GND in free wheeling condition
ISH LK ILKCL = IFH + ISH
- -
VIH = VSH = 0 V IFH = 3 A
Current Consumption LS-switch Input current
IIL
-
10
100
nA
Leakage current of lowside IDL LK switch
-
-
10
A
VIL = 20 V; VDSL = 0 V Tj = 25 C VIL = 0 V VDSL = 40 V
Under Voltage Lockout (UVLO) HS-switch
VUVON Switch-OFF voltage VUVOFF Switch ON/OFF hysteresis VUVHY
Switch-ON voltage
- 1.8 -
- - 1
4.5 3.2 -
V V V
VS increasing VS decreasing VUVON - VUVOFF
Data Sheet
9
2001-02-01
BTS 7710 GP
3.3
Electrical Characteristics (cont'd)
ISH1 = ISH2 = ISL1 = ISL2 = 0 A; - 40 C < Tj < 150 C; 8 V < VS < 18 V unless otherwise specified
Parameter Symbol Limit Values min. Output stages Inverse diode of high-side switch; Forward-voltage Inverse diode of lowside switch; Forward-voltage Static drain-source on-resistance of highside switch Static drain-source on-resistance of lowside switch Static path on-resistance typ. max. Unit Test Condition
VFH VFL RDS ON H
- - -
0.8 0.8 70
1.2 1.2 90
V V m
IFH = 3A IFL = 3 A ISH = 1 A Tj = 25 C ISL = 1 A; VIL = 5 V Tj = 25 C RDS ON H + RDS ON L ISH = 1 A;
RDS ON L
-
40
50
m
RDS ON
-
-
260
m
Short Circuit of highside switch to GND Initial peak SC current Initial peak SC current Initial peak SC current
ISCP H ISCP H ISCP H
15 13 9
18 15 11
20 17 13
A A A
Tj = - 40 C Tj = + 25 C Tj = + 150 C
Short Circuit of highside switch to VS Output pull-down-resistor Thermal Shutdown Thermal shutdown junction Tj SD temperature Thermal switch-on junction Tj SO temperature Temperature hysteresis T 155 150 - 180 170 10 190 180 - C C C - - T = TjSD - TjSO
RO
8
15
35
k
VDSL = 3 V
Data Sheet
10
2001-02-01
BTS 7710 GP
3.3
Electrical Characteristics (cont'd)
ISH1 = ISH2 = ISL1 = ISL2 = 0 A; - 40 C < Tj < 150 C; 8 V < VS < 18 V unless otherwise specified
Parameter Symbol Limit Values min. Status Flag Output ST of highside switch Low output voltage Leakage current Zener-limit-voltage typ. max. Unit Test Condition
VST L IST LK VST Z
- - 5.4
0.2 -
0.6 10 -
V A V
IST = 1.6 mA VST = 5 V IST = 1.6 mA
Switching times of highside switch Turn-ON-time; to 90% VSH Turn-OFF-time; to 10% VSH
tON tOFF
- - - -
75 60 - -
160 160 1.5 2.0
s s
RLoad = 12 VS = 12 V RLoad = 12 VS = 12 V
Slew rate on 10 to 30% VSH dV/dtON Slew rate off 70 to 40% VSH -dV/
V/s RLoad = 12 VS = 12 V V/s RLoad = 12 VS = 12 V
dtOFF
Note: switching times are guaranteed by design Switching times of low-side switch Turn-ON delay time; VIL = 5V; RG = 7 Switch-ON time; VIL= 5V; RG = 7 Switch-OFF delay time; VIL= 5V; RG = 7 Switch-OFF time; VIL= 5V; RG = 7
td_ON_L tON_L td_OFF_L tOFF_L
- - - -
9 25 36 22
14 40 55 33
ns ns ns ns
resistive load ISL = 3 A; VS = 30 V resistive load ISL = 3 A; VS = 30 V resistive load ISL = 3 A; VS = 30 V resistive load ISL = 3 A; VS = 30 V
Data Sheet
11
2001-02-01
BTS 7710 GP
3.3
Electrical Characteristics (cont'd)
ISH1 = ISH2 = ISL1 = ISL2 = 0 A; - 40 C < Tj < 150 C; 8 V < VS < 18 V unless otherwise specified
Parameter Symbol Limit Values min. Gate charge of lowside switch Input to source charge Input to drain charge Input charge total Input plateau voltage typ. max. Unit Test Condition
QIS QID QI V(plateau)
- - - -
4 10 28 2.75
6 16 43 -
nC nC nC V
ISL = 3 A; VS = 14 V ISL = 3 A; VS = 14 V ISL = 3 A; VS = 14 V VIL = 0 to 10 V ISL = 3 A; VS = 14 V
Note: switching times and input charges are guaranteed by design Control Inputs of highside switches IH 1, 2 H-input voltage L-input voltage Input voltage hysterese H-input current L-input current Input series resistance Zener limit voltage Control Inputs IL1, 2 Gate-threshold-voltage
VIH High VIH Low VIH HY IIH High IIH Low RI VIH Z
- 1 - 15 5 2.7 5.4
- - 0.3 30 - 4 -
2.5 - - 60 20 5.5 -
V V V A A k V
- - -
VGH = 5 V VGH = 0.4 V
-
IGH = 1.6 mA
VIL th
0.9
1.7
2.2
V
IDL = 1 mA
Note: The listed characteristics are ensured over the operating range of the integrated circuit. Typical characteristics specify mean values expected over the production spread. If not otherwise specified, typical characteristics apply at TA = 25 C and the given supply voltage.
Data Sheet
12
2001-02-01
BTS 7710 GP
IS
VS=12V CS 470nF CL 100F
IFH1,2 DHVS IST LK IST ST
9 8, 17
VDSH2 -VFH2 Diagnosis Biasing and Protection
VDSH1 -VFH1
VST VSTL VSTZ
IIH1
IH1
7
Gate Driver RO1 RO2
16 11
IIH1 VIH1 VIH2
SH2 DL2
ISH2 IDL2 IDL LK 2 VUVON VUVOFF
IH2 GND IGND ILKCL
10
Gate Driver
6
5 18
SH1 DL1
ISH1 IDL1 IDL LK 1
IIL1
IL1
1
VIL1 VIL th 1
IIL2
IL2
13
VIL2 VIL th 2
3
15
VDSL1 -VFL1
VDSL2 -VFL2
SL1 ISCP L 1 ISL1
SL2 ISCP L 2 ISL2
Figure 3 Test Circuit HS-Source-Current Named during Short Circuit Named during LeakageCond.
ISH1,2
ISCP H
IDL LK
Data Sheet
13
2001-02-01
BTS 7710 GP
Watchdog Reset Q
TLE 4278G
D CD 47nF
I
VS=12V
RQ 100 k
CQ 22F
D01 Z39
CS 10F
WD R
VCC
DHVS
8, 17
RS 10 k
ST
9
Diagnosis
Biasing and Protection
IH1
7
Gate Driver RO1 RO2
16 11
SH2 DL2
IH2 GND P
10
Gate Driver
6
5 18
SH1 DL1
M
IL1
1
IL2
13
3
15
GND
SL1
SL2
Figure 4 Application Circuit
Data Sheet 14 2001-02-01
BTS 7710 GP
4
Package Outlines P-TO263-15-1 (Plastic Transistor Single Outline Package)
21.6 0.2 10.2 5.56 0.15 8.18 0.15
10.3
8.3 1) 1.27 0.1 B 0.1
8.21) 8.41)
4.4
4.8 1)
A
0.05
(15)
9.25 0.2
2.4
2.7 0.3
0...0.15 14x1.4 0.8 0.1
8 max.
0.5 0.1
0.25
1)
M
AB
4.7 0.5
0.1
GPS05123
Typical All metal surfaces tin plated, except area of cut.
GPT09151
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information". SMD = Surface Mounted Device Data Sheet 15
Dimensions in mm 2001-02-01
BTS 7710 GP
Published by Infineon Technologies AG i Gr., Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Data Sheet
16
2001-02-01


▲Up To Search▲   

 
Price & Availability of BTS7710GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X