Part Number Hot Search : 
CTAF01TK FN3933 OSWOK5 IR210S JANTXV1 XXXGX SST6839 SBL20
Product Description
Full Text Search
 

To Download BSM200GA120DN2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSM 200 GA 120 DN2
IGBT Power Module
* Single switch * Including fast free-wheeling diodes * Package with insulated metal base plate
Type BSM 200 GA 120 DN2 BSM 200 GA 120 DN2 S Maximum Ratings Parameter Collector-emitter voltage Collector-gate voltage
VCE
IC
Package SINGLE SWITCH 1 SSW SENSE 1
Ordering Code C67076-A2006-A70 C67070-A2006-A70
1200V 300A 1200V 300A
Symbol
Values 1200 1200
Unit V
VCE VCGR VGE IC
RGE = 20 k
Gate-emitter voltage DC collector current
20 A 300 200
TC = 25 C TC = 80 C
Pulsed collector current, tp = 1 ms
ICpuls
600 400
TC = 25 C TC = 80 C
Power dissipation per IGBT
Ptot
1550
W + 150 -55 ... + 150 0.08 0.15 2500 20 11 F 55 / 150 / 56 Vac mm K/W C
TC = 25 C
Chip temperature Storage temperature Thermal resistance, chip case Diode thermal resistance, chip case Insulation test voltage, t = 1min. Creepage distance Clearance DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJCD Vis
-
Semiconductor Group
1
Mar-28-1996
BSM 200 GA 120 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Static Characteristics Gate threshold voltage Values typ. max. Unit
VGE(th)
4.5 5.5 2.5 3.1 3 12 6.5 3 3.7
V
VGE = VCE, IC = 8 mA
Collector-emitter saturation voltage
VCE(sat)
-
VGE = 15 V, IC = 200 A, Tj = 25 C VGE = 15 V, IC = 200 A, Tj = 125 C
Zero gate voltage collector current
ICES
4 -
mA
VCE = 1200 V, VGE = 0 V, Tj = 25 C VCE = 1200 V, VGE = 0 V, Tj = 125 C
Gate-emitter leakage current
IGES
200
nA
VGE = 20 V, VCE = 0 V
AC Characteristics Transconductance
gfs
108 13 2 1 -
S nF -
VCE = 20 V, IC = 200 A
Input capacitance
Ciss Coss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Semiconductor Group
2
Mar-28-1996
BSM 200 GA 120 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 125 C Turn-on delay time Values typ. max. Unit
td(on)
110 220
ns
VCC = 600 V, VGE = 15 V, IC = 200 A RGon = 4.7
Rise time
tr
80 160
VCC = 600 V, VGE = 15 V, IC = 200 A RGon = 4.7
Turn-off delay time
td(off)
550 800
VCC = 600 V, VGE = -15 V, IC = 200 A RGoff = 4.7
Fall time
tf
80 120
VCC = 600 V, VGE = -15 V, IC = 200 A RGoff = 4.7
Free-Wheel Diode Diode forward voltage
VF
2.3 1.8 2.8 -
V
IF = 200 A, VGE = 0 V, Tj = 25 C IF = 200 A, VGE = 0 V, Tj = 125 C
Reverse recovery time
trr
0.5 -
s
IF = 200 A, VR = -600 V, VGE = 0 V diF/dt = -2000 A/s, Tj = 125 C
Reverse recovery charge
Qrr
C
IF = 200 A, VR = -600 V, VGE = 0 V diF/dt = -2000 A/s Tj = 25 C Tj = 125 C
12 36 -
Semiconductor Group
3
Mar-28-1996
BSM 200 GA 120 DN2
Power dissipation Ptot = (TC) parameter: Tj 150 C
1600
Safe operating area IC = (VCE) parameter: D = 0, TC = 25C , Tj 150 C
10 3
tp = 21.0s
W
A
Ptot
1200
IC
100 s
10 2 1000
800
1 ms
600
10 1
10 ms
400
200 0 0 10 0 0 10 DC 3 10
20
40
60
80
100
120
C
160
10
1
10
2
V
TC
VCE
Collector current IC = (TC) parameter: VGE 15 V , Tj 150 C
320
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0 K/W
IGBT
A
IC
240
ZthJC
10 -1
200
10 -2
160 10 120
-3
D = 0.50 0.20 0.10 0.05 single pulse 10 -4
80
0.02 0.01
40 0 0 10 -5 -5 10
20
40
60
80
100
120
C
160
10
-4
10
-3
10
-2
10
-1
s 10
0
TC
tp
Semiconductor Group
4
Mar-28-1996
BSM 200 GA 120 DN2
Typ. output characteristics
Typ. output characteristics
IC = f (VCE)
parameter: tp = 80 s, Tj = 25 C
400
IC = f (VCE)
parameter: tp = 80 s, Tj = 125 C
400
A
IC
300
17V 15V 13V 11V 9V 7V
A
IC
300
17V 15V 13V 11V 9V 7V
250
250
200
200
150
150
100
100
50 0 0
50 0 0
1
2
3
V
5
1
2
3
V
5
VCE
VCE
Typ. transfer characteristics
IC = f (VGE)
parameter: tp = 80 s, VCE = 20 V
400
A
IC
300
250
200
150
100
50 0 0
2
4
6
8
10
V 14 VGE
Semiconductor Group
5
Mar-28-1996
BSM 200 GA 120 DN2
Typ. gate charge VGE = (QGate) parameter: IC puls = 200 A
20 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0 V, f = 1 MHz
10 2
nF
VGE
16 14 12 10 8
C
600 V
800 V
Ciss 10 1
Coss 10 0 Crss
6 4 2 0 0 10 -1 0
200
400
600
800
1000
nC
1400
5
10
15
20
25
30
QGate
V 40 VCE
Reverse biased safe operating area
Short circuit safe operating area
ICpuls = f(VCE) , Tj = 150C parameter: VGE = 15 V
2.5
ICsc = f(VCE) , Tj = 150C parameter: VGE = 15 V, tSC 10 s, L < 20 nH
12
ICpuls/IC
ICsc/IC
8 1.5 6 1.0 4
0.5 2
0.0 0 200 400 600 800 1000 1200 V 1600 VCE
0 0 200 400 600 800 1000 1200 V 1600 VCE
Semiconductor Group
6
Mar-28-1996
BSM 200 GA 120 DN2
Typ. switching time
Typ. switching time
I = f (IC) , inductive load , Tj = 125C
par.: VCE = 600 V, VGE = 15 V, RG = 4.7
10 4
t = f (RG) , inductive load , Tj = 125C
par.: VCE = 600 V, VGE = 15 V, IC = 200 A
10 4
ns t 10 3 tdoff t
ns tdoff
10 3
tdon tr tdon tr tf
10 2
10 2
tf
10 1 0
100
200
300
A
500
10 1 0
10
20
30
40
IC
60
RG
Typ. switching losses
Typ. switching losses
E = f (IC) , inductive load , Tj = 125C
par.: VCE = 600 V, VGE = 15 V, RG = 4.7
100 mWs E 80 70 60 50 40 30 20 10 0 0 Eoff Eon
E = f (RG) , inductive load , Tj = 125C
par.: VCE = 600V, VGE = 15 V, IC = 200 A
100 Eon mWs E 80 70 60 50 40 30 20 10 0 0
Eoff
100
200
300
A
500
10
20
30
40
IC
60
RG
Semiconductor Group
7
Mar-28-1996
BSM 200 GA 120 DN2
Forward characteristics of fast recovery reverse diode IF = f(VF) parameter: Tj
400
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
Diode
A
K/W
IF
300
ZthJC
10 -1
250
Tj=125C
200
Tj=25C
10 -2 D = 0.50 0.20
150 10 -3
0.10 0.05 0.02 0.01 single pulse 10 -4 -5 10
100
50 0 0.0
0.5
1.0
1.5
2.0
V
3.0
10
-4
10
-3
10
-2
10
-1
s 10
0
VF
tp
Semiconductor Group
8
Mar-28-1996
BSM 200 GA 120 DN2
Circuit Diagram
Package Outlines Dimensions in mm Weight: 420 g
Semiconductor Group
9
Mar-28-1996


▲Up To Search▲   

 
Price & Availability of BSM200GA120DN2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X