Part Number Hot Search : 
HCT57 607ETD HC273M 20D471K 74VCX1 HER802T DL5223 D2058Y
Product Description
Full Text Search
 

To Download BA6796 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical disc ICs
5-channel BTL driver for CD players
BA6796FP
The BA6796FP, an IC designed for CD and MD players, has a 5-channel BTL power driver and a standard operational amplifier. The spindle and tray driver share a single output buffer, and are specified with a control pin. In addition, the internal level shift circuit reduces the number of attached components. FApplications CD players, CD-ROM drives, MD players and other optical disc devices FFeatures 1) 5-channel BTL driver in a 28-pin HSOP package, allowing for application miniaturization. 2) The five drivers are turned on and off according to control pin logic combinations. 3) The tray driver operates even when the servo power supply drops. FAbsolute maximum ratings (Ta = 25_C)
4) Internal thermal shutdown circuit. 5) Gain is adjustable with an attached resistor. 6) Internal standard operational amplifier.
FRecommended operating conditions (Ta = 25_C)
483
Optical disc ICs
FBlock diagram
BA6796FP
484
Optical disc ICs
FPin descriptions
BA6796FP
485
Optical disc ICs
FInput / output circuits
BA6796FP
486
Optical disc ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 8V, f = 1kHz, RL = 8)
BA6796FP
487
Optical disc ICs
FMeasurement circuit
BA6796FP
488
Optical disc ICs
FMeasruement circuit switch table
BA6796FP
489
Optical disc ICs
FFunction description CTL and CTL2
BA6796FP
F and R (channel 5 control enabled only when channel 5 is on)
490
Optical disc ICs
FApplication example
BA6796FP
491
Optical disc ICs
FOperation notes (1) Setting the tray motor driver voltage (forward mode)
BA6796FP
(2)
Mute functions
%Thermal shutdown& The output current is muted when the chip temperature exceeds 175_C (typically). %Supply voltage drop muting& The internal circuits turn off when the supply voltage drops below 4.3V (typically), and turn on again when it rises above 4.5V (typically). FElectrical characteristic curves
%Bias drop muting& Muting also occurs when the bias pin voltage (26 pin) is lowered below 1.4V (typically). Be sure the voltage stays between 1.6V and 6.5V during normal operation. (3) Muting occurs during thermal shutdown and when the supply voltage or bias pin voltage drops. In each case, only the driver is muted. The output pin voltage during muting is the internal bias voltage, roughly VCC- VF / 2. (4) Attach a 0.1F bypass capacitor to the power supply, at the base of the IC. (5) Connect the radiating fin to an external ground.
492
Optical disc ICs
BA6796FP
FExternal dimensions (Units: mm)
493


▲Up To Search▲   

 
Price & Availability of BA6796

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X