Part Number Hot Search : 
MBRD330 SSD25 AJ550 2SC394 5A102 337M00 622K2 9162B
Product Description
Full Text Search
 

To Download AT24C1024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Low-voltage Operation
- 2.7 (VCC = 2.7V to 5.5V) Internally Organized 131,072 x 8 2-wire Serial Interface Schmitt Triggers, Filtered Inputs for Noise Suppression Bi-directional Data Transfer Protocol 400 kHz (2.7V) and 1 MHz (5V) Clock Rate Write Protect Pin for Hardware and Software Data Protection 256-byte Page Write Mode (Partial Page Writes Allowed) Random and Sequential Read Modes Self-timed Write Cycle (5 ms Typical) High Reliability - Endurance: 100,000 Write Cycles/Page - Data Retention: 40 Years * 8-lead PDIP, 8-lead EIAJ SOIC, 8-lead LAP and 8-ball dBGATM Packages
* * * * * * * * * *
2-wire Serial EEPROM
1M (131,072 x 8)
Description
The AT24C1024 provides 1,048,576 bits of serial electrically erasable and programmable read only memory (EEPROM) organized as 131,072 words of 8 bits each. The device's cascadable feature allows up to 2 devices to share a common 2-wire bus. The device is optimized for use in many industrial and commercial applications where lowpower and low-voltage operation are essential. The devices are available in spacesaving 8-lead PDIP, 8-lead EIAJ SOIC, 8-lead Leadless Array (LAP) and 8-ball dBGA packages. In addition, the entire family is available in 2.7V (2.7V to 5.5V) versions.
AT24C1024
8-lead PDIP
Pin Configurations
Pin Name A1 SDA SCL WP NC Function Address Input Serial Data Serial Clock Input Write Protect No Connect
NC A1 NC GND
1 2 3 4
8 7 6 5
VCC WP SCL SDA
8-lead Leadless Array
VCC WP SCL SDA
8 7 6 5
1 2 3 4
NC A1 NC GND
8-lead SOIC
NC A1 NC GND 1 2 3 4 8 7 6 5 VCC WP SCL SDA
Bottom View 8-ball dBGA
VCC WP SCL SDA
8 7 6 5
1 2 3 4
NC A1 NC GND
Rev. 1471H-SEEPR-03/03
Bottom View
1
Absolute Maximum Ratings*
Operating Temperature.................................. -55C to +125C Storage Temperature ..................................... -65C to +150C Voltage on Any Pin with Respect to Ground .....................................-1.0V to +7.0V Maximum Operating Voltage .......................................... 6.25V DC Output Current........................................................ 5.0 mA *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Block Diagram
2
AT24C1024
1471H-SEEPR-03/03
AT24C1024
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock data out of each device. SERIAL DATA (SDA): The SDA pin is bi-directional for serial data transfer. This pin is opendrain driven and may be wire-ORed with any number of other open-drain or open-collector devices. DEVICE/PAGE ADDRESSES (A1): The A1 pin is a device address input that can be hardwired or left not connected for hardware compatibility with AT24C128/256/512. When the A1 pin is hardwired, as many as two 1024K devices may be addressed on a single bus system (device addressing is discussed in detail under the Device Addressing section). When the pin is not hardwired, the default A1 is zero. WRITE PROTECT (WP): The hardware Write Protect pin is useful for protecting the entire contents of the memory from inadvertent write operations. The write-protect input, when tied to GND, allows normal write operations. When WP is tied high to VCC, all write operations to the memory are inhibited. If left unconnected, WP is internally pulled down to GND. Switching WP to VCC prior to a write operation creates a software write-protect function.
Memory Organization
AT24C1024, 1024K SERIAL EEPROM: The 1024K is internally organized as 512 pages of 256 bytes each. Random word addressing requires a 17-bit data word address.
3
1471H-SEEPR-03/03
Pin Capacitance(1)
Applicable over recommended operating range from TA = 25C, f = 1.0 MHz, VCC = +2.7V.
Symbol CI/O CIN Note: Test Condition Input/Output Capacitance (SDA) Input Capacitance (A1, SCL) 1. This parameter is characterized and is not 100% tested. Max 8 6 Units pF pF Conditions VI/O = 0V VIN = 0V
DC Characteristics
Applicable over recommended operating range from: TAI = -40C to +85C, VCC = +2.7V to +5.5V, TAC = 0C to +70C, VCC = +2.7V to +5.5V (unless otherwise noted).
Symbol VCC ICC ICC ISB ILI ILO VIL VIH VOL Note: Parameter Supply Voltage Supply Current Supply Current Standby Current Input Leakage Current Output Leakage Current Input Low Level(1) Input High Level
(1)
Test Condition
Min 2.7
Typ
Max 5.5 2.0 5.0 3.0 6.0
Units V mA mA A A A A V V V
VCC = 5.0V VCC = 5.0V VCC = 2.7V VCC = 5.5V VIN = VCC or VSS VOUT = VCC or VSS
READ at 400 kHz WRITE at 400 kHz VIN = VCC or VSS
0.10 0.05 -0.6 VCC x 0.7
3.0 3.0 VCC x 0.3 VCC + 0.5 0.4
Output Low Level
VCC = 3.0V
IOL = 2.1 mA
1. VIL min and VIH max are reference only and are not tested.
4
AT24C1024
1471H-SEEPR-03/03
AT24C1024
AC Characteristics
Applicable over recommended operating range from TA = -40C to +85C, VCC = +2.7V to +5.5V, CL = 100 pF (unless otherwise noted). Test conditions are listed in Note 2.
Symbol fSCL tLOW tHIGH tAA tBUF tHD.STA tSU.STA tHD.DAT tSU.DAT tR tF tSU.STO tDH tWR Parameter Clock Frequency, SCL Clock Pulse Width Low Clock Pulse Width High Clock Low to Data Out Valid Time the bus must be free before a new transmission can start(1) Start Hold Time Start Setup Time Data In Hold Time Data In Setup Time Inputs Rise Time(1) Inputs Fall Time(1) Stop Setup Time Data Out Hold Time Write Cycle Time 100K 4.5V VCC 5.5V 2.7V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 0.25 0.6 50 10 Test Conditions 4.5V VCC 5.5V 2.7V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 0.4 1.3 0.4 0.6 0.05 0.05 0.5 1.3 0.25 0.6 0.25 0.6 0 100 0.3 100 300 0.55 0.9 Min Max 1000 400 Units kHz s s s s s s s ns s ns s ns ms Write Cycles
Endurance(1) 5.0V, 25C, Page Mode Notes: 1. This parameter is characterized and is not 100% tested. 2. AC measurement conditions: RL (connects to VCC): 1.3 k (2.7V, 5V) Input pulse voltages: 0.3 VCC to 0.7 VCC Input rise and fall times: 50 ns Input and output timing reference voltages: 0.5 VCC
5
1471H-SEEPR-03/03
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only during SCL low time periods (refer to Data Validity timing diagram). Data changes during SCL high periods will indicate a start or stop condition as defined below. START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which must precede any other command (refer to Start and Stop Definition timing diagram). STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the Stop command will place the EEPROM in a standby power mode (refer to Start and Stop Definition timing diagram). ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The EEPROM sends a zero during the ninth clock cycle to acknowledge that it has received each word. STANDBY MODE: The AT24C1024 features a low-power standby mode which is enabled: a) upon power-up and b) after the receipt of the STOP bit and the completion of any internal operations. MEMORY RESET: After an interruption in protocol, power loss or system reset, any 2-wire part can be reset by following these steps: 1. Clock up to 9 cycles, 2. Look for SDA high in each cycle while SCL is high. 3. Create a start condition.
6
AT24C1024
1471H-SEEPR-03/03
AT24C1024
Bus Timing (SCL: Serial Clock, SDA: Serial Data I/O)
Write Cycle Timing (SCL: Serial Clock, SDA: Serial Data I/O)
(1)
Note:
1. The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle.
7
1471H-SEEPR-03/03
Data Validity
Start and Stop Definition
Output Acknowledge
8
AT24C1024
1471H-SEEPR-03/03
AT24C1024
Device Addressing
The 1024K EEPROM requires an 8-bit device address word following a start condition to enable the chip for a read or write operation (refer to Figure 1). The device address word consists of a mandatory one, zero sequence for the first five most significant bits as shown. This is common to all 2-wire EEPROM devices. The 1024K uses the one device address bit, A1, to allow up to two devices on the same bus. The A1 bit must compare to the corresponding hardwired input pin. The A1 pin uses an internal proprietary circuit that biases it to a logic low condition if the pin is allowed to float. The seventh bit (P0) of the device address is a memory page address bit. This memory page address bit is the most significant bit of the data word address that follows. The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit is high and a write operation is initiated if this bit is low. Upon a compare of the device address, the EEPROM will output a zero. If a compare is not made, the device will return to a standby state. DATA SECURITY: The AT24C1024 has a hardware data protection scheme that allows the user to write-protect the entire memory when the WP pin is at VCC.
Write Operations
BYTE WRITE: To select a data word in the 1024K memory requires a 17-bit word address. The word address field consists of the P0 bit of the device address, then the most significant word address followed by the least significant word address (refer to Figure 2) A write operation requires the P0 bit and two 8-bit data word addresses following the device address word and acknowledgment. Upon receipt of this address, the EEPROM will again respond with a zero and then clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a zero. The addressing device, such as a microcontroller, then must terminate the write sequence with a stop condition. At this time the EEPROM enters an internally timed write cycle, TWR, to the nonvolatile memory. All inputs are disabled during this write cycle and the EEPROM will not respond until the write is complete (refer to Figure 2). PAGE WRITE: The 1024K EEPROM is capable of 256-byte page writes. A page write is initiated the same way as a byte write, but the microcontroller does not send a stop condition after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the microcontroller can transmit up to 255 more data words. The EEPROM will respond with a zero after each data word received. The microcontroller must terminate the page write sequence with a stop condition (refer to Figure 3). The data word address lower 8 bits are internally incremented following the receipt of each data word. The higher data word address bits are not incremented, retaining the memory page row location. When the word address, internally generated, reaches the page boundary, the following byte is placed at the beginning of the same page. If more than 256 data words are transmitted to the EEPROM, the data word address will "roll over" and previous data will be overwritten. The address "rollover" during write is from the last byte of the current page to the first byte of the same page. ACKNOWLEDGE POLLING: Once the internally timed write cycle has started and the EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a start condition followed by the device address word. The read/write bit is representative of the operation desired. Only if the internal write cycle has completed will the EEPROM respond with a zero, allowing the read or write sequence to continue.
9
1471H-SEEPR-03/03
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write select bit in the device address word is set to one. There are three read operations: current address read, random address read and sequential read. CURRENT ADDRESS READ: The internal data word address counter maintains the last address accessed during the last read or write operation, incremented by one. This address stays valid between operations as long as the chip power is maintained. The address "rollover" during read is from the last byte of the last memory page, to the first byte of the first page. Once the device address with the read/write select bit set to one is clocked in and acknowledged by the EEPROM, the current address data word is serially clocked out. The microcontroller does not respond with an input zero but does generate a following stop condition (refer to Figure 4). RANDOM READ: A random read requires a "dummy" byte write sequence to load in the data word address. Once the device address word and data word address are clocked in and acknowledged by the EEPROM, the microcontroller must generate another start condition. The microcontroller now initiates a current address read by sending a device address with the read/write select bit high. The EEPROM acknowledges the device address and serially clocks out the data word. The microcontroller does not respond with a zero but does generate a following stop condition (refer to Figure 5). SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a random address read. After the microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM receives an acknowledge, it will continue to increment the data word address and serially clock out sequential data words. When the memory address limit is reached, the data word address will "roll over" and the sequential read will continue. The sequential read operation is terminated when the microcontroller does not respond with a zero, but does generate a following stop condition (refer to Figure 6).
10
AT24C1024
1471H-SEEPR-03/03
AT24C1024
Figure 1. Device Address
0
Figure 2. Byte Write
MOST SIGNIFICANT
LEAST SIGNIFICANT
P 0
Figure 3. Page Write
MOST SIGNIFICANT
LEAST SIGNIFICANT
P 0
Figure 4. Current Address Read
11
1471H-SEEPR-03/03
Figure 5. Random Read
P 0
Figure 6. Sequential Read
P 0
12
AT24C1024
1471H-SEEPR-03/03
AT24C1024
Ordering Information
Ordering Code
Package 8CN3 8CN1 8P3 8S2 8U8
Operation Range
AT24C1024-10CI-2.7 AT24C1024C1-10CI-2.7 AT24C1024-10PI-2.7 AT24C1024W-10SI-2.7 AT24C1024-10UI-2.7 Note:
Industrial (-40C to 85C)
For 2.7V devices used in the 4.5V to 5.5V range, please refer to performance values in the AC and DC Characteristics tables.
Package Type 8CN3 8CN1 8P3 8S2 8U8 8-lead, 0.230" Wide, Leadless Array Package (LAP) 8-lead, 0.300" Wide, Leadless Array Package (LAP) 8-lead, 0.300" Wide, Plastic Dual In-line Package (PDIP) 8-lead, 0.200" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC) 8-ball, die Ball Grid Array Package (dBGA) Options -2.7 Low Voltage (2.7V to 5.5V)
13
1471H-SEEPR-03/03
Packaging Information
8CN3 - LAP
Marked Pin1 Indentifier
E
D
A A1
Top View
0.10 mm TYP
Side View
L1
Pin1 Corner
8
1
e
7 2
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL MIN 0.94 0.30 0.36 5.89 4.83 NOM 1.04 0.34 0.41 5.99 4.93 1.27 BSC 0.56 REF 0.62 0.92 0.67 0.97 0.72 1.02 1 1 MAX 1.14 0.38 0.46 6.09 5.03 1 NOTE
6
3
A
b
5 4
A1 b D E
e1
L
e e1 L L1
Bottom View
Note: 1. Metal Pad Dimensions.
11/14/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 8CN3, 8-lead, (6 x 5 x 1.04 mm Body), Lead Pitch 1.27 mm, Leadless Array Package (LAP) DRAWING NO. 8CN3 REV. A
R
14
AT24C1024
1471H-SEEPR-03/03
AT24C1024
8CN1 - LAP
Marked Pin1 Indentifier
E
D
A A1
Top View
0.10 mm TYP
Side View
L1
Pin1 Corner
8
1
e
7 2
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL MIN 0.94 0.30 0.36 7.90 4.90 NOM 1.04 0.34 0.41 8.00 5.00 1.27 BSC 0.60 REF 0.62 0.92 0.67 0.97 0.72 1.02 1 1 MAX 1.14 0.38 0.46 8.10 5.10 1 NOTE
6
3
A
b
5 4
A1 b D E
e1
L
e e1 L L1
Bottom View
Note: 1. Metal Pad Dimensions.
11/13/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 8CN1, 8-lead (8 x 5 x 1.04 mm Body), Lead Pitch 1.27 mm, Leadless Array Package (LAP) DRAWING NO. 8CN1 REV. A
R
15
1471H-SEEPR-03/03
8P3 - PDIP
E E1
1
N
Top View
c eA
End View
D e D1 A2 A
SYMBOL
COMMON DIMENSIONS (Unit of Measure = inches) MIN NOM MAX NOTE
A A2 b b2 b3 c D 0.115 0.014 0.045 0.030 0.008 0.355 0.005 0.300 0.240 0.310 0.250 0.100 BSC 0.300 BSC 0.115 0.130 0.130 0.018 0.060 0.039 0.010 0.365
0.210 0.195 0.022 0.070 0.045 0.014 0.400
2
5 6 6
3 3
b2 b3
4 PLCS
L
D1 E E1 e eA L
b
0.325 0.280
4 3
Side View
4 0.150 2
Notes:
1. This drawing is for general information only; refer to JEDEC Drawing MS-001, Variation BA for additional information. 2. Dimensions A and L are measured with the package seated in JEDEC seating plane Gauge GS-3. 3. D, D1 and E1 dimensions do not include mold Flash or protrusions. Mold Flash or protrusions shall not exceed 0.010 inch. 4. E and eA measured with the leads constrained to be perpendicular to datum. 5. Pointed or rounded lead tips are preferred to ease insertion. 6. b2 and b3 maximum dimensions do not include Dambar protrusions. Dambar protrusions shall not exceed 0.010 (0.25 mm).
01/09/02 2325 Orchard Parkway San Jose, CA 95131 TITLE 8P3, 8-lead, 0.300" Wide Body, Plastic Dual In-line Package (PDIP) DRAWING NO. 8P3 REV. B
R
16
AT24C1024
1471H-SEEPR-03/03
AT24C1024
8S2 - EIAJ SOIC
1
H
N
Top View
e
b
A
D
Side View
SYMBOL
COMMON DIMENSIONS (Unit of Measure = mm) MIN NOM MAX NOTE
A
1.78 0.05 0.35 0.18 5.13 5.13 7.62 0.51 1.27 BSC
2.03 0.33 0.51 0.25 5.38 5.41 8.38 0.89 4 2, 3 5 5
A1 L E
C
A1 b C D E
End View
H L e
Notes: 1. 2. 3. 4. 5.
This drawing is for general information only; refer to EIAJ Drawing EDR-7320 for additional information. Mismatch of the upper and lower dies and resin burrs aren't included. It is recommended that upper and lower cavities be equal. If they are different, the larger dimension shall be regarded. Determines the true geometric position. Values b,C apply to pb/Sn solder plated terminal. The standard thickness of the solder layer shall be 0.010 +0.010/-0.005 mm.
5/2/02 TITLE 8S2, 8-lead, 0.209" Body, Plastic Small Outline Package (EIAJ) DRAWING NO. REV. B
R
2325 Orchard Parkway San Jose, CA 95131
8S2
17
1471H-SEEPR-03/03
8U8 - dBGA
E
D
Pin 1 Mark this corner
Top View
- Z-
8 7 6
1
Ob
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL MIN NOM MAX NOTE
#
2 3 4
0 0
. .
1 0
5 8
M M
Z Z
X
Y
#
D D1 E
#
3.84 0.80 TYP 2.85 1.05 TYP 0.75 TYP 0.75 TYP 0.90 REF 0.49 0.35 0.47 0.52 0.38 0.50 0.55 0.41 0.53
#
d
5
E1 e
D1 E1 e A2 A A1
d A A1 A2
Ob
Bottom View
Side View
Notes: 1. This drawing is for general information only. No JEDEC Drawing to refer to for additional information. 2. Dimension is measured at the maximum solder ball diameter, parallel to primary datum Z.
01/09/02 DRAWING NO. 8U8 REV. A
R
2325 Orchard Parkway San Jose, CA 95131
TITLE 8U8, 8-ball 0.75 pitch, Die Ball Grid Array Package (dBGA) AT24C1024 (AT35520)
18
AT24C1024
1471H-SEEPR-03/03
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
(c) Atmel Corporation 2003. All rights reserved. Atmel (R) and combinations thereof, are the registered trademarks, and dBGA TM is the trademark of Atmel Corporation or its subsidiaries. Other terms and product names may be the trademarks of others. Printed on recycled paper.
1471H-SEEPR-03/03 xM


▲Up To Search▲   

 
Price & Availability of AT24C1024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X