Part Number Hot Search : 
MP1208KN J120CA NK236 368017 M67202A MC33001D M4S61ZBJ 70N1T
Product Description
Full Text Search
 

To Download AP9962M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP9962M
Advanced Power Electronics Corp.
D2
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
D2
Low On-resistance Single Drive Requirement Surface Mount Package
D1
D1
BVDSS RDS(ON)
G2
40V 25m 7A
SO-8
S1
G1 S2
ID
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, ultra low on-resistance and cost-effectiveness.
D1 D2
G1 S1
G2 S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current , VGS @ 10V Continuous Drain Current , VGS @ 10V Pulsed Drain Current
1,2 3 3
Rating 40 20 7 5.5 20 2 0.016 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 62.5
Unit /W
Data and specifications subject to change without notice
200407031
AP9962M
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
2
Test Conditions VGS=0V, ID=250uA
Min. 40 1 -
Typ. 0.1 11 25.8 4.4 9.1 10.6 6.8 26.3 12 1165 205 142
Max. Units 25 40 3 1 25 100 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=7A VGS=4.5V, ID=5A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=VGS, ID=250uA VDS=10V, ID=7A VDS=40V, VGS=0V VDS=32V ,VGS=0V VGS= 20V ID=7A VDS=32V VGS=4.5V VDS=20V ID=1A RG=5.7,VGS=10V RD=20 VGS=0V VDS=25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2
Test Conditions IS=1.7A, VGS=0V Is=1.7A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 21.2 16
Max. Units 1.2 V ns nC
trr
Qrr
Reverse Recovery Time Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 135/W when mounted on min. copper pad.
AP9962M
25
25
T C =25 C
20
o
10V 8.0V
20
T C =150 C
o
10V 8.0V 5.0V
5.0V ID , Drain Current (A) 4.0V
15
ID , Drain Current (A)
4.0V
15
10
10
V G =3.0V
5
5
V G =3.0V
0 0 1 2 3 4 5 6
0 0 1 2 3 4 5
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
35
1.8
ID=7A T C =25 o C
30
1.6
I D =7A VG=10V
Normalized RDS(ON)
1.4
RDS(ON) (m )
25
1.2
1.0
20
0.8
15 3 4 5 6 7 8 9 10 11
0.6 -50 0 50 100 150
V GS (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
3
100
2.8
2.6
10
2.4
T j =150 C IS(A)
1
o
T j =25 C VGS (th)
o
2.2
2
1.8
1.6
0.1
1.4
1.2
0.01 0 0.4 0.8 1.2 1.6
1 -50 0 50 100 150
V SD (V)
Junction Temperature ( o C )
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP9962M
14
10000
f=1.0MHz
I D =7A
12
VGS , Gate to Source Voltage (V)
V DS =20V
10
V DS =25V V DS =32V C (pF)
Ciss
1000
8
6
100
4
Coss Crss
2
0 0 5 10 15 20 25 30 35
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
VDS (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
DUTY=0.5
Normalized Thermal Response (R thja)
10
0.2
0.1
0.1
1ms ID (A)
1
0.05
10ms 100ms
PDM
0.02 0.01 Single Pulse
t T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja = 135/W
0.1
T c =25 o C Single Pulse
0.01
1s
DC
0.01 0.1 1 10 100
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
V DS (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
RD
VDS TO THE
D
VDS
TO THE OSCILLOSCOPE
0.5x RATED VDS
D
OSCILLOSCOPE
0.8x RATED VDS
G S VGS
RG + 10V -
G S VGS
+
1~ 3 mA
IG
ID
Fig 11. Switching Time Circuit
Fig 12. Gate Charge Circuit


▲Up To Search▲   

 
Price & Availability of AP9962M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X