Part Number Hot Search : 
64PSD F1310N E004557 AD1836 79H0005 MX7225 01LA120T 1N5395
Product Description
Full Text Search
 

To Download AD641 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Logarithmic Amplifier Performance Usable to 250 MHz 44 dB Dynamic Range 2.0 dB Log Conformance 37.5 mV/dB Voltage Output Stable Slope and Intercepts 2.0 nV/Hz Input Noise Voltage 50 V Input Offset Voltage Low Power 5 V Supply Operation 9 mA (+VS), 35 mA (-V S) Quiescent Current Onboard Resistors Onboard 10 Attenuator Dual Polarity Current Outputs Direct Coupled Differential Signal Path APPLICATIONS IF/RF Signal Processing Received Signal Strength Indicator (RSSI) High Speed Signal Compression High Speed Spectrum Analyzer ECM/Radar
250 MHz Demodulating Logarithmic Amplifier AD641
PIN CONFIGURATIONS
20-Lead Plastic DIP (N) 20-Lead Cerdip (Q)
-INPUT
1 20 19 18 17
+INPUT ATN OUT CKT COM RG1 RG0
ATN LO 2 ATN COM 3 ATN COM 4 ATN IN 5 BL1 6
AD641
16
TOP VIEW 15 RG2 (Not to Scale) 14 LOG OUT -VS 7 ITC 8
13 12 11
LOG COM +VS +OUTPUT
BL2 9 -OUTPUT 10
20-Lead PLCC (P)
ATN COM ATN OUT
19 18 CKT COM 17 RG1 16 RG0 15 RG2 14 LOG OUT 9 10 11 12 13
ATN LO
3
2
1
20
ATN COM 4
PRODUCT DESCRIPTION
PIN 1 IDENTIFIER
ATN IN 5 BL1 6 -VS 7 ITC 8
The AD641 is a 250 MHz, demodulating logarithmic amplifier with an accuracy of 2.0 dB and 44 dB dynamic range. The AD641 uses a successive detection architecture to provide an output current that is logarithmically proportional to its input voltage. The output current can be converted to a voltage using one of several on-chip resistors to select the slope. A single AD641 provides up to 44 dB of dynamic range at speeds up to 250 MHz, and two cascaded AD641s together can provide 58 dB of dynamic range at speeds up to 250 MHz. The AD641 is fully stable and well characterized over either the industrial or military temperature ranges. The AD641 is not a logarithmic building block, but rather a complete logarithmic solution for compressing and measuring wide dynamic range signals. The AD641 is comprised of five stages and each stage has a full wave rectifier, whose current depends on the absolute value of its input voltage. The output of these stages are summed together to provide the demodulated output current scaled at 1 mA per decade (50 A/dB). Without utilizing the 10x input attenuator, log conformance of 2.0 dB is maintained over the input range -44 dBm to 0 dBm. The attenuator offers the most flexibility without significantly impacting performance.
AD641
TOP VIEW (Not to Scale)
BL2
SIG -OUT
SIG +OUT
+INPUT +VS
-INPUT
The 250 MHz bandwidth and temperature stability make this product ideal for high speed signal power measurement in RF/ IF systems. ECM/Radar and Communication applications are routinely in the 100 MHz-180 MHz range for power measurement. The bandwidth and accuracy, as well as dynamic range, make this part ideal for high speed, wide dynamic range signals. The AD641 is offered in industrial (-40C to +85C) and military (-55C to +125C) package temperature ranges. Industrial versions are available in plastic DIP and PLCC; MIL versions are packaged in cerdip.
REV. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1999
LOG COM
AD641-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (V =
S
5 V; TA = +25 C, unless otherwise noted)
Min AD641A Typ Max Min AD641S Typ Max Units
Parameter TRANSFER FUNCTION
1
Conditions
(IOUT = IY LOG |VIN/VX|for VIN = 0.75 mV to 200 mV dc) 250 -0.3 0.98 TMIN to TMAX 250 MHz TMIN to TMAX, 250 MHz Pin 8 to COM 1.00 0.002 +VS - 1 1.02 -0.3 0.98 250 1.00 0.002 +VS - 1 1.02 1.02 -39.96 -39.47 MHz V mA %/C mA dBm dBm mA mA mA dB dB dB dB 2.0 2.5 2.0 2.5 dB dB dB dB dB Degrees k V V/C V V/V A A V pF nV/Hz dBm
LOG AMPLIFIER PERFORMANCE 3 dB Bandwidth Voltage Compliance Range Slope Current, IY Accuracy vs. Temperature Over Temperature Intercept dBm Over Temperature Zero Signal Output Current2 ITC Disabled Maximum Output Current DYNAMIC RANGE Single Configuration Over Temperature Dual Configuration Over Temperature LOG CONFORMANCE Single Configuration Over Temperature Dual Configuration Over Temperature LIMITER CHARACTERISTICS Flatness Phase Variation INPUT CHARACTERISTICS Input Resistance Input Offset Voltage vs. Temperature Over Temperature vs. Supply Input Bias Current Input Bias Offset Common Mode Input Range SIGNAL INPUT (Pins 1, 20) Input Capacitance Noise Spectral Density Tangential Sensitivity INPUT ATTENUATOR (Pins 2, 3, 4, 5 & 19) Attenuation3 Input Resistance APPLICATION RESISTORS (Pins 15, 16, 17) OUTPUT CHARACTERISTICS (Pins 10, 11) Peak Differential Output4 Output Resistance Quiescent Output Voltage POWER SUPPLY Voltage Supply Range Quiescent Current +VS (Pin 12) -VS (Pin 7)
-40.84 -40.43 -39.96 -0.2 -0.27 2.3 44 40 58 52 0.5 1.0 0.5 1.0 1.6 2.0 500 50 0.8 2 7 1 -2 2.0 2.5 2.0 2.5
0.98 -40.84 -40.43 -40.59 -0.2 -0.27
2.3 44 38 58 52 0.5 1.0 0.5 1.0 1.6 2.0 500 50 0.8 2 7 1 -2 2 2 -72
TMIN to TMAX TMIN to TMAX f = 250 MHz -44 dBm to 0 dBm -42 dBm to -4 dBm; TMIN to TMAX -42 dBm to -2 dBm, TMIN to TMAX S: -60 dBm to -2 dBm; A: -56 dBm to -4 dBm, TMIN to TMAX -44 dBm to 0 dBm @ 10.7 MHz -44 dBm to 0 dBm @ 10.7 MHz Differential Differential TMIN to TMAX
200
200 300
25 +0.3
25 +0.3
Either Pin to COM 1 kHz to 10 MHz BW = 100 MHz
2 2 -72
Pins 5 to Pin 19 Pins 5 to 3/4 0.995
20 300 1.000 1.005 0.995
20 300 1.000 1.005
dB k
Either Pin to COM Either Pin to COM 4.5 TMIN to TMAX TMIN to TMAX
180 75 -90 7.5 9 35 15 60 4.5
180 75 -90 7.5 9 35 15 60
mV mV V mA mA
NOTES 1 Logarithms to base 10 are used throughout. The response is independent of the sign of V IN. 2 The zero-signal current is a function of temperature unless internal temperature compensation (ITC) pin is grounded. 3 Attenuation ratio trimmed to calibrate intercept to 10 mV when in use. It has a temperature coefficient of +0.3%/C. 4 The fully limited signal output will appear to be a square wave; its amplitude is proportional to absolute temperature. Specifications subject to change without notice.
-2-
REV. C
AD641
ORDERING GUIDE Temperature Range Package Description Package Option Model
AD641AN -40C to +85C Plastic DIP N-20 AD641AP -40C to +85C PLCC P-20A 5962-9559801MRA -55C to +125C Cerdip Q-20 AD641-EB Evaluation Board THERMAL CHARACTERISTICS
JC JA
Supply Voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.5 V Input Voltage (Pin 1 or Pin 20 to COM) . . . -3 V to +300 mV Attenuator Input Voltage (Pin 5 to Pin 3/4) . . . . . . . . . . . 4 V Storage Temperature Range, Q . . . . . . . . . . -65C to +150C Storage Temperature Range, N, P . . . . . . . . -65C to +125C Ambient Temperature Range, Rated Performance Industrial, AD641A . . . . . . . . . . . . . . . . . . -40C to +85C Military, AD641S . . . . . . . . . . . . . . . . . . -55C to +125C Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may adversely affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
( C/W) 20-Lead Plastic DIP Package (N) 24 20-Lead Cerdip Package (Q) 25 20-Lead Plastic Leadless Chip Carrier (P) 28
( C/W) 61 85 75
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD641 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. C
-3-
AD641-Typical DC Performance Characteristics
1.015 1.010
1.20 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -60 -40 -20 SLOPE CURRENT - mV
1.006 1.004 1.002 1.000 0.998 0.996 0.994 4.5
SLOPE CURRENT - mA
1 0.995 0.990 0.985 0.980 -60 -40 -20
INTERCEPT - mV
1.005
0 20 40 60 80 100 120 140 TEMPERATURE - C
0 20 40 60 80 100 120 140 TEMPERATURE - C
5.0 5.5 6.0 6.5 7.0 7.5 POWER SUPPLY VOLTAGES - Volts
Figure 1. Slope Current, IY, vs. Temperature
Figure 2. Intercept Voltage, VX, vs. Temperature
Figure 3. Slope Current, IY, vs. Supply Voltages
1.015 1.010 1.005
14 13 12 11 10 9 8 7 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE - C
DEVIATION OF INPUT OFFSET VOLTAGE - mV
+0.4 +0.3 +0.2 +0.1 0 -0.1 -0.2 -0.3 -60 -40 -20
INPUT OFFSET VOLTAGE DEVIATION WILL BE WITHIN SHADED AREA.
INTERCEPT VOLTAGE - mV
1.000 0.995 0.990 0.985 4.5
INTERCEPT - mV
5.0 5.5 6.0 6.5 7.0 7.5 POWER SUPPLY VOLTAGES - Volts
0 20 40 60 80 100 120 140 TEMPERATURE - C
Figure 4. Intercept Voltage, VX, vs. Supply Voltages
Figure 5. Intercept Voltage (Using Attenuator) vs. Temperature
Figure 6. Input Offset Voltage Deviation vs. Temperature
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 0.1
2 1 0
2.5
2.5
OUTPUT CURRENT - mA
ABSOLUTE ERROR - dB
1.5
ABSOLUTE ERROR - dB
0 20 40 60 80 100 120 140 TEMPERATURE - C
2.0
2.0
1.5
ERROR - dB
1.0
1.0
0.5
0.5
1.0 10.0 100.0 INPUT VOLTAGE - mV (EITHER SIGN)
1000.0
0 -60 -40 -20
0 -60 -40 -20
0 20 40 60 80 100 120 140 TEMPERATURE - C
Figure 7. DC Logarithmic Transfer Function and Error Curve for Single AD641
Figure 8. Absolute Error vs. Temperature, VIN = 1 mV to 100 mV
Figure 9. Absolute Error vs. Temperature, Using Attenuator. VIN = 10 mV to 1 V, Pin 8 Grounded to Disable ITC Bias
-4-
REV. C
Typical AC Performance Characteristics- AD641
-2.25 50MHz -2.00 -1.75
OUTPUT CURRENT - mA
-2.00 -1.75 +125 C -1.50 -1.25 +25 C -55 C +25 C +125 C
5 4 3 2 1 0 +125 C +25 C -1 -2 +125 C
-1.50 -1.25 -1.00 -0.75 -0.50 -0.25 0.00 0.25 -52 -48 -44 -40 -36 -32 -28 -24 -20 -16 -12 -8 -4 INPUT LEVEL - dBm
150MHz 190MHz 210MHz 250MHz OUTPUT - mA
-1.00 -0.75 -0.50 -0.25 -0.00 0.25 -55 C 0.50 -55 C
ERROR
OUTPUT
+25 C
-55 C -3 -4 -5 02
02
-52 -48 -44 -40 -36 -32 -28 -24 -20 -16 -12 -8 -4 INPUT LEVEL - dBm
Figure 10. AC Response at 50 MHz, 150 MHz, 190 MHz, 210 MHz at 250 MHz, vs. dBm Input (Sinusoidal Input)
Figure 13. Logarithmic Response and Linearity at 200 MHz, TA for TA = -55C, +25C, +125C
87.5 85.0
1.0
0.95 INTERCEPT LEVEL - dBm
82.5 80.0 77.5 75.0 72.5 70.0 50
SLOPE CURRENT - mA
0.90
0.85
0.80
100
150 170 190 210 INPUT FREQUENCY - MHz
230
250
0.75 50
150
190 210 INPUT FREQUENCY - MHz
250
Figure 11. Intercept Level (dBm) vs. Frequency (Cascaded AD641s--Sinusoidal Input)
Figure 14. Slope Current, IY, vs. Input Frequency
5s
100 90
5s
10 0%
20mV
20mV
Figure 12. Baseband Pulse Response of Single AD641, Inputs of 1 mV, 10 mV and 100 mV
Figure 15. Baseband Pulse Response of Cascaded AD641s at Inputs of 0.2 mV, 2 mV, 20 mV and 200 mV
REV. C
-5-
ERROR IN - dB
AD641
CIRCUIT DESCRIPTION
LOG OUT Q9 LOG COM Q10 R3 75 Q2 R4 75 SIG OUT
The AD641 uses five cascaded limiting amplifiers to approximate a logarithmic response to an input signal of wide dynamic range and wide bandwidth. This type of logarithmic amplifier has traditionally been assembled from several small scale ICs and numerous external components. The performance of these semidiscrete circuits is often unsatisfactory. In particular, the logarithmic slope and intercept (see FUNDAMENTALS OF LOGARITHMIC CONVERSION) are usually not very stable in the presence of supply and temperature variations even after laborious and expensive individual calibration. The AD641 employs high precision analog circuit techniques to ensure stability of scaling over wide variations in supply voltage and temperature. Laser trimming, using ac stimuli and operating conditions similar to those encountered in practice, provides fully calibrated logarithmic conversion. Each of the amplifier/limiter stages in the AD641 has a small signal voltage gain of 10 dB (x3.162) and a -3 dB bandwidth of 350 MHz. Fully differential direct coupling is used throughout. This eliminates the many interstage coupling capacitors usually required in ac applications, and simplifies low frequency signal processing, for example, in audio and sonar systems. The AD641 is intended for use in demodulating applications. Each stage incorporates a detector (a full-wave transconductance rectifier) whose output current depends on the absolute value of its input voltage. Figure 16 is a simplified schematic of one stage of the AD641. All transistors in the basic cell operate at near zero collector to base voltage and low bias currents, resulting in low levels of thermally induced distortion. These arise when power shifts from one set of transistors to another during large input signals. Rapid recovery is essential when a small signal immediately follows a large one. This low power operation also contributes significantly to the excellent long term calibration stability of the AD641. The complete AD641, shown in Figure 17, includes two bias regulators. One determines the small signal gain of the amplifier stages; the other determines the logarithmic slope. These bias regulators maintain a high degree of stability in the resulting function by compensating for potentially large uncertainties in transistor parameters, temperature and supply voltages. A third biasing block is used to accurately control the logarithmic intercept.
COMMON Q1 SIG IN
R1 85
R2 85 Q3 Q4
Q5
Q6
Q7
Q8
1.09mA PTAT
1.09mA PTAT
565 A
565 A
2.18mA PTAT
-VS
Figure 16. Simplified Schematic of a Single AD641 Stage
By summing the signals at the output of the detectors, a good approximation to a logarithmic transfer function can be achieved. The lower the stage gain, the more accurate the approximation, but more stages are then needed to cover a given dynamic range. The choice of 10 dB results in a theoretical periodic deviation or ripple in the transfer function of 0.15 dB from the ideal response when the input is either a dc voltage or a square wave. The slope of the transfer function is unaffected by the input waveform; however, the intercept and ripple are waveform dependent (see EFFECT OF WAVEFORM ON INTERCEPT). The input will usually be an amplitude modulated sinusoidal carrier. In these circumstances the output is a fluctuating current at twice the carrier frequency (because of the full wave detection) whose average value is extracted by an external low pass filter, which recovers a logarithmic measure of the baseband signal.
Circuit Operation
With reference to Figure 16, the transconductance pair Q7, Q8 and load resistors R3 and R4 form a limiting amplifier having a small signal gain of 10 dB, set by the tail current of nominally 2.18 mA at 27C. This current is basically proportional to absolute temperature (PTAT) but includes additional current to compensate for finite beta and junction resistance. The limiting output voltage is 180 mV at +27C and is PTAT. Emitter followers Q1 and Q2 raise the input resistance of the stage, provide level shifting to introduce collector bias for the gain stage and detectors, reduce offset drift by forming a thermally balanced quad with Q7 and Q8 and generate the detector biasing across resistors R1 and R2.
LOG COM 13 INTERCEPT POSITIONING BIAS 12 +VS
RG1 COM 18 17
1k
RG0 16
1k
RG2 15
LOG OUT 14
ATN OUT 19 SIG +IN 20 SIG -IN
FULL-WAVE DETECTOR
FULL-WAVE DETECTOR
FULL-WAVE DETECTOR
FULL-WAVE DETECTOR
FULL-WAVE DETECTOR 11 SIG +OUT
10dB 1 AMPLIFIER/LIMITER
10dB AMPLIFIER/LIMITER
10dB AMPLIFIER/LIMITER
10dB AMPLIFIER/LIMITER
10dB 10 SIG -OUT AMPLIFIER/LIMITER
ATN LO 2 27 ATN COM 3 30 ATN COM 4
9 BL2 270 5 ATN IN 6 BL1 GAIN BIAS REGULATOR
7
SLOPE BIAS REGULATOR
8
ITC
-VS
Figure 17. Block Diagram of the Complete AD641
-6-
REV. C
AD641
Transistors Q3 through Q6 form the full wave detector, whose output is buffered by the cascodes Q9 and Q10. For zero input Q3 and Q5 conduct only a small amount (a total of about 32 A) of the 565 A tail currents supplied to pairs Q3-Q4 and Q5-Q6. This "pedestal" current flows in output cascode Q9 to the LOG OUT node (Pin 14). When driven to the peak output of the preceding stage, Q3 or Q5 (depending on signal polarity) conducts most of the tail current, and the output rises to 532 A. The LOG OUT current has thus changed by 500 A as the input has changed from zero to its maximum value. Since the detectors are spaced at 10 dB intervals, the output increases by 50 A/dB, or 1 mA per decade. This scaling parameter is trimmed to absolute accuracy using a 2 kHz square wave. At frequencies near the system bandwidth, the slope is reduced due to the reduced output of the limiter stages, but it is still relatively insensitive to temperature variations so that a simple external slope adjustment can restore scaling accuracy. The intercept position bias generator (Figure 17) removes the pedestal current from the summed detector outputs. It is adjusted during manufacture such that the output (flowing into Pin 14) is 1 mA when a 2 kHz square-wave input of exactly 10 mV is applied to the AD641. This places the dc intercept at precisely 1 mV. The LOG COM output (Pin 13) is the complement of LOG OUT. It also has a 1 mV intercept, but with an inverted slope of -1 mA/decade. Because its pedestal is very large (equivalent to about 100 dB), its intercept voltage is not guaranteed. The intercept positioning currents include a special internal temperature compensation (ITC) term which can be disabled by connecting Pin 8 to ground. The logarithmic function of the AD641 is absolutely calibrated to within 0.3 dB (or 15 A) for 2 kHz square-wave inputs of 1 mV to 100 mV, and to within 1 dB between 750 V and 200 mV. Figure 18 is a typical plot of the dc transfer function,
2.5 +25 C 2.0
OUTPUT CURRENT - mA
1 0 -1
ABSOLUTE ERROR - dB
-55 C +85 C +125 C
-2
1.5
1.0
0.5
0
-0.5 0.1
10
100 1000 INPUT VOLTAGE - mV
10000
Figure 19. Logarithmic Output and Absolute Error vs. DC or Square Wave Input at TA = -55C, +25C, +85C and +125C. Input via On-Chip Attenuator
showing the outputs at temperatures of -55C, +25C and +125C. While the slope and intercept are seen to be little affected by temperature, there is a lateral shift in the end points of the "linear" region of the transfer function, which reduces the effective dynamic range. The on chip attenuator can be used to handle input levels 20 dB higher, that is, from 7.5 mV to 2 V for dc or square wave inputs. It is specially designed to have a positive temperature coefficient and is trimmed to position the intercept at 10 mV dc (or -24 dBm for a sinusoidal input) over the full temperature range. When using the attenuator the internal bias compensation should be disabled by grounding Pin 8. Figure 19 shows the output at -55C, +25C, +85C and +125C for a single, AD641 with the attenuator in use; the curves overlap almost perfectly, and the lateral shift in the transfer function does not occur. Therefore, the full dynamic range is available at all temperatures. The output of the final limiter is available in differential form at Pins 10 and 11. The output impedance is 75 to ground from either pin. For most input levels, this output will appear to have roughly a square waveform. The signal path may be extended using these outputs (see OPERATION OF CASCADED AD641s). The logarithmic outputs from two or more AD641s can be directly summed with full accuracy. A pair of 1 k applications resistors, RG1 and RG2 (Figure 17) are accessed via Pins 15, 16 and 17. These can be used to convert an output current to a voltage, with a slope of 1 V/decade (using one resistor), 2 V/decade (both resistors in series) or 0.5 V/decade (both in parallel). Using all the resistors from two AD641s (for example, in a cascaded configuration) ten slope options from 0.25 V to 4 V/decade are available.
3 2.0
OUTPUT CURRENT - mA
+125 C +25 C -55 C -55 C +25 C +125 C
2 1 0 -1 -2
1.5
1.0
0.5
0
-0.5 0.1
1.0
10.0 100.0 INPUT VOLTAGE - mV
1000.0
Figure 18. Logarithmic Output and Absolute Error vs. DC or Square Wave Input at TA = -55C, +25C, and +125C, Input Direct to Pins 1 and 20
REV. C
ABSOLUTE ERROR - dB
2.5
-7-
AD641
FUNDAMENTALS OF LOGARITHMIC CONVERSION
The conversion of a signal to its equivalent logarithmic value involves a nonlinear operation, the consequences of which can be very confusing if not fully understood. It is important to realize from the outset that many of the familiar concepts of linear circuits are of little relevance in this context. For example, the incremental gain of an ideal logarithmic converter approaches infinity as the input approaches zero. Further, an offset at the output of a linear amplifier is simply equivalent to an offset at the input, while in a logarithmic converter it is equivalent to a change of amplitude at the input--a very different relationship. We assume a dc signal in the following discussion to simplify the concepts; ac behavior and the effect of input waveform on calibration are discussed later. A logarithmic converter having a voltage input VIN and output VOUT must satisfy a transfer function of the form VOUT = VY LOG (VIN/VX) Equation (1)
IY, the Slope Current, is 1 mA. The current output can readily be converted to a voltage with a slope of 1 V/decade, for example, using one of the 1 k resistors provided for this purpose, in conjunction with an op amp, as shown in Figure 21.
1mA PER DECADE R1 48.7 C1 330pF R2
AD846
OUTPUT VOLTAGE 1V PER DECADE FOR R2 = 1k 100mV PER dB FOR R2 = 2k
15
12 14 13 11 LOG LOG +VS SIG OUT COM +OUT SIG ITC BL2 -OUT 8 9 10
AD641
-VS 6 7
where VY and VX are fixed voltages which determine the scaling of the converter. The input is divided by a voltage because the argument of a logarithm has to be a simple ratio. The logarithm must be multiplied by a voltage to develop a voltage output. These operations are not, of course, carried out by explicit computational elements, but are inherent in the behavior of the converter. For stable operation, VX and VY must be based on sound design criteria and rendered stable over wide temperature and supply voltage extremes. This aspect of RF logarithmic amplifier design has traditionally received little attention. When VIN = VX, the logarithm is zero. VX is, therefore, called the Intercept Voltage, because a graph of VOUT versus LOG (VIN)--ideally a straight line--crosses the horizontal axis at this point (see Figure 20). For the AD641, VX is calibrated to exactly 1 mV. The slope of the line is directly proportional to VY. Base 10 logarithms are used in this context to simplify the relationship to decibel values. For VIN = 10 VX, the logarithm has a value of 1, so the output voltage is VY. At VIN = 100 VX, the output is 2 VY, and so on. VY can therefore be viewed either as the Slope Voltage or as the Volts per Decade Factor. The AD641 conforms to Equation (1) except that its two outputs are in the form of currents, rather than voltages: IOUT = IY LOG (VIN/VX)
VYLOG (VIN /VX)
Figure 21. Using an External Op Amp to Convert the AD641 Output Current to a Buffered Voltage Output
Intercept Stabilization Internally, the intercept voltage is a fraction of the thermal voltage kT/q, that is, VX = VXOT/TO, where VXO is the value of VX at a reference temperature TO. So the uncorrected transfer function has the form: IOUT = IY LOG (VIN TO/VXOT) Equation (3) Now, if the amplitude of the signal input VIN could somehow be rendered PTAT, the intercept would be stable with temperature, since the temperature dependence in both the numerator and denominator of the logarithmic argument would cancel. This is what is actually achieved by interposing the on-chip attenuator, which has the necessary temperature dependence to cause the input to the first stage to vary in proportion to absolute temperature. The end limits of the dynamic range are now totally independent of temperature. Consequently, this is the preferred method of intercept stabilization for applications where the input signal is sufficiently large. When the attenuator is not used, the PTAT variation in VX will result in the intercept being temperature dependent. Near 300K (+27C) it will vary by 20 LOG (301/300) dB/C, about 0.03 dB/ C. Unless corrected, the whole output function would drift up or down by this amount with changes in temperature. In the AD641 a temperature compensating current IYLOG(T/TO) is added to the output. This effectively maintains a constant intercept VXO. This correction is active in the default state (Pin 8 open circuited). When using the attenuator, Pin 8 should be grounded, which disables the compensation current. The drift term needs to be compensated only once; when the outputs of two AD641s are summed, Pin 8 should be grounded on at least one of the two devices (both if the attenuator is used).
Conversion Range
Equation (2)
IDEAL ACTUAL
2VY SLOPE = VY
YY
+
0 ACTUAL VIN = VX IDEAL VIN = 10VX VIN = 100VX INPUT ON LOG SCALE
-
Figure 20. Basic DC Transfer Function of the AD641
Practical logarithmic converters have an upper and lower limit on the input, beyond which errors increase rapidly. The upper limit occurs when the first stage in the chain is driven into limiting. Above this, no further increase in the output can occur and the transfer function flattens off. The lower limit arises because a finite number of stages provide finite gain, and therefore at low signal levels the system becomes a simple linear amplifier.
-8-
REV. C
AD641
DEVIATION FROM EXACT LOGARITHMIC TRANSFER FUNCTION - dB
Note that this lower limit is not determined by the intercept voltage, VX; it can occur either above or below VX, depending on the design. When using two AD641s in cascade, input offset voltage and wideband noise are the major limitations to low level accuracy. Offset can be eliminated in various ways. Noise can only be reduced by lowering the system bandwidth, using a filter between the two devices.
EFFECT OF WAVEFORM ON INTERCEPT
2
0 SQUARE WAVE INPUT -2
-4 SINE WAVE INPUT
The absolute value response of the AD641 allows inputs of either polarity to be accepted. Thus, the logarithmic output in response to an amplitude-symmetric square wave is a steady value. For a sinusoidal input the fluctuating output current will usually be low-pass filtered to extract the baseband signal. The unfiltered output is at twice the carrier frequency, simplifying the design of this filter when the video bandwidth must be maximized. The averaged output depends on waveform in a roughly analogous way to waveform dependence of rms value. The effect is to change the apparent intercept voltage. The intercept voltage appears to be doubled for a sinusoidal input, that is, the averaged output in response to a sine wave of amplitude (not rms value) of 20 mV would be the same as for a dc or square wave input of 10 mV. Other waveforms will result in different intercept factors. An amplitude-symmetric-rectangular waveform has the same intercept as a dc input, while the average of a baseband unipolar pulse can be determined by multiplying the response to a dc input of the same amplitude by the duty cycle. It is important to understand that in responding to pulsed RF signals it is the waveform of the carrier (usually sinusoidal) not the modulation envelope, that determines the effective intercept voltage. Table I shows the effective intercept and resulting decibel offset for commonly occurring waveforms. The input waveform does not affect the slope of the transfer function. Figure 22 shows the absolute deviation from the ideal response of cascaded AD641s for three common waveforms at input levels from -80 dBV to -10 dBV. The measured sine wave and triwave responses are 6 dB and 8.7 dB, respectively, below the square wave response--in agreement with theory.
Table I.
-6
-8
TRIWAVE INPUT
-10 -80
-70 -60 -50 -40 -30 -20 INPUT AMPLITUDE IN dB ABOVE 1V, AT 10kHz
-10
Figure 22. Deviation from Exact Logarithmic Transfer Function for Two Cascaded AD641s, Showing Effect of Waveform on Calibration and Linearity
By contrast, a general time varying signal has a continuum of values within each cycle of its waveform. The averaged output is thereby "smoothed" because the periodic deviations away from the ideal response, as the waveform "sweeps over" the transfer function, tend to cancel. This smoothing effect is greatest for a triwave input, as demonstrated in Figure 22. The accuracy at low signal inputs is also waveform dependent. The detectors are not perfect absolute value circuits, having a sharp "corner" near zero; in fact they become parabolic at low levels and behave as if there were a dead zone. Consequently, the output tends to be higher than ideal. When there are enough stages in the system, as when two AD641s are connected in cascade, most detectors will be adequately loaded due to the high overall gain, but a single AD641 does not have sufficient gain to maintain high accuracy for low level sine wave or triwave inputs. Figure 23 shows the absolute deviation from calibration for the same three waveforms for a single AD641. For inputs between -10 dBV and -40 dBV the vertical displacement of the traces for the various waveforms remains in agreement with the predicted dependence, but significant calibration errors arise at low signal levels.
4
DEVIATION FROM EXACT LOGARITHMIC TRANSFER FUNCTION - dB
Input Waveform Square Wave Sine Wave Sine Wave Triwave Triwave Gaussian Noise
Peak or rms Either Peak rms Peak rms rms
Intercept Factor 1 2 1.414 (2) 2.718 (e) 1.569 (e/3) 1.887
Error (Relative to a DC Input) 0.00 dB -6.02 dB -3.01 dB -8.68 dB -3.91 dB -5.52 dB
2 0 -2 -4 -6 -8 -10
SQUARE WAVE INPUT
SINE WAVE INPUT
Logarithmic Conformance and Waveform The waveform also affects the ripple, or periodic deviation from an ideal logarithmic response. The ripple is greatest for dc or square wave inputs because every value of the input voltage maps to a single location on the transfer function and thus traces out the full nonlinearities in the logarithmic response.
TRIWAVE INPUT
-12 -70
-60 -50 -40 -30 -20 INPUT AMPLITUDE IN dB ABOVE 1V, AT 10kHz
-10
Figure 23. Deviation from Exact Logarithmic Transfer Function for a Single AD641, Compare Low Level Response with That of Figure 22
REV. C
-9-
AD641
SIGNAL MAGNITUDE The AD641 is a calibrated device. It is, therefore, important to be clear in specifying the signal magnitude under all waveform conditions. For dc or square wave inputs there is, of course, no ambiguity. Bounded periodic signals, such as sinusoids and triwaves, can be specified in terms of their simple amplitude (peak value) or alternatively by their rms value (which is a measure of power when the impedance is specified). It is generally better to define this type of signal in terms of its amplitude because the AD641 response is a consequence of the input voltage, not power. However, provided that the appropriate value of intercept for a specific waveform is observed, rms measures may be used. Random waveforms can only be specified in terms of rms value because their peak value may be unbounded, as is the case for Gaussian noise. These must be treated on a case-by-case basis. The effective intercept given in Table I should be used for Gaussian noise inputs. On the other hand, for bounded signals the amplitude can be expressed either in volts or dBV (decibels relative to 1 V). For example, a sine wave or triwave of 1 mV amplitude can also be defined as an input of -60 dBV, one of 100 mV amplitude as -20 dBV, and so on. RMS value is usually expressed in dBm (decibels above 1 mW) for a specified impedance level. Throughout this data sheet we assume a 50 environment, the customary impedance level for high speed systems, when referring to signal powers in dBm. Bearing in mind the above discussion of the effect of waveform on the intercept calibration of the AD641, it will be apparent that a sine wave at a power of, say, -10 dBm will not produce the same output as a triwave or square wave of the same power. Thus, a sine wave at a power level of -10 dBm has an rms value of 70.7 mV or an amplitude of 100 mV (that is, 2 times as large, the ratio of amplitude to rms value for a sine wave), while a triwave of the same power has an amplitude which is 3 or 1.73 times its rms value, or 122.5 mV.
"Intercept" and "Logarithmic Offset"
often referred to as the logarithmic offset. For dc or square wave inputs, VX is 1 mV so the numerical value of XdBV is -60, and Equation (4) becomes IOUT = 50 A (InputdBV + 60) Equation (5)
Alternatively, for a sinusoidal input measured in dBm (power in dB above 1 mW in a 50 system) the output can be written IOUT = 50 A (InputdBm + 44) Equation (6) because the intercept for a sine wave expressed in volts rms is at 1.414 mV (from Table I) or -44 dBm.
OPERATION OF A SINGLE AD641
Figure 24 shows the basic connections for a single device, using 100 load resistors. Output A is a negative going voltage with a slope of -100 mV per decade; output B is positive going with a slope of +100 mV per decade. For applications where absolute calibration of the intercept is essential, the main output (from LOG OUT, Pin 14) should be used; the LOG COM output can then be grounded. To evaluate the demodulation response, a simple low pass output filter having a time constant of roughly 500 s (3 dB corner of 320 Hz) is provided by a 4.7 F (-20% +80%) ceramic capacitor (Erie type RPE117-Z5U-475-K50V) placed across the load. A DVM may be used to measure the averaged output in verification tests. The voltage compliance at Pins 13 and 14 extends from 0.3 V below ground up to 1 V below +VS. Since the current into Pin 14 is from -0.2 mA at zero signal to +2.3 mA when fully limited (dc input of >300 mV) the output never drops below -230 mV. On the other hand, the current out of Pin 13 ranges from -0.2 mA to +2.3 mA, and if desired, a load resistor of up to 2 k can be used on this output; the slope would then be 2 V per decade. Use of the LOG COM output in this way provides a numerically correct decibel reading on a DVM (+100 mV = +1.00 dB). Board layout is very important. The AD641 has both high gain and wide bandwidth; therefore every signal path must be very carefully considered. A high quality ground plane is essential, but it should not be assumed that it behaves as an equipotential plane. Even though the application may only call for modest bandwidth, each of the three differential signal interface pairs (SIG IN, Pins l and 20, SIG OUT, Pins 10 and 11, and LOG, Pins 13 and 14) must have their own "starred" ground points to avoid oscillation at low signal levels (where the gain is highest).
If the signals are expressed in dBV, we can write the output current in a simpler form, as: IOUT = 50 A (InputdBV - XdBV) Equation (4)
where InputdBV is the input voltage amplitude (not rms) in dBV and XdBV is the appropriate value of the intercept (for a given waveform) in dBV. This form shows more clearly why the intercept is
DENOTES A SHORT, DIRECT CONNECTION TO THE GROUND PLANE. ALL UNMARKED CAPACITORS ARE 0.1 F CERAMIC (SEE TEXT).
10
+5V OUTPUT A OUTPUT B
NC 20 SIG +IN SIGNAL INPUT OPTIONAL TERMINATION RESISTOR SIG -IN 1 15 19 18 17 16 ATN CKT RG1 RG0 RG2 OUT COM 1k 1k 14 13 LOG LOG OUT COM 12 +VS 11 SIG +OUT 4.7 F 100 0.1% RLA 4.7 F 100 0.1% RLB
AD641
ATN ATN ATN ATN LO COM COM IN 2 3 4 5 BL1 6 -VS 7 ITC 8 NC SIG BL2 -OUT 9 10 NC 4.7
OPTIONAL OFFSET BALANCE RESISTOR
-5V
Figure 24. Connections for a Single AD641 to Verify Basic Performance
-10-
REV. C
AD641
Unused pins (excluding Pins 8, 10 and 11) such as the attenuator and applications resistors should be grounded close to the package edge. BL1 (Pin 6) and BL2 (Pin 9) are internal bias lines a volt or two above the -VS node; access is provided solely for the addition of decoupling capacitors, which should be connected exactly as shown (not all of them connect to the ground). Use low impedance ceramic 0.1 F capacitors (for example, Erie RPE113-Z5U-105-K50V). Ferrite beads may be used instead of supply decoupling resistors in cases where the supply voltage is low.
Active Current-to-Voltage Conversion
The compliance at LOG OUT limits the available output voltage swing. The output of the AD641 may be converted to a larger, buffered output voltage by the addition of an operational amplifier connected as a current-to-voltage (transresistance) stage, as shown in Figure 21. Using a 2 k feedback resistor (R2) the 50 A/dB output at LOG OUT is converted to a voltage having a slope of +100 mV/dB, that is, 2 V per decade. This output ranges from roughly -0.4 V for zero signal inputs to the AD641, crosses zero at a dc input of precisely +1 mV (or -1 mV) and is +4 V for a dc input of 100 mV. A passive prefilter, formed by R1 and C1, minimizes the high frequency energy conveyed to the op amp. The corner frequency is here shown as 10 MHz. The AD846 is recommended for this application because of its excellent performance in transresistance modes. Its bandwidth of 35 MHz (with the 2 k feedback resistor) will exceed the baseband response of the system in most applications. For lower bandwidth applications other op amps and multipole active filters may be substituted. Effect of Frequency on Calibration The slope and intercept of the AD641 are calibrated during manufacture using a 2 kHz square wave input. Calibration depends on the gain of each stage being 10 dB. When the input frequency is an appreciable fraction of the 350 MHz bandwidth of the amplifier stages, their gain becomes less precise and the logarithmic slope and intercept are no longer as calibrated. Figure 10 shows the averaged output current versus input level at 50 MHz, 150 MHz, 190 MHz, 210 MHz, and 250 MHz. Figure 11 shows the absolute error in the response at 200 MHz and at temperatures of -55C, +25C and +125C. Figure 12 shows the variation in the slope current, and Figure 13 shows the variation in the intercept level (sinusoidal input) versus frequency. If absolute calibration is essential, or some other value of slope or intercept is required, there will usually be some point in the user's system at which an adjustment may be easily introduced. For example, the 5% slope deficit at 50 MHz (see Figure 12) may be restored by a 5% increase in the value of the load resistor in the passive loading scheme shown in Figure 24, or by inserting a trim potentiometer of 100 in series with the feedback resistor in the scheme shown in Figure 21. The intercept can be adjusted by adding or subtracting a small current to the output. Since the slope current is 1 mA/decade, a 50 A increment will move the intercept by 1 dB. Note that any error in this current will invalidate the calibration of the AD641. For example, if one of the 5 V supplies were used with a resistor to generate the current to reposition the intercept by 20 dB, a 10% variation in this supply will cause a 2 dB error in the absolute calibration. Of course, slope calibration is unaffected.
Source Resistance and Input Offset The bias currents at the signal inputs (Pins 1 and 20) are typically 7 A. These flow in the source resistances and generate input offset voltages which may limit the dynamic range because the AD641 is direct coupled and an offset is indistinguishable from a signal. It is good practice to keep the source resistances as low as possible and to equalize the resistance seen at each input. For example, if the source resistance to Pin 20 is 100 , a compensating resistor of 100 should be placed in series with Pin 1. The residual offset is then due to the bias current offset, which is typically under 1 A, causing an extra offset uncertainty of 100 V in this example. For a single AD641 this will rarely be troublesome, but in some applications it may need to be nulled out, along with the internal voltage offset component. This may be achieved by adding an adjustable voltage of up to 250 V at the unused input. (Pins 1 and 20 may be interchanged with no change in function.) In most applications there will be no need to use any offset adjustment. However, a general offset trimming circuit is shown in Figure 25. RS is the source resistance of the signal. Note: 50 rf sources may include a blocking capacitor and have no dc path to ground, or may be transformer coupled and have a near zero resistance to ground. Determine whether the source resistance is zero, 25 or 50 (with the generator terminated in 50 ) to find the correct value of bias compensating resistor, RB, which should optimally be equal to RS, unless RS = 0, in which case use RB = 5 . The value of ROS should be set to 20,000 RB to provide a 250 V trim range. To null the offset, set the source voltage to zero and use a DVM to observe the logarithmic output voltage. Recall that the LOG OUT current of the AD641 exhibits an absolute value response to the input voltage, so the offset potentiometer is adjusted to the point where the logarithmic output "turns around" (reaches a local maximum or minimum). At high frequencies it may be desirable to insert a coupling capacitor and use a choke between Pin 20 and ground, when Pin 1 should be taken directly to ground. Alternatively, transformer coupling may be used. In these cases, there is no added offset due to bias currents. When using two dc-coupled AD641s (overall gain 100,000), it is impractical to maintain a sufficiently low offset voltage using a manual nulling scheme. The section CASCADED OPERATION explains how the offset can be automatically nulled to submicrovolt levels by the use of a negative feedback network.
RS (SOURCE RESISTANCE OF TERMINATED GENERATOR)
20
19
AD641
1 2
RB
+5V ROS 20k -5V
Figure 25. Optional Input Offset Voltage Nulling Circuit; See Text for Component Values
REV. C
-11-
AD641
The AD641 is calibrated using 5 V supplies. Scaling is very insensitive to the supply voltages and higher supply voltages will not directly cause significant errors. However, the AD641 power dissipation must be kept below 500 mW in the interest of reliability and long term stability. When using well regulated supply voltages above 6 V, the decoupling resistors shown in the application schematics can be increased to maintain 5 V at the IC. The resistor values are calculated using the specified maximum of 15 mA current into the +VS terminal (Pin 12) and a maximum of 60 mA into the -VS terminal (Pin 7). For example, when using 9 V supplies, a resistor of (9 V - 5 V)/15 mA, about 261 , should be included in the +VS lead to each AD641 and (9 V - 5 V)/60 mA, about 64.9 in each -VS lead. Of course, asymmetric supplies may be dealt with in a similar way.
Using the Attenuator Using Higher Supply Voltages
resistor of nominally 270 and low temperature coefficient (TC). It is trimmed to calibrate the intercept to 10 mV dc (or -24 dBm for sinusoidal inputs), that is, to an attenuation of nominally 20 dBs at +27C. R2 has a nominal value of 30 and has a high positive TC, such that the overall attenuation factor is 0.33%/C at +27C. This results in a transmission factor that is proportional to absolute temperature, or PTAT. (See Intercept Stabilization for further explanation.) To improve the accuracy of the attenuator, the ATN COM nodes are bonded to both Pin 3 and Pin 4. These should be connected directly to the "SlGNAL LOW" of the source (for example, to the grounded side of the signal connector, as shown in Figure 32) not to an arbitrary point on the ground plane. R4 is identical to R2, and in shunt with R3 (270 thin film) forms a 27 resistor with the same TC as the output resistance of the attenuator. By connecting Pin 1 to ATN LOW (Pin 2) this resistance minimizes the offset caused by bias currents. The offset nulling scheme shown in Figure 25 may still be used, with the external resistor RB omitted and ROS = 500 k. Offset stability is improved because the compensating voltage introduced at Pin 20 is now PTAT. Drifts of under 1 V/C (referred to Pins 1 and 20) can be maintained using the attenuator. It may occasionally be desirable to attenuate the signal even further. For example, the source may have a full-scale value of 10 V, and since the basic range of the AD641 extends only to 200 mV dc, an attenuation factor of x50 might be chosen. This may be achieved either by using an independent external attenuator or more simply by adding a resistor in series with ATN IN (Pin 5). In the latter case the resistor must be trimmed to calibrate the intercept, since the input resistance at Pin 5 is not guaranteed. A fixed resistor of 1 k in series with a 500 variable resistor calibrate to an intercept of 50 mV (or -26 dBV) for dc or square wave inputs and provide a 10 V input range. The intercept stability will be degraded to about 0.003 dB/C.
In applications where the signal amplitude is sufficient, the onchip attenuator should be used because it provides a temperature independent dynamic range (compare Figures 18 and 19). Figure 26 shows this attenuator in more detail. R1 is a thin-film
SIG +IN 20 ATN OUT 19 R1 R2 18 17 16
R3 R4 1 SIG -IN 2 ATN LO 3 ATN COM 4 ATN COM 5
FIRST AMPLIFIER
ATN IN
INPUT
Figure 26. Details of the Input Attenuator
DENOTES A CONNECTION TO THE GROUND PLANE; OBSERVE COMMON CONNECTIONS WHERE SHOWN. ALL UNMARKED CAPACITORS ARE 0.1 F CERAMIC. FOR VALUES OF NUMBERED COMPONENTS SEE TEXT SIGNAL INPUT 20 SIG +IN 19 18 17 16
+5V 1mA/DECADE OUTPUT -50mV/DECADE 10 C1 15 12 10 10 C2 NC C3 RL = 50 13 20 SIG +IN 19 18 17 16 15 11 LOG LOG +VS SIG +OUT OUT COM 14 13 12 10
ATN CKT RG1 RG0 RG2 OUT COM 1k 1k
11 LOG LOG +VS SIG +OUT OUT COM
14
ATN CKT RG1 RG0 RG2 OUT COM 1k 1k
R1 SIG -IN 1 R2
U1 AD641
ATN ATN ATN ATN LO COM COM IN 2 3 4 5 BL1 6 -VS 7 ITC 8 NC SIG BL2 -OUT 9 10 SIG -IN 1
U2 AD641
ATN ATN ATN ATN LO COM COM IN 2 3 4 5 BL1 6 -VS 7 ITC 8 SIG BL2 -OUT 9 10 NC
4.7
4.7 -5V
Figure 27. Basic Connections for Cascaded AD641s
-12-
REV. C
AD641
OPERATION OF CASCADED AD641S
Frequently, the dynamic range of the input will be 50 dB or more. Two AD641s can be cascaded, as shown in Figure 27. The balanced signal output from U1 becomes the input to U2. Resistors are included in series with each LOG OUT pin and capacitors C1 and C2 are placed directly between Pins 13 and 14 to provide a local path for the RF current at these output pairs. C1 through C3 are chosen to provide the required low pass corner in conjunction with the load RL. Board layout and grounding disciplines are critically important at the high gain (X100,000) and bandwidth (~ 150 MHz) of this system. The intercept voltage is calculated as follows. First, note that if its LOG OUT is disconnected, U1 simply inserts 50 dB of gain ahead of U2. This would lower the intercept by 50 dB, to -110 dBV for square wave calibration. With the LOG OUT of U1 added in, there is a finite zero signal current which slightly shifts the intercept. With the intercept temperature compensation on U1 disabled this zero signal output is -270 A equivalent to a 5.4 dB upward shift in the intercept, since the slope is 50 A/dB. Thus, the intercept is at -104.6 dBV (-88 dBm for 50 sine calibration). ITC may be disabled by grounding Pin 8 of either U1 or U2. Cascaded AD641s can be used in dc applications, but input offset voltage will limit the dynamic range. The dc intercept is 6 V. The offset should not be confused with the intercept, which is found by extrapolating the transfer function from its central "log linear" region. This can be understood by referring to Equation (1) and noting that an input offset is simply additive to the value of VIN in the numerator of the logarithmic argument; it does not affect the denominator (or intercept) VX. In dc coupled applications of wide dynamic range, special precautions must be taken to null the input offset and minimize drift due to input bias offset. It is recommended that the input attenuator be used, providing a practical input range of -74 dBV ( 200 V dc) to +6 dBV ( 2 V dc) when nulled using the adjustment circuit shown in Figure 25.
Alternatively, the input offset can be nulled by a negative feedback network from the SIG OUT nodes of U2 to the SIG IN nodes of U1, as shown in Figure 29. The low pass response of the feedback path transforms to a closed-loop high pass response. The high gain (x100,000) of the signal path results in a commensurate reduction in the effective time constant of this network. For example, to achieve a high pass corner of 100 kHz, the low pass corner must be at 1 Hz. In fact, it is somewhat more complicated than this. When the ac input sufficiently exceeds that of the offset, the feedback becomes ineffective and the response becomes essentially dc coupled. Even for quite modest inputs the last stage will be limiting and the output (Pins 10 and 11) of U2 will be a square wave of about 180 mV amplitude, dwelling approximately equal times at its two limit values, and thus having a net average value near zero. Only when the input is very small does the high pass behavior of this nulling loop become apparent. Consequently, the low pass time constant can usually be reduced considerably without serious performance degradation. The resistor values are chosen such that the dc feedback is adequate to null the worst case input offset, say, 500 V. There must be some resistance at Pins 1 and 20 across which the offset compensation voltage is developed. The values shown in the figure assume that we wish to terminate a 50 source at Pin 20. The 50 resistor at Pin 1 is essential, both to minimize offsets due to bias current mismatch and because the outputs at Pins 10 and 11 can only swing negatively (from ground to -180 mV) whereas we need to cater for input offsets of either polarity. For a sine input of 1 V amplitude (-120 dBV) and in the absence of offset, the differential voltage at Pins 10 and 11 of U2 would be almost sinusoidal but 100,000 times larger, or 100 mV. The last limiter in U2 would be entering saturation. A 1 V input offset added to this signal would put the last limiter well into saturation, and its output would then have a different average value, which is extracted by the low pass network and delivered back to the input. For larger signals, the output approaches a square wave for zero input offset and becomes rectangular when offset is present. The duty cycle modulation of this output now produces the nonzero average value. Assume a maximum required differential output of 100 mV (after averaging in C1 and C2) as shown in Figure 29. R3 through R6 can now be chosen to provide 500 V of correction range, and with these values the input offset is reduced by a factor of 500. Using 4.7 F capacitors, the time constant of the network is about 1.2 ms, and its corner frequency is at 13.5 Hz. The closed loop high pass corner (for small signals) is, therefore, at 1.35 MHz.
12
11
20 19
U1
9 10 1
U2
2
(a)
12 11 20 19
U1
9 10 1
U2
2 INPUT R1 50 -200 V 20 R3 4.99k 11 14 A AVE = -140mV 20 11 R4 4.99k C1
(b)
Figure 28. Two Methods for AC Coupling AD641s
Eliminating the Effect of First Stage Offset
U1
R2 50 1 -700 V R5 4.99k 4A 10 1
U2
10 R6 4.99k C2
Usually, the input signal will be sinusoidal and U1 and U2 can be ac coupled. Figure 28a shows a low resistance choke at the input of U2 which shorts the dc output of U1 while preserving the hf response. Coupling capacitors may be inserted (Figure 28b) in which case two chokes are used to provide bias paths for U2. These chokes must exhibit high impedance over the operating frequency range. REV. C -13-
AVE = -140mV
Figure 29. Feedback Offset Correction Network
AD641
PRACTICAL APPLICATIONS RSSI APPLICATIONS
We show here two applications, using AD641s to achieve a wide dynamic range. As already mentioned, the use of a differential signal path and differential logarithmic outputs diminishes the risk of instability due to poor grounding. Nevertheless, it must be remembered that at high frequencies even very small lengths of wire, including the leads to capacitors, have significant impedance. The ground plane itself can also generate small but troublesome voltages due to circulating currents in a poor layout. A printed circuit evaluation board is available from Analog Devices (Part Number AD641-EB) to facilitate the prototyping of an application using one or two AD641s, plus various external components. At very low signal levels various effects can cause significant deviation from the ideal response, apart from the inherent nonlinearities of the transfer function already discussed. Note that any spurious signal presented to the AD641s is demodulated and added to the output. Thus, in the absence of thorough shielding, emissions from any radio transmitters or RFI from equipment operating in the locality will cause the output to appear too high. The only cure for this type of error is the use of very careful grounding and shielding techniques.
The AD641 can be used to perform an RSSI (Received Signal Strength Indicator) function. This is a commonly used function in radio receivers, but can be used in other instrumentation such as photomultiplier tubes. The signal strength indicator on FM radios is one example of an RSSI application. It is this signal that is monitored to determine where to stop during seek or scan operations. The AD641 is used to measure the strength of the incoming RF signal and outputs a current that is proportional to the logarithm of its ac amplitude. In this manner signal amplitudes with a wide dynamic range and wide bandwidth can be measured.
250 MHz RSSI Converter with 44 dB Dynamic Range
Figure 30 shows the schematic for an RSSI circuit that uses a single AD641. The dynamic range for this circuit using a single AD641 is 44 dB. The AD641 amplifies and full wave rectifies (detects) the input and outputs a current. The AD846 is used to convert the current to a ground referenced voltage. With a 1 k feedback resistor, the output varies by 1 V/decade or 50 mV/dB.
1.0k 4.7 R3 100 +6V 68 SIGNAL INPUT 20 SIG +IN 19 18 17 16 15 C1 47pF 11 LOG LOG +VS SIG +OUT OUT COM 14 13 12 3 2 7 +6V
U3 AD846
4 4.7
6
RSSI OUTPUT +50mV/dB -6V (LO)
ATN CKT RG1 RG0 RG2 OUT COM 1k 1k
R1 SIG -IN R2 1
U1 AD641
ATN ATN ATN ATN LO COM COM IN 2 3 4 5 BL1 6 -VS 7 ITC 8 NC 18 SIG BL2 -OUT 9 10 DENOTES A CONNECTION TO THE GROUND PLANE; OBSERVE COMMON CONNECTIONS WHERE SHOWN. ALL UNMARKED CAPACITORS ARE 0.1 F CERAMIC. FOR VALUES OF NUMBERED COMPONENTS SEE TEXT
-6V
Figure 30. RSSI Using Single AD641
-14-
REV. C
AD641
3 2.5
VOLTS - LOG OUT into 1k 4.5 4 0dBm
2 1.5 -20dBm 1 0.5 0 -35dBm
VOLTS - LOG OUT into 1k
0dBm
3.5 3 2.5 2 1.5 1 0.5 0 -80dBm
-20dBm
-50dBm
-50dBm
-0.5
1
10 100 FREQUENCY - MHz
1000
1
10 100 FREQUENCY - MHz
1000
Figure 31. Single AD641 RSSI vs. Frequency
Figure 33. Cascaded AD641s RSSI vs. Frequency
Figure 31 shows a plot of RSSI vs. frequency for various input signal amplitudes. It can be seen that at higher frequencies the output drops off as explained in the section "Effect of Frequency on Calibration.'' If the RSSI circuit is to be operated at a known frequency with limited bandwidth, the compensation techniques described in that section can be used to enhance accuracy.
250 MHz RSSI Converter with 58 dB Dynamic Range
Filtering between the devices and input offset nulling techniques described elsewhere are also useful for extending the dynamic range of two cascaded devices. Figure 33 shows a plot of this circuit vs. frequency for various input amplitudes. The drop off at high frequency can be seen to be greater than for the single device case due to the compounding effects of the bandwidth limiting of the extra stages.
For a larger dynamic range two AD641s can be cascaded, as shown in Figure 32. The low end usefulness of the circuit will be set by the noise floor of the overall environment that the circuit sees. This includes all sources of both radiated and conducted noise. Proper layout to avoid conducted noise and good shielding to minimize radiated noise are essential for good low signal operation.
R5 1.13k (SEE TEXT) 4.7 2 DENOTES A CONNECTION TO THE GROUND PLANE; OBSERVE COMMON CONNECTIONS WHERE SHOWN. ALL UNMARKED CAPACITORS ARE 0.1 F CERAMIC. FOR VALUES OF NUMBERED COMPONENTS SEE TEXT +6V 68 C1 47pF 68 7 +6V
U3 AD846
3 4 4.7
6
LOG OUTPUT +50mV/dB -6V (LO)
R3 100
R4 100
SIGNAL INPUT 20 SIG +IN 19 18 17 16 15
C2 47pF NC 12 11 20 SIG +IN L1 (SEE TEXT) 19 18 17 16 15 11 LOG LOG +VS SIG +OUT OUT COM 14 13 12
14
13
ATN CKT RG1 RG0 RG2 OUT COM 1k 1k
LOG LOG +VS SIG OUT COM +OUT
ATN CKT RG1 RG0 RG2 OUT COM 1k 1k
R1 SIG -IN 1 R2
U1 AD641
ATN ATN ATN ATN LO COM COM IN 2 3 4 5 BL1 6 -VS 7 ITC 8 NC SIG BL2 -OUT 9 10
U2 AD641
SIG -IN 1 ATN ATN ATN ATN LO COM COM IN 2 3 4 5 BL1 6 -VS 7 ITC 8 SIG BL2 -OUT 9 10 NC
18 -6V
18
Figure 32. Complete 58 dB Dynamic Range Converter for 250 MHz Operation
REV. C
-15-
AD641
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
20-Lead Plastic DIP (N-20)
1.060 (26.90) 0.925 (23.50)
20 1 11 10
20-Lead Cerdip (Q-20)
0.005 (0.13) MIN
20
0.098 (2.49) MAX
11
0.280 (7.11) 0.240 (6.10) 0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93) 0.015 (0.381) 0.008 (0.204)
PIN 1
1 10
0.310 (7.87) 0.220 (5.59) 0.060 (1.52) 0.015 (0.38)
0.320 (8.13) 0.290 (7.37)
PIN 1 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) 0.160 (4.06) MIN 0.115 (2.93) 0.022 (0.558) 0.100 0.070 (1.77) SEATING PLANE (2.54) 0.045 (1.15) 0.014 (0.356) BSC
1.060 (25.92) MAX 0.200 (5.08) MAX 0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36)
0.100 (2.54) BSC
0.150 (3.81) MIN SEATING 15 0.070 (1.78) 0 0.030 (0.76) PLANE
0.015 (0.38) 0.008 (0.20)
20-Lead PLCC (P-20A)
0.048 (1.21) 0.042 (1.07) 0.048 (1.21) 0.042 (1.07) 0.180 (4.57) 0.165 (4.19) 0.056 (1.42) 0.042 (1.07)
19
PIN 1 IDENTIFIER
0.025 (0.63) 0.015 (0.38) 0.021 (0.53) 0.013 (0.33) 0.330 (8.38) 0.032 (0.81) 0.290 (7.37) 0.026 (0.66) 0.040 (1.01) 0.025 (0.64) 0.110 (2.79) 0.085 (2.16)
3 4
18
TOP VIEW
(PINS DOWN) 8 14 9 13
0.050 (1.27) BSC
0.020 (0.50) R
0.356 (9.04) 0.350 (8.89) SQ 0.395 (10.02) SQ 0.385 (9.78)
-16-
REV. C
PRINTED IN U.S.A.
C2014c-0-8/99


▲Up To Search▲   

 
Price & Availability of AD641

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X