Part Number Hot Search : 
DTA124 C9610 40CDQ020 SP601 E011204 EP20K GP30M SNC107
Product Description
Full Text Search
 

To Download 5962-8964001CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Wideband AC Performance Gain Bandwidth Product: 400 MHz (Gain 10) Fast Settling: 100 ns to 0.01% for a 10 V Step Slew Rate: 400 V/ s Stable at Gains of 10 or Greater Full Power Bandwidth: 6.4 MHz for 20 V p-p into a 500 Load Precision DC Performance Input Offset Voltage: 0.3 mV max Input Offset Drift: 3 V/ C typ Input Voltage Noise: 4 nV/Hz Open-Loop Gain: 130 V/mV into a 1 k Load Output Current: 50 mA min Supply Current: 12 mA max APPLICATIONS Video and Pulse Amplifiers DAC and ADC Buffers Line Drivers Available in 14-Pin Plastic DIP, Hermetic Cerdip and 20-Pin LCC Packages and in Chip Form MIL-STD-883B Processing Available
Wideband, Fast Settling Op Amp AD840
CONNECTION DIAGRAMS Plastic DIP (N) Package and Cerdip (Q) Package LCC (E) Package
bandwidth active filters. The extremely rapid settling time of the AD840 makes it the preferred choice for data acquisition applications which require 12-bit accuracy. The AD840 is also appropriate for other applications such as high speed DAC and ADC buffer amplifiers and other wide bandwidth circuitry.
APPLICATION HIGHLIGHTS
PRODUCT DESCRIPTION
The AD840 is a member of the Analog Devices' family of wide bandwidth operational amplifiers. This high speed/high precision family includes, among others, the AD841, which is unitygain stable, and the AD842, which is stable at a gain of two or greater and has 100 mA minimum output current drive. These devices are fabricated using Analog Devices' junction isolated complementary bipolar (CB) process. This process permits a combination of dc precision and wideband ac performance previously unobtainable in a monolithic op amp. In addition to its 400 MHz gain bandwidth product, the AD840 offers extremely fast settling characteristics, typically settling to within 0.01% of final value in 100 ns for a 10 volt step. The AD840 remains stable over its full operating temperature range at closed-loop gains of 10 or greater. It also offers a low quiescent current of 12 mA maximum, a minimum output current drive capability of 50 mA, a low input voltage noise of 4 nV/Hz and a low input offset voltage of 0.3 mV maximum (AD840K). The 400 V/s slew rate of the AD840, along with its 400 MHz gain bandwidth, ensures excellent performance in video and pulse amplifier applications. This amplifier is ideally suited for use in high frequency signal conditioning circuits and wide REV. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
1. The high slew rate and fast settling time of the AD840 make it ideal for DAC and ADC buffers, line drivers and all types of video instrumentation circuitry. 2. The AD840 is truly a precision amplifier. It offers 12-bit accuracy to 0.01% or better and wide bandwidth, performance previously available only in hybrids. 3. The AD840's thermally balanced layout and the high speed of the CB process allow the AD840 to settle to 0.01% in 100 ns without the long "tails" that occur with other fast op amps. 4. Laser wafer trimming reduces the input offset voltage to 0.3 mV max on the K grade, thus eliminating the need for external offset nulling in many applications. Offset null pins are provided for additional versatility. 5. Full differential inputs provide outstanding performance in all standard high frequency op amp applications where circuit gain will be 10 or greater. 6. The AD840 is an enhanced replacement for the HA2540.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703
AD840-SPECIFICATIONS (@ +25 C and
Model Conditions INPUT OFFSET VOLTAGE1 TMIN-TMAX Offset Drift INPUT BIAS CURRENT TMIN-TMAX INPUT OFFSET CURRENT TMIN-TMAX INPUT CHARACTERISTICS Input Resistance Input Capacitance INPUT VOLTAGE RANGE Common Mode Common-Mode Rejection Differential Mode 30 2 10 90 85 5 Min
15 V dc, unless otherwise noted)
Max 1 1.5 8 10 0.4 0.5 AD840K Min Typ 0.1 3 3.5 5 6 0.2 0.3 Max 0.3 0.7 Min AD840S Typ Max 0.2 5 3.5 8 12 0.4 0.6 1 2 Units mV mV V/C A A A A k pF V dB dB nV/Hz V rms V/mV V/mV V/mV V/mV
AD840J Typ 0.2
3.5
0.1
0.1
0.1
30 2 10 106 90 12 115 10 90 85
30 2 12 110
VCM = 10 V TMIN-TMAX f = 1 kHz 10 Hz to 10 MHz VO = 10 V RLOAD = 1 k TMIN-TMAX RLOAD = 500 TMIN-TMAX RLOAD 500 TMIN-TMAX VOUT = 10 V Open Loop
12 110
INPUT VOLTAGE NOISE Wideband Noise OPEN-LOOP GAIN
4 10
4 10
4 10
100 50 75 50
130 80
100 75 100 75
130 100
100 50 75 50
130 80
OUTPUT CHARACTERISTICS Voltage Current Output Resistance FREQUENCY RESPONSE Gain Bandwidth Product Full Power Bandwidth2 Rise Time Overshoot3 Slew Rate3 Settling Time3 - 10 V Step
10 50 15
10 50 15
10 50 15
V mA
VOUT = 90 mV p-p AV = -10 VO = 20 V p-p RLOAD = 500 AV = -10 AV = -10 AV = -10 AV = -10 to 0.1% to 0.01% -Overdrive +Overdrive f = 4.4 MHz f = 4.4 MHz
400 5.5 6.4 10 20 400 80 100 190 350 0.025 0.04 15 5 12 18 14 16 5 5.5
400 6.4 10 20 400 80 100 190 350 0.025 0.04 15 12 94 86 +75 0 72 100 18 14 16 5 5.5
400 6.4 10 20 400 80 100 190 350 0.025 0.04 15 12 90 80 +75 -55 72 100 18 14 18
MHz MHz ns % V/s ns ns ns ns % Degree
350
350
350
OVERDRIVE RECOVERY DIFFERENTIAL GAIN DIFFERENTIAL PHASE POWER SUPPLY Rated Performance Operating Range Quiescent Current Power Supply Rejection Ratio TEMPERATURE RANGE Rated Performance4 TRANSISTOR COUNT
TMIN-TMAX VS = 5 V to 18 V TMIN-TMAX
90 80 0
100
V V mA mA dB dB C
+125
# of Transistors
72
-2-
REV. C
AD840
NOTES 1 Input offset voltage specifications are guaranteed after 5 minutes at T A = +25C. 2 Full power bandwidth = slew rate/2 VPEAK. 3 Refer to Figures 22 and 23. 4 "S" grade TMIN-TMAX specifications are tested with automatic test equipment at T A = -55C and TA = +125C. All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units. Specifications subject to change without notice.
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V Internal Power Dissipation2 Plastic (N) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 W Cerdip (Q) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 W LCC (E) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0 W Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . 6 V Storage Temperature Range Q, E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65C to +150C N . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65C to +125C Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . +175C Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300C
NOTES 1 Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only, and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Maximum internal power dissipation is specified so that T J does not exceed +175C at an ambient temperature of +25C. Thermal Characteristics: JC JA Derate at Cerdip Package 30C/W 110C/W 8.7 mW/C Plastic Package 30C/W 100C/T 10 mW/C LCC Package 35C/W 150C/W 6.7 mW/C
ABSOLUTE MAXIMUM RATINGS 1
Plastic DIP (N) Package and Cerdip (Q) Package
LCC (E) Package
Recommended Heat Sink: Aavid Engineering(c) #602B
ORDERING GUIDE Models Package Options2
AD840JN AD840KN AD840JQ AD840KQ AD840SQ AD840SQ-883B 5962-89640012A AD840SE-883B 5962-8964001CA
1 2
N-14 N-14 Q-14 Q-14 Q-14 Q-14 Q-14 E-20A E-20A
AD840 Connection Diagrams
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions. Dimensions shown in inches and (mm).
NOTES J and S Grade Chips also available. N = Plastic DIP; Q = Cerdip; E = LCC (Leadless 2 Ceramic Chip Carrier).
REV. C
-3-
AD840-Typical Characteristics
(at +25 C and VS =
15 V, unless otherwise noted)
Figure 1. Input Common-Mode Range vs. Supply Voltage
Figure 2. Output Voltage Swing vs. Supply Voltage
Figure 3. Output Voltage Swing vs. Load Resistance
Figure 4. Quiescent Current vs. Supply Voltage
Figure 5. Input Bias Current vs. Temperature
Figure 6. Output Impedance vs. Frequency
Figure 7. Quiescent Current vs. Temperature
Figure 8. Short-Circuit Current Limit vs. Temperature
Figure 9. Gain Bandwidth Product vs. Temperature
-4-
REV. C
AD840
Figure 10. Open-Loop Gain and Phase Margin Phase vs. Frequency
Figure 11. Open-Loop Gain vs. Supply Voltage
Figure 12. Power Supply Rejection vs. Frequency
Figure 13. Common-Mode Rejection vs. Frequency
Figure 14. Large Signal Frequency Response
Figure 15. Output Swing and Error vs. Settling Time
Figure 16. Harmonic Distortion vs. Frequency
Figure 17. Input Voltage Noise Spectral Density
Figure 18. Slew Rate vs. Temperature
REV. C
-5-
AD840
Figure 19a. Inverting Amplifier Configuration (DIP Pinout)
Figure 19b. Inverter Large Signal Pulse Response
Figure 19c. Inverter Small Signal Pulse Response
Figure 20a. Noninverting Amplifier Configuration (DIP Pinout)
Figure 20b. Noninverting Large Signal Pulse Response
Figure 20c. Noninverting Small Signal Pulse Response
OFFSET NULLING
The input offset voltage of the AD840 is very low for a high speed op amp, but if additional nulling is required, the circuit shown in Figure 21 can be used.
Figure 21. Offset Nulling (DIP Pinout)
-6-
REV. C
Applying the AD840
AD840 SETTLING TIME
Figures 22 and 24 show the settling performance of the AD840 in the test circuit shown in Figure 23. Settling time is defined as: The interval of time from the application of an ideal step function input until the closed-loop amplifier output has entered and remains within a specified error band. This definition encompasses the major components which comprise settling time. They include (1) propagation delay through the amplifier; (2) slewing time to approach the final output value; (3) the time of recovery from the overload associated with slewing; and (4) linear settling to within the specified error band. Expressed in these terms, the measurement of settling time is obviously a challenge and needs to be done accurately to assure the user that the amplifier is worth consideration for the application.
Figure 24 shows the "long-term" stability of the settling characteristics of the AD840 output after a 10 V step. There is no evidence of settling tails after the initial transient recovery time. The use of a junction isolated process, together with careful layout, avoids these problems by minimizing the effects of transistor isolation capacitance discharge and thermally induced shifts in circuit operating points. These problems do not occur even under high output current conditions.
Figure 24. AD840 Settling Demonstrating No Settling Tails
GROUNDING AND BYPASSING
Figure 22. AD840 0.01% Settling Time
TEK 7A13 TEK 7A18
In designing practical circuits with the AD840, the user must remember that whenever high frequencies are involved, some special precautions are in order. Circuits must be built with short interconnect leads. Large ground planes should be used whenever possible to provide a low resistance, low inductance circuit path, as well as minimizing the effects of high frequency coupling. Sockets should be avoided, because the increased inter-lead capacitance can degrade bandwidth. Feedback resistors should be of low enough value to assure that the time constant formed with the circuit capacitances will not limit the amplifier performance. Resistor values of less than 5 k are recommended. If a larger resistor must be used, a small ( 10 pF) feedback capacitor in connected parallel with the feedback resistor, RF, may be used to compensate for these stray capacitances and optimize the dynamic performance of the amplifier in the particular application. Power supply leads should be bypassed to ground as close as possible to the amplifier pins. A 2.2 F capacitor in parallel with a 0.1 F ceramic disk capacitor is recommended.
CAPACITIVE LOAD DRIVING ABILITY
ERROR AMP (x11) HP6263 499 DDD5109 FLAT-TOP PULSE GENERATOR 499 50 4.99k 4.99k 0.1F +15V 2.2F
11 4
TEK 7603 OSCILLOSCOPE
AD840
5 6
10
0.1F 2.2F
499
FET PROBE TEK P6201
499 -15V
Figure 23. Settling Time Test Circuit
Figure 23 shows how measurement of the AD840's 0.01% settling in 100 ns was accomplished by amplifying the error signal from a false summing junction with a very high speed proprietary hybrid error amplifier specially designed to enable testing of small settling errors. The device under test was driving a 420 load. The input to the error amp is clamped in order to avoid possible problems associated with the overdrive recovery of the oscilloscope input amplifier. The error amp amplifies the error from the false summing junction by 11, and it contains a gain vernier to fine trim the gain.
Like all wideband amplifiers, the AD840 is sensitive to capacitive loading. The AD840 is designed to drive capacitive loads of up to 20 pF without degradation of its rated performance. Capacitive loads of greater than 20 pF will decrease the dynamic performance of the part although instability should not occur unless the load exceeds 100 pF. A resistor in series with the output can be used to decouple larger capacitive loads.
USING A HEAT SINK
The AD840 draws less quiescent power than most high speed amplifiers and is specified for operation without a heat sink. However, when driving low impedance loads the current to the load can be 4 to 5 times the quiescent current. This will create a noticeable temperature rise. Improved performance can be achieved by using a small heat sink such as the Aavid Engineering #602B. -7-
REV. C
AD840
HIGH SPEED DAC BUFFER CIRCUIT OVERDRIVE RECOVERY
Figure 26. Overdrive Recovery
Figure 27. Overdrive Recovery Test Circuit Figure 25. 0 V to +10.24 V DAC Output Buffer
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
14-Pin Cerdip (Q) Package
14-Pin Plastic (N) Package 20-Pin LCC (E) Package
-8-
REV. C
PRINTED IN U.S.A.
C1176a-5-11/90
The AD840's 100 ns settling time to 0.01% for a 10 V step makes it well suited as an output buffer for high speed D/A converters. Figure 25 shows the connections for producing a 0 to +10.24 V output swing from the AD568 35 ns DAC. With the AD568 in unbuffered voltage output mode, the AD840 is placed in noninverting configuration. As a result of the 1 k span resistor provided internally in the AD568, the noise gain of this topology is 10. Only 5 pF is required across the feedback (span) resistor to optimize settling.
Figure 26 shows the overdrive recovery capability of the AD840. Typical recovery time is 190 ns from negative overdrive and 350 ns from positive overdrive.


▲Up To Search▲   

 
Price & Availability of 5962-8964001CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X