Part Number Hot Search : 
30001 BU45K302 E36CA R0603 R0603 C3892A ZUY88W SBR10100
Product Description
Full Text Search
 

To Download 40ST1041A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER PN/:40ST1041A DATA SHEET 954,AX8871, LUCENT 3X54
A.GENERAL SPECIFICATIONS 1.IEEE 802.3 ETHERNET COMPATIABLE, 100 BASE-TX 2.SURFACE MOUNTABLE 3.DESIGN FOR MULTIPORT REPEATER AND ETHERNET SWITCHING HUB APPLICATION 4.CUSTOMER DESIGNS AVAILABLE FOR SPECIFIC APPLICATION B.ELECTRICAL SPECIFICATIONS@25C 1.ISOLATION HI-POT: 1500 Vrms (PRI. /SEC.) 2.TURN RATIO (+/- 5%): TX=1CT: 1CT, RX=1:1 3.RISE TIME: 0.25 ns TYP 4.CW/W: 28 pF Max 5.LEAKAGE INDUCTANCE (1MHz): 0.5uH Max 6.CMRR (0.1-100 MHz): -37dB MIN 7.CROSSTALKS (0.1 TO 100MHz): -38dB Min 8.RETURN LOSS (MIN): 5-30 MHz 30-60 MHz 60-80 MHz -16dB -12dB -10 dB 9.OCL(uH,Min):350 uH, at 8mA DC FORM 0-70C 10.DCR: 0.9 ax 11. INSERTION LOSS (1MHz-100MHz): -1.15dB MAX C.SCHEMATIC & DIMENSIONS & MARKING (UNIT mm):
Date: April 15-2000 Pre by:WuQingli Rev.: X.0


▲Up To Search▲   

 
Price & Availability of 40ST1041A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X