Part Number Hot Search : 
16200 P10N60E XXHD7 735187 AT43301 1N4068 STRFNFCA 307C1333
Product Description
Full Text Search
 

To Download 40CPQ045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-2.307 rev. B 12/01
40CPQ035 40CPQ040 40CPQ045
SCHOTTKY RECTIFIER 40 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 20 Apk, TJ=125C (per leg)
Description/Features Units
A V A V The 40CPQ... center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap TO-247 package High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
40CPQ...
40 35/40/45 3500 0.43
- 55 to 150
C
Case Styles
40CPQ045
Base Common Cathode
2
1
3 2
Anode
1
Anode
2
Common Cathode
TO-247AC
www.irf.com
1
40CPQ035, 40CPQ040, 40CPQ045
Bulletin PD-2.307 rev. B 12/01
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
40CPQ035
35
40CPQ040
40
40CPQ045
45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg) 3500 430 27 4 A mJ A 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied
40CPQ... Units
40 A
Conditions
50% duty cycle @ TC = 120 C, rectangular wave form
TJ = 25 C, IAS = 4 Amps, L = 3.4 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
40CPQ... Units
0.49 0.59 0.43 0.56 4 150 1850 7.5 10000 V V V V mA mA pF nH V/ s @ 20A @ 40A @ 20A @ 40A
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
TJ = 25 C TJ = 125 C
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
40CPQ... Units
-55 to 150 -55 to 150 1.25 0.63 0.24 6 (0.21) Min. Max. 6 (5) 12 (10) C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Case Style
C/W DC operation C/W DC operation
* See Fig. 4
C/W Mounting surface , smooth and greased g (oz.) Kg-cm Non-lubricated threads (Ibf-in)
TO-247AC(TO-3P) JEDEC
2
www.irf.com
40CPQ035, 40CPQ040, 40CPQ045
Bulletin PD-2.307 rev. B 12/01
10 00
10 00 10 0 R v rs C rr n - I (m ) ee e u et A R 1 0 1 .1 .0 1 .0 1 0 0 T =1 0 C 5 J 1 5C 2 1 0C 0 7 5C 5 0C 2 5C
10 0
In ta ta e u F rw rdC rre t - I (A s n nos o a un ) F
5
11223344 05050505 R v rs V lta e- V (V ee e o g R)
1 0 T =1 0 C 5 J J n tio C p c n e- C (p ) u c n a a ita c F T T =1 5 C 2 J T= 2 5C J 1
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
100 00
T =2 5C J
10 00
.1 0
.2
.4
.6
.8
1
1 .2
1 .4
10 0 0
1 0
2 0
3 0
4 0
5 0
F rw rdV lta eD p- V (V oa o g ro ) F M
R v rs V lta e- V (V ee e o g R)
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1 0 T em l Im e a c - Zth C ( /W hr a pd ne C) J
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
.1
D=0 0 .5 D=0 3 .3 D=0 5 .2 D=0 7 .1 D=0 8 .0
PM D
t 1 t2 N te : os 1 D tyfa to D= t1/ t2 .u cr
.0 1 S g P ls in le u e (T e a R s ta c ) h rm l e is n e .0 1 0 .0 0 1 00 .0 0 01 .0 1 0 .0 1 .1
2 P a T =P xZ . ek +T JD M th C C J 1 1 0 10 0
t , R c n u r P ls D ra n(S c n s e ta g la u e u tio eod) 1
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
40CPQ035, 40CPQ040, 40CPQ045
Bulletin PD-2.307 rev. B 12/01
15 5 A w b C s T m e tu - ( ) llo a le a e e p ra re C R J (D ) =1 5 C .2 /W th C C 1 4 D=0 8 .0 .1 1 D=0 7 2 D=0 5 .2 D=0 3 .3 1 0 D=0 0 .5 8 6 4 2 0 0 R SL it M im D C
10 5
15 4
10 4
D C
15 3
10 3 0
A e g P w r L s - (W tts v ra e o e o s a)
5
1 0
1 5
2 0
2 5
3 0
5
1 0
1 5
2 0
2 5
3 0
A e g F rw rdC rre t - IF V (A v ra e o a un (A ) )
A e g F rw rdC rre t - I v ra e o a un (A ) FV (A )
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
10000 (A)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Non-Repetitive Surge Current - I
FSM
1000
At Any Rated Load Condition And With Rated VRRM Applied Following Surge 100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L H IG H-SPE ED SW ITC H FR EE-W H E EL D IO D E 40H FL40 S02 V d = 25 V olt
D UT
IRFP460 Rg = 25 ohm
+
C URRE NT M O N ITO R
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com
40CPQ035, 40CPQ040, 40CPQ045
Bulletin PD-2.307 rev. B 12/01
Outline Table
3.65 (0.144) 3.55 (0.139) 5.70 (0.225) 5.30 (0.208) 20.30 (0.800) 19.70 (0.775) 1 14.80 (0.583) 14.20 (0.559) 2 3 5.50 (0.217) 4.50 (0.177) (2 PLCS.)
1 3 2
15.90 (0.626) 15.30 (0.602)
DIA.
5.30 (0.209) 4.70 (0.185) 2.5 (0.098) 1.5 (0.059)
Base Common Cathode
2
Anode
1
Anode
2
4.30 (0.170) 3.70 (0.145) 2.20 (0.087) MAX. 3.20 (0.126) MAX. 0.80 (0.032) 0.40 (0.213) 2.40 (0.095) MAX.
Common Cathode
1.40 (0.056) 1.00 (0.039) 5.47 (0.216) 5.43 (0.213)
Conform to JEDEC outline TO-247AC (TO-3P) Dimensions in millimeters and (inches)
Marking Information
THIS IS A 40CPQ045 WITH LOT CODE 58 07 ASSEMBLED ON WW 21, 2000 IN THE ASSEMBLY LINE "L"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
40CPQ045 035H
58
07
DATE CODE YEAR 0 = 2000 WEEK 35 LINE H
www.irf.com
5
40CPQ035, 40CPQ040, 40CPQ045
Bulletin PD-2.307 rev. B 12/01
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 12/01
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 40CPQ045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X