Part Number Hot Search : 
245AD 4ALVCH 10R0J 5932B 2SC184 N5333 12250 KSP6602
Product Description
Full Text Search
 

To Download 2SK2129 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power F-MOS FETs
2SK2129
Silicon N-Channel Power F-MOS FET
s Features
q Avalanche energy capacity guaranteed: EAS > 20mJ q VGSS = 30V guaranteed q High-speed switching: tf = 50ns q No secondary breakdown
unit: mm
4.60.2 3.20.1 9.90.3 2.90.2
s Applications
4.10.2 8.00.2 Solder Dip
13.7-0.2
q Contactless relay q Diving circuit for a solenoid q Driving circuit for a motor q Control equipment q Switching power supply
15.00.3
3.00.2
+0.5
1.20.15 1.450.15 0.750.1 2.540.2 5.080.4
2.60.1 0.70.1
s Absolute Maximum Ratings (TC = 25C)
Parameter Drain to Source breakdown voltage Gate to Source voltage Drain current DC Pulse Symbol VDSS VGSS ID IDP EAS* PD Tch Tstg Ratings 800 30 3 6 20 50 2 150 -55 to +150 Unit V V A A mJ W C C
7
123
1: Gate 2: Drain 3: Source TO-220E Package
Avalanche energy capacity Allowable power dissipation Channel temperature Storage temperature
*
TC = 25C Ta = 25C
L = 4.5mH, IL = 3A, VDD = 50V, 1 pulse
s Electrical Characteristics (TC = 25C)
Parameter Drain to Source cut-off current Gate to Source leakage current Drain to Source breakdown voltage Gate threshold voltage Drain to Source ON-resistance Forward transfer admittance Diode forward voltage Symbol IDSS IGSS VDSS Vth RDS(on) | Yfs | VDSF Coss td(on) tr tf td(off) Rth(ch-c) VGS = 10V, ID = 2A VDD = 200V, RL = 100 Conditions VDS = 640V, VGS = 0 VGS = 30V, VDS = 0 ID = 1mA, VGS = 0 VDS = 25V, ID = 1mA VGS = 10V, ID = 2A VDS = 25V, ID = 2A IDR = 3A, VGS = 0 730 VDS = 20V, VGS = 0, f = 1MHz 90 40 35 60 50 160 2.5 1.5 800 2 3.2 2.4 -1.6 5 4 min typ max 0.1 1 Unit mA A V V S V pF pF pF ns ns ns ns C/W
Input capacitance (Common Source) Ciss Output capacitance (Common Source) Reverse transfer capacitance (Common Source) Crss Turn-on time (delay time) Rise time Fall time Turn-off time (delay time) Thermal resistance between channel and case
1
Power F-MOS FETs
Area of safe operation (ASO)
100 60
2SK2129
PD Ta
Avalanche energy capacity EAS (mJ) Allowable power dissipation PD (W)
(1) TC=Ta (2) Without heat sink (PD=2W) 30 VDD=50V ID=3A 25
EAS Tj
Non repetitive pulse TC=25C
50
Drain current ID (A)
10 I DP ID
t=100s
40 (1) 30
20
1
1ms 10ms DC
15
20
10
0.1
10 (2)
5
0.01 1 10 100 1000
0 0 20 40 60 80 100 120 140 160
0 25
50
75
100
125
150
175
Drain to source voltage VDS (V)
Ambient temperature Ta (C)
Junction temperature Tj (C)
ID VDS
4 VGS=15V 10V 6V 4 TC=25C 5
ID VGS
6 VDS=25V
Vth TC
VDS=25V ID=1mA 5
Drain current ID (A)
Drain current ID (A)
3
5.5V
TC=0C 3 25C
150C 100C
Gate threshold voltage Vth (V)
10 12
4
2
5V
3
2
2
1
4.5V
50W
1
1
4V 0 0 10 20 30 40 50 60 0 0 2 4 6 8 0 0 25 50 75 100 125 150
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
Case temperature TC (C)
VDS VGS
Drain to source ON-resistance RDS(on) ()
80 TC=25C 12
RDS(on) ID
3.0
| Yfs | ID
Forward transfer admittance |Yfs| (S)
VGS=10V VDS=25V TC=25C 2.5
Drain to source voltage VDS (V)
70 60 50 40 30 20 10 0 0 3A
0.75A
10 TC=150C
8
2.0
100C 6 25C 4 0C 2
1.5
ID=6A
1.0
0.5
1.5A 10 15 20 25 30
0 0 1 2 3 4 5
0 0 1 2 3 4 5
5
Gate to source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)
2
Power F-MOS FETs
Ciss, Coss, Crss VDS
Input capacitance (Common source), Output capacitance (Common source), Reverse transfer capacitance (Common source) Ciss,Coss,Crss (pF)
10000 f=1MHz TC=25C
2SK2129
VDS, VGS Qg
800 ID=3A 16 14 12 10 VDS 8 6 VGS 4 2 0 60 300
td(on), tr, tf, td(off) ID
VDD=200V VGS=10V TC=25C
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
700 600 500 400 300 200 100 0 0 10 20 30 40 50
Switching time td(on),tr,tf,td(off) (ns)
250
1000
Ciss
200
100 Coss Crss 10
150 td(off) 100 tr tf td(on) 0 0 1 2 3 4 5
50
1 0 50 100 150 200 250
Drain to source voltage VDS (V)
Gate charge amount Qg (nC)
Drain current ID (A)
3


▲Up To Search▲   

 
Price & Availability of 2SK2129

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X