Part Number Hot Search : 
ESH2PD N3005 M0565 P3002AAL CS3FR025 AO4423 AS5043 PG106RS
Product Description
Full Text Search
 

To Download 2N5154L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2N5154L
Type 2N5154L
Geometry 9201 Polarity NPN Qual Level: JAN - JANS
Features: * * * * Silicon power transistor for use in high speed switching applications. Housed in a TO-5 case. Also available in chip form using the 9201 chip geometry. The Min and Max limits shown are per MIL-PRF-19500/544 which Semicoa meets in all cases.
Generic Part Number: 2N5154L
REF: MIL-PRF-19500/544
TO-5
Maximum Ratings
TC = 25 C unless otherwise specified
o
Rating
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Collector Current, PW < 8.3 ms, < 1% duty cycle Reverse Pulse Energy Power Disipation TA = 25oC ambient o Derate above 25 C Operating Junction Temperature Storage Temperature
Symbol
VCEO VCBO VEBO IC IC
Rating
80 100 5.5 2 10 15
Unit
V V V A A mJ Watt o mW/ C
o
PT TJ TSTG
1.0 5.7 -65 to +200 -65 to +200
C C
o
Data Sheet No. 2N5154L
Electrical Characteristics
TC = 25oC unless otherwise specified
OFF Characteristics
Collector-Base Breakdown Voltage IC = 100 mA, IB = 0, pulsed Base-Emitter Cutoff Current VEB = 4 V, IC = 0 VEB = 5.5 V, IC = 0 Collector-Emitter Cutoff Current VCE = 60 V, VBE = 0 VCE = 100 V, VBE = 0 VCE = 40 V, IB = 0 VCE = 60 V, VBE = -2 V, TC = 150 C
o
Symbol
V(BR)CBO IEBO1 IEBO2 ICES1 ICES2 ICEO ICEX
Min
80 -------------
Max
--1.0 1.0 1.0 1.0 50 500
Unit
V A mA A mA A A
ON Characteristics
Forward Current Transfer Ratio IC = 50 mA, VCE = 5 V IC = 2.5 A, VCE = 5 V, pulsed IC = 5.0 A, VCE = 5 V, pulsed IC = 2.55 A, VCE = 5 V pulsed, TC = -55oC Base-Emitter Voltage, Nonsaturted VCE = 5 V, IC = 2.5 A, pulsed Base-Emitter Saturation Voltage IC = 2.5 A, IB = 250 mA, pulsed IC = 5 A, IB = 500 mA, pulsed Collector-Emitter Saturation Voltage IC = 2.5 A, IB = 250 mA, pulsed IC = 5 A, IB = 500 mA, pulsed
Symbol
hFE1 hFE2 hFE3 hFE4 VBE VBE(sat)1 VBE(sat)2 VCE(sat)1 VCE(sat)2
Min
50 70 40 25 -----------
Max
--200 ----1.45 1.45 2.2 0.75 1.5
Unit
--------V dc V dc V dc V dc V dc
Small Signal Characteristics
Magnitude of Common Emitter Small Signal Short Circuit Forward Current Transfer Ratio VCE = 5 V, IC = 500 mA, f = 10 MHz Common Emitter, Small Signal Short Circuit Forward Current Transfer Ratio VCE = 5 V, IC = 100 mA, f = 1 kHz Open Circuit Output Capacitance VCB = 10 V, IE = 0, f = 1 MHz
Symbol
|hfe|
Min
7.0
Max
---
Unit
---
hfe COBO
50 ---
--250
--pF
Switching Time
Delay Time IC = 5 A, IB1 = 500 mA Storage Time IB2 = -500 mA Fall Time VBE(off) = 3.7 V Turn-Off Time RL = 6 ohms
Symbol
tON ts tf tOFF
Min
---------
Max
0.5 1.4 0.5 1.5
Unit
s s s s


▲Up To Search▲   

 
Price & Availability of 2N5154L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X