Part Number Hot Search : 
S1201 24LC00 G952T63U BUL66B D1978 MB86961 A3425EL SB315
Product Description
Full Text Search
 

To Download 2N3390 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N3390 / 2N3391 / 2N3391A / 2N3392 / 2N3393
Discrete POWER & Signal Technologies
2N3390 2N3391 2N3391A 2N3392 2N3393
B
C
TO-92
E
NPN General Purpose Amplifier
This device is designed for use as general purpose amplifiers and switches requiring collector currents to 300 mA. Sourced from Process 10. See PN100A for characteristics.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Collector-Emitter Voltage
Value
25 25 5.0 500 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Max
2N3390 / 3391/A / 3392 / 3393 625 5.0 83.3 200
Units
mW mW/C C/W C/W
(c) 1997 Fairchild Semiconductor Corporation
3390-93, Rev B
2N3390 / 2N3391 / 2N3391A / 2N3392 / 2N3393
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Cutoff Current Emitter-Cutoff Current IC = 10 mA, IB = 0 IC = 10 A, IE = 0 IE = 10 A, IC = 0 VCB = 18 V, IE = 0 VEB = 5.0 V, IC = 0 25 25 5.0 100 100 V V V nA nA
ON CHARACTERISTICS*
hFE DC Current Gain VCE = 4.5 V, IC = 2.0 mA 2N3390 2N3391/A 2N3392 2N3393 400 250 150 90 800 500 300 180
SMALL SIGNAL CHARACTERISTICS
Cob hfe Output Capacitance Small-Signal Current Gain VCB = 10 V, f = 1.0 MHz IC = 2.0 mA, VCE = 4.5 V, f = 1.0 kHz 2N3390 2N3391/A 2N3392 2N3393 VCE = 4.5 V, IC = 100 A, RG = 500 , 2N3391A only BW = 15.7 kHz 2.0 400 250 150 90 10 1250 800 500 400 5.0 dB pF
NF
Noise Figure
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%


▲Up To Search▲   

 
Price & Availability of 2N3390

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X