Part Number Hot Search : 
IMP1233M PM200 GTR210 CPC1983Y MSM58321 MSM6947 AGM6448G TC74AC
Product Description
Full Text Search
 

To Download 2N2369AU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/317 Devices 2N2369A 2N2369AU 2N2369AUA 2N2369AUB Qualified Level 2N4449 2N4449U 2N4449UA 2N4449UB JAN JANTX JANTXV
MAXIMUM RATINGS
Ratings Collector-Emitter Voltage Emitter-Base Voltage Collector-Base Voltage Collector-Emitter Voltage Symbol VCEO VEBO VCBO VCES All UB 20 6.0 All others 15 4.5 Unit Vdc Vdc Vdc Vdc W W
40 40 @ TA = +250C @ TC = +250C Total Power Dissipation 2N2369A; 2N4449 0.50(1) 1.2(2) (5) All UA 0.50 1.2(2) PT (6) All UB 0.40 1.4(7) (3) All U 0.60 1.5(4) Operating & Storage Junction Temperature Range Top, Tstg -65 to +200
TO-18* (TO-206AA) 2N2369A
0
C
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case 2N2369A; 2N4449 All UA All UB All U Thermal Resistance, Ambient-to-Case 2N2369A; 2N4449 All UA All UB All U
1) Derate linearly 3.08 mW/0C above TA = +37.50C 2) Derate linearly 6.85 mW/0C above TC = +250C 3) Derate linearly 3.44 mW/0C above TA = +63.50C 4) Derate linearly 8.55 mW/0C above TC = +63.50C
TO-46 (TO-206AB) 2N4449
Symbol
Max. 146 125 135 117 325 350 437 291
0
Unit
RJC
C/mW
SURFACE MOUNT UA*
RJA
0
C/mW
SURFACE MOUNT UB*
5) Derate linearly 2.86 mW/0C above TC = +63.50C 6) Derate linearly 2.29 mW/0C above TC = +63.50C 7) Derate linearly 8.00 mW/0C above TC = +63.50C
SURFACE MOUNT U*
*See appendix A for package outline
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N2369A; UA; UB; U; 2N4449; UA; UB; U JAN SERIES
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol V(BR)CEO ICES Min. 15 0.4 10 0.25 10 0.2 Adc Max. Unit Vdc Adc Adc
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 10 mAdc Collector-Emitter Cutoff Current VCE = 20 Vdc Emitter-Base Breakdown Voltage VEB = 4.5 Vdc Emitter-Base Cutoff Current VEB = 4.0 Vdc Collector-Base Breakdown Voltage VCB = 40 Vdc Collector-Base Cutoff Current VCB = 32 Vdc
IEBO
ICBO
ON CHARACTERISTICS (1)
Forward-Current Transfer Ratio IC = 10 mAdc, VCE = 0.35 Vdc IC = 30 mAdc, VCE = 0.4 Vdc IC = 10 mAdc, VCE = 1.0 Vdc IC = 100 mAdc, VCE = 1.0 Vdc Collector-Emitter Saturation Voltage IC = 10 mAdc, IB = 1.0 mAdc IC = 30 mAdc, IB = 3.0 mAdc IC = 100 mAdc, IB = 10 mAdc Base-Emitter Saturation Voltage IC = 10 mAdc, IB = 1.0 mAdc IC = 30 mAdc, IB = 3.0 mAdc IC = 100 mAdc, IB = 10 mAdc 40 30 40 20 120 120 120 120 0.20 0.25 0.45 0.70 0.80 0.85 0.90 1.20
hFE
VCE(sat)
Vdc
VBE(sat)
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio IC = 10 mAdc, VCE = 10 Vdc, f = 100 MHz Output Capacitance VCB = 5.0 Vdc, IE = 0, 100 kHz f 1.0 MHz Input Capacitance VEB = 0.5 Vdc, IC = 0, 100 kHz f 1.0 MHz (1)Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
hfe
Cobo Cibo
5.0
10 4.0 5.0 pF pF
SWITCHING CHARACTERISTICS
Turn-On Time IC = 10 mAdc; IB1= 3.0 mAdc, IB2 = 1.5 mAdc Turn-Off Time IC = 10 mAdc; IB1 = 3.0 mAdc, IB2 = 1.5 mAdc Charge Storage Time IC = 10 mAdc; IB1 = 10 mAdc, IB2 = 10 mAdc
t
on
12 18 13
s s s
t
off
t
s
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N2369AU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X