Part Number Hot Search : 
IR3584 MAX4368 5C3V9 IR3584 AD8327 LTC26 209C52 V603ME19
Product Description
Full Text Search
 

To Download 1N5812R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
FAST RECOVERY POWER RECTIFIER
Qualified per MIL-PRF-19500/478 Devices 1N5812 1N5812R 1N5814 1N5814R 1N5815 1N5815R 1N5816 1N5816R Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Reverse Voltage Working Peak Reverse Voltage Average Forward Current TC = +1000C (1) Forward Current Surge Peak TC = +1000C tp = 8.3 ms Reverse Recovery Time Operating & Storage Junction Temperature
Symbol
VR VRWM IO IFSM trr TJ, Tstg
1N5812 1N5814 1N5816 Unit 1N5812R 1N5814R 1N5816R
50 50 100 100 20 400 35 -65 to +175 150 150 Vdc Vpk Adc Adc s
0
C
THERMAL CHARACTERISTICS
Characteristics Symbol Max. Thermal Resistance, Junction-to-Case 1.5 RJC 1) Derate linearly 250 mA/0C from +1000C to +1500C, & 300 mA/0C above +1500C
0
Unit C/W
DO-203AA (DO-4)
ELECTRICAL CHARACTERISTICS
Characteristics Thermal Impedance IH rated IO; tH 250ms; 10 mA IM 100 mA; tMD = 250 s (max) Forward Voltage tp 8.3 ms, duty cycle 2.0% pulsed IF = 10 A (pk) IF = 20 A (pk) Reverse Current VR = Rated VR (See 1.3 of MIL-PRF-19500/478) Breakdown Voltage IR = 100 Adc 1N5812, R IR = 100 Adc 1N5814, R IR = 100 Adc 1N5816, R Junction Capacitance VR = 10 Vdc, VSIG = 50 mVdc (p-p) max, f = 1.0 MHz Forward Recovery Voltage tp 20 s, tr = 8.0 s; IF = 1,000 mA Forward Recovery Time IF = 1,000 mA Symbol ZJX VF1 VF2 IR 60 110 160 Min.
*See appendix A for package outline
Max. 1.35
Unit
0
C/W
0.860 0.950 10
Vdc Vpk Adc
V(BR)
Vdc
CJ VFR trr
300 2.2 15
pF V(pk) s
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 1


▲Up To Search▲   

 
Price & Availability of 1N5812R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X