Part Number Hot Search : 
HT46R4A BAS21W ATTINY HYB51 S1210 EM641FV8 74F298 324DNSP
Product Description
Full Text Search
 

To Download 1N4002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001 THRU 1N4007
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
DO-204AL
Forward Current - 1.0 Ampere
FEATURES
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
0.205 (5.2) 0.160 (4.1)
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Construction utilizes void-free molded plastic technique Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 250C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
MECHANICAL DATA
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
NOTE: Lead diameter is 0.026 (0.66)
0.023 (0.58)
for suffix "E" part numbers
Case: JEDEC DO-204AL molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.3 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
1N 4001
1N 4002
1N 4003
1N 4004
1N 4005
1N 4006
1N 4007
UNITS
*Maximum repetitive peak reverse voltage *Maximum RMS voltage *Maximum DC blocking voltage *Maximum average forward rectified current 0.375" (9.5mm) lead length at T A=75C *Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) TA=75C *Maximum instantaneous forward voltage at 1.0A *Maximum full load reverse current full cycle average 0.375" (9.5mm) lead length at TL=75C *Maximum DC reverse current at rated DC blocking voltage Typical reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Maximum DC blocking voltage temperature *Operating junction and storage temperature range TA= 25C TA=100C
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
200 140 200
400 280 400 1.0
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amp
IFSM VF IR(AV)
30.0 1.1 30.0 5.0 50.0 30.0 15.0 50.0 25.0 +150 -50 to +175
Amps Volts A A s pF C/W C C
IR trr CJ RJA RJL TA TJ, TSTG
NOTES: (1) Measured on Tektronix Type "S" recovery plug-in. Tektronix 545 Scope or equivalent, IFM=20mA, IRM=1mA (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted *JEDEC registered value
4/98
RATINGS AND CHARACTERISTIC CURVES 1N4001 THRU 1N4007
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
30
PEAK FORWARD SURGE CURRENT, AMPERES
1.0
60 HZ RESISTIVE OR INDUCTIVE LOAD
8.3ms SINGLE HALF SINE WAVE (JEDEC Method) TA=75C
0.8
0.2 x 0.2" (5.0 x 5.0mm) COPPER PADS
25
0.6
20
0.4
15
0.2
0.375" (9.5mm) LEAD LENGTH
10
0
5.0 0 25 50 75 100 125 150 175 1 10
NUMBER OF CYCLES AT 60 HZ
100
AMBIENT TEMPERATURE, C
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1,000
20
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
100
TJ=150C
1
10
TJ=100C
0.1
1
0.1
TJ=25C
0.01 0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.01 0
20
40
60
80
100
PERCENTAGE OF PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
100
TRANSIENT THERMAL IMPEDANCE, C/W
TJ=25C f=1.0 MHz Vsig=50mVp-p
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
JUNCTION CAPACITANCE, pF
10
10
1
1 0.1
1
10
100
0.1 0.01
0.1
1
t, PULSE DURATION, sec.
10
100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of 1N4002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X