Part Number Hot Search : 
BT3904 ADP224 H3500 SD211 MCP3023 160NH00G 12K16 1V680MNR
Product Description
Full Text Search
 

To Download TFS220E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFS220E.doc
version 1.0
01.07.99
______________________________________________________________________________________________________
VI TELEFILTER
Measurement Condition
Ambient Temperature: Input Power Level: Source impedance: Load impedance: Terminating impedances: input: output:
Filter specification
23 C 0 dBm 50 single ended 50 single ended T.B.D T.B.D
TFS 220 E
1/4
______________________________________________________________________________________________________
Construction, pin connection and 50 test circuit
see page 2
Stability characteristics and packing
see page 3
Air reflow temperature conditions
see page 4
Characteristics
Remark:
Reference level for the relative attenuation arel is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The nominal frequency fN is fixed to 220,38 MHz. The given values for the relative attenuation arel and for the phase ripple have to be reached at the frequencies given below also if the centre frequency fo is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fo.
Data
typ. Value
Limit
______________________________________________________________________________________________________ Insertion Loss 6.2 dB max. 10 dB ae = amin (Reference level) ______________________________________________________________________________________________________ Nominal Frequency fN 220,38 MHz ______________________________________________________________________________________________________ 5 dB - Bandwidth 1,6 MHz min. 1,26 MHz BW ______________________________________________________________________________________________________ Relative Attenuation arel fN 0,63 MHz fN 1,25 MHz ... fN 20 MHz max. min. 5 33 dB dB
fN - 1,25 MHz 45 dB min. 35 dB fN + 1,25 MHz 45 dB min. 35 dB ______________________________________________________________________________________________________ Pass Band Ripple fN 0,300 MHz 0,3 dB max. 1,2 dB ______________________________________________________________________________________________________ Phase linearity fN 0,300 MHz 0,5 rms max. 1,5 rms fN 0,630 MHz 2,9 rms max. 3,75 rms _____________________________________________________________________________________________________ Operating Temperature Range - 30 C ... + 80 C ______________________________________________________________________________________________________
Generated: Checked / approved:
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS220E.doc
version 1.0
01.07.99
______________________________________________________________________________________________________
VI TELEFILTER
Filter specification
TFS 220 E
2/4
______________________________________________________________________________________________________
Construction and pin connection
8 9 10 6 5 4
S 220 E KN
1 3
1 10 9 8
3 4 5 6
1 2 3 4 5 6 7 8 9 10
Ground Ground Ground Output Output RF Return Ground Ground Ground Input Input RF Return
50 single ended test circuit
L1 9 Input 50 Ohm C1 4 L2 Output 50 Ohm C2
SAW
1,2,3,5,6,7,8
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS220E.doc
version 1.0
01.07.99
______________________________________________________________________________________________________
VI TELEFILTER
Stability characteristics
Filter specification
TFS 220 E
3/4
______________________________________________________________________________________________________
After the following tests the filter shall meet the whole specification: 1. Shock: 30g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 150 Hz, 0.35 mm amplitude, 5g; 2 hours for 3 planes; DIN IEC 68 T2 - 6 90 % to 95 % rel. humidity, 40 C, 10 days; DIN IEC 68 - 2 - 3
2. Vibration:
3. Damp heat: (steady state) 4. Resistance to solder heat (reflow):
max. 2 times reflow process; for temperature conditions refer to the attached "Air reflow temperature conditions" on sheet 4;
Packing
Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 3000
Tape (all dimensions in mm) W Po Do D1 E F : : : : : : 16 4 1,5 0,3 0,1 + 0,5
E Ao F W Do Po P2
EMBOSSED CARRIER TAPE
1,5 + 0,5 1,75 0,1 7,5 0,1 0,75 2 0,05 8 1,5 5,4 7,4 0,1
D1 13,4
0,1
G (min) : P2 : P1 : D1(min) : Ao Bo : :
Bo
G
P1
0,1 0,1
COVER TAPE
W2
Reel (all dimensions in mm): A W1 W2 (max) : N (min) C : : : : 330 16,4 +2 22,4 >= 90
C A N
13
0,25
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on the right side of the tape.
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS220E.doc
version 1.0
01.07.99
______________________________________________________________________________________________________
VI TELEFILTER
Air Reflow Temperature Conditions
Filter specification
TFS 220 E
4/4
______________________________________________________________________________________________________
1st and 2nd air reflow profile
Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS220E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X