Part Number Hot Search : 
29LV033 ICM72 EC3SM LT323A SG2812 ST63126 LVC245A LS4148L0
Product Description
Full Text Search
 

To Download STTH12R06XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STTH12R06D/FP
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM IRM (typ.) Tj (max) VF (max) trr (max) FEATURES AND BENEFITS
s s
12 A 600 V 7A 175 C 1.8 V 45 ns
K A
TO-220FPAC STTH12R06FP
K
s
s
Ultrafast switching Low reverse recovery current Reduces switching losses Low thermal resistance
DESCRIPTION The STTH12R06D/FP, which is using ST Turbo 2 600V technology, is specially suited as boost diode in continuous mode power factor corrections and hard switching conditions. The device is also intended for use as a free wheeling diode in power supplies and other power switching applications.
A K
TO-220AC STTH12R06D
ABSOLUTE RATINGS (limiting values) Symbol VRRM IF(RMS) IF(AV) IFSM Tstg Tj Parameter Repetitive peak reverse voltage RMS forward current Average forward current Surge non repetitive forward current Storage temperature range Maximum operating junction temperature tp = 10 ms Sinusoidal Value 600 30 12 100 - 65 + 175 + 175 Unit V A A A C C
January 2002 - Ed: 1B
1/6
STTH12R06D/FP
THERMAL RESISTANCES Symbol Rth (j-c) Junction to case Parameter TO-220AC TO-220FPAC Value 1.7 4.4 Unit C/W
STATIC ELECTRICAL CHARACTERISTICS Symbol IR Parameter Reverse leakage current Forward voltage drop Tests conditions VR = 600V Tj = 25C Tj = 125C IF = 12 A Tj = 25C Tj = 125C To evaluate the maximum conduction losses use the following equation : P = 1.16 x IF(AV) + 0.053 IF2(RMS) 1.4 50 Min. Typ. Max. 45 600 2.9 1.8 V Unit A
VF
DYNAMIC ELECTRICAL CHARACTERISTICS Symbol trr Tests conditions IF = 0.5 A Irr = 0.25 A IR = 1A IF = 1 A dIF/dt = - 50 A/s VR = 30V IRM S factor Qrr tfr VFP IF = 12 A dIF/dt = 96 A/s VFR = 1.1 x VFmax Tj = 25C VR = 400 V IF = 12A dIF/dt = - 200A/s Tj = 125C 7.0 0.2 180 200 5.5 nC ns V Tj = 25C Min. Typ. Max. 25 45 8.4 A Unit ns
2/6
STTH12R06D/FP
Fig. 1: Conduction losses versus average current.
P(W)
30
= 0.05 = 0.1 = 0.2 = 0.5
Fig. 2: Forward voltage drop versus forward current.
IFM(A)
120 110
25
=1
100 90 80 70
Tj=125C (Maximum values)
20
15
60 50
Tj=125C (Typicalvalues)
10
T
40 30 20
Tj=25C (Maxumim values)
5
IF(av)(A)
0 0 1 2 3 4 5 6 7 8 9 10 11
=tp/T
12 13
tp
10 0
VFM(V)
0 1 2 3 4 5 6
14
15
Fig. 3-1: Relative variation of thermal impedance junction to case versus pulse duration (TO-220AC).
Zth(j-c)/Rth(j-c)
1.0 0.9 0.8 0.7
= 0.5
Fig. 3-2: Relative variation of thermal impedance junction to case versus pulse duration (TO-220FPAC).
Zth(j-c)/Rth(j-c)
1.0 0.9 0.8 0.7 0.6 0.5
= 0.5
0.6 0.5 0.4 0.3 0.2
Single pulse = 0.2 = 0.1
0.4 0.3
T
= 0.2 = 0.1
0.2
T
0.1 0.0 1.E-03 1.E-02
tp(s)
1.E-01
=tp/T
tp
0.1
Single pulse
tp(s)
1.E-02 1.E-01
1.E+00
0.0 1.E-03
=tp/T
1.E+00
tp
1.E+01
Fig. 4: Peak reverse recovery current versus dIF/dt (90% confidence).
IRM(A)
30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0 0
Fig. 5: Reverse recovery time versus dIF/dt (90% confidence).
trr(ns)
80 70 60
VR=400V Tj=125C
VR=400V Tj=125C IF=2 x IF(av)
IF=IF(av)
IF=IF(av)
IF=0.5 x IF(av) IF=0.25 x IF(av)
50 40 30 20 10
IF=0.5 x IF(av)
IF=2 x IF(av)
dIF/dt(A/s)
0
dIF/dt(A/s)
800 1000
0 200 400 600 800 1000
200
400
600
3/6
STTH12R06D/FP
Fig. 6: Reverse recovery charges versus dIF/dt (90% confidence).
Qrr(nC)
600 550 500 450 400 350 300 250 200 150 100 50 0 0 200 400 600 800 1000
0.15 0.25 0.20
IF=0.5 x IF(av) IF=IF(av) VR=400V Tj=125C IF=2 x IF(av)
Fig. 7: Softness factor versus dIF/dt (typical values).
S factor
0.50 0.45 0.40 0.35 0.30
IF=IF(av) VR=400V Tj=125C
dIF/dt(A/s)
0.10 0 200
dIF/dt(A/s)
400 600 800 1000
Fig. 8: Relative variation of dynamic parameters versus junction temperature.
Fig. 9: Transient peak forward voltage versus dIF/dt (90% confidence).
VFP(V)
2.50 2.25 2.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25 0.00 25 50 75 100 125
Qrr IRM S factor IF=IF(av) VR=400V Tj=125C
14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0
IF=IF(av) Tj=125C
Tj(C)
Reference: Tj=125C
dIF/dt(A/s)
100 200 300 400 500
Fig. 10: Forward recovery time versus dIF/dt (90% confidence).
tfr(ns)
500 450 400 350 300 250 200 150 100 50 0 0 100 200 300 400 500
IF=IF(av) VFR=1.1 x VF max. Tj=125C
Fig. 11: Junction capacitance versus reverse voltage applied (typical values).
C(pF)
100
F=1MHz Vosc=30mV Tj=25C
dIF/dt(A/s)
10 1 10
VR(V)
100 1000
4/6
STTH12R06D/FP
PACKAGE MECHANICAL DATA TO-220FPAC DIMENSIONS REF.
A H B
Millimeters Min. Max. 4.4 4.6 2.5 2.7 2.5 2.75 0.45 0.70 0.75 1 1.15 1.70 4.95 5.20 2.4 2.7 10 10.4 16 Typ. 28.6 30.6 9.8 10.6 2.9 3.6 15.9 16.4 9.00 9.30 3.00 3.20
Inches Min. Max. 0.173 0.181 0.098 0.106 0.098 0.108 0.018 0.027 0.030 0.039 0.045 0.067 0.195 0.205 0.094 0.106 0.393 0.409 0.63 Typ. 1.126 1.205 0.386 0.417 0.114 0.142 0.626 0.646 0.354 0.366 0.118 0.126
Dia L6 L2 L3 L5 D F1 L4 L7
F G1 G
E
A B D E F F1 G G1 H L2 L3 L4 L5 L6 L7 Dia.
PACKAGE MECHANICAL DATA TO-220AC DIMENSIONS REF.
H2 C L5 OI L6 L2 D L7 A
Millimeters Min. Max. 4.60 1.32 2.72 0.70 0.88 1.70 5.15 10.40 14.00 2.95 15.75 6.60 3.93 3.85 4.40 1.23 2.40 0.49 0.61 1.14 4.95 10.00 13.00 2.65 15.25 6.20 3.50 3.75
Inches Min. 0.173 0.048 0.094 0.019 0.024 0.044 0.194 0.393 0.511 0.104 0.600 0.244 0.137 0.147 Max. 0.181 0.051 0.107 0.027 0.034 0.066 0.202 0.409 0.551 0.116 0.620 0.259 0.154 0.151
5/6
A C D E F F1 G
L9 F1 L4
H2 L2 L4 L5
E
16.40 typ.
0.645 typ.
F G
M
L6 L7 L9 M Diam. I
2.6 typ.
0.102 typ.
STTH12R06D/FP
Ordering code STTH12R06D STTH12R06FP
s s
Marking STTH12R06D STTH12R06FP
Package TO-220AC TO-220FPAC
Weight 1.9 g 1.7 g
Base qty 50 50
Delivery mode Tube Tube
s
s
Cooling method: by conduction (C) Recommended torque value (TO-220AC): 0.55 Nm Maximum torque value (TO-220AC / TO-220FPAC): 0.7 Nm Epoxy meets UL 94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 6/6


▲Up To Search▲   

 
Price & Availability of STTH12R06XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X