|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STR-S5707 AND STR-S5708 OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR COLLECTOR 1 COMMON 2 FAULT The STR-S5707 and STR-S5708 are specifically designed to meet the requirement for increased integration and reliability in off-line quasiresonant flyback converters with indirect feedback. Each device incorporates the primary control and proportional drive circuit with a third-generation high-voltage bipolar switching transistor. Crucial system parameters such as maximum ON time and OFF time are fixed during manufacture. Local control circuit decoupling and layout are optimized within each device. Cycle-by-cycle current limiting, under-voltage lock-out with hysteresis, over-voltage protection, and thermal shutdown protect these devices during all normal and overload conditions. Over-voltage protection and thermal shutdown are latched after a short delay. A primary-side error amplifier with reference is included to facilitate regulation from an auxiliary or bias winding of the power transformer. A versatile triple-level inhibit circuit includes the OFF time synchronization required to establish quasi-resonant operation. The inhibit function has also been expanded to initiate operation in stand-by mode in which the power supply delivers a small fraction of the steady-state output power. The dual requirements of dielectric isolation and low transient thermal impedance and steady-state thermal resistance are satisfied in an overmolded single-in-line power package. Proven in substantial volumes, this device and its fixed-frequency counterparts represents a significant advance in off-line SMPS reliability growth and integration. Data Sheet 28114A* BASE 3 S FAULT LATCH SINK 4 DRIVE OSC. R OVER-CURRENT PROTECTION INHIBIT 5 + 6 + REF. + 32 V SENSE 7 DRIVE 8 UVLO V IN 9 Dwg. PK-004 ABSOLUTE MAXIMUM RATINGS Supply Voltage, VIN ........................... 15 V Output Voltage, VCEX ....................... 850 V VEBO ................................................ 7 V Continuous Output Current, IC .......................................... See Table 1 ms Single-Pulse Output Current, ICM ........................................ See Table Sink Current, IS ................................. 1.5 A Drive Current, ID .......................... -700 mA Inhibit Voltage, VINH ........................... 15 V Over-Current Protection Voltage Range, VOCP ............................................ 3.5 V Insulation Voltage,VWM(RMS) ........... 2000 V Package Power Diss., PD ........ See Graph Output Junction Temperature, TJ .. +150C Internal Frame Temperature, TF ... +125C Operating Temperature Range, TA ............................... -20C to +125C Storage Temperature Range, Tstg ............................. -40C to +125C FEATURES I Quasi-Resonant Operation for Low EMI and High Efficiency I Low-Power Output Standby Mode I Indirect Feedback from Auxiliary Winding Reduces External Component Count I Pulse-by-Pulse Over-Current Protection I Latched Over-Voltage and Thermal Protection I Third-Generation Switching Transistor with Proportional Drive I Maximum ON Time and Off Time Set During Manufacture I Internal Under-Voltage Lockout with Hysteresis I Over-Molded SIP with Integral Isolated Heat Spreader Always order by complete part number: Part Output Current Number Continuous, IC Peak, ICM STR-S5707 STR-S5708 6A 7.5 A 12 A 15 A Output Power, PO Wide AC In 220/240 VAC In 90 W 120 W 140 W 180 W TM STR-S5707 AND STR-S5708 OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS FUNCTIONAL BLOCK DIAGRAM V IN 9 INHIBIT 6 UVLO SENSE 7 OVER-VOLT. PROTECT R FAULT LATCH S Q PROPORTIONAL DRIVE 1 k 8 DRIVE REF. 4 TSD OSC. 3 Rton 1500 pF + 0.75 V + 3300 pF Rtoff + 1.4 V -1 V 5 + 5.1 V 2 1 SINK BASE COLLECTOR COMMON OVER-CURRENT PROTECTION Dwg. FK-001-1 ALLOWABLE PACKAGE POWER DISSIPATION 30 MAXIMUM SAFE OPERATING AREA 60 ALLOWABLE PACKAGE POWER DISSIPATION in WATTS 54 W MOUNTING SURFACE TEMPERATURE 10 STR-S5708 (15 A) STR-S5707 (12 A) 40 RECOMMENDED MAX. FRAME TEMP. = +100C COLLECTOR CURRENT in AMPERES 5.0 3.0 L = 6 mH IB1 = 2.5 A IB2 = 0.8 A ton = 100 s dc < 1% 1.0 LIMITED BY FRAME TEMP. = +125C MAX. 20 FREE AIR 0.5 3.2 W 0 20 60 100 TEMPERATURE in C 140 Dwg. GK-003-2 0.3 0 200 400 600 800 1000 Dwg. GK-002-1A COLLECTOR-EMITTER VOLTAGE in VOLTS 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1994 Allegro MicroSystems, Inc. TM STR-S5707 AND STR-S5708 OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS ELECTRICAL CHARACTERISTICS at TA = +25C, VIN = 8.5 V, voltage measurements are referenced to Common (pin 2) (unless otherwise noted). Limits Characteristic On-State Voltage Under-Voltage Lockout Over-Voltage Threshold Output Leakage Current Output Saturation Voltage Symbol VINT VINQ VOVP(th) ICEX VCE(sat) VCE = 850 V, VBE = -1.5 V STR-S5707, IC = 2 A, IB = 400 mA STR-S5708, IC = 3 A, IB = 600 mA VBE(sat) STR-S5707, IC = 2 A, IB = 400 mA STR-S5708, IC = 3 A, IB = 600 mA DC Current Gain Maximum ON Time Minimum OFF Time Over-Current Threshold Sense Voltage Inhibit Threshold Voltage hFE ton toff VOCP(th) VSENSE VINH(th) ISENSE = 3.2 mA Oscillation stops Oscillation synchronized Oscillation stops (fault latch set) Latch Holding Current Latch Reset Voltage Ref. Voltage Temp. Coeff. Supply Current IINH VQ VZ IIN(ON) IIN(OFF) Insulation RMS Voltage Thermal Shutdown Thermal Resistance VWM(RMS) TJ RJM Output junction to mounting surface All terminals simultaneous reference metal plate against backside VIN reduced from 10.7 V to 4 V IIN 100 A, VIN reduced from 10.7 V -20C TF +100C, IIN = 3.2 mA Operating VCE = 4 V, IC = 1 A Test Conditions Turn-on, increasing VIN Turn-off, decreasing VIN Min. Typ. Max. 7.6 4.6 9.2 - - - - - 29 33 45 8.0 4.9 - - - - - - - - - 8.4 5.2 10.7 100 400 400 1.5 1.5 61 41 55 -1.12 32.3 0.85 2.0 5.8 500 - - 28 200 - - - Units V V V A mV mV V V - s s V V V V V A V mV/C mA A V C C/W -0.88 -1.0 31.7 0.65 - 3.2 - 2.5 - 15 - 2000 125 - 32.0 0.75 1.4 5.1 - 3.1 2.5 - - - 150 2.0 NOTES: Negative current is defined as coming out of (sourcing) the specified device terminal. Typical Data is for design information only. www.allegromicro.com STR-S5707 AND STR-S5708 OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS TYPICAL CHARACTERISTICS 100 50 30 DC CURRENT GAIN VCE 4 V = 10 STR-S5708 STR-S5707 5.0 3.0 1.0 0.01 0.03 0.1 1.0 10 0.3 3.0 COLLECTOR CURRENT in AMPERES 30 100 Dwg. GK-001-2 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 TM STR-S5707 AND STR-S5708 OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS TYPICAL QUASI-RESONANT FLYBACK CONVERTER WARNING: lethal potentials are present. See below. + OUTPUT 7 9 6 R S Q 8 FULL-BRIDGE RECTIFIER AC INPUT 3 + 1 + 2 + 5 + # Dwg. EK-005A APPLICATIONS INFORMATION WARNING -- These devices are designed to be operated at lethal voltages and energy levels. Circuit designs that embody these components must conform with applicable safety requirements. Precautions must be taken to prevent accidental contact with power-line potentials. Do not connect grounded test equipment. The use of an isolation transformer is recommended during circuit development and breadboarding. Recommended mounting hardware torque: 4.34 - 5.79 lbf*ft (6 - 8 kg*cm or 0.588 - 0.784 Nm). Recommended metal-oxide-filled, alkyl-degenerated oil base, silicone grease: Dow Corning 340, or equivalent www.allegromicro.com + + 4 + + - OUTPUT + STR-S5707 AND STR-S5708 OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS Dimensions in Inches (for reference only) 0.953 0.008 0.610 0.008 T M REF. 0.008 0.118 0.130 o 0.216 0.008 1.49 0.012 0.709 0.008 0.130 0.004 0.276 0.016 0.216 1 0.033 +0.008 -0.004 0.016 9 0.100 0.004 0.026 0.177 0.028 +0.008 -0.004 PACKAGE CENTER LEAD CENTER Dwg. MK-003-9 in NOTE: Exact body and lead configuration at vendor's option within limits shown. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 TM STR-S5707 AND STR-S5708 OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS Dimensions in Millimeters (controlling dimensions) 24.2 0.2 15.5 0.2 3.0 T M REF 3.3 o 0.2 5.5 0.2 23.0 0.3 18.0 0.2 3.3 0.1 7.0 0.4 5.5 1 0.85 +0.2 -0.1 0.4 9 2.54 0.1 0.65 +0.2 -0.1 4.5 0.7 PACKAGE CENTER LEAD CENTER Dwg. MK-003-9 mm NOTE: Exact body and lead configuration at vendor's option within limits shown. www.allegromicro.com STR-S5707 AND STR-S5708 OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS SWITCHING REGULATOR PMCMs Part Number* 3002M 3004M S5703 S5707 S5708 S6703 S6704 S6707 S6708 S6709 8033S 8050S 8090S 8120S 8150S Application 5 V switching regulator and a 9 V switching regulator 5 V switching regulator and Dual 9 V switching regulator Quasi-resonant flyback converter Quasi-resonant flyback converter Quasi-resonant flyback converter Quasi-resonant flyback converter Quasi-resonant flyback converter Quasi-resonant flyback converter Quasi-resonant flyback converter Quasi-resonant flyback converter 3.3 V switching regulator 5.0 V switching regulator 9.0 V switching regulator 12 V switching regulator 15 V switching regulator VI 7.0-33 V 7.0-33 V 110/120 V 85-265 V 220/240V 85-265 V 220/240 V 110/120V 110/120 V 85-265 V 220/240 V 85-265 V 220/240 V 85-265 V 220/240 V 5.5-28 V 7.0-40 V 12-40V 15-40 V 18-40 V Max PO - - 140 W 90 W 140 W 120 W 180 W 140 W 100 W 90 W 140 W 120 W 180 W 160 W 220 W - - - - - - - - - 500 V 850 V 850 V 500 V 500 V 850 V 850 V 850 V - - - - - Power Switch 500 mA 400 mA 500 mA 2 x 400 mA 6A 6A 7.5 A 6A 5A 6A 7.5 A 10 A 3A 3A 3A 3A 3A bipolar bipolar bipolar bipolar bipolar bipolar bipolar bipolar bipolar bipolar bipolar bipolar bipolar bipolar bipolar bipolar bipolar * Complete part number includes additional characters to indicate operating temperature range and/or package style. Also includes linear regulator output for 15.7 V at 1.0 A. Without heat sink. The products described here are manufactured in Japan by Sanken Electric Co., Ltd. for sale by Allegro MicroSystems, Inc. Sanken Electric Co., Ltd. and Allegro MicroSystems, Inc. reserve the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of their products. Therefore, the user is cautioned to verify that the information in this publication is current before placing any order. These products are not authorized for use as critical components in life-support appliances, devices, or systems without express written approval. The information included herein is believed to be accurate and reliable. However, Sanken Electric Co., Ltd. and Allegro MicroSystems, Inc. assume no responsibility for its use; nor for any infringements of patents or other rights of third parties which may result from its use. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 TM |
Price & Availability of STRS5707 |