Part Number Hot Search : 
2012S CPT30050 073A202 20010TS SK218 56160 VIPER 25M020A
Product Description
Full Text Search
 

To Download SPA17N80C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final data
SPP17N80C3, SPB17N80C3 SPA17N80C3
VDS RDS(on) ID 800 0.29 17 V A
Cool MOSTM Power Transistor
Feature * New revolutionary high voltage technology * Worldwide best RDS(on) in TO 220 * Ultra low gate charge * Periodic avalanche rated * Extreme dv/dt rated * Ultra low effective capacitances * Improved transconductance * P-TO-220-3-31: Fully isolated package (2500 VAC; 1 minute) Type SPP17N80C3 SPB17N80C3 SPA17N80C3 Package P-TO220-3-1 P-TO263-3-2 Ordering Code Q67040-S4353 Q67040-S4354 Marking 17N80C3 17N80C3 17N80C3
P-TO220-3-31 1 2 3
P-TO220-3-31
P-TO263-3-2
P-TO220-3-1
P-TO220-3-31 Q67040-S4441
Maximum Ratings Parameter Continuous drain current
TC = 25 C TC = 100 C
Symbol ID 17 11 ID puls EAS EAR IAR VGS VGS Ptot Tj , Tstg 51 670 0.5 17 20 30 208
Value SPP_B SPA
Unit A 17 1) 11 1) 51 670 0.5 17 20 30 42 W C A V A mJ
Pulsed drain current, tp limited by Tjmax Avalanche energy, single pulse
ID=3.4A, VDD=50V
Avalanche energy, repetitive tAR limited by Tjmax2)
ID=17A, VDD=50V
Avalanche current, repetitive tAR limited by Tjmax Gate source voltage Gate source voltage AC (f >1Hz) Power dissipation, TC = 25C Operating and storage temperature
-55...+150
Page 1
2003-07-03
Final data Maximum Ratings Parameter Drain Source voltage slope
VDS = 640 V, ID = 17 A, Tj = 125 C
SPP17N80C3, SPB17N80C3 SPA17N80C3
Symbol dv/dt
Value 50
Unit V/ns
Thermal Characteristics Parameter Thermal resistance, junction - case Thermal resistance, junction - case, FullPAK Thermal resistance, junction - ambient, leaded Thermal resistance, junction - ambient, FullPAK SMD version, device on PCB: @ min. footprint @ 6 cm 2 cooling area 3) Soldering temperature, 1.6 mm (0.063 in.) from case for 10s 4) Electrical Characteristics, at Tj=25C unless otherwise specified Parameter Symbol Conditions min. Drain-source breakdown voltage V(BR)DSS VGS=0V, ID=0.25mA Drain-Source avalanche breakdown voltage Gate threshold voltage Zero gate voltage drain current VGS(th) I DSS
ID=1000A, VGS=VDS VDS=800V, V GS=0V, Tj=25C Tj=150C
Symbol min. RthJC RthJC_FP RthJA RthJA_FP RthJA Tsold -
Values typ. 35 max. 0.6 3.6 62 80 62 260
Unit K/W
C
Values typ. 870 3 0.5 0.25 0.78 0.7 max. 3.9 800 2.1 -
Unit V
V(BR)DS VGS=0V, ID=17A
A 25 250 100 0.29 nA
Gate-source leakage current
I GSS
VGS=20V, V DS=0V VGS=10V, ID=11A Tj=25C Tj=150C
Drain-source on-state resistance RDS(on)
Gate input resistance
RG
f=1MHz, open drain
Page 2
2003-07-03
Final data Electrical Characteristics Parameter Transconductance Input capacitance Output capacitance Reverse transfer capacitance energy related Effective output capacitance,6) Co(tr) time related Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg td(on) tr td(off) tf Symbol gfs Ciss Coss Crss
VGS=0V, VDS=0V to 480V
SPP17N80C3, SPB17N80C3 SPA17N80C3
Conditions min.
VDS2*ID*R DS(on)max, ID=11A VGS=0V, VDS=25V, f=1MHz
Values typ. 15 2320 1250 60 59 124 25 15 72 6 max. 82 9 -
Unit S pF
Effective output capacitance,5) Co(er)
VDD=400V, VGS=0/10V, ID=17A, RG =4.7, Tj =125C
-
ns
VDD=640V, ID=17A
-
12 46 91 6
177 -
nC
VDD=640V, ID=17A, VGS=0 to 10V
V(plateau) VDD=640V, ID=17A
V
1Limited only by maximum temperature 2Repetitve avalanche causes additional power losses that can be calculated as P =E *f. AR AV 3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. 4Soldering temperature for TO-263: 220C, reflow 5C 6C
o(er) o(tr)
is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Page 3
2003-07-03
Final data Electrical Characteristics Parameter Inverse diode continuous forward current Inverse diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current Peak rate of fall of reverse recovery current Typical Transient Thermal Characteristics Symbol SPP_B Rth1 Rth2 Rth3 Rth4 Rth5 Rth6 0.00812 0.016 0.031 0.114 0.135 0.059
Tj P tot (t) C th1 C th2 C th,n
SPP17N80C3, SPB17N80C3 SPA17N80C3
Symbol IS I SM VSD t rr Q rr I rrm dirr /dt
Conditions min.
TC=25C
Values typ. 1 550 15 51 1200 max. 17 51 1.2 -
Unit A
VGS =0V, IF=IS VR =400V, IF =IS , diF/dt=100A/s
-
V ns C A A/s
Tj=25C
Value SPA 0.00812 0.016 0.031 0.16 0.324 2.522
R th1
Unit K/W
Symbol Cth1 Cth2 Cth3 Cth4 Cth5 Cth6
R th,n T case
Value SPP_B 0.0003562 0.001337 0.001831 0.005033 0.012 0.092 SPA 0.0003562 0.001337 0.001831 0.005033 0.008657 0.412
Unit Ws/K
E xternal H eatsink
T am b
Page 4
2003-07-03
Final data 1 Power dissipation Ptot = f (TC)
240
SPP17N80C3
SPP17N80C3, SPB17N80C3 SPA17N80C3
2 Power dissipation FullPAK Ptot = f (TC)
45
W
200 180
W
35
Ptot
140 120 100 80 60 40 20 0 0 20 40 60 80 100 120
Ptot
C
160
160
30 25 20 15 10 5 0 0
20
40
60
80
100
120
TC
C 160 TC
3 Safe operating area ID = f ( VDS ) parameter : D = 0 , TC=25C
10
2
4 Safe operating area FullPAK ID = f (VDS) parameter: D = 0, TC = 25C
10 2
A
A
10 1
10 1
ID
10 0
ID
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms DC
10 0
10 -1
10 -1
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms tp = 10 ms DC
10 -2 0 10
10
1
10
2
V VDS
10
3
10 -2 0 10
10
1
10
2
10 V VDS
3
Page 5
2003-07-03
Final data 5 Transient thermal impedance ZthJC = f (tp) parameter: D = tp/T
10 1
SPP17N80C3, SPB17N80C3 SPA17N80C3
6 Transient thermal impedance FullPAK ZthJC = f (tp) parameter: D = tp/t
10 1
K/W
10 0
K/W
10 0
ZthJC
10 -1
ZthJC
10 -1
10 -2
10 -3
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
10 -2
10 -3
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
10 -4 -7 10
10
-6
10
-5
10
-4
10
-3
s tp
10
-1
10 -4 -7 -6 -5 -4 -3 -2 -1 10 10 10 10 10 10 10
1 s 10
tp
7 Typ. output characteristic ID = f (VDS); Tj =25C parameter: tp = 10 s, VGS
A
70
8 Typ. output characteristic ID = f (VDS); Tj =150C parameter: tp = 10 s, VGS
35
60 55 50
20V 10V
A
20V 10V 8V 7V
6.5V 6V
25
8V 7V
ID
ID
20
45 40 35 30 25 20 15 10 5 0 0 5 10 15
5.5V
15
6V 5V
10
4.5V 5V
5
4V
20
VDS
30
0 0
5
10
15
20
V
VDS
30
V
Page 6
2003-07-03
Final data 9 Typ. drain-source on resistance RDS(on)=f(ID) parameter: Tj=150C, VGS
1.5
SPP17N80C3, SPB17N80C3 SPA17N80C3
10 Drain-source on-state resistance RDS(on) = f (Tj) parameter : ID = 11 A, VGS = 10 V
1.6
SPP17N80C3
1.3 1.2 1.1 1 0.9 0.8 0.7 0.6 0.5 0
4V 4.5V 5V 5.5V 6V 6.5V
1.2
RDS(on)
7V 8V 10V 20V
RDS(on)
1
0.8
0.6
0.4
98% typ
0.2
5
10
15
20
25
A
ID
35
0 -60
-20
20
60
100
C
180
Tj
11 Typ. transfer characteristics ID = f ( VGS ); VDS 2 x ID x RDS(on)max parameter: tp = 10 s
65
12 Typ. gate charge VGS = f (Q Gate) parameter: ID = 17 A pulsed
16
SPP17N80C3
A
55 50
25C
V
12
VGS
45
0,2 VDS max 10
ID
40 35 30 25 20 15 10 5 0 0 2 4 6 8 10 12 14 16
150C
0,8 VDS max
8
6
4
2
V 20 VGS
0 0
20
40
60
80
100
120
nC
160
QGate
Page 7
2003-07-03
Final data 13 Forward characteristics of body diode IF = f (VSD) parameter: Tj , tp = 10 s
10 2
SPP17N80C3
SPP17N80C3, SPB17N80C3 SPA17N80C3
14 Avalanche SOA IAR = f (tAR) par.: Tj 150 C
18
A
A
14 10 1 12 10 8 10 0 Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%) 10 -1 0 0.4 0.8 1.2 1.6 2 2.4 V 3 2 0 -3 10
-2
T j(START)=125C
IF
IAR
6
T j(START)=25C
4
10
10
-1
10
0
10
1
10
2
VSD
s 10 tAR
4
15 Avalanche energy EAS = f (Tj) par.: ID = 3.4 A, VDD = 50 V
mJ
700
16 Drain-source breakdown voltage V(BR)DSS = f (Tj)
980
SPP17N80C3
V
940
600
E AS
500 450 400 350 300 250 200 150 100 50 0 25 50 75 100
V(BR)DSS
550
920 900 880 860 840 820 800 780 760 740
C Tj
150
720 -60
-20
20
60
100
C
180
Tj
Page 8
2003-07-03
Final data 17 Avalanche power losses PAR = f (f ) parameter: EAR =0.5mJ
500
SPP17N80C3, SPB17N80C3 SPA17N80C3
18 Typ. capacitances C = f (VDS) parameter: VGS =0V, f=1 MHz
10 5
W
400 350 300 250 200 150 100 50 04 10
5 6
pF
10 4
Ciss
PAR
10 3
C
10 2
Coss
10 1
Crss
10
Hz f
10
10 0 0
100
200
300
400
500
600
800 V VDS
19 Typ. Coss stored energy Eoss=f(VDS)
18
J
14
E oss
12 10 8 6 4 2 0 0
100
200
300
400
500
600
800 V VDS
Page 9
2003-07-03
Final data
SPP17N80C3, SPB17N80C3 SPA17N80C3
Definition of diodes switching characteristics
Page 10
2003-07-03
Final data P-TO-220-3-1
B 10 0.4 3.7 0.2 A 1.270.13 4.44
SPP17N80C3, SPB17N80C3 SPA17N80C3
15.38 0.6
2.8 0.2
C
5.23 0.9
13.5 0.5
3x 0.75 0.1 1.17 0.22 2x 2.54 0.25
M
0.5 0.1 2.510.2
ABC
All metal surfaces tin plated, except area of cut. Metal surface min. x=7.25, y=12.3
P-TO-263-3-2 (D2-PAK)
9.98 0.48
0.05
Page 11
2003-07-03
Final data P-TO-220-3-31 (FullPAK)
SPP17N80C3, SPB17N80C3 SPA17N80C3
Please refer to mounting instructions (application note AN-TO220-3-31-01)
Page 12
2003-07-03
Final data
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved.
SPP17N80C3, SPB17N80C3 SPA17N80C3
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 13
2003-07-03


▲Up To Search▲   

 
Price & Availability of SPA17N80C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X