Part Number Hot Search : 
BA4584FV I15E5 2N6969 RT964 I15E5 BC807 PJ2JJXX ADM802
Product Description
Full Text Search
 

To Download SN5474LS03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN54/74LS03 QUAD 2-INPUT NAND GATE
* ESD > 3500 Volts
QUAD 2-INPUT NAND GATE
VCC 14 13 12 * 11 10 9 * 8
LOW POWER SCHOTTKY
* 1 2 3 4 5 6
* 7 GND
14 1
J SUFFIX CERAMIC CASE 632-08
* OPEN COLLECTOR OUTPUTS N SUFFIX PLASTIC CASE 646-06
1
14
14 1
D SUFFIX SOIC CASE 751A-02
ORDERING INFORMATION
SN54LSXXJ SN74LSXXN SN74LSXXD Ceramic Plastic SOIC
GUARANTEED OPERATING RANGES
Symbol VCC TA VOH IOL Supply Voltage Operating Ambient Temperature Range Output Voltage -- High Output Current -- Low Parameter 54 74 54 74 54, 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 5.5 4.0 8.0 Unit V C V mA
FAST AND LS TTL DATA 5-1
SN54/74LS03
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol S bl VIH VIL VIK IOH VOL Parameter P Input HIGH Voltage 54 Input LOW Voltage 74 Input Clamp Diode Voltage Output HIGH Current Output LOW Voltage 74 Input HIGH Current 0.1 Input LOW Current Power Supply Current Total, Output HIGH Total, Output LOW - 0.4 1.6 4.4 0.35 0.5 20 IIH IIL ICC V A mA mA 54, 74 54, 74 0.25 - 0.65 0.8 - 1.5 100 0.4 V A V Min 2.0 0.7 V Typ Max Unit Ui V Test C di i T Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for p g All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, VOH = MAX IOL = 4.0 mA IOL = 8.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 0.4 V VCC = MAX
mA
AC CHARACTERISTICS (TA = 25C)
Limits Symbol S bl tPLH tPHL Parameter P Turn-Off Delay, Input to Output Turn-On Delay, Input to Output Min Typ 17 15 Max 32 28 Unit Ui ns ns Test C di i T Conditions VCC = 5.0 V CL = 15 pF, RL = 2.0 k
FAST AND LS TTL DATA 5-2


▲Up To Search▲   

 
Price & Availability of SN5474LS03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X