Part Number Hot Search : 
HTG12G0 13025RA PRN111 FN3054 C2500 1862623X 601F0575 601F0575
Product Description
Full Text Search
 

To Download SMDA24C-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
DESCRIPTION (300 watt)
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
SMDA03C-4 THRU SMDA24C-4
TVSarrayTM Series TM
This TRANSIENT VOLTAGE SUPPRESSOR (TVS) array is packaged in an SO-8 configuration giving protection to 4 Bidirectional data or interface lines. It is designed for use in applications where protection is required at the board level from voltage transients caused by electrostatic discharge (ESD) as defined in IEC 1000-4-2, electrical fast transients (EFT) per IEC 1000-4-4 and effects of secondary lighting. These TVS arrays have a peak power rating of 300 watts for an 8/20 sec pulse. This array is suitable for protection of sensitive circuitry consisting of TTL, CMOS DRAM's, SRAM's, HCMOS, HSIC microprocessors, and I/O transceivers. The SMDAXXC-4 product provides board level protection from static electricity and other induced voltage surges that can damage sensitive circuitry.
FEATURES
* * * Protects up to 4 Bidirectional lines Surge protection Per IEC 1000-4-2, 1000-4-4 SO-8 Packaging
MECHANICAL
* * * * Molded SO-8 Surface Mount Weight: 0.066 grams (approximate) Marking: Logo, device number, date code Pin #1 defined by DOT on top of package
MAXIMUM RATINGS
* * * * Operating Temperatures: -550 C to +1500 C Storage Temperature: -550 C to +1500 C Peak Pulse Power: 300 Watts (8/20 sec, Figure 1) Pulse Repetition Rate: <.01%
PACKAGING
* * * Tape & Reel EIA Standard 481-1-A 13 inch reel 2,500 (OPTIONAL) Carrier tubes 95 pcs per (STANDARD)
ELECTRICAL CHARACTERISTICS PER LINE @ 250C Unless otherwise specified
STAND OFF VOLTAG E VWM VOLTS BREAKDOWN VOLTAGE VBR @1 mA VOLTS MIN SMDA03C-4 SMDA05C-4 SMDA12C-4 SMDA15C-4 SMDA24C-4 REA REB REC RED REE 3.3 5.0 12.0 15.0 24.0 4 6.0 13.3 16.7 26.7 CLAMPING VOLTAGE VC @ 1 Amp (FIGURE 2) VOLTS MAX 7.0 9.8 19.0 24.0 43.0 CLAMPING VOLTAGE VC @ 5 Amp (FIGURE 2) VOLTS MAX 9.0 11 24 30 55 LEAKAGE CURRENT ID @ VWM A MAX 200 40 1 1 1 CAPACITANCE (f=1 MHz) @0V C pF TYP 300 200 185 140 90 TEMPERATURE COEFFICIENT OF VBR aVBR mV/C MAX -5 3 10 13 30
PART NUMBER
DEVICE MARKING
NOTE: TVS product is normally selected based on its stand off Voltage VWM. Product selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected. Application: The SMDAXXC-4 product is designed for transient voltage suppression protection of ESD sensitive components at the board level. It is an ideal product to be used for protection of I/O Transceivers.
www.mccsemi.com
SMDA03C-4 thru SMDA24C-4
WAVE FORMS
MCC
100
Peak Value -- Ipp 8 X 20 Waveform
50
Half-Value -- Ipp 2
0
0
t
10
td
20
30
I
t -- Time in microsec
FIGURE 1 Peak Pulse Power Vs Pulse Time
p
p
FIGURE 2 Pulse Wave Form
MOUNTING PAD SO-8
0.045.005
CIRCUIT DIAGRAM
0.245 MIN
.160.005
.030.005 .050 TYP
SO-8 PACKAGE
INCHES DIM A B C D F G J K L P MIN 0.188 0.150 0.053 0.011 0.016 0.050 BSC 0.006 0.004 0.189 0.228 0.010 0.008 0.206 0.244 MAX 0.197 0.158 0.069 0.021 0.050
MILLIMETERS MIN 4.77 3.81 1.35 0.28 0.41 1.27 BSC 0.15 0.10 4.80 5.79 0.25 0.20 5.23 6.19 MAX 5.00 4.01 1.75 0.53 1.27
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of SMDA24C-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X