Part Number Hot Search : 
LFEC1 TLUR6400 V1N4565 IN74ACT MD100 MAX3902D BUZ110S ENABLE
Product Description
Full Text Search
 

To Download SI9804DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI9804DY
Vishay Siliconix
N-Channel Reduced Qg, Fast Switching MOSFET
PRODUCT SUMMARY
VDS (V)
25
rDS(on) (W)
0.023 @ VGS = 4.5 V 0.030 @ VGS = 3.0 V
ID (A)
"7.8 "6.8
D
SO-8
S S S G 1 2 3 4 Top View S N-Channel MOSFET 8 7 6 5 D D D D G
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current (10 ms Pulse Width) Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
Limit
25 "12 "7.8 "6.2 "40 "2.1 2.5
Unit
V
A
W 1.6 -55 to 150 _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambienta Notes a. Surface Mounted on FR4 Board, t v 10 sec. Document Number: 70626 S-54699--Rev. B, 01-Sep-97 www.vishay.com S FaxBack 408-970-5600
Symbol
RthJA
Limit
50
Unit
_C/W
1
SI9804DY
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "12 V VDS = 25 V, VGS = 0 V VDS = 25 V, VGS = 0 V, TJ = 55_C VDS w 5 V, VGS = 4.5 V VGS = 4.5 V, ID = 7.8 A VGS = 3.0 V, ID = 6.8 A VDS = 10 V, ID = 7.8 A IS = 2.1 A, VGS = 0 V 40 0.018 0.022 25 0.71 1.2 0.023 0.030 0.6 "100 1 5 V nA mA A W S V
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = 2.1 A, di/dt = 100 A/ms VDD = 10 V, RL = 10 W V, ID ^ 1 A, VGEN = 4 5 V RG = 6 W A 4.5 V, VDS = 10 V, VGS = 4 5 V ID = 7.8 A V 4.5 V, 78 13.5 2.4 4.2 16 30 46 18 80 30 60 90 35 120 ns 20 nC C
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
www.vishay.com S FaxBack 408-970-5600
2
Document Number: 70626 S-54699--Rev. B, 01-Sep-97
SI9804DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
40 VGS = 5 thru 3 V 32 2.5 V I D - Drain Current (A) 24 I D - Drain Current (A) 24 32 40
Transfer Characteristics
16 2V 8 1.5 V 0 0 2 4 6 8 10
16 TC = 125_C 8 25_C -55_C 0 0 0.5 1.0 1.5 2.0 2.5 3.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.040 3000
Capacitance
r DS(on) - On-Resistance ( W )
0.032 VGS = 3 V 0.024 VGS = 4.5 V 0.016 C - Capacitance (pF)
2500
2000 Ciss
1500 Coss
1000 Crss
0.008
500
0 0 8 16 24 32 40
0 0 4 8 12 16 20
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
4.5 4.0 V GS - Gate-to-Source Voltage (V) r DS(on) - On-Resistance ( W ) (Normalized) 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 3 6 9 12 15 0 -50 VDS = 10 V ID = 7.8 A 1.6 2.0
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 7.8 A
1.2
0.8
0.4
0
50
100
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Document Number: 70626 S-54699--Rev. B, 01-Sep-97
www.vishay.com S FaxBack 408-970-5600
3
SI9804DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
50 0.08
On-Resistance vs. Gate-to-Source Voltage
r DS(on) - On-Resistance ( W )
I S - Source Current (A)
0.06
TJ = 150_C 10 TJ = 25_C
ID = 7.8 A
0.04
0.02
1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0 0 2 4 6 8
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.4
100
Single Pulse Power
0.2 V GS(th) Variance (V)
ID = 250 mA
80
-0.0 Power (W) 60
-0.2
40
-0.4 20
-0.6
-0.8 -50
0 0 50 TJ - Temperature (_C) 100 150 0.01 0.1 1 Time (sec) 10 30
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2
Notes:
0.1 0.1
PDM
0.05
t1
0.02
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 50_C/W
t1 t2
Single Pulse 0.01 10-4 10-3 10-2 10-1
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
1
10
30
Square Wave Pulse Duration (sec)
www.vishay.com S FaxBack 408-970-5600
4
Document Number: 70626 S-54699--Rev. B, 01-Sep-97


▲Up To Search▲   

 
Price & Availability of SI9804DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X